Part Number Hot Search : 
5KE91 26220 SK353 1N1202A 13N10 3488E MA64FAG AM7381P
Product Description
Full Text Search
 

To Download BAR65-02L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAR65...
Silicon PIN Diode Series diode for mobile communication in low loss transmit-receiver switches Band switch for TV-tuners Low capacitance (typ. 0.5 pF @ 0V) Fast switching applications

1
Type BAR65-02L * BAR65-02V BAR65-03W BAR65-07
* Preliminary Data Maximum Ratings at TA = 25C, unless otherwise specified Parameter Diode reverse voltage Forward current Total power dissipation BAR65-02V, TS

BAR65-02L, TS
BAR65-07, TS
57C Tj Top Tstg
Junction temperature Operating temperature range Storage temperature
BAR65-03W, TS


Very low forward resistance (typ. 0.65
@ 5 mA)
BAR65-02L BAR65-02V BAR65-03W
BAR65-07
4
3
2
D1
D2
1
2
Package TSLP-2-1 SC79 SOD323 SOT143
Configuration single, leadless single single parallel pair
LS(nH) 0.4 0.6 1.8 2
Marking NN N M/blue Ms
Symbol VR IF Ptot 128C 118C 113C
Value 30 100 250 250 250 250 150 -55 ... 125 -55 ... 150
Unit V mA mW
C
1
Feb-04-2003
BAR65...
Thermal Resistance Parameter Junction - soldering point1) BAR65-02L BAR65-02V BAR65-03W BAR65-07 Symbol RthJS 90 130 145 370

Value
Unit K/W
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter DC Characteristics Reverse current VR = 20 V Forward voltage IF = 100 mA
1For
Symbol min. IR VF -
Values typ. 0.93 max. 20 1
calculation of R thJA please refer to Application Note Thermal Resistance
2

Unit
nA V
Feb-04-2003
BAR65...
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter AC Characteristics Diode capacitance VR = 1 V, f = 1 MHz VR = 3 V, f = 1 MHz VR = 0 V, f = 100 MHz ... 1.8 GHz Reverse parallel resistance VR = 0 V, f = 100 MHz VR = 0 V, f = 1 GHz VR = 0 V, f = 1.8 GHz Forward resistance IF = 1 mA, f = 100 MHz IF = 5 mA, f = 100 MHz IF = 10 mA, f = 100 MHz IF = 10 mA, IR = 6 mA, measured at IR = 3 mA, I-region width Insertion loss1) IF = 1 mA, f = 1.8 GHz IF = 5 mA, f = 1.8 GHz IF = 10 mA, f = 1.8 GHz Isolation1) VR = 0 V, f = 0.9 GHz VR = 0 V, f = 1.8 GHz VR = 0 V, f = 2.45 GHz
1BAR65-02L
Symbol min. CT RP rf rr
Values typ. max.
Unit
pF 0.45 0.4 0.5 700 10 5 1 0.65 0.56 80 0.9 0.8 k
0.95 0.9 ns
RL = 100
in series configuration, Z = 50
3
Charge carrier life time
-
WI |S21|2
-
3.5 -0.08 -0.06 -0.05 -12 -7 -5
-
m dB
|S21|2 -
Feb-04-2003
BAR65...
Diode capacitance CT = f = Parameter
0.5
F
10 4
KOhm 100 MHz
0.4
1 MHz ... 1.8 GHz
10 3
CT
0.35
Rp
10 2
1 GHz 1.8 GHz
0.3 10 1
0.25
0.2
10 0
0.15 10 -1 0
0.1 0
2
4
6
8
10
12
14
16
V
20
2
4
6
8
10
12
14
16
VR
f = 100MHz
10
1
TA = Parameter
10 0 A
10 -1
Ohm
10 -2
10
0
IF
rf
10 -3
10 -4
10 -5
10
-1
10
-2
10
-1
10
0
10
1
mA 10 2
10 -6 0
0.2
0.4
IF
4
Forward resistance rf =
(I F)
Forward current IF =
(VF)
-40 C 25 C 85 C 125 C
0.6
0.8
V
Feb-04-2003
(VR )
Reverse parallel resistance RP = (VR ) f = Parameter
V
20
VR
1.2
VF
BAR65...
Forward current IF = BAR65-02L
120 mA 100 90 80
BAR65-02V
120 mA 100 90 80
IF
70 60 50 40 30 20 10 0 0 15 30 45 60 75 90 105 120 C 150
IF
70 60 50 40 30 20 10 0 0 15 30 45 60 75 90 105 120 C 150
TS
BAR65-03W
120 mA 100 90 80
BAR65-07
120 mA 100 90 80
IF
70 60 50 40 30 20 10 0 0 15 30 45 60 75 90 105 120 C 150
IF
70 60 50 40 30 20 10 0 0 15 30 45 60 75 90 105 120 C 150
TS
5
Forward current IF =
(TS )
Forward current IF =
(TS )
Forward current IF =
(TS )
TS
(TS )
TS
Feb-04-2003
BAR65...
Permissible Puls Load RthJS = BAR65-02L
10 2
(tp )
Permissible Pulse Load BAR65-02L
10 1
IFmax/IFDC
K/W
RthJS
10 1
-
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 0 -6 10
-5 -4 -3 -2 0
10
10
10
10
s
10
10 0 -6 10
10
tp
BAR65-02V
10 3 10 2
RthJS
10 2
IFmax/IFDC
10
1
10 1
D = 0,5 0,2 0,1 0,05 0,02 0,01 0,005 0
10
-5
10 0 -6 10
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
TS
6
BAR65-02V
Permissible Puls Load RthJS =
(tp )
Permissible Pulse Load IFmax / IFDC = (tp )
-5 -5
IFmax / IFDC =
(tp )
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10
-4
10
-3
10
-2
s
10
0
tp
D=0 0,005 0,01 0,02 0,05 0,1 0,2 0,5
10
-4
10
-3
10
-2
s
10
0
TS
Feb-04-2003
BAR65...
Permissible Puls Load RthJS = BAR65-03W
10 3
(tp )
Permissible Pulse Load BAR65-03W
10 1
mA
10 2
IFmax/IFDC
IF
mA
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 0 -6 10
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
C
10
0
10
-5
tp
BAR65-07
10 3 10 2
mA
IFmax/IFDC
mA
RthJS
10 2
10 1
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 0 -6 10
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
C
10
0
10
-5
tp
7
BAR65-07
Permissible Puls Load RthJS =
(tp )
Permissible Pulse Load IFmax / IFDC = (tp )
IFmax / IFDC =
(tp )
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10
-4
10
-3
10
-2
10
-1
C
10
1
tp
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10
-4
10
-3
10
-2
10
-1
C
10
1
tp
Feb-04-2003
BAR65...
Insertion loss |S21 |2 = (f) IF = Parameter
0
dB dB
VR = Parameter
0
BAR65-02L in series configuration, Z = 50
BAR65-02L in series configuration Z = 50
-0.1
|S21|2
|S21|2
-10
-0.15
-0.2
-0.25
10 mA 5 mA 1 mA 0.1 mA
-15
-20 -0.3 -25 -0.35
-0.4 0
0.5
1
1.5
2
GHz
3
-30 0
0.5
1
f
8
Isolation |S21 |2 =
(f)
0V 1V 10 V
1.5
2
GHz
3
f
Feb-04-2003


▲Up To Search▲   

 
Price & Availability of BAR65-02L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X