Part Number Hot Search : 
54139 K2698B TDA8043H CZ41H AK5703 ACS161D STRPB SR1020
Product Description
Full Text Search
 

To Download AT45D041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT45D041
Features
* Single 4.5V - 5.5V Supply * Serial Interface Architecture * Page Program Operation * * * * * * * * * *
- Single Cycle Reprogram (Erase and Program) - 2048 Pages (264 Bytes/Page) Main Memory Two 264-Byte Data Buffers - Allows Receiving of Data while Reprogramming of Non-Volatile Memory Internal Program and Control Timer Fast Page Program Time - 7 ms Typical 80 s Typical Page to Buffer Transfer Time Low Power Dissipation - 15 mA Active Read Current Typical - 20 A CMOS Standby Current Typical 10 MHz Max Clock Frequency Hardware Data Protection Feature Serial Peripheral Interface (SPI) Compatible - Modes 0 and 3 CMOS and TTL Compatible Inputs and Outputs Commercial and Industrial Temperature Ranges
4-Megabit 5-volt Only Serial DataFlashTM AT45D041
Description
The AT45D041 is a 5-volt only, serial interface Flash memory suitable for in-system reprogramming. Its 4,325,376 bits of memory are organized as 2048 pages of 264bytes each. In addition to the main memory, the AT45D041 also contains two data buffers of 264-bytes each. The buffers allow receiving of data while a page in the main memory is being reprogrammed. Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the DataFlash uses a serial interface to sequentially access its data. The simple serial interface facilitates hardware layout, increases system reliability, minimizes switching noise, and (continued)
Pin Configurations
Pin Name CS SCK SI SO WP RESET RDY/BUSY Function Chip Select Serial Clock Serial Input
PLCC
CS NC NC GND VCC NC NC
Serial Output Hardware Page Write Protect Pin Chip Reset Ready/Busy
Note: PLCC package pins 16 and 17 are DON'T CONNECT.
TSOP Top View Type 1
RDY/BUSY RESET WP NC NC VCC GND NC NC NC CS SCK SI SO 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 NC NC NC NC NC NC NC NC NC NC NC NC NC NC
GND NC NC CS SCK SI SO NC NC NC NC NC NC NC
NC NC DC DC NC NC NC
14 15 16 17 18 19 20
SCK SI SO NC NC NC NC NC NC
5 6 7 8 9 10 11 12 13
4 3 2 1 32 31 30
29 28 27 26 25 24 23 22 21
WP RESET RDY/BUSY NC NC NC NC NC NC
SOIC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC NC NC WP RESET RDY/BUSY NC NC NC NC NC NC NC NC
0803C-D-6/97
1
reduces package size and active pin count. The device is optimized for use in many commercial and industrial applications where high density, low pin count, low voltage, and low power are essential. Typical applications for the DataFlash are digital voice storage, image storage, and data storage. The device operates at clock frequencies up to 10 Mhz with a typical active read current consumption of 15 mA. To allow for simple in-system reprogrammability, the AT45D041 does not require high input voltages for pro-
gramming. The device operates from a single power supply, 4.5V to 5.5V, for both the program and read operations. The AT45D041 is enabled through the chip select pin (CS) and accessed via a three-wire interface consisting of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK). All programming cycles are self-timed, and no separate erase cycle is required before programming.
Block Diagram
WP FLASH MEMORY ARRAY
PAGE (264 BYTES)
BUFFER 1 (264 BYTES)
BUFFER 2 (264 BYTES)
SCK CS RESET VCC GND RDY/BUSY
I/O INTERFACE
SI
SO
Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions and their associated opcodes are contained in Tables 1 and 2. A valid instruction starts with the falling edge of CS followed by the appropriate 8-bit opcode and the desired buffer or main memory address location. While the CS pin is low, toggling the SCK pin controls the loading of the opcode and the desired buffer or main memory address location through the SI (serial input) pin. All instructions, addresses, and data are transferred with the most significant bit (MSB) first. address bits and 32 don't care bits. In the AT45D041, the first four address bits are reserved for larger density devices (see Notes on page 7), the next 11 address bits (PA10-PA0) specify the page address, and the next nine address bits (BA8-BA0) specify the starting byte address within the page. The 32 don't care bits which follow the 24 address bits are sent to initialize the read operation. Following the 32 don't care bits, additional pulses on SCK result in serial data being output on the SO (serial output) pin. The CS pin must remain low during the loading of the opcode, the address bits, and the reading of data. When the end of a page in main memory is reached during a main memory page read, the device will continue reading at the beginning of the same page. A low to high transition on the CS pin will terminate the read operation and tri-state the SO pin. BUFFER READ: Data can be read from either one of the two buffers, using different opcodes to specify which buffer to read from. An opcode of 54H is used to read data from buffer 1, and an opcode of 56H is used to read data from
Read
By specifying the appropriate opcode, data can be read from the main memory or from either one of the two data buffers. MAIN MEMORY PAGE READ: A main memory read allows the user to read data directly from any one of the 2048 pages in the main memory, bypassing both of the data buffers and leaving the contents of the buffers unchanged. To start a page read, the 8-bit opcode, 52H, is followed by 24
2
AT45D041
AT45D041
buffer 2. To perform a buffer read, the eight bits of the opcode must be followed by 15 don't care bits, nine address bits, and eight don't care bits. Since the buffer size is 264-bytes, nine address bits (BFA8-BFA0) are required to specify the first byte of data to be read from the buffer. The CS pin must remain low during the loading of the opcode, the address bits, the don't care bits, and the reading of data. When the end of a buffer is reached, the device will continue reading back at the beginning of the buffer. A low to high transition on the CS pin will terminate the read operation and tri-state the SO pin. MAIN MEMORY PAGE TO BUFFER TRANSFER: A page of data can be transferred from the main memory to either buffer 1 or buffer 2. An 8-bit opcode, 53H for buffer 1 and 55H for buffer 2, is followed by the four reserved bits, 11 address bits (PA10-PA0) which specify the page in main memory that is to be transferred, and nine don't care bits. The CS pin must be low while toggling the SCK pin to load the opcode, the address bits, and the don't care bits from the SI pin. The transfer of the page of data from the main memory to the buffer will begin when the CS pin transitions from a low to a high state. During the transfer of a page of data (tXFR ), the status register can be read to determine whether the transfer has been completed or not. MAIN MEMORY PAGE TO BUFFER COMPARE: A page of data in main memory can be compared to the data in buffer 1 or buffer 2. An 8-bit opcode, 60H for buffer 1 and 61H for buffer 2, is followed by 24 address bits consisting of the four reserved bits, 11 address bits (PA10-PA0) which specify the page in the main memory that is to be compared to the buffer, and nine don't care bits. The loading of the opcode and the address bits is the same as described previously. The CS pin must be low while toggling the SCK pin to load the opcode, the address bits, and the don't care bits from the SI pin. On the low to high transition of the CS pin, the 264 bytes in the selected main memory page will be compared with the 264 bytes in buffer 1 or buffer 2. During this time (tXFR), the status register will indicate that the part is busy. On completion of the compare operation, bit 6 of the status register is updated with the result of the compare. BUFFER TO MAIN MEMORY PAGE PROGRAM WITH BUILT-IN ERASE: Data written into either buffer 1 or buffer 2 can be programmed into the main memory. An 8-bit opcode, 83H for buffer 1 or 86H for buffer 2, is followed by the four reserved bits, 11 address bits (PA10-PA0) that specify the page in the main memory to be written, and nine additional don't care bits. When a low to high transition occurs on the CS pin, the part will first erase the selected page in main memory to all 1s and then program the data stored in the buffer into the specified page in the main memory. Both the erase and the programming of the page are internally self timed and should take place in a maximum time of tEP. During this time, the status register will indicate that the part is busy. BUFFER TO MAIN MEMORY PAGE PROGRAM WITHOUT BUILT-IN ERASE: A previously erased page within main memory can be programmed with the contents of either buffer 1 or buffer 2. An 8-bit opcode, 88H for buffer 1 or 89H for buffer 2, is followed by the four reserved bits, 11 address bits (PA10-PA0) that specify the page in the main memory to be written, and nine additional don't care bits. When a low to high transition occurs on the CS pin, the part will program the data stored in the buffer into the specified page in the main memory. It is necessary that the page in main memory that is being programmed has been previously programmed to all 1s (erased state). The programming of the page is internally self timed and should take place in a maximum time of tP. During this time, the status register will indicate that the part is busy. MAIN MEMORY PAGE PROGRAM: This operation is a combination of the Buffer Write and Buffer to Main Memory Page Program with Built-In Erase operations. Data is first shifted into buffer 1 or buffer 2 from the SI pin and then programmed into a specified page in the main memory. An 8bit opcode, 82H for buffer 1 or 85H for buffer 2, is followed by the four reserved bits and 20 address bits. The 11 most significant address bits (PA10-PA0) select the page in the main memory where data is to be written, and the next nine address bits (BFA8-BFA0) select the first byte in the buffer to be written. After all address bits are shifted in, the part will take data from the SI pin and store it in one of the data buffers. If the end of the buffer is reached, the device will wrap around back to the beginning of the buffer. When there is a low to high transition on the CS pin, the part will first erase the selected page in main memory to all 1s and then program the data stored in the buffer into the specified page in the main memory. Both the erase and the programming of the page are internally self timed and should take place in a maximum of time tEP. During this time, the status register will indicate that the part is busy. AUTO PAGE REWRITE: This mode is only needed if multiple bytes within a page or multiple pages of data are modified in a random fashion. This mode is a combination of two operations: Main Memory Page to Buffer Transfer and
Program
BUFFER WRITE: Data can be shifted in from the SI pin into either buffer 1 or buffer 2. To load data into either buffer, an 8-bit opcode, 84H for buffer 1 or 87H for buffer 2, is followed by 15 don't care bits and nine address bits (BFA8-BFA0). The nine address bits specify the first byte in the buffer to be written. The data is entered following the address bits. If the end of the data buffer is reached, the device will wrap around back to the beginning of the buffer. Data will continue to be loaded into the buffer until a low to high transition is detected on the CS pin.
3
Buffer to Main Memory Page Program with Built-In Erase. A page of data is first transferred from the main memory to buffer 1 or buffer 2, and then the same data (from buffer 1 or buffer 2) is programmed back into its original page of main memory. An 8-bit opcode, 58H for buffer 1 or 59H for buffer 2, is followed by the four reserved bits, 11 address bits (PA10-PA0) that specify the page in main memory to be rewritten, and nine additional don't care bits. When a low to high transition occurs on the CS pin, the part will first transfer data from the page in main memory to a buffer and then program the data from the buffer back into same page of main memory. The operation is internally self-timed and should take place in a maximum time of t EP . During this time, the status register will indicate that the part is busy. If the main memory is programmed or reprogrammed sequentially page by page, then the programming algorithm shown in Figure 1 is recommended. Otherwise, if multiple bytes in a page or several pages are programmed randomly in the main memory, then the programming algorithm shown in Figure 2 is recommended. STATUS REGISTER: The status register can be used to determine the device's ready/busy status, the result of a Main Memory Page to Buffer Compare operation, or the device density. To read the status register, an opcode of 57H must be loaded into the device. After the last bit of the opcode is shifted in, the eight bits of the status register, starting with the MSB (bit 7), will be shifted out on the SO pin during the next eight clock cycles. The five most-significant bits of the status register will contain device information, while the remaining three least-significant bits are reserved for future use and will have undefined values. After bit 0 of the status register has been shifted out, the sequence will repeat itself (as long as CS remains low and SCK is being toggled) starting again with bit 7. The data in the status register is constantly updated, so each repeating sequence will output new data. Ready/busy status is indicated using bit 7 of the status register. If bit 7 is a 1, then the device is not busy and is ready to accept the next command. If bit 7 is a 0, then the device is in a busy state. The user can continuously poll bit 7 of the status register by stopping SCK once bit 7 has been output. The status of bit 7 will continue to be output on the SO pin, and once the device is no longer busy, the state of SO will change from 0 to 1. There are six operations which can cause the device to be in a busy state: Main Memory Page to Buffer Transfer, Main Memory Page to Buffer Compare, Buffer to Main Memory Page Program with Built-In Erase, Buffer to Main Memory Page Program without Built-In
Erase, Main Memory Page Program, and Auto Page Rewrite. The result of the most recent Main Memory Page to Buffer Compare operation is indicated using bit 6 of the status register. If bit 6 is a 0, then the data in the main memory page matches the data in the buffer. If bit 6 is a 1, then at least one bit of the data in the main memory page does not match the data in the buffer. The device density is indicated using bits 5, 4, and 3 of the status register. For the AT45D041, the three bits are 0, 1, and 1. The decimal value of these three binary bits does not equate to the device density; the three bits represent a combinational code relating to differing densities of Serial DataFlash devices, allowing a total of eight different density configurations.
Read/Program Mode Summary
The modes listed above can be separated into two groups -- modes which make use of the flash memory array (Group A) and modes which do not make use of the flash memory array (Group B). Group A modes consist of: 1. Main memory page read 2. Main memory page to buffer 1 (or 2) transfer 3. Main memory page to buffer 1 (or 2) compare 4. Buffer 1 (or 2) to main memory page program with built-in erase 5. Buffer 1 (or 2) to main memory page program without built-in erase 6. Main memory page program 7. Auto page rewrite Group B modes consist of: 1. Buffer 1 (or 2) read 2. Buffer 1 (or 2) write 3. Status read If a Group A mode is in progress (not fully completed) then another mode in Group A should not be started. However, during this time in which a Group A mode is in progress, modes in Group B can be started. This gives the Serial DataFlash the ability to virtually accommodate a continuous data stream. While data is being programmed into main memory from buffer 1, data can be loaded into buffer 2 (or vice versa). See application note AN-4 ("Using Atmel's Serial DataFlash") for more details.
Status Register Format
Bit 7 RDY/BUSY Bit 6 COMP Bit 5 0 Bit 4 1 Bit 3 1 Bit 2 X Bit 1 X Bit 0 X
4
AT45D041
AT45D041
HARDWARE PAGE WRITE PROTECT: If the WP pin is held low, the first 256 pages of the main memory cannot be reprogrammed. The only way to reprogram the first 256 pages is to first drive the protect pin high and then use the program commands previously mentioned. RESET: A low state on the reset pin (RESET) will terminate the operation in progress and reset the internal state machine to an idle state. The device will remain in the reset condition as long as a low level is present on the RESET pin. Normal operation can resume once the RESET pin is brought back to a high level. The device also incorporates an internal power-on reset circuit; therefore, there are no restrictions on the RESET pin during power-on sequences. READY/BUSY: This open drain output pin will be driven low when the device is busy in an internally self-timed operation. This pin, which is normally in a high state (through an external pull-up resistor), will be pulled low during programming operations, compare operations, and during page-tobuffer transfers. The busy status indicates that the Flash memory array and one of the buffers cannot be accessed; read and write operations to the other buffer can still be performed.
Absolute Maximum Ratings*
Temperature Under Bias ......................-55C to +125C Storage Temperature............................-65C to +150C All Input Voltages (including NC Pins) with Respect to Ground......................... -0.6V to +6.25V All Output Voltages with Respect to Ground................... -0.6V to VCC + 0.6V
*NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC and AC Operating Range
AT45D041 Operating Temperature (Case) VCC Power Supply(1)
Note:
Com. Ind.
0C to 70C -40C to 85C 4.5V to 5.5V
1. After power is applied and V CC is at the minimum specified data sheet value, the system should wait 20 ms before an operational mode is started.
5
DC Characteristics
Symbol ISB ICC1 ICC2 ILI ILO VIL VIH VOL VOH1 VOH2 Parameter Standby Current Active Current, Read Operation Active Current, Program/Erase Operation Input Load Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Output High Voltage IOL = 2.1 mA IOH = -400 A IOH = -100 A; VCC = 4.5V 2.4 4.2 2.0 0.45 VIN = 0V to VCC VI/O = 0V to VCC Condition
CS, RESET, WP = VIH, all inputs at CMOS levels f = 10 MHz; IOUT = 0 mA; VCC = 5.5V
Min
Typ 20 15 25
Max 40 25 50 10 10 0.8
Units A mA mA A A V V V V V
AC Characteristics
Symbol fSCK tCS tCSS tCSH tWH tWL tSU tH tHO tDIS tV tXFR tEP tP Parameter SCK Frequency Minimum CS High Time CS Setup Time CS Hold Time SCK High Time SCK Low Time Data In Setup Time Data In Hold Time Output Hold Time Output Disable Time Output Valid Page to Buffer Transfer/Compare Time Page Erase and Programming Time Page Programming Time 80 10 7 250 250 250 40 40 10 25 0 75 80 150 20 14 Min Typ Max 10 Units MHz ns ns ns ns ns ns ns ns ns ns s ms ms
Input Test Waveforms and Measurement Levels
AC DRIVING LEVELS 2.4V 2.0 0.8 0.45V AC MEASUREMENT LEVEL
Output Test Load
DEVICE UNDER TEST 30 pF
tR, tF < 20 ns (10% to 90%)
6
AT45D041
AT45D041
AC Waveforms
Two different timing diagrams are shown below. Waveform 1 shows the SCK signal being low when CS makes a highto-low transition, and Waveform 2 shows the SCK signal being high when CS makes a high-to-low transition. Both wavforms show valid timing diagrams. The setup and hold times for the SI signal are referenced to the low-to-high transition on the SCK signal. Waveform 1 shows timing that is also compatible with SPI Mode 0, and Waveform 2 shows timing that is compatible with SPI Mode 3.
Waveform 1 - Inactive Clock Polarity Low
tCS CS tCSS SCK tV SO HIGH IMPEDANCE tSU SI VALID IN tH tHO VALID OUT tDIS HIGH IMPEDANCE tWH tWL tCSH
Waveform 2 - Inactive Clock Polarity High
tCS CS tCSS SCK tV SO HIGH Z tSU SI VALID IN tHO VALID OUT tH tDIS HIGH IMPEDANCE tWL tWH tCSH
Command Sequence for Read/Write Operations (Except Status Register Read)
SI CMD 8 bits 8 bits 8 bits
MSB
r r r r XXXX Reserved for larger densities
XXXX XXXX
XXXX XXXX
LSB
Page Address (PA10-PA0)
Byte/Buffer Address (BA8-BA0/BFA8-BFA0)
Notes:
1. 2. 3.
"r" designates bits reserved for larger densities. It is recommended that "r" be a logical "0" for densities of 4M bit or smaller. For densities larger than 4M bit, the "r" bits become the most significant Page Address bit for the appropriate density.
7
Write Operations
The following block diagram and waveforms illustrate the various write sequences available.
FLASH MEMORY ARRAY
PAGE (264 BYTES)
BUFFER 1 TO MAIN MEMORY PAGE PROGRAM MAIN MEMORY PAGE PROGRAM THROUGH BUFFER 2 BUFFER 2 TO MAIN MEMORY PAGE PROGRAM
BUFFER 1 (264 BYTES)
BUFFER 1 WRITE MAIN MEMORY PAGE PROGRAM THROUGH BUFFER 1
BUFFER 2 (264 BYTES)
BUFFER 2 WRITE
I/O INTERFACE
SI
Main Memory Page Program through Buffers
* Completes writing into selected buffer * Starts self-timed erase/program operation
CS SI
CMD r r r r, PA10-7 PA6-0, BFA8 BFA7-0 n n+1 Last Byte
Buffer Write
* Completes writing into selected buffer
CS SI
CMD X X***X, BFA8 BFA7-0 n n+1 Last Byte
Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page)
Starts self-timed erase/program operation
CS SI
CMD r r r r, PA10-7 PA6-0, X
Each transition represents 8 bits and 8 clock cycles
n = 1st byte written n+1 = 2nd byte written
8
AT45D041
AT45D041
Read Operations
The following block diagram and waveforms illustrate the various read sequences available.
FLASH MEMORY ARRAY
PAGE (264 BYTES)
MAIN MEMORY PAGE TO BUFFER 1 MAIN MEMORY PAGE TO BUFFER 2
BUFFER 1 (264 BYTES)
BUFFER 1 READ
BUFFER 2 (264 BYTES)
MAIN MEMORY PAGE READ BUFFER 2 READ
I/O INTERFACE
SO
Main Memory Page Read
CS SI SO
CMD r r r r, PA10-7 PA6-0, BA8 BA7-0 X X X X n n+1
Main Memory Page to Buffer Transfer (Data from Flash Page Read into Buffer)
Starts reading page data into buffer
CS SI SO
CMD r r r r, PA10-7 PA6-0, X X
Buffer Read
CS SI SO
CMD X X***X, BFA8 BFA7-0 X n n+1
Each transition represents 8 bits and 8 clock cycles
n = 1st byte read n+1 = 2nd byte read
9
Detailed Bit-Level Read Timing - Inactive Clock Parity Low
Main Memory Page Read
CS
SCK tSU
1
2
3
4
5
60
61
62
63
64
65
66
67
COMMAND OPCODE SI
0 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
DATA OUT
D7 MSB D6 D5
Buffer Read
CS
SCK tSU
1
2
3
4
5
36
37
38
39
40
41
42
43
COMMAND OPCODE SI
0 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
DATA OUT
D7 MSB D6 D5
Status Register Read
CS
SCK tSU
1
2
3
4
5
6
7
8
9
10
11
12
16
17
COMMAND OPCODE SI
0 1 0 1 0 1 1 1
tV SO HIGH-IMPEDANCE
D7 MSB
STATUS REGISTER OUTPUT
D6 D5 D1 D0 LSB D7 MSB
10
AT45D041
AT45D041
Detailed Bit-Level Read Timing - Inactive Clock Polarity High
Main Memory Page Read
CS
SCK tSU
1
2
3
4
5
61
62
63
64
65
66
67
68
COMMAND OPCODE SI
0 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
D7 MSB
DATA OUT
D6 D5 D4
Buffer Read
CS
SCK tSU
1
2
3
4
5
37
38
39
40
41
42
43
44
COMMAND OPCODE SI
0 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
D7 MSB
DATA OUT
D6 D5 D4
Status Register Read
CS
SCK tSU
1
2
3
4
5
6
7
8
9
10
11
12
17
18
COMMAND OPCODE SI
0 1 0 1 0 1 1 1
tV SO HIGH-IMPEDANCE
D7 MSB
STATUS REGISTER OUTPUT
D6 D5 D4 D0 LSB D7 MSB D6
11
Table 1
Main Memory Page Read Buffer 1 Read Buffer 2 Read Main Memory Page to Buffer 1 Transfer Main Memory Page to Buffer 2 Transfer Opcode 52H 0 1 0 1 0 0 1 0 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 BA8 BA7 BA6 BA5 BA4 BA3 BA2 BA1 BA0 X X X X X X X X * * * X (64th bit) 54H 0 1 0 1 0 1 0 0 X X X X X X X X X X X X X X X BFA8 BFA7 BFA6 BFA5 BFA4 BFA3 BFA2 BFA1 BFA0 X X X X X X X X 56H 0 1 0 1 0 1 1 0 X X X X X X X X X X X X X X X BFA8 BFA7 BFA6 BFA5 BFA4 BFA3 BFA2 BFA1 BFA0 X X X X X X X X 53H 0 1 0 1 0 0 1 1 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 55H 0 1 0 1 0 1 0 1 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 60H 0 1 1 0 0 0 0 0 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 61H 0 1 1 0 0 0 0 1 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 84H 1 0 0 0 0 1 0 0 X X X X X X X X X X X X X X X BFA8 BFA7 BFA6 BFA5 BFA4 BFA3 BFA2 BFA1 BFA0 87H 1 0 0 0 0 1 1 1 X X X X X X X X X X X X X X X BFA8 BFA7 BFA6 BFA5 BFA4 BFA3 BFA2 BFA1 BFA0 Main Memory Page to Buffer 1 Compare Main Memory Page to Buffer 2 Compare Buffer 1 Write Buffer 2 Write
X (Don't Care) r (reserved bits)
12
AT45D041
AT45D041
Table 2
Buffer 1 to Main Memory Page Program with BuiltIn Erase Buffer 2 to Main Memory Page Program with BuiltIn Erase Buffer 1 to Main Memory Page Program without Built-In Erase Buffer 2 to Main Memory Page Program without Built-In Erase Main Memory Page Program Through Buffer 1 Opcode 83H 1 0 0 0 0 0 1 1 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 86H 1 0 0 0 0 1 1 0 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 88H 1 0 0 0 1 0 0 0 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 89H 1 0 0 0 1 0 0 1 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 82H 1 0 0 0 0 0 1 0 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 BA8 BA7 BA6 BA5 BA4 BA3 BA2 BA1 BA0 85H 1 0 0 0 0 1 0 1 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 BA8 BA7 BA6 BA5 BA4 BA3 BA2 BA1 BA0 58H 0 1 0 1 1 0 0 0 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 59H 0 1 0 1 1 0 0 1 r r r r PA10 PA9 PA8 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 X X X X X X X X X 57H 0 1 0 1 0 1 1 1 Main Memory Page Program Through Buffer 2
Auto Page Rewrite Through Buffer 1
Auto Page Rewrite Through Buffer 2
Status Register
X (Don't Care) r (reserved bits)
13
Algorithm for Programming or Reprogramming of the Entire Array Sequentially
START provide address and data
BUFFER WRITE (84H, 87H) MAIN MEMORY PAGE PROGRAM (82H, 85H) BUFFER to MAIN MEMORY PAGE PROGRAM (83H, 86H)
END
Figure 1
Notes: 1. 2. 3. This type of algorithm is used for applications in which the entire array is programmed sequentially, filling the array page-by-page. A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer to Main Memory Page Program operation. The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page within the entire array.
14
AT45D041
AT45D041
Algorithm for Randomly Modifying Data
START provide address of page to modify MAIN MEMORY PAGE to BUFFER TRANSFER (53H, 55H) If planning to modify multiple bytes currently stored within a page of the Flash array
BUFFER WRITE (84H, 87H)
MAIN MEMORY PAGE PROGRAM (82H, 85H) BUFFER to MAIN MEMORY PAGE PROGRAM (83H, 86H)
Auto Page Rewrite (58H, 59H)
(2)
INCREMENT PAGE (2) ADDRESS POINTER
END
Figure 2
Notes: 1. 2. 3. To preserve data integrity, each page of the DataFlash memory array must be updated/rewritten at least once within every 10,000 cumulative page erase/program operations. A Page Address Pointer must be maintained to indicate which page is to be rewritten. The Auto Page Rewrite command must use the address specified by the Page Address Pointer. Other algorithms can be used to rewrite portions of the Flash array. Low power applications may choose to wait until 10,000 cumulative page erase/program operations have accumulated before rewriting all pages of the Flash array. See application note AN-4 ("Using Atmel's Serial DataFlash") for more details.
15
Ordering Information
fSCK (MHz) 10 ICC (mA) Active 25 Standby 0.04 Ordering Code AT45D041-JC AT45D041-RC AT45D041-TC 10 25 0.04 AT45D041-JI AT45D041-RI AT45D041-TI Package 32J 28R 28T 32J 28R 28T Industrial (-40C to 85C) Operation Range Commercial (0C to 70C)
Package Type 32J 28R 28T 32-Lead, Plastic J-Leaded Chip Carrier Package (PLCC) 28-Lead, 0.330" Wide, Plastic Gull-Wing Small Outline Package (SOIC) 28-Lead, Plastic Thin Small Outline Package (TSOP)
16
AT45D041


▲Up To Search▲   

 
Price & Availability of AT45D041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X