Part Number Hot Search : 
ON1111 68710H VCS1625 Q4840 SDA803AS 1GT101DC P89C52BN 1N5236
Product Description
Full Text Search
 

To Download AT27C400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT27C400
Features
* * * * *
Fast Read Access Time - 70 ns Word-wide or Byte-wide Configurable 4 Megabit Flash and Mask ROM Compatible Low Power CMOS Operation - 100 A Maximum Standby - 50 mA Maximum Active at 5 MHz Wide Selection of JEDEC Standard Packages - 40-Lead 600 mil PDIP - 40-Lead SOIC (SOP) - 48-Lead TSOP (12 mm x 20 mm) 5V 10% Power Supply High Reliability CMOS Technology - 2,000V ESD Protection - 200 mA Latchup Immunity RapidTMProgramming Algorithm - 50 s/word (typical) CMOS and TTL Compatible Inputs and Outputs Integrated Product Identification Code Commercial and Industrial Temperature Ranges
* * * * * *
4-Megabit (256K x 16 or 512K x 8) OTP EPROM AT27C400 Preliminary
Description
The AT27C400 is a low-power, high-performance 4,194,304-bit one-time programmable read only memory (OTP EPROM) organized as either 256K by 16 or 512K by 8 bits. It requires a single 5V power supply in normal read mode operation. Any word can be accessed in less than 70 ns, eliminating the need for speed-reducing WAIT states. The by-16 organization makes this part ideal for high-performance 16- and 32bit microprocessor systems. PDIP Top View SOIC (SOP)
Pin Configurations
Pin Name A0 - A17 O0 - O15 O15/A-1 BYTE/VPP CE OE NC Function Addresses Outputs
Output/Address Byte Mode/ Program Supply Chip Enable Output Enable No Connect
A17 A7 A6 A5 A4 A3 A2 A1 A0 CE GND OE O0 O8 O1 O9 O2 O10 O3 O11
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE/VPP GND 015/A-1 O7 O14 O6 O13 O5 O12 O4 VCC
A17 A7 A6 A5 A4 A3 A2 A1 A0 CE GND OE O0 O8 O1 O9 O2 O10 O3 O11
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE/VPP GND 015/A-1 O7 O14 O6 O13 O5 O12 O4 VCC
TSOP Type 1
A15 A14 A13 A12 A11 A10 A9 A8 NC NC NC NC NC NC NC NC A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 BYTE/VPP GND 015/A-1 I/O7 O14 O6 O13 O5 O12 O4 VCC O11 O3 O10 O2 O9 O1 O8 O0 OE GND CE A0
Note: Both GND pins must be connected.
0844A-A-7/97
1
Description (Continued)
The AT27C400 can be organized as either word-wide or byte-wide. The organization is selected via the BYTE/VPP pin. When BYTE/VPP is asserted high (VIH), the word-wide organization is selected and the O15/A-1 pin is used for O15 data output. When BYTE/VPP is asserted low (VIL), the byte-wide organization is selected and the O15/A-1 pin is used for the address pin A-1. When the AT27C400 is logically regarded as x16 (word-wide), but read in the bytewide mode, then with A-1 = VIL the lower 8 bits of the 16-bit word are selected and with A-1 = VIH the upper 8 bits of the 16-bit word are selected. In read mode, the AT27C400 typically consumes 15 mA. Standby mode supply current is typically less than 10 A. The AT27C400 is available in industry standard JEDEC-approved one-time programmable (OTP) PDIP, SOIC (SOP), and TSOP packages. The device features two-line control (CE, OE) to eliminate bus contention in high-speed systems. With high density 256K word or 512K byte storage capability, the AT27C400 allows firmware to be stored reliably and to be accessed by the system without the delays of mass storage media. Atmel's AT27C400 has additional features that ensure high quality and efficient production use. The RapidTM Programming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 50 s/word. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry standard programming equipment to select the proper programming algorithms and voltages.
System Considerations
Switching between active and standby conditions via the Chip Enable pin may produce transient voltage excursions. Unless accommodated by the system design, these transients may exceed data sheet limits, resulting in device non-conformance. At a minimum, a 0.1 F high frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This capacitor should be connected between the VCC and Ground terminals of the device, as close to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards with large EPROM arrays, a 4.7 F bulk electrolytic capacitor should be utilized, again connected between the VCC and Ground terminals. This capacitor should be positioned as close as possible to the point where the power supply is connected to the array.
2
AT27C400
AT27C400
Block Diagram
Absolute Maximum Ratings*
Temperature Under Bias ......................-55C to +125C Storage Temperature............................-65C to +150C Voltage on Any Pin with Respect to Ground ..............................-2.0V to +7.0V (1) Voltage on A9 with Respect to Ground ...........................-2.0V to +14.0V (1) VPP Supply Voltage with Respect to Ground ............................-2.0V to +14.0V (1) Integrated UV Erase Dose...................7258 W *sec/cm2
*NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Minimum voltage is -0.6V dc which undershoot to 2.0V for pulses of less than 20 ns. Maximum output pin voltage is VCC + 0.75V dc which may overshoot to +7.0V for pulses of less than 20 ns.
Note:
1.
Operating Modes
Outputs Mode/Pin Read Word-wide Read Byte-wide Upper Read Byte-wide Lower Output Disable Standby Rapid Program(2) CE VIL VIL VIL X
(1)
OE VIL VIL VIL VIH X
(1)
Ai X X
(1) (1)
BYTE/VPP VIH VIL VIL X X
(5)
O0 - O7 DOUT DOUT DOUT
O8 - O14 DOUT High Z High Z High Z High Z DIN DOUT High Z Identificatio n Code
O15/A-1 DOUT VIH VIL
X(1) X X
(1) (1)
VIH VIL X VIH VIL
VIH VIL VIH VIL
Ai Ai X
(1) (3)
VPP VPP VPP VIH
PGM Verify PGM Inhibit Product Identification(4)
A9 = VH A0 = VIH or VIL A1 - A17 = VIL
Notes:
1. 2. 3. 4. 5.
X can be VIL or VIH. Refer to the programming characteristics tables in this data sheet. VH = 12.0 0.5V. Two identifier words may be selected. All inputs are held low (VIL), except A9, which is set to VH, and A0, which is toggled low (VIL) to select the Manufacturer's Identification word and high (VIH) to select the Device Code word. Standby VCC current (ISB) is specified with VPP = VCC. VCC > VPP will cause a slight increase in ISB.
3
DC and AC Operating Conditions for Read Operation
AT27C400 -70 Operating Temperature (Case) VCC Power Supply Com. Ind. 0C - 70C -40C - 85C 5V 10% -90 0C - 70C -40C - 85C 5V 10% -12 0C - 70C -40C - 85C 5V 10% -15 0C - 70C -40C - 85C 5V 10%
DC and Operating Characteristics for Read Operation
Symbol ILI ILO IPP1
(2)
Parameter Input Load Current Output Leakage Current VPP(1) Read/Standby Current
Condition VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS) CE = VCC 0.3V ISB2 (TTL) CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL
Min
Max 1 5 10 100 1 40
Units A A A A mA mA V V V V
ISB
VCC(1) Standby Current
VCC Active Current VIL VIH VOL VOH Notes: 1. 2. Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage
-0.6 2.0 IOL = 2.1 mA IOH = -400 A 2.4
0.8 VCC + 0.5 0.4
VCC must be applied simultaneously or beofre VPP, and removed simultaneously or after VPP. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
AC Characteristics for Read Operation
AT27C400 -70 Symbol tACC(2) tCE(2) tOE(2)(3) tDF(4)(5) tOH(4) tST tSTD Notes: Parameter Address to Output Delay CE to Output Delay OE to Output Delay OE or CE High to Output Float, whichever occurred first Output Hold from Address, CE or OE, whichever occurred first BYTE High to Output Valid BYTE Low to Output Transition 2, 3, 4, 5. See the AC Waveforms for Read Operation diagram. 5 70 40 Condition CE = OE = VIL OE = VIL CE = VIL Min Max 70 70 30 20 5 90 40 Min -90 Max 90 90 35 20 5 120 50 Min -12 Max 120 120 40 30 5 150 60 Min -15 Max 150 150 50 35 Units ns ns ns ns ns ns ns
= Advance Information
4
AT27C400
AT27C400
Byte-Wide Read Mode AC Waveforms
Note:
BYTE/VPP = VIL
Word-Wide Read Mode AC Waveforms
Note:
BYTE/VPP = VIH
BYTE Transition AC Waveforms
Notes:
1. 2. 3. 4. 5.
Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified. OE maybe delayed up to tCE - tOE after the falling edge of CE without impact on tCE. OE maybe delayed up to tACC - tOE after the address is valid without impact on tACC. This parameter is only sampled and is not 100% tested. Output float is defined as the point when data is no longer driven.
5
Input Test Waveforms and Measurement Levels
Output Test Load
tR, tF < 20 ns (10% to 90%)
Note:
CL = 100 pF including jig capacitance.
Pin Capacitance
(f = 1 MHz T = 25C)(1)
Typ CIN COUT
Note: 1.
Max 10 12
Units pF pF
Conditions VIN = 0V VOUT = 0V
4 8
Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
6
AT27C400
AT27C400
Programming Waveforms(1)
Notes:
1. 2. 3.
The Input Timing Reference is 0.8V for V IL and 2.0V for VIH. tOE and tDFP are characteristics of the device but mist be accomodated by the programmer. When programming the AT27C400, a 0.1 F capacitor is required across VPP and ground to suppress spurious voltage transients.
DC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V Limits Symbol ILI VIL VIH VOL VOH ICC2 IPP2 VID Parameter Input Load Current Input Low Level Input High Level Output Low Voltage Output High Voltage VCC Supply Current (Program and Verify) VPP Supply Current A9 Product Identification Voltage CE = VIL 11.5 IOL = 2.1 mA IOH = -400 A 2.4 50 30 12.5 Test Conditions VIN = VIL, VIH -0.6 2.0 Min Max 10 0.8 VCC +
0.5
Units
A
V V V V mA mA V 7
0.4
AC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V
Limits Symbol Parameter tAS tOES tDS tAH tDH tDFP tVPS tVCS tPW tOE tPRT
Notes: 1. 2. 3.
Test Conditions(1)
Min 2 2 2
Max
Units
s s s s s
Address Setup Time OE Setup Time Data Setup Time Address Hold Time Data Hold Time OE High to Output Float Delay(2) VPP Setup Time VCC Setup Time CE Program Pulse Data Valid from OE BYTE/VPP Pulse Rise Time During Programming
VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
Width(3)
Input Rise and Fall Times (10% to 90%) 20ns Input Pulse Levels 0.45V to 2.4V Input Timing Reference Level 0.8V to 2.0V Output Timing Reference Level 0.8V to 2.0V
0 2 0 2 2 47.5 52.5 150 50 130
ns
s s s
ns ns
This parameter is only sampled and is not 100% tested. Ouput Float is defined as the point where data is no longer driven -- see timing diagram. Program Pulse width tolerance is 50 sec 5%.
Atmel's 27C400 Integrated Product Identification Code
Pins A0 Codes Manufacturer Device Type 0 1 O15 O7 0 1 O14 O6 0 1 O13 O5 0 1 O12 O4 1 1 O11 O3 1 0 O10 O2 1 1 O9 O1 1 0 O8 O0 0 0 Hex Data 1E1E F4F4
8
AT27C400
AT27C400
Rapid Programming Algorithm
A 50 s CE pulse width is used to program. The address is set to the first location. VCC is raised to 6.5V and BYTE/VPP is raised to 13.0V. Each address is first programmed with one 50 s CE pulse without verification. Then a verification/ reprogramming loop is executed for each address. In the event a word fails to pass verification, up to 10 successive 50 s pulses are applied with a verification after each pulse. If the word fails to verify after 10 pulses have been applied, the part is considered failed. After the word verifies properly, the next address is selected until all have been checked. VPP is then lowered to 5.0V and VCC to 5.0V. All words are read again and compared with the original data to determine if the device passes or fails.
9
Ordering Information
tACC (ns) 70 ICC (mA) Active 40 Standby 0.1 Ordering Code AT27C400-70PC AT27C400-70RC AT27C400-70TC AT27C400-70PI AT27C400-70RI AT27C400-70TI AT27C400-90PC AT27C400-90RC AT27C400-90TC AT27C400-90PI AT27C400-90RI AT27C400-90TI AT27C400-12PC AT27C400-12RC AT27C400-12TC AT27C400-12PI AT27C400-12RI AT27C400-12TI AT27C400-15PC AT27C400-15RC AT27C400-15TC AT27C400-15PI AT27C400-15RI AT27C400-15TI Package 40P6 40R 48T 40P6 40R 48T 40P6 40R 48T 40P6 40R 48T 40P6 40R 48T 40P6 40R 48T 40P6 40R 48T 40P6 40R 48T Operation Range Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C)
40
0.1
90
40
0.1
40
0.1
120
40
0.1
40
0.1
150
40
0.1
40
0.1
= Advance Information
Package Type 40P6 40R 48T 40-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP) 40-Lead, 0.450" Wide, Plastic Gull Wing Small Outline Package (SOIC/SOP) 48-Lead, Plastic Thin Small Outline Package (TSOP) 12 x 20 mm
10
AT27C400


▲Up To Search▲   

 
Price & Availability of AT27C400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X