Part Number Hot Search : 
CX162 D1215 C686M SM8S36A DD251 01GW3B2 FD1000 GL41G
Product Description
Full Text Search
 

To Download APT10086BLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT10086BLC APT10086SLC
1000V 13A 0.860W
POWER MOS VITM
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs. Lower gate charge is achieved by optimizing the manufacturing process to minimize Ciss and Crss. Lower gate charge coupled with Power MOS VITM optimized gate layout, delivers exceptionally fast switching speeds. * Identical Specifications: TO-247 or Surface Mount D3PAK Package * Lower Gate Charge & Capacitance * Easier To Drive * 100% Avalanche Tested * Faster switching
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter
BLC D3PAK
TO-247
SLC
D G S
All Ratings: TC = 25C unless otherwise specified.
APT10086 UNIT Volts Amps
Drain-Source Voltage
Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
Gate-Source Voltage Continuous Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25C Linear Derating Factor
Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
AL IC HN EC ON TI ED AT NC RM VA FO AD IN
1000 13 52 30 40 370 2.96 300 13 30 -55 to 150
(Repetitive and Non-Repetitive)
1 4
Volts Watts W/C C Amps mJ
1300
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
1000 13 0.860 25 250 100 3 5
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5920 Rev - 11-99
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT10086 BLC - SLC
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C VGS = 15V MIN TYP MAX UNIT
2800 350 120 95 17 52 14 10 31 11
nC pF
Gate-Source Charge
Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time
Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions
Continuous Source Current (Body Diode) Pulsed Source Current
1
Diode Forward Voltage
Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s)
AL IC HN EC ON TI ED AT NC RM VA FO AD IN
VDD = 0.5 VDSS RG = 1.6W ID = ID[Cont.] @ 25C MIN TYP (Body Diode)
2
ns
MAX
UNIT Amps Volts ns C
13 52
(VGS = 0V, IS = -ID[Cont.])
1.3
800
Reverse Recovery Charge (IS = -ID[Cont.], dl S /dt = 100A/s)
11.0
THERMAL CHARACTERISTICS
Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.34 40
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L =15.38mH, R = 25W, Peak I = 13A j G L
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-247 Package Outline
Drain (Heat Sink)
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
D PAK Package Outline
4.98 (.196) 5.08 (.200) 1.47 (.058) 1.57 (.062) 15.95 (.628) 16.05 (.632) 13.41 (.528) 13.51 (.532)
3
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
1.04 (.041) 1.15 (.045)
Drain
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
Revised 4/18/95
13.79 (.543) 13.99 (.551)
Revised 8/29/97
11.51 (.453) 11.61 (.457)
0.46 (.018) 0.56 (.022) {3 Plcs}
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
0.020 (.001) 0.178 (.007) 2.67 (.105) 2.84 (.112)
1.27 (.050) 1.40 (.055) 1.98 (.078) 2.08 (.082) 5.45 (.215) BSC {2 Plcs.}
050-5920 Rev - 11-99
19.81 (.780) 20.32 (.800)
1.22 (.048) 1.32 (.052)
3.81 (.150) 4.06 (.160) (Base of Lead)
Gate Drain Source
Heat Sink (Drain) and Leads are Plated
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
Source Drain Gate Dimensions in Millimeters (Inches)
APT's devices are covered by one or more of the following U.S.patents:
4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT10086BLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X