Part Number Hot Search : 
GP10A ESD20 PCDA02 N5716 DSP56603 LC7565A 2ASA0 83120
Product Description
Full Text Search
 

To Download APT10026JLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT10026JLL
1000V 30A 0.260W
POWER MOS 7TM
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching losses are addressed with Power MOS 7TM by significantly lowering RDS(ON) and Qg. Power MOS 7TM combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. * Lower Input Capacitance * Lower Miller Capacitance * Lower Gate Charge, Qg
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage
S G D
S
SO
ISOTOP (R)
2 T-
27
"UL Recognized"
* Increased Power Dissipation * Easier To Drive * Popular SOT-227 Package
D G S
All Ratings: TC = 25C unless otherwise specified.
APT10026JLL UNIT Volts Amps
Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
Gate-Source Voltage Continuous Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25C Linear Derating Factor
Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
AL IC HN EC ION TT CE MA AN OR DV NF A I
1000 30 120 30 40 595 4.76 300 30 50 -55 to 150
(Repetitive and Non-Repetitive)
1 4
Volts Watts W/C C Amps mJ
3200
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, I D = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
1000 30 0.260 100 500 100 3 5
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-7113 Rev - 9-2001
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 5mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702-1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT10026JLL
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V MIN TYP MAX UNIT
7680 1270 252 294 45 17 8 9 39 196
nC pF
Gate-Source Charge
Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time
Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr
rr dv/ dt
Characteristic / Test Conditions
Continuous Source Current (Body Diode) Pulsed Source Current
1
Diode Forward Voltage
AL IC HN EC ION TT CE MA AN OR DV NF A I
VDD = 0.5 VDSS ID = ID[Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS RG = 0.6W ID = ID[Cont.] @ 25C MIN TYP (Body Diode)
2
ns
MAX
UNIT Amps Volts ns C
30 120 1.3
(VGS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID[Cont.], dl S/dt = 100A/s) Peak Diode Recovery
dv/ dt 5
1182 31.9 10
Q
V/ns
THERMAL CHARACTERISTICS
Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.21 40
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. 2 Pulse Test: Pulse width < 380 s, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 7.11mH, R = 25W, Peak I = 30A j G L 5 dv/ numbers reflect the limitations of the test circuit rather than the dt device itself. IS -ID Cont. di/dt 700A/s VR VDSS TJ 150C [ ] APT Reserves the right to change, without notice, the specifications and information contained herein.
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143)
1.95 (.077) 2.14 (.084)
050-7113 Rev - 9-2001
14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202
Gate
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT10026JLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X