Part Number Hot Search : 
X1624 82PF80 10700 A1302 2SC4981 LM98620 82PF80 MSZ5248
Product Description
Full Text Search
 

To Download ADP3155 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
5-Bit Programmable Triple Power Supply Controller for Pentium(R) III Processors ADP3155
FUNCTIONAL BLOCK DIAGRAM
VCC DRIVE1 DRIVE2 PGND AGND PWRGD SENSE+ SENSE- NONOVERLAP DRIVE SD CROWBAR IN OFF CMPI Q S R gm REFERENCE CMPT OFF-TIME CONTROL VIN SENSE- VLDO2 FB2 VLDO1 FB1 VREF +5% VT1 VREF VREF -5% DELAY VREF +15% 2R
FEATURES Active Voltage Positioning with Gain and Offset Adjustment Optimal Compensation for Superior Load Transient Response VRM 8.2, VRM 8.3 and VRM 8.4-Compliant 5-Bit Digitally Programmable 1.3 V to 3.5 V Output Dual N-Channel Synchronous Driver Two Onboard Linear Regulator Controllers Total Output Accuracy 1% Over Temperature High Efficiency, Current-Mode Operation Short Circuit Protection Overvoltage Protection Crowbar Protects Microprocessors, with No Additional External Components Power Good Output TSSOP-20 Package APPLICATIONS Desktop PC Power Supplies for: Pentium II and Pentium III Processor Families AMD-K6 Processors VRM Modules GENERAL DESCRIPTION
R
VT2
CT
CMP
ADP3155
DAC 1.20V
The ADP3155 is a highly efficient synchronous buck switching regulator controller optimized for converting the 5 V main supply into the core supply voltage required by the Pentium III and other high performance processors. The ADP3155 uses an internal 5-bit DAC to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage between 1.3 V and 3.5 V. The ADP3155 uses a currentmode, constant off-time architecture to drive two external Nchannel MOSFETs at a programmable switching frequency that can be optimized for size and efficiency. It also uses a unique supplemental regulation technique called active voltage positioning to enhance load transient performance. Active voltage positioning results in a dc/dc converter that meets the stringent output voltage specifications for Pentium II and Pentium III processors, with the minimum number of output capacitors and the smallest footprint. Unlike voltage-mode and standard current-mode architectures, active voltage positioning adjusts the output voltage as a function of the load current so that it is always optimally positioned for a system transient. The ADP3155 provides accurate and reliable short circuit protection and adjustable current limiting. It also includes an integrated overvoltage crowbar function to protect the microprocessor from destruction in case the core supply exceeds the nominal programmed voltage by more than 15%.
Pentium is a registered trademark of Intel Corporation. All other trademarks are the property of their respective holders.
VID4 VID3 VID2 VID1 VID0
The ADP3155 contains two linear regulator controllers that are designed to drive external N-channel MOSFETs. These linear regulators are used to generate the auxiliary voltages (AGP, GTL, etc.) required in most motherboard designs, and have been designed to provide a high bandwidth load-transient response. A pair of external feedback resistors sets each linear regulator output voltage.
VCC +12V 22 F R1 1F SD VINLDO1 CMP CMP VIN +5V CIN + VCC DRIVE1 Q1 L SENSE+ 1nF SENSE- 1F VINLDO2 QLDO2 VOLDO2 R5 1F R6 20k FB2 CT AGND R3 R4 20k FB1 DRIVE2 PGND 150pF Q2 RSENSE + VO 1.3V TO 3.5V CO
R2
CCOMP
ADP3155
VLDO1
QLDO1 VOLDO1
VLDO2
VID0-VID4 5-BIT CODE
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Figure 1. Typical Application
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
ADP3155-SPECIFICATIONS (0 C T +70 C, V
A
CC
= 12 V, VIN = 5 V, unless otherwise noted)1
Min Typ Max 1.317 2.020 3.535 Units V V V % 5.5 250 165 0.6 2.0 mA A mV V V A k A A s ns % % s 24 % k mmho V V kHz 1 3.38 0.6 2.0 10 A V V V A
Parameter OUTPUT ACCURACY 1.3 V Output Voltage 2.0 V Output Voltage 3.5 V Output Voltage OUTPUT VOLTAGE LINE REGULATION INPUT DC SUPPLY CURRENT Normal Mode Shutdown
2
Symbol VO
Conditions (Figure 13)
1.283 1.3 1.980 2.0 3.465 3.5 0.05 4.1 140 125 145
VO
ILOAD = 10 A (Figure 2) VIN = 4.75 V to 5.25 V VSD = 0.6 V TA = +25C, VID Pins Floating
IQ
CURRENT SENSE THRESHOLD VOLTAGE VID0-VID4 THRESHOLD Low High VID0-VID4 INPUT CURRENT VID0-VID4 PULL-UP RESISTANCE CT PIN DISCHARGE CURRENT
VSENSE(TH) VSENSE- Forced to VOUT - 3% VID(TH)
IVID RVID I11
VID = 0 V 20 TA = +25C VOUT in Regulation VOUT = 0 V CT = 150 pF CL = 7000 pF (Pins 17, 18) TA = +25C % Above Output Voltage % Below Output Voltage -8 1.8
110 30 65 2 2.45 120 5 -5 500 9 15 275 2.2
220
10 3.2 200 8
OFF-TIME DRIVER OUTPUT TRANSITION TIME POSITIVE POWER GOOD TRIP POINT
3 3
tOFF t R, t F VPWRGD VPWRGD tPWRGD
NEGATIVE POWER GOOD TRIP POINT POWER GOOD RESPONSE TIME CROWBAR TRIP POINT ERROR AMPLIFIER OUTPUT IMPEDANCE ERROR AMPLIFIER TRANSCONDUCTANCE ERROR AMPLIFIER MINIMUM OUTPUT VOLTAGE ERROR AMPLIFIER MAXIMUM OUTPUT VOLTAGE
VCROWBAR % Above Output Voltage ROERR gm(ERR) VCMPMIN VCMPMAX BWERR IFB VOLDO1, VOLDO2 SDL SDH SDIC Figure 2, R3 = R5 = 20 k R4 = R6 = 35 k, IO = 1 A Part Active Part in Shutdown VSENSE+ Forced to VOUT + 3% VSENSE+ Forced to VOUT - 3% CMP = Open
0.8 2.4 500 0.35 3.24 3.30
ERROR AMPLIFIER BANDWIDTH -3 dB LINEAR REGULATOR FEEDBACK CURRENT LINEAR REGULATOR OUTPUT VOLTAGE SHUTDOWN (SD) PIN Low Threshold High Threshold Input Current
NOTES 1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. 2 Dynamic supply current is higher due to the gate charge being delivered to the external MOSFETs. 3 The trip point is for the output voltage coming into regulation. Specifications subject to change without notice.
-2-
REV. A
ADP3155
PIN FUNCTION DESCRIPTIONS
Pin No. 1-4, 20
Mnemonic VID1-VID4, VID0 AGND SD FB1, FB2 VLDO1, VLDO2 SENSE- SENSE+ CT CMP PWRGD VCC DRIVE2 DRIVE1 PGND
Function Voltage Identification DAC Inputs. These pins are pulled up to an internal reference, providing a Logic 1 if left open. The DAC output programs the SENSE- regulation voltage from 1.3 V to 3.5 V. Leaving all five DAC inputs open results in placing the ADP3155 into shutdown. Analog Ground. All internal signals of the ADP3155 are referenced to this ground. Shutdown. A logic high will place the ADP3155 in shutdown and disable both outputs. This pin is internally pulled down. These pin are the feedback connections for the linear controllers. Connect each pin to the resistor divider from each respective linear regulator output to set its output voltage. Gate drives for the respective linear regulator N-channel MOSFETs. Connects to the internal resistor divider that senses the output voltage. This pin is also the reference input for the current comparator. The (+) input for the current comparator. The output current is sensed as a voltage at this pin with respect to SENSE-. External capacitor CT connection to ground sets the off time of the device. Error Amplifier output and compensation point. The voltage at this output programs the output current control level between the SENSE pins. Power Good. An open drain signal indicates that the output voltage is within a 5% regulation band. Supply Voltage to ADP3155. Gate Drive for the (bottom) synchronous rectifier N-channel MOSFET. The voltage at DRIVE2 swings from ground to VCC. Gate Drive for the buck switch N-channel MOSFET. The voltage at DRIVE1 swings from ground to VCC. Power Ground. The drivers turn off the buck and synchronous MOSFETs by discharging their gate capacitances to this pin. PGND should have a low impedance path to the source of the synchronous MOSFET.
PIN CONFIGURATION
VID1 1 VID2 2 VID3 3 VID4 4 AGND 5 SD 6 VID0 PGND DRIVE1 DRIVE2
5 6 7, 14 8, 13 9 10 11 12 15 16 17 18 19
ABSOLUTE MAXIMUM RATINGS*
Input Supply Voltage (VCC) . . . . . . . . . . . . . . -0.3 V to +16 V Shutdown Input Voltage . . . . . . . . . . . . . . . . -0.3 V to +16 V Operating Ambient Temperature Range . . . . . 0C to +70C Junction Temperature Range . . . . . . . . . . . . . 0C to +150C JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110C/W Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +300C
*This is a stress rating only; operation beyond these limits can cause the device to be permanently damaged.
20 19 18 17
VCC TOP VIEW 15 PWRGD (Not to Scale) 14 FB2 FB1 7
13 12 11
ADP3155
16
ORDERING GUIDE
VLDO1 8 SENSE- 9
VLDO2 CMP CT
Model ADP3155JRU
Temperature Range 0C to +70C
Package Description
Package Option
SENSE+ 10
Thin Shrink Small RU-20 Outline (TSSOP)
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADP3155 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. A
-3-
ADP3155
22 ESR = 25m EACH 2200 F 3 1F L2 1H VIN +1.8V VIN +12V
100k
VIN +5V +5V RTN +12V RTN 22 F 1F Q1 IRL3803 Q2 IRL3803 L1 1.7 H RSENSE 5m ESR = 25m EACH 2200 F 6
ADP3155
P SYSTEM
1 2 3 4 5
VID1 VID2 VID3 VID4 AGND SD FB1 VLDO1 SENSE- SENSE+
VID0 20 PGND 19 DRIVE1 18 DRIVE2 17 VCC 16 PWRGD 15 FB2 14 2k VLDO2 13 CMP 12 CT 11 CT 200pF 1nF R2 39k R1 150k
10BQ015
VO 2V 0-19A RTN VINLDO2 +3.3V
1F
6 7
IRF3103 470pF VLDO1 +1.5V 4A RTN
2k
8 9 10
470pF CCOMP 2nF
Q4 IRLR3703 R6 21.7k R5 20k
1F
1000 F
R4 5k R3 20k
VLDO2 1000 F +2.5V 0-2A RTN
220 220
Figure 2. Typical VRM8.2/8.3/8.4 Compliant Core DC/DC Converter Circuit
VCC DRIVE1 DRIVE2 PGND
16 18 17
AGND
5
PWRGD
15
SENSE+ SENSE-
10 9
REFERENCE DELAY VREF + 15% NONOVERLAP DRIVE SD 6 IN CROWBAR 1.20V OFF VREF + 5% VREF - 5% CMPI Q VT2 S R gm VREF R CMPT OFF-TIME CONTROL VIN SENSE-
12 2 14 13
VLDO2 FB2 VLDO1 FB1 VID0
2R
8
VT1
1
VID1 VID2 VID3 VID4
3
ADP3155
DAC
4
11
CT
CMP
Figure 3. Functional Block Diagram
-4-
REV. A
Typical Performance Characteristics- ADP3155
100 VOUT = 3.5V 95 90 85 80 75 70 SEE FIGURE 2 65 1.4 2.8 4.2 5.6 7 8.4 9.8 11.2 12.6 14 OUTPUT CURRENT - Amps 0 50 100 200 300 400 500 600 700 800 TIMING CAPACITOR - pF VOUT = 1.3V VOUT = 2.0V VOUT = 2.8V 450 400 SUPPLY CURRENT - mA 350
FREQUENCY - kHz
45 40 35 30 25 QGATE(TOTAL) = 100nC 20 15 10 5 0 45 58 83 134 OPERATING FREQUENCY - kHz 397
EFFICIENCY - %
300 250 200 150 100 50
Figure 4. Efficiency vs. Output Current
Figure 5. Frequency vs. Timing Capacitor
Figure 6. Supply Current vs. Operating Frequency
SEE FIGURE 2 IOUT = 10A PRIMARY N-DRIVE DRIVER OUTPUT
1
SEE FIGURE 2
VCC = +12V VIN = +5V I OUT = 10A
OUTPUT VOLTAGE 20mV/DIV
SECONDARY N-DRIVE DRIVER OUTPUT
2
OUTPUT CURRENT 19A TO 1A
DRIVE 1 AND 2 = 5V/DIV
500ns/DIV
100ns/DIV
10 s/DIV
Figure 7. Gate Switching Waveforms
Figure 8. Driver Transition Waveforms
Figure 9. Transient Response, 19 A-1 A of Figure 2 Circuit
25 TA = +25 C SEE FIGURE 13 20 NUMBER OF PARTS
OUTPUT VOLTAGE 20mV/DIV
VCC VOLTAGE 5V/DIV
15
3
10
OUTPUT CURRENT 1A TO 19A
4
REGULATOR OUTPUT VOLTAGE 1V/DIV
5
10 s/DIV
10ms/DIV
Figure 10. Transient Response, 1 A-19 A of Figure 2 Circuit
Figure 11. Power-On Start-Up Waveform
Figure 12. Output Accuracy Distribution, VOUT = 2.0 V
REV. A
-5-
-0.55 -0.5 -0.45 -0.4 -0.35 -0.3 -0.25 -0.2 -0.15 -0.1 -0.05 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
0
OUTPUT ACCURACY - %
ADP3155
12V 5-BIT CODE VID0- VID4 SD CMP 1k CT 4700pF AGND PGND VOUT SENSE+ SENSE- VCC
Table I. Output Voltage vs. VID Code
1F 0.1 F
ADP3155
DRIVE1 DRIVE2
VID4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0
VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0
VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0
VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
VOUT 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 No CPU-Shutdown 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 3.10 3.20 3.30 3.40 3.50
100k 1.2V
OP27
0.1 F
Figure 13. Closed-Loop Test Circuit for Accuracy
THEORY OF OPERATION
The ADP3155 uses a current-mode, constant-off-time control technique to switch a pair of external N-channel MOSFETs in a synchronous buck topology. Constant off-time operation offers several performance advantages, including that no slope compensation is required for stable operation. A unique feature of the constant-off-time control technique is that since the offtime is fixed, the converter's switching frequency is a function of the ratio of input voltage to output voltage. The fixed offtime is programmed by the value of an external capacitor connected to the CT pin. The on-time varies in such a way that a regulated output voltage is maintained as described below in the cycle-by-cycle operation. Under fixed operating conditions the on-time does not vary, and it varies only slightly as a function of load. This means that switching frequency is fairly constant in standard VRM applications. In order to maintain a ripple current in the inductor that is independent of the output voltage (which also helps control losses and simplify the inductor design), the off-time is made proportional to the value of the output voltage. Normally, the output voltage is constant and, therefore, the off-time is constant as well.
Active Voltage Positioning
Cycle-by-Cycle Operation
The output voltage is sensed at the SENSE- pin. A voltageerror amplifier, (gm), amplifies the difference between the output voltage and a programmable reference voltage. The reference voltage is programmed to between 1.3 V and 3.5 V by an internal 5-bit DAC, which reads the code at the voltage identification (VID) pins. (Refer to Table I for output voltage vs. VID pin code information.) A unique supplemental regulation technique called active voltage positioning with optimal compensation adjusts the output voltage as a function of the load current so that it is always optimally positioned for a load transient. Standard (passive) voltage positioning, sometimes recommended for use with other architectures, has poor dynamic performance which renders it ineffective under the stringent repetitive transient conditions specified in Intel VRM documents. Consequently, such techniques do not allow the minimum possible number of output capacitors to be used. Optimally compensated active voltage positioning as used in the ADP3155 provides a bandwidth for transient response that is limited only by parasitic output inductance. This yields optimal load transient response with the minimum number of output capacitors.
During normal operation (when the output voltage is regulated), the voltage-error amplifier and the current comparator (CMPI) are the main control elements. (See the block diagram of Figure 3.) During the on-time of the high side MOSFET, CMPI monitors the voltage between the SENSE+ and SENSE- pins. When the voltage level between the two pins reaches the threshold level VT1, the high side drive output is switched to ground, which turns off the high side MOSFET. The timing capacitor CT is then discharged at a rate determined by the off-time controller. While the timing capacitor is discharging, the low side drive output goes high, turning on the low side MOSFET. When the voltage level on the timing capacitor has discharged to the threshold voltage level VT2, comparator CMPT resets the SR flip-flop. The output of the flip-flop forces the low side drive output to go low and the high side drive output to go high. As a result, the low side switch is turned off and the high side switch is turned on. The sequence is then repeated. As the load current increases, the output voltage starts to decrease. This causes an increase in the output of the voltage-error amplifier, which, in turn, leads to an increase in the current comparator threshold VT1, thus tracking the load current. To prevent cross conduction of the external MOSFETs, feedback is incorporated to sense the state of the driver output pins. Before the low side drive output can go high, the high side drive output must be low. Likewise, the high side drive output is unable to go high while the low side drive output is high. -6- REV. A
ADP3155
Power Good
The ADP3155 has an internal monitor that senses the output voltage and drives the PWRGD pin of the device. This pin is an open drain output whose high level (when connected to a pullup resistor) indicates that the output voltage has been within a 5% regulation band of the targeted value for more than 500 s. The PWRGD pin will go low if the output is outside the regulation band for more than 500 s.
Output Crowbar
During the standby operating state, the 12 V, 5 V and 3.3 V power supply outputs are disabled, and only a low power 5 V rail (5VSB) is available. The circuits that must remain active in standby must be able to run from 5VSB. To accomplish this, power routing is required to allow switching between normal and standby supplies. Lack of a 12 V rail in standby makes control of linear outputs difficult, and with up to 8 A demand from the 1.5 V and 1.8 V rails, an all-linear solution is inefficient. Figure 14 shows a typical ACPI-compliant Pentium III/chipset power management system using the ADP3155 and ADP3156. The ADP3155 provides VID switched output and two linear regulators for standby operation. A charge-pump-doubled 5VSB is ORed into the supply rail to supply the linear regulators during standby operation. The VID output collapses when the main 5 V rail collapses, but the N-channel MOSFET linear regulators can continue to supply current from the ~9 V supply. The ADP3156 provides 1.8 V via its main switching regulator, and allows efficient linear regulation of 1.5 V rail by using the 1.8 V output as its source.
Specifications for a Design Example
An added feature of using an N-channel MOSFET as the synchronous switch is the ability to crowbar the output with the same MOSFET. If the output voltage is 15% greater than the targeted value, the ADP3155 will turn on the lower MOSFET, which will current-limit the source power supply or blow its fuse, pull down the output voltage, and thus save the microprocessor from destruction. The crowbar function releases at approximately 50% of the nominal output voltage. For example, if the output is programmed to 2.0 V, but is pulled up to 2.3 V or above, the crowbar will turn on the lower MOSFET. If in this case the output is pulled down to less than 1.0 V, the crowbar will release, allowing the output voltage to recover to 2.0 V if the fault condition has been removed.
Shutdown
The design parameters for a typical 300 MHz Pentium II application (Figure 2) are as follows: Input Voltage: VIN = 5 V Auxiliary Input: VCC = 12 V Output Voltage: VO = 2.8 V Maximum Output Current: IOMAX = 14.2 A dc Minimum Output Current: IOMIN = 0.8 A dc Static tolerance of the supply voltage for the processor core: VOST+ = 100 mV VOST- = -60 mV
The ADP3155 has a shutdown (SD) pin that is pulled down by an internal resistor. In this condition the device functions normally. This pin should be pulled high to disable the output drives.
APPLICATION INFORMATION
A number of power conversion requirements must be considered when designing an ACPI compliant system. In normal operating mode, 12 V, 5 V and 3.3 V are available from the main supply. These voltages need to be converted into the appropriate supply voltages for the Northbridge core, the Southbridge core and RAMBUS memory, as well as supplies for GTL and I/O drivers, CMOS memory and clock and graphics (AGP) circuits.
ATX (OR NLX) POWER SUPPLY
12V 5V 3.3V 12V 5V 3.3V 5V_PM ATX_POWERGOOD ATX_SHUTDOWN ATX_POWER GOOD 12V VCC ATXPG POWER MANAGEMENT STATE COMMAND 5V_PM PMSC 5V_PM
12V
5V_ALWAYS ATX_PGOOD ATX_SHUTDOWN GND
POWER MANAGEMENT FUNCTIONS
VCC
DUAL OUTPUT SUPPLY
ADP3156
LIN_ CTRLS 5V
ADP3155
LIN#2_ CTRLS 5V LIN#1_ CTRLS
VCC VID_4:0 MAIN_ CTRLS IN VID
TRIPLE OUTPUT SUPPLY
MAIN_ CTRLS IN
1.8V FOR SB CORE, MEM, ETC
OUT
SWITCHER
SWITCHER
CTRLS
CTRLS
OUT
CPU VCORE @ VID
1.5V VTT FOR GTL
OUT
LINEAR
IN CTRLS
5V_PM
IN
LINEAR#1
CTRLS
OUT
3.3V_PM FOR POWER MANAGEMENT
1.5V OR 3.3V VDDQ FOR AGP TYPEDET# FOR AGP SELECT
VDDQ SELECT
3.3V_IN 1.5V_IN
3.3V
5V_PM
IN
POWER ROUTING
LINEAR#2
CTRLS
OUT
2.5V_PM FOR CMOS, CLOCK, MEMORY
Figure 14. ACPI-Compliant Pentium III System Block Diagram
REV. A
-7-
ADP3155
Transient tolerance (for less than 2 s) of the supply voltage for the processor core when the load changes between the minimum and maximum values with a di/dt of 30 A/s: VOTR+ = 130 mV VOTR- = -130 mV Input current di/dt when the load changes between the minimum and maximum values: less than 0.1 A/s The above requirements correspond to Intel's published power supply requirements based on VRM 8.2 guidelines.
CT Selection for Operating Frequency COUT Selection--Determining the ESR
The required ESR and capacitance drive the selection of the type and quantity of the output capacitors. The ESR must be small enough that both the resistive voltage deviation due to a step change in the load current and the output ripple voltage stay below the values defined in the specification of the supplied microprocessor. The capacitance must be large enough that the output is held up while the inductor current ramps up or down to the value corresponding to the new load current. The total static tolerance of the Pentium II processor is 160 mV. Taking into account the 1% setpoint accuracy of the ADP3155, and assuming a 0.5% (or 14 mV) peak-to-peak ripple, the allowed static voltage deviation of the output voltage when the load changes between the minimum and maximum values is 80 mV. Assuming a step change of I = IOMAX-IOMIN = 13.4 A, and allocating all of the total allowed static deviation to the contribution of the ESR sets the following limit: 80 mV = 5.9 m RE ( MAX ) = ESRMAX1 = 13.4 A The output filter capacitor must have an ESR of less than 5.9 m. One can use, for example, six FA-type capacitors from Panasonic, with 2700 F capacitance, 10 V voltage rating, and 34 m ESR. The six capacitors have a total ESR of 5.7 m when connected in parallel, which gives adequate margin.
Inductor Selection
The ADP3155 uses a constant-off-time architecture with tOFF determined by an external timing capacitor CT. Each time the high side N-channel MOSFET switch turns on, the voltage across CT is reset to approximately 3.3 V. During the off time, C T is discharged by a constant current of 65 A. Once CT reaches 2.3 V, a new on-time cycle is initiated. The value of the off-time is calculated using the continuous-mode operating frequency. Assuming a nominal operating frequency of fNOM = 200 kHz at an output voltage of 2.8 V, the corresponding off time is: V 1 tOFF = 1 - O = 2.2 s VIN f NOM The timing capacitor can be calculated from the equation:
CT =
tOFF x 65 A = 143 pF 1V
The minimum inductor value can be calculated from ESR, offtime, dc output voltage and allowed peak-to-peak ripple voltage.
L MIN1 = VOtOFF RE ( MAX ) 2.8 V x 2.2 s x 5.9 m = = 2.6 H 14 mV VRIPPLE, p - p
The converter operates at the nominal operating frequency only at the above specified VOUT and at light load. At higher VOUT or heavy load, the operating frequency decreases due to the parasitic voltage drops across the power devices. The actual minimum frequency at VOUT = 2.8 V is calculated to be 160 kHz (see Equation 1), where: IIN RIN RDS(ON)HSF RDS(ON)LSF RSENSE RL is the input dc current (assuming an efficiency of 90%, IIN = 9 A) is the resistance of the input filter (estimated value: 7 m) is the resistance of the high side MOSFET (estimated value: 10 m) is the resistance of the low side MOSFET (estimated value: 10 m) is the resistance of the sense resistor (estimated value: 7 m) is the resistance of the inductor (estimated value: 6 m)
The minimum inductance gives a peak-to-peak ripple current of 2.15 A, or 15% of the maximum dc output current IOMAX. The inductor peak current in normal operation is: ILPEAK = IOMAX + IRPP/2 = 15.3 A The inductor valley current is: ILVALLEY = ILPEAK - IRPP = 13 A The inductor for this application should have an inductance of 2.6 H at full load current and should not saturate at the worst-case overload or short circuit current at the maximum specified ambient temperature. A suitable inductor is the CTX12-13855 from Coiltronics, which is 4.4 H at 1 A and about 2.5 H at 14.2 A.
f MIN =
1 tOFF
x
VIN - I IN RIN - IOMAX ( RDS(ON )HSF + RSENSE + RL )-VO = 160 kHz VIN - I IN RIN - IOMAX ( RDS(ON )HSF + RSENSE + RL - RDS(ON )LSF )
(1)
-8-
REV. A
ADP3155
Tips for Selecting the Inductor Core Current Transformer Option
Ferrite designs have very low core loss, so the design should focus on copper loss and on preventing saturation. Molypermalloy, or MPP, is a low loss core material for toroids, and it yields the smallest size inductor, but MPP cores are more expensive than ferrite cores or the Kool M(R) cores from Magnetics, Inc. The lowest cost core is made of powdered iron, for example the #52 material from Micrometals, Inc., but yields the largest size inductor.
COUT Selection--Determining the Capacitance
An alternative to using a low value and high power current sense resistor is to reduce the sensed current by using a low cost current transformer and a diode. The current can then be sensed with a small-size, low cost SMT resistor. Using a transformer with one primary and 50 secondary turns reduces the worst-case resistor dissipation to a few mW. Another advantage of using this option is the separation of the current and voltage sensing, which makes the voltage sensing more accurate.
Power MOSFETs
The minimum capacitance of the output capacitor is determined from the requirement that the output be held up while the inductor current ramps up (or down) to the new value. The minimum capacitance should produce an initial dv/dt that is equal (but opposite in sign) to the dv/dt obtained by multiplying the di/dt in the inductor and the ESR of the capacitor:
C MIN I - IOMIN 14.2 A - 0.8 A = OMAX = RE (di / dt ) 5.9 m x 2.2 A / 4.4 H
Two external N-channel power MOSFETs must be selected for use with the ADP3155, one for the main switch and an identical one for the synchronous switch. The main selection parameters for the power MOSFETs are the threshold voltage VGS(TH) and the on resistance RDS(ON). The minimum input voltage dictates whether standard threshold or logic-level threshold MOSFETs must be used. For VIN > 8 V, standard threshold MOSFETs (VGS(TH) < 4 V) may be used. If VIN is expected to drop below 8 V, logic-level threshold MOSFETs (VGS(TH) < 2.5 V) are strongly recommended. Only logic-level MOSFETs with VGS ratings higher than the absolute maximum of VCC should be used. The maximum output current IOMAX determines the RDS(ON) requirement for the two power MOSFETs. When the ADP3155 is operating in continuous mode, the simplifying assumption can be made that one of the two MOSFETs is always conducting the average load current. For VIN = 5 V and VOUT = 2.8 V, the maximum duty ratio of the high side FET is: DMAXHF = (1 - fMIN x tOFF) = (1 kHz-160 kHz x 2.2 s) = 65% The maximum duty ratio of the low side (synchronous rectifier) FET is: DMAXLF = 1 - DMAXHF = 35% The maximum rms current of the high side FET is: IRMSHS = [DMAXHF (ILVALLEY2 + ILPEAK2 + ILVALLEYILPEAK)/3]0.5 = 13.1 A rms The maximum rms current of the low side FET is: IRMSLS = [DMAXLF (ILVALLEY2 + ILPEAK2 + ILVALLEYILPEAK)/3]0.5 = 8.41 A rms The RDS(ON) for each FET can be derived from the allowable dissipation. If 5% of the maximum output power is allowed for FET dissipation, the total dissipation will be: PFETALL = 0.05 VOIOMAX = 2 W Allocating half of the total dissipation for the high side FET and half for the low side FET, the required minimum FET resistances will be: RDS(ON)HSF(MIN) = 1.33 W/(11.5 A)2 = 10 m RDS(ON)LSF(MIN) = 0.67 W/(8.41 A)2 = 9.5 m Note that there is a trade-off between converter efficiency and cost. Larger FETs reduce the conduction losses and allow higher efficiency, but increase the system cost. If efficiency is not a major concern, the International Rectifier IRL3103 is an economical choice for both the high side and low side positions. Those devices have an RDS(ON) of 14 m at VGS = 10 V and at +25C. The low side FET is turned on with at least 10 V. The
(
)
= 4.5 mF
In the above equation the value of di/dt is calculated as the smaller voltage across the inductor (i.e., VIN-VOUT rather than VOUT) divided by the maximum inductance (4.4 H) of the Coiltronics CTX12-13855 inductor. The six parallel-connected 2700 F capacitors have a total capacitance of 16,200 F, so the minimum capacitance requirement is met with ample margin.
RSENSE
The value of RSENSE is based on the required output current. The current comparator of the ADP3155 has a threshold range that extends from 0 mV to 125 mV (minimum). Note that the full 125 mV range cannot be used for the maximum specified nominal current, as headroom is needed for current ripple and transients. The current comparator threshold sets the peak of the inductor current yielding a maximum output current, IOMAX, which equals the peak value less half of the peak-to-peak ripple current. Solving for RSENSE allowing a 20% margin for overhead, and using the minimum current sense threshold of 125 mV yields: RSENSE = (125 mV)/[1.2(IOMAX + IRPP /2)] = 6.8 m Once RSENSE has been chosen, the peak short-circuit current ISC(PK) can be predicted from the following equation: ISC(PK) = (145 mV)/RSENSE = (145 mV)/(6.7 m) = 21.5 A The actual short-circuit current is less than the above calculated ISC(PK) value because the off-time rapidly increases when the output voltage drops below 1 V. The relationship between the off-time and the output voltage is:
tOFF CT x 1 V VO + 2 A 360 k
With a short circuit across the output, the off-time will be about 70 s. During that time the inductor current gradually decays. The amount of decay depends on the L/R time constant in the output circuit. With an inductance of 2.5 H and total resistance of 23 m, the time constant will be 108 s. This yields a valley current of 11.3 A and an average short-circuit current of about 16.3 A. To safely carry the short-circuit current, the sense resistor must have a power rating of at least 16.3 A2 x 6.8 m = 1.8 W. REV. A -9-
ADP3155
high side FET, however, is turned on with only 12 V - 5 V = 7 V. Checking the typical output characteristics of the device in the data sheet shows that for an output current of 10 A, and at a VGS of 7 V, the VDS is 0.15 V. This gives an RDS(ON) only slightly above the one specified at a VGS of 10 V, so the resistance increase due to the reduced gate drive can be neglected. The specified RDS(ON) at the expected highest FET junction temperature of +140C must be modified by an RDS(ON) multiplier, using the graph in the data sheet. In this case: RDS(ON)MULT = 1.7 Using this multiplier, the expected RDS(ON) at +140C is 1.7 x 14 m = 24 m. The high side FET dissipation is: PDFETHS = IRMSHS2RDS(ON) + 0.5 VINILPEAKQGfMIN/IG ~ 3.72 W where the second term represents the turn-off loss of the FET. (In the second term, QG is the gate charge to be removed from the gate for turn-off and IG is the gate current. From the data sheet, QG is about 50 nC-70 nC and the gate drive current provided by the ADP3155 is about 1 A.) The low side FET dissipation is: PDFETLS = IRMSLS2 RDS(ON) = 1.7 W (Note that there are no switching losses in the low side FET.) To maintain an acceptable MOSFET junction temperature, proper heat sinks should be used. The Thermalloy 6030 heat sink has a thermal impedance of 13C/W with convection cooling. With this heat sink, the junction-to-ambient thermal impedance of the chosen high side FET JAHS will be 13C/W (heat sink-to-ambient) + 2C/W (junction-to-case) + 0.5C/W (caseto-heat sink) = 15.5C/W. At full load, and at +50C ambient temperature, the junction temperature of the high side FET is: TJHSMAX = TA + JAHS PDFETHS = +105C The same heat sink may be used for the low side FET, e.g., the Thermalloy type 7141 ( = 20.3C/W). With this heat sink, the junction temperature of the low side FET is: TJLSMAX = TA + JALS PDFETLS = +106C All of the above-calculated junction temperatures are safely below the +175C maximum specified junction temperature of the selected FETs. The maximum operating junction temperature of the ADP3155 is calculated as follows: TJICMAX = TA + JA (IICVCC + PDR) where JA is the junction-to-ambient thermal impedance of the ADP3155 and PDR is the drive power. From the data sheet, JA is equal to 110C/W and IIC = 2.7 mA. PDR can be calculated as follows: PDR = (CRSS + CISS)VCC2 fMAX = 307 mW The result is: TJICMAX = +86C
CIN Selection and Input Current di/dt Reduction
capacitors with low equivalent series resistance (ESR) and adequate ripple-current rating must be connected across the input terminals. The maximum rms current of the input bypass capacitors is: ICINRMS = 0.5 IOMAX = 7 A rms For an FA-type capacitor with 2700 F capacitance and 10 V voltage rating, the ESR is 34 m and the allowed ripple current at 100 kHz is 1.94 A. At +105C, at least four such capacitors must be connected in parallel to handle the calculated ripple current. At +50C ambient, however, a higher ripple current can be tolerated, so three capacitors in parallel are adequate. The ripple voltage across the three paralleled capacitors is: VCINRPL = IOMAX [ESRIN/3 +DMAXHF/(3 CIN fMIN )] = 140 mV p-p To further reduce the effect of the ripple voltage on the system supply voltage bus and to reduce the input-current di/dt to below the recommended maximum of 0.1 A/s, an additional small inductor (L > 1.7 H @ 10 A) should be inserted between the converter and the supply bus (see Figure 2).
Feedback Loop Compensation Design for Active Voltage Positioning
Optimized compensation of the ADP3155 allows the best possible containment of the peak-to-peak output voltage deviation. Any practical switching power converter is inherently limited by the inductor in its output current slew rate to a value much less than the slew rate of the load. Therefore, any sudden change of load current will initially flow through the output capacitors, and this will produce an output voltage deviation equal to the ESR of the output capacitor array times the load current change. To correctly implement active voltage positioning, the low frequency output impedance (i.e., the output resistance) of the converter should be made equal to the maximum ESR of the output capacitor array. This can be achieved by having a single pole roll-off of the voltage gain of the gm error amplifier, where the pole frequency coincides with the ESR zero of the output capacitor. A gain with single pole roll-off requires that the gm amplifier output pin be terminated by the parallel combination of a resistor and capacitor. The required resistor value can be calculated from the equation:
RC = 275 k x RtTOTAL 275 k - RtTOTAL
where:
RtTOTAL =
16.4 k x RCS x IOMAX VHI -VLO
and where the quantities 16.4 k and 275 k are characteristic of the ADP3155 and the value of the current sense resistor, RCS, has already been determined as above. Although a single termination resistor equal to RC would yield the proper voltage positioning gain, the dc biasing of that resistor would determine how the regulation band is centered (i.e., offset). Note that sometimes the specified regulation band is asymmetrical with respect to the nominal VID voltage. With the ADP3155, the offset is already considered part of the design procedure--no special provision is required. To accomplish the
In continuous inductor-current mode, the source current of the high side MOSFET is a square wave with a duty ratio of VOUT/ VlN. To keep the input ripple voltage at a low value, one or more
-10-
REV. A
ADP3155
dc biasing, it is simplest to use two resistors to terminate the gm amplifier output, with the lower resistor tied to ground and the upper resistor to the 12 V supply of the IC. The values of these resistors can be calculated using: ADP3155. The output voltage, VOLDO1, 2 in Figure 14, is sensed at the FB pin of the ADP3155 and compared to an internal 1.2 V reference in a negative feedback loop which keeps the output voltage in regulation. If the load is being reduced or increased, the FET drive will also be reduced or increased by the ADP3155 to provide a well regulated 1% accurate output voltage. The output voltage is programmed by adjusting the value of the external resistor RPROG, shown in Figure 15.
Efficiency of the Linear Regulators
RUPPER = RC x
and:
RLOWER = RC x
VDIV VOS
VOS VDIV - VOS
where VDIV is the resistor divider supply voltage (e.g., the recommended 12 V), and VOS is the offset voltage required on the amplifier to produce the desired offset at the output. VOS is calculated using Equation 2, where VOUT(OS) is the offset from the nominal VID-programmed value to the center of the specified regulation window for the output voltage. (Note this may be either positive or negative.) For clarification, that offset is given by:
1 VOUT (OS ) = (VHI +VLO )-VID 2
The efficiency and corresponding power dissipation of each of the linear regulators are not determined by the ADP3155. Rather, these are a function of input and output voltage and load current. Efficiency is approximated by the formula:
= 100% x (VOUT VIN)
The corresponding power dissipation in the MOSFET, together with any resistance added in series from input to output is given by: PLDO = (VIN(LDO) - VOUT(LDO)) x IOUT(LDO) Minimum power dissipation and maximum efficiency are accomplished by choosing the lowest available input voltage that exceeds the desired output voltage. However, if the chosen input source is itself generated by a linear regulator, its power dissipation will be increased in proportion to the additional current it must now provide. For most PC systems, the lowest available input source for the linear regulators, which is not itself generated by a linear regulator, is 3.3 V from the main power supply. Assuming that the 3.3 V supply is used to provide input power for a 1.5 V linear regulator output, the efficiency will inherently be 1.5 V 3.3 V, which is less than 50%. The total current demand in all of the low voltage power rails (e.g., 1.5 V, 1.8 V and 2.5 V) can produce unacceptable dissipation and junction temperatures in the linear regulators. For such systems, Analog Devices recommends the ADP3156--a switching regulator that generates one of the lower voltage outputs (e.g., 1.8 V), which can also be used as a power source to the lower voltage outputs (e.g., 1.5 V). This results is a highly efficient and reliable power conversion system that can readily handle the combined loading specifications for the lower system voltages, with room to spare for the higher current demands and lower voltages of next generation PC systems.
Features
where VHI and VLO are the respective upper and lower limits allowed for regulation. Finally, the compensating capacitance is determined from the equality of the pole frequency of the error amplifier gain and the zero frequency of the impedance of the output capacitor:
CCOMP =
CO x ESR RtTOTAL
Trade-Offs Between DC Load Regulation and AC Load Regulation
Casual observation of the circuit operation--e.g., with a voltmeter --would make it appear that the dc load regulation appears to be rather poor compared to a conventional regulator. This would be especially noticeable under very light or very heavy loads where the voltage is "positioned" near one of the extremes of the regulation window rather than near the nominal center value. It must be noted and understood that this low gain characteristic (i.e., loose dc load regulation) is inherently required to allow improved transient containment (i.e., to achieve tighter ac load regulation). That is, the dc load regulation is intentionally sacrificed (but kept within specification) in order to minimize the number of capacitors required to contain the load transients produced by the CPU.
Linear Regulators
The two ADP3155 linear regulators provide a low cost, convenient and versatile solution for generating additional lower supply rails that can be programmed in the range 1.2 V-5 V. The maximum output load current is determined by the size and thermal impedance of the external N-channel power MOSFET that is placed in series with the supply and controlled by the
Rt RC x 0.8 V + VOUT (OS ) TOTAL - 1.7 V 1.36 k RtTOTAL
* Tight DC Regulation Due to 1% Reference and High Gain * Output Voltage Stays Within Specified Limits at Load Current Step with 30 A/s Slope * Fast Response to Input Voltage or Load Current Transients Overcurrent protection may be provided by the addition of an external NPN transistor and an external resistor RS2. The design specification and procedure is given below.
VOS =
RtTOTAL 275 k + 6 RCS IOMAX
(2)
REV. A
-11-
ADP3155
Linear Regulator Design Example LAYOUT AND COMPONENT PLACEMENT GUIDELINES
Maximum Ambient Temperature . . . . . . . . . . . . TA = +50C Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN = 5 V Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VO2 = 3.3 V Maximum Output Current . . . . . . . . . . . . . . . IO2MAX = 0.5 A Maximum Output Load Transient Allowed . . . VTR2 = 0.036 V Chosen MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . IRLR2703 Junction-to-Ambient Thermal Impedance (MOSFET)1 JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40C/W
1
The following guidelines are recommended for optimal performance of a switching regulator in a PC system:
General Recommendations
1.
Uses 1-inch square PCB cu-foil as heat sink.
The output voltage may be programmed by the RPROG resistor as follows:
V 3.3 V RPROG = O2 - 1 x 20 k = - 1 x 20 k = 35 k 1.2 V 1.2 V
For best results, a four-layer (minimum) PCB is recommended. This should allow the needed versatility for control circuitry interconnections with optimal placement, a signal ground plane, power planes for both power ground and the input power (e.g., 5 V), and wide interconnection traces in the rest of the power delivery current paths. Each square unit of 1 ounce copper trace has a resistance of ~0.53 m at room temperature. Whenever high currents must be routed between PCB layers, vias should be used liberally to create several parallel current paths so that the resistance and inductance introduced by these current paths is minimized and the via current rating is not exceeded. The power and ground planes should overlap each other as little as possible. It is generally easiest (although not necessary) to have the power and signal ground planes on the same PCB layer. The planes should be connected nearest to the first input capacitor where the input ground current flows from the converter back to the power source (e.g., 5 V). If critical signal lines (including the voltage and current sense lines of the ADP3155) must cross through power circuitry, it is best if a signal ground plane can be interposed between those signal lines and the traces of the power circuitry. This serves as a shield to minimize noise injection into the signals at the expense of making signal ground a bit noisier. The PGND pin of the ADP3155 should connect first to a ceramic bypass capacitor (on the VCC pin) and then into the power ground plane using the shortest possible trace. However, the power ground plane should not extend under other signal components, including the ADP3155 itself. If necessary, follow the preceding guideline to use the signal plane as a shield between the power ground plane and the signal circuitry. The AGND pin of the ADP3155 should connect first to the timing capacitor (on the CT pin), and then into the signal ground plane. In cases where no signal ground plane can be used, short interconnections to other signal ground circuitry in the power converter should be used--the compensation capacitor being the next most critical. The output capacitors of the power converter should be connected to the signal ground plane even though power current flows in the ground of these capacitors. For this reason, it is advised to avoid critical ground connections (e.g., the signal circuitry of the power converter) in the signal ground plane between the input and output capacitors. It is also advised to keep the planar interconnection path short (i.e., have input and output capacitors close together).
2.
The current sense resistor may be calculated as follows:
RS2 = 0.54 V IO2 MAX = 0.54 V 0.5 A = 1.1
3.
The power rating is: PS2 = RS2 x (IO2MAX x 1.1)2 = 0.33 W Use a 0.5 W resistor. The maximum FET junction temperature at shorted output is: TFETMAX = TA + (JA x VIN x IO2MAX x 1.1) = +50C + (40C/W x 5 V x 0.5 A x 1.1) = +160C which is within the maximum allowed by the FET's data sheet. The maximum FET junction temperature at nominal output is: TFETMAX = TA + (JA x (VIN - VO2) x IO2MAX ) = +50C + (40C/W x (5 V - 3.3 V ) x 0.5 A) = +84C The output filter capacitor maximum allowed ESR is: ESR ~ VTR2/IOMAX = 0.036 V/0.5 A = 0.072 This requirement is met using a 1000 F/10 V LXV series capacitor from United Chemicon. For applications requiring higher output current, a heat sink and/or a larger MOSFET should be used to reduce the MOSFET's junction-to-ambient thermal impedance.
VIN RS2 1.1 2k 470pF 2N2222 RPROG 35k
4.
5.
6.
ADP3155
VLDO1, 2
VOLDO1, 2 IOLDO1, 2
FB1, 2
1000 F/10V
20k
7.
Figure 15. Linear Regulator with Overcurrent Protection
-12-
REV. A
ADP3155
8. The output capacitors should also be connected as closely as possible to the load (or connector) that receives the power (e.g., a microprocessor core). If the load is distributed, the capacitors also should be distributed, and generally in proportion to where the load tends to be more dynamic. Absolutely avoid crossing any signal lines over the switching power path loop, described below. 12. A small ferrite bead inductor placed in series with the drain of the lower FET can also help to reduce this previously described source of switching power loss. 13. Whenever a power dissipating component (e.g., a power MOSFET) is soldered to a PCB, the liberal use of vias, both directly on the mounting pad and immediately surrounding it, is recommended. Two important reasons for this are: improved current rating through the vias (if it is a current path), and improved thermal performance--especially if the vias extended to the opposite side of the PCB where a plane can more readily transfer the heat to the air. 14. The output power path, though not as critical as the switching power path, should also be routed to encompass a small area. The output power path is formed by the current path through the inductor, the current sensing resistor, the output capacitors, and back to the input capacitors. 15. For best EMI containment, the power ground plane should extend fully under all the power components except the output capacitors. These are: the input capacitors, the power MOSFETs and Schottky diode, the inductor, the current sense resistor and any snubbing elements that might be added to dampen ringing. Avoid extending the power ground under any other circuitry or signal lines, including the voltage and current sense lines.
Signal Circuitry
9.
Power Circuitry
10. The switching power path should be routed on the PCB to encompass the smallest possible area in order to minimize radiated switching noise energy (i.e., EMI). Failure to take proper precaution often results in EMI problems for the entire PC system as well as noise-related operational problems in the power converter control circuitry. The switching power path is the loop formed by the current path through the input capacitors, the two FETs and the power Schottky diode, if used, including all interconnecting PCB traces and planes. The use of short and wide interconnection traces is especially critical in this path for two reasons: it minimizes the inductance in the switching loop, which can cause highenergy ringing, and it accommodates the high current demand with minimal voltage loss. 11. A power Schottky diode (1 ~ 2 A dc rating) placed from the lower FET's source (anode) to drain (cathode) will help to minimize switching power dissipation in the upper FET. In the absence of an effective Schottky diode, this dissipation occurs through the following sequence of switching events. The lower FET turns off in advance of the upper FET turning on (necessary to prevent cross-conduction). The circulating current in the power converter, no longer finding a path for current through the channel of the lower FET, draws current through the inherent body-drain diode of the FET. The upper FET turns on, and the reverse recovery characteristic of the lower FET's body-drain diode prevents the drain voltage from being pulled high quickly. The upper FET then conducts very large current while it momentarily has a high voltage forced across it, which translates into added power dissipation in the upper FET. The Schottky diode minimizes this problem by carrying a majority of the circulating current when the lower FET is turned off, and by virtue of its essentially nonexistent reverse recovery time.
16. The output voltage is sensed and regulated between the AGND pin (which connects to the signal ground plane) and the SENSE- pin. The output current is sensed (as a voltage) and regulated between the SENSE- pin and the SENSE+ pin. In order to avoid differential mode noise pickup in those sensed signals, their loop areas should be small. Thus the SENSE- trace should be routed atop the signal ground plane, and the SENSE+ and SENSE- traces should be routed as a closely coupled pair (SENSE+ should be over the signal ground plane as well). 17. The SENSE+ and SENSE- traces should be Kelvin connected to the current sense resistor so that the additional voltage drop due to current flow on the PCB at the current sense resistor connections does not affect the sensed voltage. It is desirable to have the ADP3155 close to the output capacitor bank and not in the output power path, so that any voltage drop between the output capacitors and the AGND pin is minimized, and voltage regulation is not compromised.
REV. A
-13-
ADP3155
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Lead Thin Shrink Small Outline (TSSOP) RU-20
0.260 (6.60) 0.252 (6.40)
20
11
0.177 (4.50) 0.169 (4.30)
1 10
0.256 (6.50) 0.246 (6.25)
0.006 (0.15) 0.002 (0.05)
PIN 1
0.0433 (1.10) MAX
SEATING PLANE
0.0256 (0.65) BSC
0.0118 (0.30) 0.0075 (0.19)
0.0079 (0.20) 0.0035 (0.090)
8 0
0.028 (0.70) 0.020 (0.50)
-14-
REV. A
PRINTED IN U.S.A.
C3579a-2-6/99


▲Up To Search▲   

 
Price & Availability of ADP3155

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X