Part Number Hot Search : 
BC848AW P1000 RHF350 TJA1051E HT3401 P0J33 MPSA42 IRF540N
Product Description
Full Text Search
 

To Download AD652 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Full-Scale Frequency (Up to 2 MHz) Set by External System Clock Extremely Low Linearity Error (0.005% max at 1 MHz FS, 0.02% max at 2 MHz FS) No Critical External Components Required Accurate 5 V Reference Voltage Low Drift (25 ppm/ C max) Dual or Single Supply Operation Voltage or Current Input MIL-STD-883 Compliant Versions Available
Monolithic Synchronous Voltage-to-Frequency Converter AD652
FUNCTIONAL BLOCK DIAGRAM
PRODUCT DESCRIPTION
PRODUCT HIGHLIGHTS
The AD652 Synchronous Voltage-to-Frequency Converter (SVFC) is a powerful building block for precision analog-todigital conversion, offering typical nonlinearity of 0.002% (0.005% maximum) at a 100 kHz output frequency. The inherent monotonicity of the transfer function and wide range of clock frequencies allows the conversion time and resolution to be optimized for specific applications. The AD652 uses a variation of the popular charge-balancing technique to perform the conversion function. The AD652 uses an external clock to define the full-scale output frequency, rather than relying on the stability of an external capacitor. The result is a more stable, more linear transfer function, with significant application benefits in both single- and multichannel systems. Gain drift is minimized using a precision low drift reference and low TC on-chip thin-film scaling resistors. Furthermore, the initial gain error is reduced to less than 0.5% by the use of laser-wafer-trimming. The analog and digital sections of the AD652 have been designed to allow operation from a single-ended power source, simplifying its use with isolated power supplies. The AD652 is available in five performance grades. The 20-lead PLCC packaged JP and KP grades are specified for operation over the 0C to +70C commercial temperature range. The 16-lead cerdip-packaged AQ and BQ grades are specified for operation over the -40C to +85C industrial temperature range, and the AD652SQ is available for operation over the full -55C to +125C extended temperature range.
1. The use of an external clock to set the full-scale frequency allows the AD652 to achieve linearity and stability far superior to other monolithic VFCs. By using the same clock to drive the AD652 and (through a suitable divider) also set the counting period, conversion accuracy is maintained independent of variations in clock frequency. 2. The AD652 Synchronous VFC requires only a single external component (a noncritical integrator capacitor) for operation. 3. The AD652 includes a buffered, accurate 5 V reference which is available to the user. 4. The clock input of the AD652 is TTL and CMOS compatible and can also be driven by sources referred to the negative power supply. The flexible open-collector output stage provides sufficient current sinking capability for TTL and CMOS logic, as well as for optical couplers and pulse transformers. A capacitor-programmable one-shot is provided for selection of optimum output pulse width for power reduction. 5. The AD652 can also be configured for use as a synchronous F/V converter for isolated analog signal transmission. 6. The AD652 is available in versions compliant with MILSTD-883. Refer to the Analog Devices Military Products Databook or current AD652/883B data sheet for detailed specifications.
REV. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
AD652-SPECIFICATIONS (typical @ T = +25 C, V =
A S
15 V, unless otherwise noted)
Min AD652KP/BQ Typ Max Units
Parameter VOLTAGE-TO-FREQUENCY MODE Gain Error fCLOCK = 200 kHz fCLOCK = 1 MHz fCLOCK = 4 MHz Gain Temperature Coefficient fCLOCK = 200 kHz fCLOCK = 1 MHz fCLOCK = 4 MHz Power Supply Rejection Ratio Linearity Error fCLOCK = 200 kHz fCLOCK = 1 MHz fCLOCK = 2 MHz fCLOCK = 4 MHz Offset (Transfer Function, RTI) Offset Temperature Coefficient Response Time FREQUENCY-TO-VOLTAGE MODE Gain Error fIN = 100 kHz FS Linearity Error fIN = 100 kHz FS INPUT RESISTORS Cerdip (Figure 1a)(0 to +10 V FS Range) PLCC (Figure lb) Pin 8 to Pin 7 Pin 7 to Pin 5 (0 V to +5 V FS Range) Pin 8 to Pin 5 (0 V to +10 V FS Range) Pin 9 to Pin 5 (0 V to +8 V FS Range) Pin 10 to Pin 5 (Auxiliary Input) Temperature Coefficient (All) INTEGRATOR OP AMP Input Bias Current Inverting Input (Pin 5) Noninverting Input (Pin 6) Input Offset Current Input Offset Current Drift Input Offset Voltage Input Offset Voltage Drift Open Loop Gain Common-Mode Input Range CMRR Bandwidth Output Voltage Range (Referred to Pin 6, R1 > = 5k) COMPARATOR Input Bias Current Common-Mode Voltage CLOCK INPUT Maximum Frequency Threshold Voltage (Referred to Pin 12) TMIN to TMAX Input Current (-VSMin
AD652JP/AQ/SQ Typ Max
0.5 0.5 0.5 25 25 10 25 0.001
1 1 1.5 50 50 50 75 0.01
0.25 0.25 0.25 15 15 10 15 0.001
0.5 0.5 0.75 25 25 30 50 0.01
% % % ppm/C ppm/C ppm/C1 ppm/C %/V % % % % mV V/C
0.002 0.02 0.002 0.005 0.002 0.02 0.002 0.005 0.01 0.02 0.002 0.005 0.02 0.05 0.01 0.02 1 3 1 2 10 50 10 25 One Period of New Output Frequency Plus One Clock Period.
0.5 0.002 19.8 9.9 9.9 19.8 15.8 19.8 20 10 10 20 16 20 50
1 0.02 20.2 10.1 10.1 20.2 16.2 20.2 100 19.8 9.9 9.9 19.8 15.8 19.8
0.25 0.002 20 10 10 20 16 20 50
0.5 0.01 20.2 10.1 10.1 20.2 16.2 20.2 100
% % k k k k k k ppm/C
5 20 20 1 1 10 86 -VS + 5 80 14 -1
20 50 70 3 3 25 +VS - 5 -VS + 5 80 14 -1
5 20 20 1 1 10 86
95 (+VS - 4)
95
nA nA nA nA/C mV V/C dB +VS - 5 V dB MHz (+VS - 4) V
20 50 70 2 2 15
0.5 -VS + 4 4 0.8 5 -VS 5 1.2
5 + VS - 4
0.5 -VS + 4 4 5 1.2
5 +VS - 4
A V MHz V V A V s REV. B
2.0 20 +VS 2 -2-
0.8 5 -VS
2.0 20 +VS 2
AD652
Parameter OUTPUT STAGE VOL (IOUT = 10 mA) IOL VOL<0.8 V VOL<0.4 V, TMIN-TMAX IOH (Off Leakage) Delay Time, Positive Clock Edge to Output Pulse Fall Time (Load = 500 pF and ISINK = 5 mA) Output Capacitance OUTPUT ONE-SHOT Pulsewidth, tOS COS = 300 pF COS = 1000 pF REFERENCE OUTPUT Voltage Drift Output Current Source TMIN to TMAX Sink Power Supply Rejection (Supply Range = 12.5 V to 17.5 V) Output Impedance (Sourcing Current) POWER SUPPLY Rated Voltage Operating Range Dual Supplies Single Supply (-VS = 0) Quiescent Current Digital Common Analog Common TEMPERATURE RANGE Specified Performance JP, KP Grade AQ, BQ Grade SQ Grade Min AD652JP/AQ/SQ Typ Max 0.4 15 8 10 250 Min AD652KP/BQ Typ Max 0.4 15 8 10 250 Units V mA mA A ns ns pF
150
0.01 200 100 5
150
0.01 200 100 5
1 4 4.950
1.5 5 5.0
2 6 5.050 100
1 4 4.975
1.5 5 5.0
2 6 5.025 50
s s V ppm/C mA A
10 100
500 0.015 2
10 100
500 0.015 2
0.3 15 6 +12 -VS -VS 15 11
0.3 15
%/V V
18 +36 15 +VS - 4 +VS
6 +12 -VS -VS
15 11
18 +36 15 +VS - 4 +VS
V V mA V V
0 -40 -55
+70 +85 +125
0 -40
+70 +85
C C C
NOTES 1 Referred to internal VREF. In PLCC package, tested on 10 V input range only. Specifications in boldface are 100% tested at final test and are used to measure outgoing quality levels. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
DEFINITIONS OF SPECIFICATIONS
Total Supply Voltage +VS to -VS . . . . . . . . . . . . . . . . . . 36 V Maximum Input Voltage (Figure 6) . . . . . . . . . . . . . . . . . 36 V Maximum Output Current (Open Collector Output) . . 50 mA Amplifier Short Circuit to Ground . . . . . . . . . . . . . Indefinite Storage Temperature Range: Cerdip . . . . . . -65C to +150C Storage Temperature Range: PLCC . . . . . . -65C to +150C
GAIN ERROR--The gain of a voltage-to-frequency converter is that scale factor setting that provides the nominal conversion relationship, e.g., 1 MHz full scale. The "gain error" is the difference in slope between the actual and ideal transfer functions for the V-F converter. LINEARITY ERROR--The "linearity error" of a V-F is the deviation of the actual transfer function from a straight line passing through the endpoints of the transfer function. GAIN TEMPERATURE COEFFICIENT--The gain temperature coefficient is the rate of change in full-scale frequency as a function of the temperature from +25C to TMIN or TMAX.
REV. B
-3-
AD652
ORDERING GUIDE
Gain Drift ppm/ C 1 MHz 100 kHz Linearity % 50 max 25 max 50 max 25 max 50 max 0.02 max 0.005 max 0.02 max 0.005 max 0.02 max Specified Temperature Package Range C Options2 0 to +70 0 to +70 -40 to +85 -40 to +85 -55 to +125 PLCC (P-20A) PLCC (P-20A) Cerdip (Q-16) Cerdip (Q-16) Cerdip (Q-16)
Part Number1 AD652JP AD652KP AD652AQ AD652BQ AD652SQ
NOTES 1 For details on grade and package offerings screened in accordance with MILSTD-883, refer to the Analog Devices Military Products Databook or current AD652/883 data sheet. 2 P = Plastic Leaded Chip Carrier; Q = Cerdip.
Figure 1a. Cerdip Pin Configuration
PIN CONFIGURATIONS
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Q-16 PACKAGE +VS TRIM TRIM OP AMP OUT OP AMP "--" OP AMP "+" 10 VOLT INPUT -VS COS CLOCK INPUT FREQ OUT DIGITAL GND ANALOG GND COMP "--" COMP "+" COMP REF P-20A PACKAGE NC +VS NC OP AMP OUT OP AMP "--" OP AMP "+" 5 VOLT INPUT 10 VOLT INPUT 8 VOLT INPUT OPTIONAL 10 V INPUT -VS COS CLOCK INPUT FREQ OUT DIGITAL GROUND ANALOG GND COMP "--" COMP "+" NC COMP REF
The pinouts of the AD652 SVFC are shown in Figure 1. A block diagram of the device configured as a SVFC, along with various system waveforms, is shown in Figure 2.
THEORY OF OPERATION
A synchronous VFC is similar to other voltage-to-frequency converters in that an integrator is used to perform a chargebalance of the input signal with an internal reference current. However, rather than using a one-shot as the primary timing element which requires a high quality and low drift capacitor, a synchronous voltage-to-frequency converter (SVFC) uses an external clock; this allows the designer to determine the system stability and drift based upon the external clock selected. A crystal oscillator may also be used if desired. The SVFC architecture provides other system advantages besides low drift. If the output frequency is measured by counting pulses gated to a signal which is derived from the clock, the clock stability is unimportant and the device simply performs as a voltage controlled frequency divider, producing a high resolution A/D. If a large number of inputs must be monitored simultaneously in a system, the controlled timing relationship between the frequency output pulses and the user supplied clock greatly simplifies this signal acquisition. Also, if the clock signal is provided by a VFC, then the output frequency of the SVFC will be proportional to the product of the two input voltages. Hence, multiplication and A-to-D conversion on two signals are performed simultaneously.
Figure 1b. PLCC Pin Configuration
Figure 2 shows the typical up-and-down ramp integrator output of a charge-balance VFC. After the integrator output has crossed the comparator threshold and the output of the AND gate has gone high, nothing happens until a negative edge of the clock comes along to transfer the information to the output of the D-FLOP. At this point, the clock level is low, so the latch does not change state. When the clock returns high, the latch output goes high and drives the switch to reset the integrator. At the same time the latch drives the AND gate to a low output state. On the very next negative edge of the clock the low output state of the AND gate is transferred to the output of the D-FLOP and then when the clock returns high, the latch output goes low and drives the switch back into the Integrate Mode. At the same time the latch drives the AND gate to a mode where it will truthfully relay the information presented to it by the comparator. Since the reset pulses applied to the integrator are exactly one clock period long, the only place where drift can occur is in a variation of the symmetry of the switching speed with temperature. Since each reset pulse is identical to every other, the AD652 SVFC produces a very linear voltage to frequency transfer relation. Also, since all of the reset pulses are gated by the clock, -4- REV. B
AD652
there are no problems with dielectric absorption causing the duration of a reset pulse to be influenced by the length of time since the last reset. finally, a whole cycle is lost. When the cycle is lost, the Integrate Phase lasts for two periods of the clock instead of the usual three periods. Thus, among a long string of divide-by-fours an occasional divide-by-three occurs; the average of the output frequency is very close to one quarter of the clock, but the instantaneous frequency can be very different. Because of this, it is very difficult to observe the waveform on an oscilloscope. During all of this time, the signal at the output of the integrator is a sawtooth wave with an envelope which is also a sawtooth. This is shown in Figure 4.
Figure 4. Integrator Output for IIN Slightly Greater than 250 A
Figure 2. AD652 Block Diagram and System Waveforms
Referring to Figure 2, it can be seen that the period between output pulses is constrained to be an exact multiple of the clock period. Consider an input current of exactly one quarter of the value of the reference current. In order to achieve a charge balance, the output frequency will equal the clock frequency divided by four; one clock period for reset and three clock periods of integrate. This is shown in Figure 3. If the input current is increased by a very small amount, the output frequency should also increase by a very small amount. Initially, however, no output change is
Another way to view this is that the output is a frequency of approximately one quarter of the clock that has been phase modulated. A constant frequency can be thought of as accumulating phase linearly with time at a rate equal to 2 f radians per second. Hence, the average output frequency which is slightly in excess of a quarter of the clock will require phase accumulation at a certain rate. However, since the SVFC is running at exactly one quarter of the clock, it will not accumulate enough phase (see Figure 5). When the difference between the required phase (average frequency) and the actual phase equals 2 , a step in phase is taken where the deficit is made up instantaneously. The output frequency is then a steady carrier which has been phase modulated by a sawtooth signal (see Figure 5). The period of the sawtooth phase modulation is the time required to accumulate a 2 difference in phase between the required average frequency and one quarter of the clock frequency. The amplitude of the sawtooth phase modulation is 2 .
Figure 3. Integrator Output for lIN = 250 A
observed for a very small increase in the input current. The output frequency continues to run at one quarter of the clock, delivering an average of 250 A to the summing junction. Since the input current is slightly larger than this, charge accumulates in the integrator and the sawtooth signal starts to drift downward. As the integrator sawtooth drifts down, the comparator threshold is crossed earlier and earlier in each successive cycle, until
Figure 5. Phase Modulation
REV. B
-5-
AD652
The result of this synchronism is that the rate at which data may be extracted from the series bit stream produced by the SVFC is limited. The output pulses are typically counted during a fixed gate interval and the result is interpreted as an average frequency. The resolution of such a measurement is determined by the clock frequency and the gate time. For example, if the clock frequency is 4 MHz and the gate time is 4.096 ms, then a maximum count of 8,192 is produced by a full-scale frequency of 2 MHz. Thus, the resolution is 13 bits.
OVERRANGE SVFC CONNECTIONS FOR NEGATIVE INPUT VOLTAGES
Voltages which are negative with respect to ground may be used as the input to the AD652 SVFC. In this case, Pin 7 is grounded and the input voltage is applied to Pin 6 (see Figure 7). In this mode the input voltage can go as low as 4 volts above -VS. In this configuration the input is a high impedance, and only the 20 nA (typical) input bias current of the op amp need be supplied by the input signal. This is contrasted with the more usual positive input voltage configuration, which has a 20 k input impedance and requires 0.5 mA from the signal source.
Since each reset pulse is only one clock period in length, the full-scale output frequency is equal to one-half the clock frequency. At full scale the current steering switch spends half of the time on the summing junction; thus, an input current of 0.5 mA can be balanced. In the case of an overrange, the output of the integrator op amp will drift in the negative direction and the output of the comparator will remain high. The logic circuits will then simply settle into a "divide-by-two" of the clock state.
SVFC CONNECTION FOR DUAL SUPPLY, POSITIVE INPUT VOLTAGES
Figure 6 shows the AD652 connection scheme for the traditional dual supply, positive input mode of operation. The VS range is from 6 volts to 18 volts. When +VS is lower than 9.0 volts, Figure 6 requires three additional connections. The first connection is to short Pin 13 to Pin 8 (Analog Ground to -VS) and add a pull-up resistor to +VS (as shown in Figure 15). The pull-up resistor is determined by the following equation:
Figure 7. Negative Voltage Input
SVFC CONNECTION FOR BIPOLAR INPUT VOLTAGES
2 VS - 5 V RPULLUP = 500 A These connections will ensure proper operation of the 5 V reference. Tie Pin 16 to Pin 6 (as shown in Figure 15) to ensure that the integrator output ramps down far enough to trip the comparator.
The cerdip packaged AD652 accepts either a 0 V to 10 V or 0 mA to 0.5 mA full-scale input signal. The temperature drift of the AD652 is specified for a 0 V to 10 V input range using the internal 20 k resistor. If a current input is used, the gain drift will be degraded by a maximum of 100 ppm/C (the TC of the 20 k resistor). If an external resistor is connected to Pin 5 to establish a different input voltage range, drift will be induced to the extent that the external resistor's TC differs from the TC of the internal resistor. The external resistor used to establish a different input voltage range should be selected as to provide a full-scale current of 0.5 mA (i.e., 10 k for 0 V to 5 V).
A bipolar input voltage of 5 V can be accommodated by injecting a 250 A current into Pin 5. This is shown in Figure 8a. A -5 V signal will then provide a zero sum current at the integrator summing junction which will result in a zero output frequency, while a +5 V signal will provide a 0.5 mA (full-scale) sum current which will result in the full-scale output frequency.
Figure 8a. Bipolar Offset
Figure 6. Standard V/F Connection for Positive Input Voltage with Dual Supply
The use of an external resistor to inject the offset current will have some effect on the bipolar offset temperature coefficient. The ideal transfer curve with bipolar inputs is shown in Figure 8b. The user actually has four options to use in injecting the bipolar offset current into the inverting input of the op amp: 1) use an external resistor for ROS and the internal 20k resistor for RIN (as shown in Figure 8a); 2) use the internal 20k resistor as ROS and an external RIN; 3) use two external resistors; 4) use two internal resistors for RIN and ROS (available on PLCC version only). -6- REV. B
AD652
Option #4 provides the closest to the ideal transfer function as diagrammed in Figure 8b. Figure 8c shows the effects on the transfer relation of the other three options. In the first case, the slope of the transfer function is unchanged with temperature. However, VZERO ( the input voltage required to produce an output frequency of 0 Hz) and FZERO (the output frequency when VIN = 0 V) changes as the transfer function is displaced parallel to the voltage axis with temperature. In the second case, FZERO remains constant, but VZERO changes as the transfer function rotates about FZERO with temperature changes. In the third case, with two external resistors, the VZERO point remains invariant while the slope and offset of the transfer function change with temperature. If selecting this third option, the user should select low drift, matched resistors. be applied to Pin 8 for a 5 V signal and Pin 7 for a 2.5 V signal. The input connections for a 5 V range are shown in Figure 9d. For a 4 V range, the input signal should be applied to Pin 9, and Pin 20 should be connected to Pin 8.
Figure 8b. Ideal Bipolar Input Transfer Curve Over Temperature Figure 9.
GAIN AND OFFSET CALIBRATION
The gain error of the AD652 is laser trimmed to within 0.5%. If higher accuracy is required, the internal 20 k resistor must be shunted with a 2 M resistor to produce a parallel equivalent which is 1% lower in value than the nominal 20 k. Full-scale
Figure 10a. Cerdip Gain and Offset Trim Figure 8c. Actual Bipolar Input Transfer Over Temperature
PLCC CONNECTIONS
The PLCC packaged AD652 offers additional input resistors not found on the cerdip-packaged device. These resistors provide the user with additional input voltage ranges. Besides the 10 V range available using the on-chip resistor in the cerdip part, the PLCC device also offers 8 V and 5 V ranges. Figures 9a-9c show the proper connections for these ranges with positive input voltages. For negative input voltages, the appropriate resistor should be tied to analog ground and the input voltage should be applied to Pin 6, the "+" input of the op amp. Bipolar input voltages can be accommodated by injecting a 250 A into Pin 5 with the use of the 5 V reference and the input resistors. For 5 V or 2.5 V range the reference output, Pin 20, should be tied to Pin 10. The input signal should then REV. B -7-
Figure 10b. PLCC Gain and Offset Trim
AD652
adjustment is then accomplished using a 500 series trimmer. See Figures 10a and 10b. When negative input voltages are used, this 500 trimmer will be tied to ground and Pin 6 will be the input pin. This gain trim should be done with an input voltage of 9 V, and the output frequency should be adjusted to exactly 45% of the clock frequency. Since the device settles into a divide-by-two mode for an input overrange condition, adjusting the gain with a 10 V input is impractical; the output frequency would be exactly one-half the clock frequency if the gain were too high and would not change with adjustment until the exact proper scale factor was achieved. Hence, the gain adjustment should be done with a 9 V input. The offset of the op amp may be trimmed to zero with the trim scheme shown in Figures 10a for the cerdip packaged device and Figure 10b for the PLCC packaged device. One way of trimming the offset is by grounding Pin 7 (8) of the cerdip (PLCC) packaged device and observing the waveform at Pin 4. If the offset voltage of the op amp is positive, then the integrator will have saturated and the voltage will be at the positive rail. If the offset voltage is negative, then there will be a small effective input current that will cause the AD652 to oscillate and a sawtooth waveform will be observed at Pin 4. The trimpot should be adjusted until the downward slope of this sawtooth becomes very slow, down to a frequency of 1 Hz or less. In an analog-to-digital conversion application, an easier way to trim the offset is to apply a small input voltage, such as 0.01% of the full-scale voltage, and adjust the trimpot until the correct digital output is reached.
GAIN PERFORMANCE
reference voltage. For example, a 10 mA load interacting with a 0.3 typical output impedance will change the reference voltage by 0.06%.
DIGITAL INTERFACING CONSIDERATIONS
The AD652 clock input is a high impedance input with a threshold voltage of two diode voltages with respect to Digital Ground at Pin 12 (approximately 1.2 volts at room temp). When the clock input is low, 5 A-10 A flows out of this pin. When the clock input is high, no current flows. The frequency output is an open collector pull-down and is capable of sinking 10 mA with a maximum voltage of 0.4 volts. This will drive 6 standard TTL inputs. The open collector pull up voltage can be as high as 36 volts above digital ground.
COMPONENT SELECTION
The AD652 integrating capacitor should be 0.02 F. If a large amount of normal mode interference is expected (more than 0.1 volts) and the clock frequency is less than 500 kHz, an integrating capacitor of 0.1 F should be used. Mylar, polypropylene, or polystyrene capacitors should be used. The open collector pull-up resistor should be chosen to give adequately fast rise times. At low clock frequencies (100 kHz) larger resistor values (several k) and slower rise times may be tolerated. However, at higher clock frequencies (1 MHz) a lower value resistor should be used. The loading of the logic input which is being driven must also be taken into consideration. For example, if 2 standard TTL loads are to be driven then a 3.2 mA current must be sunk, leaving 6.8 mA for the pull-up resistor if the maximum low level voltage is to be maintained at 0.4 volts. A 680 resistor would thus be selected ((5 V-0.4)V/ 6.8 mA) = 680 . The one-shot capacitor controls the pulse width of the frequency output. The pulse is initiated by the rising edge of the clock signal. The delay time between the rising edge of the clock and the falling edge of the frequency output is typically 200 ns. The width of the pulse is 5 ns/pF and the minimum width is about 200 ns with Pin 9 floating. If the one-shot period is accidentally chosen longer than the clock period, the width of the pulse will default to equal the clock period. The one-shot can be disabled by connecting Pin 9 to +VS (Figure 12); the output pulse width will then be equal to the clock period. The one-shot is activated (Figure 13) by connecting a capacitor from Pin 9 to +VS, -VS, or Digital Ground (+VS is preferred).
The AD652 gain error is specified as the difference in slope between the actual and the ideal transfer function over the fullscale frequency range. Figure 11 shows a plot of the typical gain error changes vs. the clock input frequency, normalized to 100 kHz. If after using the AD652 with a full-scale clock frequency of 100 kHz it is decided to reduce the necessary gating time by increasing the clock frequency, this plot shows the typical gain changes normalized to the original 100 kHz gain.
Figure 11. Gain vs. Clock lnput
REFERENCE NOISE
The AD652 has on board a precision buffered 5 V reference which is available to the user. Besides being used to offset the noninverting comparator input in the voltage-to-frequency mode, this reference can be used for other applications such as offsetting the input to handle bipolar signals and providing bridge excitation. It can source 10 mA and sink 100 A, and is short circuit protected. Heavy loading of the reference will not change the gain of the VFC, although it will affect the external -8-
Figure 12. One Shot Disabled
Figure 13. One Shot Enabled
REV. B
AD652
DIGITAL GROUND
Digital Ground can be at any potential between -VS and (+VS -4 volts). This can be very useful in a system with derived grounds rather than stiff supplies. For example, in a small isolated power circuit, often only a single supply is generated and the "ground" is set by a divider tap. Such a ground cannot handle the large currents associated with digital signals. With the AD652 SVFC, it is possible to connect the DIG GND to -VS for a solid logic reference, as shown in Figure 14.
Figure 16 shows the negative voltage input configuration for use of the AD652 in the single supply mode. In this mode the signal source is driving the "+" input of the op amp which requires only 20 nA (typical), rather than the 0.5 mA required in the positive input voltage configuration. The voltage at Pin 6 may go as low as 4 volts above ground (-VS Pin 8). Since the input reference is 5.0 volts above ground, this leaves a 1 V window for the input signal. In order to drive the integrating capacitor with a 0.5 mA full-scale current, it is necessary to provide an external 2 k resistor. This results in a 2 k resistor and a 1 V input range. The external 2 k resistor should be a low TC metal-film type for lowest drift degradation.
Figure 14. Digital GND at -VS
SINGLE SUPPLY OPERATION
In addition to the Digital Ground being connected to -VS, it is also possible to connect Analog Ground to -VS of the AD652. Hence, the device is truly operating from a single supply voltage that can range from +12 V to +36 V. This is shown in Figure 15 for a positive voltage input and Figure 16 for a negative voltage input. In Figure 15, the comparator reference is used as a derived ground, and the input voltage is referred to this point as well as the op amp common mode (Pin 6 is tied to Pin 16). Since the input signal source must drive 0.5 mA of full-scale signal current into Pin 7, it must also draw the exact same current from the input reference potential. This current will thus be provided by the 5 V reference.
Figure 16. Single Supply Negative Voltage Input
FREQUENCY-TO-VOLTAGE CONVERTER
The AD652 SVFC also works as a frequency-to-voltage converter. Figure 17 shows the connection diagram for F/V conversion. In this case the "-" input of the comparator is fed the input pulses. Either comparator input may be used so that an input pulse of either polarity may be applied to the F/V.
Figure 15. Single Supply Positive Voltage Input In the single supply operation mode, an external resistor, RPULLUP, is necessary between the power supply, + VS, and the 5 V reference output. This resistor should be selected such that a current of approximately 500 A flows during operation. For example, with a power supply voltage of +15 V, a 20 k resistor would be selected ((15 V-5 V)/500 A = 20 k).
Figure 17. Frequency-to-Voltage Converter
REV. B
-9-
AD652
In Figure 17 the "+" input is tied to a 1.2 V reference and low level TTL pulses are used as the frequency input. The pulse must be low on the falling edge of the clock. On the subsequent rising edge the 1 mA current source is switched to the integrator summing junction and ramps up the voltage at Pin 4. Due to the action of the AND gate, the 1 mA current is switched off after only one clock period. The average current delivered to the summing junction varies from 0 mA to 0.5 mA; using the internal 20 k resistor this results in a full-scale output voltage of 10 V at Pin 4. The frequency response of the circuit is determined by the capacitor; the -3 dB frequency is simply the RC time constant. A tradeoff exists between ripple and response. If low ripple is desired, a large value capacitor must be used (1 F), if fast response is needed, a small capacitor is used (1 nF minimum). The op amp can drive a 5 k resistor load to 10 V, using a 15 V positive power supply. If a large load capacitance (0.01 F) must be driven, then it is necessary to isolate the load with a 50 resistor as shown. Since the 50 resistor is 0.25% of the full scale, and the specified gain error with the 20 k resistor is 0.5%, this extra resistor will only increase the total gain error to +0.75% max. The circuit shown is unipolar and only a 0 V to + 10 V output is allowed. The integrator op amp is not a general purpose op amp, rather it has been optimized for simplicity and high speed. The most significant difference between this amplifier and a general purpose op amp is the lack of an integrator (or level shift) stage. Consequently, the voltage on the output (Pin 4) must always be more positive than 1 volt below the inputs (Pins 6 and 7). For example, in the F-to-V conversion mode, the noninverting input of the op amp (Pin 6) is grounded which means that the output (Pin 4) cannot go below -1 volt. Normal operation of the circuit as shown will never call for a negative voltage at the output. A second difference between this op amp and a general purpose amplifier is that the output will only sink 1.5 mA to the negative supply. The only pull-down other than the 1 mA current used for voltage-to-frequency conversion is a 0.5 mA source. The op amp will source a great deal of current from the positive supply, and it is internally protected by current limiting. The output of the op amp may be driven to within 4 volts of the positive supply when not sourcing external current. When sourcing 10 mA, the output voltage may be driven to within 6 volts of the positive supply.
DECOUPLING AND GROUNDING
between the high precision analog signals and the digital section of the circuitry. Much noise can be tolerated on the digital ground without affecting the accuracy of the VFC. Such ground noise is inevitable when switching the large currents associated with the frequency output signal. At high full-scale frequencies, it is necessary to use a pull-up resistor of about 500 in order to get the rise time fast enough to provide well defined output pulses. This means that from a 5 volt logic supply, for example, the open collector output will draw 10 mA. This much current being switched will cause ringing on long ground runs due to the self inductance of the wires. For instance, #20 gauge wire has an inductance of about 20 nH per inch; a current of 10 mA being switched in 50 ns at the end of 12 inches of 20 gauge wire will produce a voltage spike of 50 mV. The separate digital ground of the AD652 will easily handle these types of switching transients. A problem will remain from interference caused by radiation of electromagnetic energy from these fast transients. Typically, a voltage spike is produced by inductive switching transients; these spikes can capacitively couple into other sections of the circuit. Another problem is ringing of ground lines and power supply lines due to the distributed capacitance and inductance of the wires. Such ringing can also couple interference into sensitive analog circuits. The best solution to these problems is proper bypassing of the logic supply at the AD652 package. A 1 F to 10 F tantalum capacitor should be connected directly to the supply side of the pull-up resistor and to the digital ground, Pin 12. The pull-up resistor should be connected directly to the frequency output, Pin 11. The lead lengths on the bypass capacitor and the pull-up resistor should be as short as possible. The capacitor will supply (or absorb) the current transients, and large ac signals will flow in a physically small loop through the capacitor, pull-up resistor, and frequency output transistor. It is important that the loop be physically small for two reasons: first, there is less inductance if the wires are short, and second, the loop will not radiate RFI efficiently. The digital ground (Pin 12) should be separately connected to the power supply ground. Note that the leads to the digital power supply are only carrying dc current. There may be a dc ground drop due to the difference in currents returned on the analog and digital grounds. This will not cause a problem. These features greatly ease power distribution and ground management in large systems. Proper technique for grounding requires separate digital and analog ground returns to the power supply. Also, the signal ground must be referred directly to analog ground (Pin 6) at the package. More information on proper grounding and reduction of interference can be found in Reference 1.
FREQUENCY OUTPUT MULTIPLIER
It is good engineering practice to use bypass capacitors on the supply-voltage pins and to insert small valued resistors (10 to 100 ) in the supply lines to provide a measure of decoupling between the various circuits in a system. Ceramic capacitors of 0.1 F to 1.0 F should be applied between the supply voltage pins and analog signal ground for proper bypassing on the AD652. In addition, a larger board level decoupling capacitor of 1 F to 10 F should be located relatively close to the AD652 on each power supply line. Such precautions are imperative in high resolution data acquisition applications where one expects to exploit the full linearity and dynamic range of the AD652. Separate digital and analog grounds are provided on the AD652. The emitter of the open collector frequency output transistor and the clock input threshold only are returned to the digital ground. Only the 5 V reference is connected to analog ground. The purpose of the two separate grounds is to allow isolation
The AD652 can serve as a frequency output multiplier when used in conjunction with a standard voltage-to-frequency converter. Figure 18 shows the low cost AD654 VFC being used as the clock input to the AD652. Also shown is a second AD652 in the F/V mode. The AD654 is set up to produce an output frequency of 0 kHz-500 kHz for an input voltage (V1) range of 0 V-10 V. The use of R4, C1, and the XOR gate doubles this output frequency from 0 kHz-500 kHz to 0 MHz-1 MHz.
1
"Noise Reduction Techniques in Electronic Systems," by H.W. Ort, (John Wiley, 1976).
-10-
REV. B
AD652
This can be shown in equation form, where fC is the AD654 output frequency and fOUT is the AD652 output frequency: 1 MHz f C = V1 10 V f /2 fOUT = V2 C 10 V 1 MHz fOUT = V1 V2 2(10 V ) (10 V ) f OUT =V 1 *V 2 * 5 kHz/V 2 The scope photo in Figure 19 shows V1 and V2 (top two traces) and the output of the F-V (bottom trace).
Figure 19. Multiplier Waveforms
SINGLE-LINE MULTIPLEXED DATA TRANSMISSION
It is often necessary to measure several different signals and relay the information to some remote location using a minimum amount of cable. Multiple AD652 SVFC devices may be used with a multiphase clock to combine these measurements for serial transmission and demultiplexing. Figure 20 shows a block diagram of a single-line multiplexed data transmission system with high noise immunity. Figures 21, 22 and 23 show the SVFC multiplexer, a representative means of data transmission, and an SVFC demultiplexer respectively.
Multiplexer
Figure 18. Frequency Output Multiplier This 1 MHz full-scale frequency is then used as the clock input to the AD652 SVFC. Since the AD652 full-scale output frequency is one-half the clock frequency, the 1 MHz FS clock frequency establishes a 500 kHz maximum output frequency for the AD652 when its input voltage (V2) is +10 V. The user thus has an output frequency range from 0 kHz-500 kHz which is proportional to the product of V1 and V2.
Figure 21 shows the SVFC multiplexer. The clock inputs for the several SVFC channels are generated by a TIM9904A four phase clock driver, and the frequency outputs are combined by strapping all the frequency output pins together (a "wire or" connection). The one-shot in the AD652 sets the pulse width of the frequency output pulses to be slightly shorter than one quarter of the clock period. Synchronization is achieved by applying one of the four available phases to a fixed TTL one-shot ('121) and combining
Figure 20. Single Line Multiplexed Data Transmission Block Diagram
REV. B
-11-
AD652
Figure 21. SVFC Multiplexer
Figure 22. RS-422 Standard Data Transmission
the output with an external transistor. The width of this sync pulse is shorter than the width of the frequency output pulses to facilitate decoding the signal. The RC lag network on the input of the one-shot provides a slight delay between the rising edge of the clock and the sync pulse in order to match the 150 ns delay of the AD652 between the rising edge of the clock and the output pulse.
Transmitter
The multiplex signal can be transmitted in any manner suitable to the task at hand. A pulse transformer or an opto-isolator can provide galvanic isolation; extremely high voltage isolation or
transmission through severe RF environments can be accomplished with a fiber-optic link; telemetry can be accomplished with a radio link. The circuit shown in Figure 22 uses an EIA RS-422 standard for digital data transmission over a balanced line. Figure 24 shows the waveforms of the four clock phases and the multiplex output signal. Note that the sync pulse is present every clock cycle, but the data pulses are no more frequent than every other clock cycle since the maximum output frequency from the SVFC is half the clock frequency. The clock frequency used in this circuit is 819.2 kHz and will provide more than 16 bits of resolution if 100 millisecond gate time is allowed for counting pulses of the decoded output frequencies. REV. B
-12-
AD652
SVFC Demultiplexer
The demultiplexer needed to separate the combined signals is shown in Figure 23. A phase locked loop drives another four phase clock chip to lock onto the reconstructed clock signal. The sync pulses are distinguished from the data pulses by their shorter duration. Each falling edge on the multiplex input signal triggers the one-shot, and at the end of this one-shot pulse the multiplex input signal is sampled by a D-type flip-flop. If the signal is high, then the pulse was short (a sync pulse) and the Q output of the D-flop goes low. The D-flop is cleared a short time (two gate delays) later, and the clock is reconstructed as a stream of short, low-going pulses. If the Multiplex input is a
data pulse, then when the D-flop samples at the end of the oneshot period, the signal will still be low and no pulse will appear at the reconstructed clock output. These waveforms are shown in Figure 25. If it is desired to recover the individual frequency signals, then the multiplex input is sampled with a D-flop at the appropriate time as determined by the rising edge of the various phases generated by the clock chip. These frequency signals can be counted as a ratio relative to the reconstructed clock, so it is not even necessary for the transmitter to be crystal controlled as shown here.
Figure 23. SVFC Demultiplexers
Figure 25. Demultiplexer Waveforms Figure 24. Multiplexer Waveforms
REV. B
-13-
AD652
Figure 26. Demultiplexer Frequency-to-Voltage Conversion
Figure 27. Isolated Synchronous VFC
Analog Signal Reconstruction ISOLATED FRONT END
If it is desired to reconstruct the analog voltages from the multiplex signal, then three more AD652 SVFC devices are used as frequency-to-voltage converters, as shown in Figure 26. The comparator inputs of all the devices are strapped together, and the "+" inputs are held at a 1.2 volt TTL threshold, while the "-" inputs are driven by the multiplex input. The three clock inputs are driven by the outputs of the clock chip. Remember that data at the comparator input of the SVFC is loaded on the falling edge of the clock signal and shifted out on the next rising edge. Note that the frequency signals for each data channel are available at the frequency output pin of each FVC.
In some applications it may be necessary to have complete galvanic isolation between the analog signals being measured and the digital portions of the circuit. The circuit shown in Figure 27 runs off a single 5 volt power supply and provides a selfcontained, completely isolated analog measurement system. The power for the AD652 SVFC is provided by a chopper and a transformer, and is regulated to 15 volts. Both the chopper frequency and the AD652 clock frequency are 125 kHz, with the clock signal being relayed to the SVFC through the transformer. The frequency output signal is relayed through
-14-
REV. B
AD652
an opto-isolator and latched into a D-flop. The chopper frequency is generated from an AD654 VFC and is frequency divided by two to develop differential drive for the chopper transistors, and to ensure an accurate 50 percent duty cycle. The pull-up resistors on the D-flop outputs provide a well defined high level voltage to the choppers to equalize the drive in each direction. The 10 H inductor in the +5 V lead of the transformer primary is necessary to equalize any residual imbalance in the drive on each halfcycle and thus prevent saturation of the core. The capacitor across the primary resonates the system so that under light loading conditions on the secondary the wave shape will be sinusoidal and the clock frequency will be relayed to the SVFC. To adjust the chopper frequency, disconnect any load on the secondary and tune the AD654 for a minimum in the supply current drawn from the 5 volt supply.
A-TO-D CONVERSION Table I.
Conversion or Gate Time 100 ms 4.096 ms 2.048 ms 100 ms 100 ms 16.66 ms 20 ms 100 ms 200 ms 32.77 ms
Resolution 12 Bits 12 Bits 12 Bits 4 Digits 14 Bits 14 Bits 14 Bits 4 1/2 Digits 16 Bits 16 Bits
N 4096 4096 4096 10000 16384 16384 16384 20000 65536 65536
Clock 81.92 kHz 2 MHz 4 MHz 200 kHz 327.68 kHz 1.966 MHz 1.638 MHz 400 kHz 655.36 kHz 4 MHz
Typ Lin Comments 0.002% 0.01% 0.02% 0.002% 0.002% 0.01% 0.01% 0.002% 0.002% 0.02% 50, 60, 400 Hz NMR
50, 60, 400 Hz NMR 50, 60, 400 Hz NMR 60 Hz NMR 50 Hz NMR 50, 60, 400 Hz NMR 50, 60, 400 Hz NMR
DELTA MODULATOR
In performing an A-to-D conversion, the output pulses of a VFC are counted for a fixed gate interval. To achieve maximum performance with the AD652, the fixed gate interval should be generated using a multiple of the SVFC clock input. Counting in this manner will eliminate any errors due to the clock (whether it be jitter, drift with time or temperature, etc.) since it is the ratio of the clock and output frequencies that is being measured. The resolution of the A-to-D conversion measurement is determined by the clock frequency and the gate time. If, for instance, a resolution of 12 bits is desired and the clock frequency is 1 MHz (resulting in an AD652 FS frequency of 500 kHz) the gate time will be:
-1 -1 -1 FS Freq = 1 Clock Freq = 1 MHz 2 2(4096 ) N N
The circuit of Figure 29 shows the AD652 configured as a delta modulator. A reference voltage is applied to the input of the integrator (Pin 7), which sets the steady state output frequency at one-half of the AD652 full-scale frequency (1/4 of the clock frequency). As a 0 V to 10 V input signal is applied to the comparator (Pin 15), the output of the integrator attempts to track this signal. For an input in an idling condition (dc) the output frequency will be one-half full scale. For positive going signals the output frequency will be between one-half full scale and full scale, and for negative going signals the output frequency will be between zero and one-half full scale. The output frequency will correspond to the slope of the comparator input signal.
= 81926 sec = 8.192 ms : 1 x 10
Where N is the total number of codes for a given resolution.
Figure 28 shows the AD652 SVFC as an A-to-D converter in block diagram form.
Figure 28. Block Diagram of SVFC A-to-D Converter
To provide the / 2N block a single chip counter such as the 4020B can be used. The 4020B is a 14-stage binary ripple counter which has a clock and master reset for inputs, and buffered outputs from the first stage and the last eleven stages. The output of the first stage is fCLOCK / 21 = fCLOCK/2) while the output of the last stage is fCLOCK / 214 = fCLOCK/16384. Hence using this single chip counter as the / 2N block, 13-bit resolution can be achieved. Higher resolution can be achieved by cascading D-type flipflops or another 4020B with the counter. Table I shows the relationship between clock frequency and gate time for various degrees of resolution. Note that if the variables are chosen such that the gate times are multiples of 50 Hz, 60 Hz or 400 Hz, normal-mode rejection (NMR) of those line frequencies will occur. REV. B
Figure 29. Delta Modulator Since the output frequency corresponds to the slope of the input signal, the delta modulator acts as a differentiator. A delta modulator is thus a direct way of finding the derivative of a signal. This is useful in systems where, for example, a signal corresponding to velocity exists and it is desired to determine acceleration. Figure 30 is a scope photo showing a 20 kHz, 0 V to 10 V sine wave used as the input to the comparator and its ramp-wise approximation at the integrator output. The clock frequency used as 2 MHz and the integrating capacitor was 360 pF. Figure 31 shows the same input signal and its ramp-wise approximation, along with the output frequency corresponding to the derivative of the input signal. In this case the clock frequency was 50 kHz. The choice of an integrating capacitor is primarily dictated by the input signal bandwidth. Figure 32 shows this relationship. It should be noted that as the value of CINT is lowered, the ramp size of the integrator approximation becomes larger. This can be compensated for by increasing the clock frequency. The effect of the clock frequency on the ramp size is demonstrated in Figures 30 and 31.
-15-
AD652
These resistors should be selected such that the following equation holds: 2 RF 10 V = V BRIDGE + 1 RG where 10 k RF 20 k, and VBRIDGE is the maximum output voltage of the bridge. The bridge output may be unipolar, as is the case for most pressure transducers, or it may be bipolar as in some strain measurements. If the signal is unipolar, the reference input of the AD625 (Pin 7) is simply grounded. If the bridge has a bipolar output, however, the AD652 reference can be tied to Pin 7, thereby, converting a 5 volt signal (after gain) into a 0 volt to +10 volt input for the SVFC.
C1049b-0-2/00 (rev. B) PRINTED IN U.S.A.
Figure 30. Delta Modulator lnput Signal and Ramp-Wise Approximation
Figure 31. Delta Modulator Input Signal, Ramp-Wise Approximation and Output Frequency Figure 33. Bridge Transducer Interface
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Cerdip (Q-16)
0.005 (0.13) MIN
16
0.080 (2.03) MAX
9
1
0.310 (7.87) 0.220 (5.59)
8
PIN 1
Figure 32. Maximum Integrating Cap Value vs. Input Signal Bandwidth
BRIDGE TRANSDUCER INTERFACE
0.840 (21.34) MAX 0.200 (5.08) MAX 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36)
0.060 (1.52) 0.015 (0.38)
0.320 (8.13) 0.290 (7.37)
The circuit of Figure 33 illustrates a simple interface between the AD652 and a bridge-type transducer. The AD652 is an ideal choice because its buffered 5 volt reference can be used as the bridge excitation thereby ratiometrically eliminating the gain drift related errors. This reference will provide a minimum of 10 mA of external current, which is adequate for bridge resistance of 600 and above. If, for example, the bridge resistance is 120 or 350 , an external pull-up resistor (RPU) is required and can be calculated using the formula: +VS - 5 V RPU (max ) = 5V - 10 mA RBRIDGE An instrumentation amplifier is used to condition the bridge signal before presenting it to the SVFC. The AD625, with its high CMRR, minimizes common-mode errors and also can be set to arbitrary gains between 1 and 10,000 via three resistors, simplifying the scaling for the AD652's calibrated 10 volt input range.
0.100 (2.54) BSC
0.150 (3.81) MIN SEATING 0.070 (1.78) PLANE 0.030 (0.76)
15 0
0.015 (0.38) 0.008 (0.20)
PLCC (P-20A)
0.048 (1.21) 0.042 (1.07) 0.048 (1.21) 0.042 (1.07)
3 4
0.180 (4.57) 0.165 (4.19) 0.056 (1.42) 0.042 (1.07) 0.025 (0.63) 0.015 (0.38) 0.021 (0.53) 0.013 (0.33) 0.330 (8.38) 0.032 (0.81) 0.290 (7.37) 0.026 (0.66) 0.040 (1.01) 0.025 (0.64) 0.110 (2.79) 0.085 (2.16)
19 18 PIN 1 IDENTIFIER
TOP VIEW
(PINS DOWN) 8 9 14 13
0.050 (1.27) BSC
0.020 (0.50) R
0.356 (9.04) SQ 0.350 (8.89) 0.395 (10.02) SQ 0.385 (9.78)
-16-
REV. B


▲Up To Search▲   

 
Price & Availability of AD652

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X