Part Number Hot Search : 
LS18A1T 101M1 BD9846FV CY7C137 E2UEA BFS480 DN8799MS OP213
Product Description
Full Text Search
 

To Download 74ACT16373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ACT16373 16-Bit Transparent Latch with 3-STATE Outputs
August 1999 Revised October 1999
74ACT16373 16-Bit Transparent Latch with 3-STATE Outputs
General Description
The ACT16373 contains sixteen non-inverting latches with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. The flip-flops appear transparent to the data when the Latch Enable (LE) is HIGH. When LE is low, the data that meets the setup time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the outputs are in high Z state.
Features
s Separate control logic for each byte s 16-bit version of the ACT373 s Outputs source/sink 24 mA s TTL-compatible inputs
Ordering Code:
Order Number 74ACT16373MEA 74ACT16373MTD Package Number MS48A MTD48 Package Description 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagram
Pin Descriptions
Pin Names OEn LEn I0-I15 O0-O15 Description Output Enable Input (Active Low) Latch Enable Input Inputs Outputs
FACTTM is a trademark of Fairchild Semiconductor Corporation.
(c) 1999 Fairchild Semiconductor Corporation
DS500297
www.fairchildsemi.com
74ACT16373
Functional Description
The ACT16373 contains sixteen D-type latches with 3STATE standard outputs. The device is byte controlled with each byte functioning identically, but independent of the other. Control pins can be shorted together to obtain full 16-bit operation. The following description applies to each byte. When the Latch Enable (LEn) input is HIGH, data on the Dn enters the latches. In this condition the latches are transparent, i.e., a latch output will change states each time its D input changes. When LEn is LOW, the latches store information that was present on the D inputs a setup time preceding the HIGH-to-LOW transition of LEn. The 3STATE standard outputs are controlled by the Output Enable (OEn) input. When OEn is LOW, the standard outputs are in the 2-state mode. When OEn is HIGH, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the latches.
Truth Tables
Inputs LE1 X H H L OE1 H L L L Inputs LE2 X H H L OE2 H L L L I8-I15 X L H X I0-I7 X L H X Outputs O0-O7 Z L H (Previous) Outputs O8-O15 Z L H (Previous)
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance Previous = previous output prior to HIGH-to-LOW transition of LE
Logic Diagrams
www.fairchildsemi.com
2
74ACT16373
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI = -0.5V VI = VCC + 0.5V DC Output Diode Current (IOK) VO = -0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source/Sink Current (IO) DC VCC or Ground Current per Output Pin Junction Temperature Storage Temperature +140C -65C to+150C -20 mA +20 mA -0.5V to VCC + 0.5V +50 mA +50 mA -20 mA +20 mA -0.5V to +7.0V
Recommended Operating Conditions
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate (V/t) VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V
Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACTTM circuits outside databook specifications.
4.5V to 5.5V 0V to VCC 0V to VCC -40C to +85C 125 mV/ns
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter Minimum HIGH Input Voltage Maximum LOW Input Voltage Minimum HIGH Output Voltage VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum LOW Output Voltage 4.5 5.5 4.5 5.5 IOZ IIN ICCT ICC IOLD IOHD Maximum 3-STATE Leakage Current Maximum Input Leakage Current Maximum ICC/Input Max Quiescent Supply Current Minimum Dynamic Output Current (Note 3) 5.5 5.5 5.5 5.5 5.5 0.6 8.0 0.001 0.001 TA = +25C Typ 1.5 1.5 1.5 1.5 4.49 5.49 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.5 0.1 TA = -40C to +85C Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 5.0 1.0 1.5 80.0 75 -75 A A mA A mA mA V V V V VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50 A VIN = VIL or VIH V IOH = -24 mA IOH = -24 mA (Note 2) IOUT = 50 A VIN = VIL or VIH V IOL = 24 mA IOL = 24 mA (Note 2) VI = VIL, VIH VO = VCC, GND VI = VCC, GND VI = VCC - 2.1V VIN = VCC or GND VOLD = 1.65V Max VOHD = 3.85V Min Units Conditions
Note 2: All outputs loaded; thresholds associated with output under test. Note 3: Maximum test duration 2.0 ms; one output loaded at a time.
3
www.fairchildsemi.com
74ACT16373
AC Electrical Characteristics
VCC Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay Dn to On Propagation Delay LE to On Output Enable Delay Output Disable Delay 5.0 5.0 5.0 (V) (Note 4) 5.0 Min 3.1 2.6 3.1 2.8 2.5 2.7 2.1 2.0 TA = +25C CL = 50 pF Typ 5.3 4.6 5.4 4.9 4.7 4.8 5.1 4.5 Max 7.9 7.3 7.9 7.3 7.4 7.5 7.9 7.4 TA = -40C to +85C CL = 50 pF Min 3.1 2.6 3.2 2.8 2.5 2.7 2.1 2.0 Max 8.4 7.8 8.4 7.8 7.9 8.0 8.2 7.9 ns ns ns ns Units
Note 4: Voltage Range 5.0 is 5.0V 0.5V.
AC Operating Requirements
VCC Symbol tS tH tW Parameter Setup Time, HIGH or LOW, Input to Clock Hold time, HIGH or LOW, Input to Clock CS Pulse Width, HIGH or LOW
Note 5: Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF
TA = -40C to +85C CL = 50 pF Units
(V) (Note 5) 5.0 5.0 5.0
Guaranteed Minimum 3.0 1.5 4.0 3.0 1.5 4.0 ns ns ns
Capacitance
Symbol CIN CPD Parameter Input Capacitance Power Dissipation Capacitance Typ 4.5 30 Units pF pF VCC = 5.0V VCC = 5.0V Conditions
www.fairchildsemi.com
4
74ACT16373
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide Package Number MS48A
5
www.fairchildsemi.com
74ACT16373
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48
www.fairchildsemi.com
6
74ACT16373 16-Bit Transparent Latch with 3-STATE Outputs
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74ACT16373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X