Part Number Hot Search : 
66A35 BZA109TS MN150414 HMC590 M30879FL FR110 DTA143XE SC308
Product Description
Full Text Search
 

To Download 61010-003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 61010
PHOTODARLINGTON "PIGTAIL" (TYPE GS3030)
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * * * Hermetically sealed High Sensitivity Small Package Suitable for High-Density PC Board Mounting Spectrally Matched to the 62017 Series LED.
Applications: * * * * Incremental Encoding Reflective Sensors Position Sensors Level Sensors
DESCRIPTION The 61010 is an N-P-N Planar Silicon Photodarlington Transistor in a package designed to be mounted in a single-clad printed circuit board. Its large effective aperture and narrow angular response make this a highly sensitive device with minimum response to off-axis or stray light. This sensor is also available with a lead attached to the case so that it may be connected without the use of a printed circuit board. Available in custom binned to customer specifications and/or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS Storage Temperature........................................................................................................................................... -65C to +150C Operating Temperature (See part selection guide for actual operating temperature) ....................................... -65C to +125C Collector-Emitter Voltage..........................................................................................................................................................50V Emitter-Collector Voltage............................................................................................................................................................7V Power Dissipation (Derate at the rate of 0.5 mW/C above 25C) .....................................................................................50mW Lead Soldering Temperature (3 minutes) ........................................................................................................................... 240C Package Dimensions Schematic Diagram
.025 [0.64] X .010 [0.25] 0.114 [2.90] 1.000 [25.40] OPTIONAL
C
0.100 [2.54]
O0.063 [O1.60] O0.077 [O1.96] O0.095 [O2.41] ALL DIM ENSIONS ARE IN INCHES [M ILLIM ETERS] 0.089 [2.26]
E
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM
6-2
61010
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
SILICON PHOTODARLINGTON "PIGTAIL" (TYPE GS3030)
PARAMETER
Light Current 61010-X01 61010-X02 61010-X03 61010-XXX 61010-XXX 61010-XXX 61010-X01 61010-X02 61010-X03 61010-X0X 61010-X0X
SYMBOL
IL ID BVCEO BVECO
MIN
0.6 2 4 15 5
TYP
MAX
2.5 5 -250
UNITS
mA
nA V V
TEST CONDITIONS
VCE = 5.0V, H = 0 . 2 mW/cm2 VCE = 10V, H = 0 IC = 100A IE = 100A RL = 100, VCC = 5V, IL = 1.0mA IC = 1mA, H = 0 . 2 mW/cm2
NOTE
1
Dark Current Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Light Current Rise Time
tr
VCE (sat)
15 20 20 1.1 12
s s s
Saturation Voltage Angular Response
V degrees
2
NOTES: 1. Irradiance in mW/cm2 from a tungsten source at a color temperature of 2870K.. 2. The angle between incidence for peak response and incidence for 50% of peak response.
ANGULAR RESPONSE
100
100 90
RELATIVE SPECTRAL RESPONSE
RELATIVE RESPONSE [%]
80
RELATIVE RESPONSE [%]
80 70 60 50 40 30 20 10
60
40
20
0
-40
-30
-20
-10
0
10
20
30
40
0 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
ANGLE [DEGREES]
WAVELENGTH [um]
PHOTO CURRENT versus TEMPERATURE
10
V cc
PULSE RESPONSE TEST C IR C U IT A N D W A V E F O R M 90%
NORMALIZED PHOTO CURRENT
1.0
H
DUT
10% IL RL OUTPUT td tr ts tf
0.1
V CE =5V M = 2mw/cm 2
IN P U T P U L S E
.0 -50
-25
0
25
50
75
100
125
TA - AMBIENT TEMPERATURE - C
RECOMMENDED OPERATING CONDITIONS:
PARAMETER Bias Voltage-Collector/Emitter Irradiance (H) PART NUMBER 61010-001 61010-101 61010-002 61010-102 61010-003 61010-103 SYMBOL VCE H MIN 5 0.2 MAX 10 1 UNITS mA mW/cm2
SELECTION GUIDE
PART DESCRIPTION Silicon Photodarlington in pigtail package, commercial version Silicon Photodarlington in pigtail package (-55 to +125C) with 100% screening Silicon Photodarlington in pigtail package, commercial version Silicon Photodarlington in pigtail package (-55 to +125C) with 100% screening Silicon Photodarlington in pigtail package, commercial version Silicon Photodarlington in pigtail package (-55 to +125C) with 100% screening IL Range 1 to 4mA 1 to 4mA 3 to 7mA 3 to 7mA +6mA +6mA
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM
6-3


▲Up To Search▲   

 
Price & Availability of 61010-003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X