Part Number Hot Search : 
D2W415DG 20114 BTP2907 BTP2907 BAS40 100PGAA5 IP137A03 MURS360S
Product Description
Full Text Search
 

To Download 15KE160CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5KE6.8 - 1.5KE440CA series
1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
Protect sensitive electronics against voltage transients induced by inductive load switching and lightning. Ideal for the protection of I/O interfaces, Vcc bus, and other integrated circuits used in telecom, computer, datacom and industrial electronics.
0.966 - 1.066
FEATURES
G Breakdown voltage range 6.8 to 440 Volts G Uni-directional and Bi-directional G Glass passivated junction G Low clamping factor G 100% surge tested G UL recognised
Min 25.4 4.826 5.207
MAXIMUM RATING
G Peak Pulse Power (Ppk): 1500 Watts (10 x 1000s)@25C (see diagram on page 6 for wave form) G 5 watt steady state G Response time: 1 x 10-12 seconds (theoretical) G Forward surge rating: 200 Amps, 8.3ms half sine wave, (uni-directional devices only) G Operating & storage temperature: -55C to +150C
9.155 9.527
Min 25.4
MECHANICAL CHARACTERISTICS
G Case: DO-201AD: Moulded plastic over glass passivated junction G Terminals: Axial leads, solderable per MIL-STD-202 Method 208 G Solderable leads = 230C for 10 seconds (1.59mm from case) G Marking: cathode band, (positive terminal, uni-directional devices only), device code, logo G Weight: 1.5 grammes (approx) All dimensions in mm
Figure 1 - Capacitance vs. Stand-off Voltage 10000
G STAND-OFF VOLTAGE
Figure 2 - Peak Pulse Power vs. Pulse Time 100kw
ORDERING INFORMATION
1.5KE CA
20kw 1000
Uni-directional
Voltage Bi-Directional 5% Voltage Tolerance Packaging Option B = Bulk (500 pcs) T = Tape and reeled (1500 pcs)
Cj (pf) 100
Bi-directional
5kw Pp (KW) 2kw 500w 100w
10
1
10
100
1000
1s
10s
100s
1ms
10ms
Device Stand-off Voltage - Volts
Pulse Time (tp)
18 1
w w w. l i t t e l f u s e . c o m
1.5KE6.8 - 1.5KE440CA series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number (Uni) Part Number (Bi) Reverse Stand off Voltage VR (Volts) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 Breakdown Voltage VBR (Volts) @ IT MIN 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.60 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 MAX 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.55 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 mA 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Leakage IR @ VR (A) 1000.0 1000.0 500.0 500.0 200.0 200.0 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Clamping Voltage VC @ IPP (Volts) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 Maximum Peak Pulse Current IPP (A) 139.0 143.0 128.0 132.0 120.0 124.0 109.0 112.0 100.0 103.0 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 Max Voltage Temperature Variation of VBR (%/C) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102
1.5KE6.8* 1.5KE6.8A* 1.5KE7.5 1.5KE7.5A 1.5KE8.2 1.5KE8.2A 1.5KE9.1 1.5KE9.1A 1.5KE10 1.5KE10A 1.5KE11 1.5KE11A 1.5KE12 1.5KE12A 1.5KE13 1.5KE13A 1.5KE15 1.5KE15A 1.5KE16 1.5KE16A 1.5KE18* 1.5KE18A* 1.5KE20* 1.5KE20A* 1.5KE22 1.5KE22A 1.5KE24* 1.5KE24A* 1.5KE27* 1.5KE27A* 1.5KE30 1.5KE30A 1.5KE33* 1.5KE33A* 1.5KE36 1.5KE36A 1.5KE39* 1.5KE39A* 1.5KE43 1.5KE43A 1.5KE47 1.5KE47A 1.5KE51* 1.5KE51A
1.5KE6.8C* 1.5KE6.8CA* 1.5KE7.5C 1.5KE7.5CA 1.5KE8.2C 1.5KE8.2CA 1.5KE9.1C 1.5KE9.1CA 1.5KE10C 1.5KE10CA 1.5KE11C 1.5KE11CA 1.5KE12C 1.5KE12CA 1.5KE13C 1.5KE13CA 1.5KE15C* 1.5KE15CA* 1.5KE16C 1.5KE16CA 1.5KE18C* 1.5KE18CA* 1.5KE20C 1.5KE20CA 1.5KE22C 1.5KE22CA 1.5KE24C* 1.5KE24CA* 1.5KE27C* 1.5KE27CA* 1.5KE30C 1.5KE30CA 1.5KE33C 1.5KE33CA 1.5KE36C 1.5KE36CA 1.5KE39C 1.5KE39CA 1.5KE43C 1.5KE43CA 1.5KE47C 1.5KE47CA 1.5KE51C 1.5KE51CA
Suffix `C' denotes Bi-directional device. Suffix `A' denotes 5% tolerance device, no suffix denotes a 10% tolerance device.
1. For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled. 2. VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 100A, 300 S square wave.
* Preferred voltages.
w w w. l i t t e l f u s e . c o m
19
1.5KE6.8 - 1.5KE440CA series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number (Uni) Part Number (Bi) Reverse Stand off Voltage VR (Volts) 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 175.0 185.0 202.0 214.0 243.0 256.0 284.0 300.0 324.0 342.0 356.0 376.0 Breakdown Voltage VBR (Volts) @ IT MIN 50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 396.00 418.00 MAX 61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00 484.00 462.00 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Leakage IR @ VR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Clamping Voltage VC @ IPP (Volts) 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 602.0 Maximum Peak Pulse Current IPP (A) 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 4.3 4.6 5.0 4.4 3.5 3.6 3.0 3.1 2.6 2.8 2.4 2.5 Max Voltage Temperature Variation of VBR (%/C) 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
1.5KE56 1.5KE56A 1.5KE62 1.5KE62A 1.5KE68 1.5KE68A 1.5KE75 1.5KE75A 1.5KE82 1.5KE82A 1.5KE91 1.5KE91A 1.5KE100 1.5KE100A 1.5KE110 1.5KE110A 1.5KE120* 1.5KE120A* 1.5KE130 1.5KE130A 1.5KE150 1.5KE150A 1.5KE160 1.5KE160A 1.5KE170 1.5KE170A 1.5KE180 1.5KE180A 1.5KE200* 1.5KE200A* 1.5KE220 1.5KE220A 1.5KE250 1.5KE250A 1.5KE300 1.5KE300A 1.5KE350* 1.5KE350A* 1.5KE400 1.5KE400A 1.5KE440 1.5KE440A
1.5KE56C 1.5KE56CA 1.5KE62C 1.5KE62CA 1.5KE68C 1.5KE68CA 1.5KE75C* 1.5KE75CA* 1.5KE82C 1.5KE82CA 1.5KE91C 1.5KE91CA 1.5KE100C 1.5KE100CA 1.5KE110C 1.5KE110CA 1.5KE120C* 1.5KE120CA* 1.5KE130C 1.5KE130CA 1.5KE150C 1.5KE150CA 1.5KE160CC 1.5KE160CA 1.5KE170C 1.5KE170CA 1.5KE180C 1.5KE180CA 1.5KE200C* 1.5KE200CA* 1.5KE220C 1.5KE220CA 1.5KE250C 1.5KE250CA 1.5KE300C* 1.5KE300CA* 1.5KE350C 1.5KE350CA 1.5KE400C* 1.5KE400CA* 1.5KE440C 1.5KE440CA
Suffix `C' denotes Bi-directional device. Suffix `A' denotes 5% tolerance device, no suffix denotes a 10% tolerance device.
1. For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled. 2. VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 100A, 300 S square wave.
* Preferred voltages.
20 1
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 15KE160CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X