|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LESHAN RADIO COMPANY, LTD. TVS Transient Voltage Suppressor 400WP4KE6.8-440A 600WP6KE6.8-440A 1500W 1.5KE6.8-440A DO-41 DO-15 DO-201AD Outline:DO-41 Outline:DO-41 Outline:DO-201AD VBR Maximum Reverse Leakage ID(VWM) (A) Maximum Peak Impulse Surge Current IPPM (A) 400W 600W 1500W Maximun Clamping Voltage VC(@IPPM) VC Maximun Temperature Coefficient of VBR (%/ C) TYPE Breakdown Voltage VBR (V) Max @ Ir Working Peak Reverse Voltage Vwm (V) Min (mA) 6.8 6.8A 7.5 7.5A 8.2 8.2A 9.1 9.1A 10 10A 11 11A 12 12A 13 13A 15 15A 16 16A 18 18A 20 20A 22 22A 24 24A 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 15.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 10 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.20 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 38 40 36 37 33 35 30 31 28 29 26 27 24 25 22 23 19 20 18 19 16 17 14 15 13 14 12 13 56 57 51 53 48 50 44 45 40 41 37 38 35 36 32 33 27 28 26 27 23 24 21 22 19 20 17 18 139 143 128 132 120 124 109 112 100 103 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 "A" V BR 5%V BR V BR 10%V BR Note:Devices with suffix "A" mean its VBR range of 5%; Devices without suffix "A" indicate its VBR range of 10%. 1.0(25.4) MIN .205(5.2) .166(4.2) 1.0(25.4) MIN 1.0(25.4) MIN .300(7.6) .230(5.8) 1.0(25.4) MIN 1.0(25.4) MIN .375(9.5) .335(8.5) 1.0(25.4) MIN .034(0.9) .028(0.7) DIA .107(2.7) DIA .080(2.0) .034(0.9) .028(0.7) DIA .140(3.6) DIA .104(2.6) .052(1.3) DIA .048(1.2) .220(5.6) DIA .197(5.0) DO - 41 DO - 15 DO - 201AD 2A-1/6 LESHAN RADIO COMPANY, LTD. (TVS) Transient Voltage Suppressor(TVS) 400WP4KE6.8-440A 600WP6KE6.8-440A 1500W 1.5KE6.8-440A DO-41 DO-15 DO-201AD Outline:DO-41 Outline:DO-41 Outline:DO-201AD VBR Maximum Reverse Leakage ID(VWM) (A) Maximum Peak Impulse Surge Current IPPM 400W (A) 600W 1 500W Maximun Clamping Voltage VC(@IPPM) VC Maximun Temperature Coefficient of VBR (%/ C) TYPE Breakdown Voltage VBR (V) Max @ Ir Working Peak Reverse Voltage Vwm (V) Min (mA) 27 27A 30 30A 33 33A 36 36A 39 39A 43 43A 47 47A 51 51A 56 56A 62 62A 68 68A 75 75A 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 "A" 29.7 28.4 33.0 31.5 36.3 31.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 VBR 1.0 1.0 1.0 1.0 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 58.1 58.1 60.7 64.1 5.0 5.0 5.0 5.0 11 11.2 10 10 9.0 8.0 8.0 8.4 7.4 7.8 6.8 7.1 6.2 5.0 5.7 6.0 5.2 5.5 4.7 5.0 4.3 4.6 3.9 4.1 10%VBR 15.0 16.0 14.0 14.4 12.6 13.2 11.6 12.0 10.6 11.2 9.6 10.1 8.9 9.3 8.2 8.6 7.4 7.8 6.8 7.1 6.1 6.5 5.5 5.8 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 92.0 92.0 108 103 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 5%VBR VBR Note:Devices with suffix "A" mean its VBR range of 5%; Devices without suffix "A" indicate its VBR range of 10%. 1.0(25.4) MIN .205(5.2) .166(4.2) 1.0(25.4) MIN 1.0(25.4) MIN .300(7.6) .230(5.8) 1.0(25.4) MIN 1.0(25.4) MIN .375(9.5) .335(8.5) 1.0(25.4) MIN .034(0.9) .028(0.7) DIA .107(2.7) DIA .080(2.0) .034(0.9) .028(0.7) DIA .140(3.6) DIA .104(2.6) .052(1.3) DIA .048(1.2) .220(5.6) DIA .197(5.0) DO - 41 DO - 15 DO - 201AD 2A-2/6 LESHAN RADIO COMPANY, LTD. (TVS) Transient Voltage Suppressor(TVS) 400WP4KE6.8-440A 600WP6KE6.8-440A 1500W 1.5KE6.8-440A DO-41 DO-15 DO-201AD Outline:DO-41 Outline:DO-41 Outline:DO-201AD VBR Maximum Reverse Leakage ID(VWM) (A) Maximum Peak Impulse Surge Current IPPM 400W (A) 600W 1500W Maximun Clamping Voltage VC(@IPPM) VC Maximun Temperature Coefficient of VBR (%/ C) TYPE Breakdown Voltage VBR (V) Max @ Ir Working Peak Reverse Voltage Vwm (V) Min (mA) 82 82A 91 91A 100 100A 110 110A 120 120A 130 130A 150 150A 160 160A 170 170A 180 180A 200 200A 220 220A 250 250A 300 300A 350 350A 400 400A 440 440A 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 332 360 380 396 418 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 267 330 315 385 368 440 420 484 462 1.0 1.0 1.0 1.0 1.0 1.0 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376 5.0 5.0 5.0 5.0 5.0 5.0 3.6 3.7 3.2 3.4 2.9 3.1 2.7 2.8 2.4 2.5 2.2 2.3 2.0 2.0 1.8 1.9 1.7 1.8 1.6 1.7 1.5 1.53 1.16 1.22 1.11 1.16 0.93 0.97 0.79 0.83 0.70 0.73 0.95 1.0 5.1 5.3 4.5 4.8 4.2 4.4 3.8 4.0 3.5 3.6 3.2 3.3 2.8 2.9 2.6 2.7 2.5 2.6 2.3 2.4 2.1 2.2 1.75 1.83 1.67 1.75 1.40 1.45 1.20 1.25 1.05 1.10 0.95 1.0 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 4.3 4.6 5.0 5.0 5.0 5.0 4.0 4.0 4.0 4.0 2.38 2.50 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602 0.105 0.106 0.107 0.108 0.110 "A" V BR 5%V BR V BR 10%V BR Note:Devices with suffix "A" mean its VBR range of 5%; Devices without suffix "A" indicate its VBR range of 10%. 1.0(25.4) MIN .205(5.2) .166(4.2) 1.0(25.4) MIN 1.0(25.4) MIN .300(7.6) .230(5.8) 1.0(25.4) MIN 1.0(25.4) MIN .375(9.5) .335(8.5) 1.0(25.4) MIN .034(0.9) .028(0.7) DIA .107(2.7) DIA .080(2.0) .034(0.9) .028(0.7) DIA .140(3.6) DIA .104(2.6) .052(1.3) DIA .048(1.2) .220(5.6) DIA .197(5.0) DO - 41 DO - 15 DO - 201AD 2A-3/6 LESHAN RADIO COMPANY, LTD. (TVS) Transient Voltage Suppressor(TVS) 500W SA5.0-SA170A 15 Working Peak Reverse Voltage Vwm (V) VBR Maximum Reverse Leakage ID(VWM) (A) Maximum Peak Impulse Surge Current IPPM (A) Maximun Clamping Voltage VC(@IPPM) VC Maximun Temperature Coefficient of VBR (%/ C) DO-15 Outline:DO- TYPE Breakdown Voltage VBR (V) Max @ Ir Min (mA) SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 10 1.0 1.0 1.0 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 600 400 150 50 25 10 5.0 1.0 1.0 52.0 54.3 43.9 48.5 40.7 44.7 37.8 41.7 35.0 38.8 33.3 36.7 31.4 34.7 29.5 32.5 26.6 29.4 24.9 27.4 22.7 25.1 21.0 23.2 19.4 21.5 18.8 20.6 17.6 17.6 16.4 16.1 9.60 9.20 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.1 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 16.0 16.0 19.0 17.0 20.0 19.0 "A" V BR 5%V BR V BR 10%V BR Note:Devices with suffix "A" mean its VBR range of 5%; Devices without suffix "A" indicate its VBR range of 10%. 1.0(25.4) MIN .300(7.6) .230(5.8) 1.0(25.4) MIN .034(0.9) .028(0.7) DIA .140(3.6) DIA .104(2.6) DO - 15 2A-4/6 LESHAN RADIO COMPANY, LTD. (TVS) Transient Voltage Suppressor (TVS) 500W SA5.0-SA170A DO-15 Outline:DO-15 TYPE Breakdown Voltage VBR (V) Max @ Ir Working Peak Reverse Voltage Vwm (V) VBR Maximum Reverse Leakage ID(VWM) (A) Maximum Peak Impulse Surge Current IPPM (A) Maximun Clamping Voltage VC(@IPPM) VC Maximun Temperature Coefficient of VBR (%/ C) Min (mA) SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A SA36 SA36A SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 "A" 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 VBR 1.0 1.0 1.0 1.0 1.0 1.0 5%VBR 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 1.0 1.0 1.0 1.0 1.0 1.0 VBR 10%VBR 15.5 17.2 13.9 15.4 12.7 14.1 11.6 12.8 10.7 11.9 9.9 11.0 9.3 10.3 8.5 9.4 7.8 8.5 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 21.0 20.0 25.0 23.0 28.0 25.0 31.0 28.0 31.0 30.0 35.0 31.0 39.0 36.0 42.0 39.0 46.0 41.0 51.0 46.0 55.0 50.0 58.0 52.0 63.0 56.0 66.0 61.0 71.0 65.0 78.0 70.0 Note:Devices with suffix "A" mean its VBR range of 5%; Devices without suffix "A" indicate its VBR range of 10%. 1.0(25.4) MIN .300(7.6) .230(5.8) 1.0(25.4) MIN .034(0.9) .028(0.7) DIA .140(3.6) DIA .104(2.6) DO - 15 2A-5/6 LESHAN RADIO COMPANY, LTD. (TVS) Transient Voltage Suppressor (TVS) 500W SA5.0-SA170A DO-15 Outline:DO-15 TYPE Breakdown Voltage VBR (V) Max @ Ir Working Peak Reverse Voltage Vwm (V) VBR Maximum Reverse Leakage ID(VWM) (A) Maximum Peak Impulse Surge Current IPPM (A) Maximun Clamping Voltage VC(@IPPM) VC Maximun Temperature Coefficient of VBR (%/ C) Min (mA) SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A 66.7 66.7 71.0 71.0 77.8 77.8 83.3 83.3 86.7 86.7 94.9 94.9 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 81.5 73.7 86.4 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209 1.0 1.0 1.0 1.0 1.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110 120 120 130 130 150 150 160 160 170 170 1.0 1.0 1.0 1.0 1.0 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 2.8 2.6 2.8 2.3 2.0 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 169 156 196 177 214 193 230 209 268 243 287 259 304 275 80.0 71.0 86.0 76.0 94.0 85.0 101 91 105 95.0 114 103 121 110 135 123 148 133 162 146 175 158 203 184 217 196 230 208 "A" VBR 5%VBR VBR 10%VBR Note:Devices with suffix "A" mean its VBR range of 5%; Devices without suffix "A" indicate its VBR range of 10%. 1.0(25.4) MIN .300(7.6) .230(5.8) 1.0(25.4) MIN .034(0.9) .028(0.7) DIA .140(3.6) DIA .104(2.6) DO - 15 2A-6/6 |
Price & Availability of 1500W15KE68 |