Part Number Hot Search : 
SM870 TPCA8 CHV37H28 WE2408 SK204 CM8501C V5807 N10A0
Product Description
Full Text Search
 

To Download 100301QC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100301 Low Power Triple 5-Input OR/NOR Gate
August 1989 Revised August 2000
100301 Low Power Triple 5-Input OR/NOR Gate
General Description
The 100301 is a monolithic triple 5-input OR/NOR gate. All inputs have 50 k pull-down resistors and all outputs are buffered.
Features
s 23% power reduction of the 100101 s 2000V ESD protection s Pin/function compatible with 100101 s Voltage compensated operating range = -4.2V to -5.7V s Available to industrial grade temperature range (PLCC package only)
Ordering Code:
Order Number 100301SC 100301PC 100301QC 100301QI Package Number M24B N24E V28A V28A Package Description 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square Industrial Temperature Range (-40C to +85C)
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagrams
24-Pin DIP/SOIC
28-Pin PLCC
Pin Descriptions
Pin Names Dna, Dnb, Dnc Oa, Ob, Oc Oa, Ob, Oc Data Inputs Data Outputs Complementary Data Outputs Description
(c) 2000 Fairchild Semiconductor Corporation
DS010579
www.fairchildsemi.com
100301
Truth Table
Inputs D1a, D1b, D1c L L L L L L L L L L L L L L L L H H H H H H H H H H H H H H H H
H = HIGH Voltage Level L = LOW Voltage Level
Outputs D4a, D4b, D4c L L H H L L H H L L H H L L H H L L H H L L H H L L H H L L H H D5a, D5b, D5c L H L H L H L H L H L H L H L H L H L H L H L H L H L H L H L H Oa, Ob, Oc L H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H Oa, Ob, Oc H L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L L
D2a, D2b, D2c L L L L L L L L H H H H H H H H L L L L L L L L H H H H H H H H
D3a, D3b, D3c L L L L H H H H L L L L H H H H L L L L H H H H L L L L H H H H
www.fairchildsemi.com
2
100301
Absolute Maximum Ratings(Note 1)
Storage Temperature (TSTG) Maximum Junction Temperature (TJ) VEE Pin Potential to Ground Pin Input Voltage (DC) Output Current (DC Output HIGH) ESD (Note 2)
-65C to +150C +150C -7.0V to +0.5V
VEE to +0.5V
Recommended Operating Conditions
Case Temperature (TC) Commercial Industrial Supply Voltage (VEE) 0C to +85C
-40C to +85C -5.7V to -4.2V
-50 mA 2000V
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The "recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version DC Electrical Characteristics (Note 3)
VEE = -4.2V to -5.7V, VCC = VCCA = GND, TC = 0C to +85C Symbol VOH VOL VOHC VOLC VIH VIL IIL IIH IEE Parameter Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input LOW Current Input HIGH Current Power Supply Current -29 -17 -1165 -1830 0.50 240 -15 Min -1025 -1830 -1035 -1610 -870 -1475 Typ -955 -1705 Max -870 -1620 Units mV mV mV mV mV mV A A mA Conditions VIN = VIH(Max) or VIL(Min) VIN = VIH(Min) or VIL(Max) Guaranteed HIGH Signal for All Inputs Guaranteed LOW Signal for All Inputs VIN = VIL(Min) VIN = VIH(Max) Inputs OPEN Loading with 50 to -2.0V Loading with 50 to -2.0V
Note 3: The specified limits represent the "worst case" value for the parameter. Since these values normally occur at the temperature extremes, additional noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are chosen to guarantee operation under "worst case" conditions.
DIP AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol tPLH tPHL tTLH tTHL Parameter Propagation Delay Data to Output Transition Time 20% to 80%, 80% to 20% TC = 0C Min 0.50 0.40 Max 1.10 1.20 TC = +25C Min 0.50 0.40 Max 1.15 1.20 TC = +85C Min 0.50 0.40 Max 1.20 1.20 ns ns Figures 1, 2 (Note 4) Figures 1, 2 Units Conditions
Note 4: The propagation delay specified is for single output switching. Delays may vary up to 100 ps with multiple outputs switching.
3
www.fairchildsemi.com
100301
Commercial Version (Continued) SOIC and PLCC AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol tPLH tPHL tTLH tTHL tOSHL Parameter Propagation Delay Data to Output Transition Time 20% to 80%, 80% to 20% Maximum Skew Common Edge Output-to-Output Variation Data to Output Path tOSLH Maximum Skew Common Edge Output-to-Output Variation Data to Output Path tOST Maximum Skew Opposite Edge Output-to-Output Variation Data to Output Path tPS Maximum Skew Pin (Signal) Transition Variation Data to Output Path
Note 5: The propagation delay specified is for single output switching. Delays may vary up to 100 ps with multiple outputs switching. Note 6: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same packaged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH), or in opposite directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
TC = 0C Min 0.50 0.40 Max 1.00 1.10
TC = +25C Min 0.50 0.40 Max 1.05 1.10
TC = +85C Min 0.50 0.40 Max 1.10 1.10
Units
Conditions Figures 1, 2 (Note 5) Figures 1, 2 PLCC Only
ns ns
240
240
240
ps
(Note 6) PLCC Only
330
330
330
ps
(Note 6) PLCC Only
330
330
330
ps
(Note 6) PLCC Only
230
230
230
ps
(Note 6)
Industrial Version PLCC DC Electrical Characteristics (Note 7)
VEE = -4.2V to -5.7V, VCC = VCCA = GND, TC = -40C to +85C Symbol VOH VOL VOHC VOLC VIH VIL IIL IIH IEE Parameter Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input LOW Current Input HIGH Current Power Supply Current -29 -1170 -1830 0.50 240 -15 -29 TC = -40C Min -1085 -1830 -1095 -1565 -870 -1480 -1165 -1830 0.50 240 -15 Max -870 -1575 TC = 0C to +85C Min -1025 -1830 -1035 -1610 -870 -1475 Max -870 -1620 mV mV mV mV mV mV A A mA VIN = VIH(Max) or VIL(Min) VIN = VIH(Min) or VIL(Max) Loading with 50 to -2.0V Loading with 50 to -2.0V Units Conditions
Guaranteed HIGH Signal for All Inputs Guaranteed LOW Signal for All Inputs VIN = VIL(Min) VIN = VIH(Max) Inputs Open
Note 7: The specified limits represent the "worst case" value for the parameter. Since these values normally occur at the temperature extremes, additional noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are chosen to guarantee operation under "worst case" conditions.
PLCC AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol tPLH tPHL tTLH tTHL Parameter Propagation Delay Data to Output Transition Time 20% to 80%, 80% to 20% TC = -40C Min 0.40 0.30 Max 1.00 1.10 TC = +25C Min 0.50 0.40 Max 1.05 1.10 TC = +85C Min 0.50 0.40 Max 1.10 1.10 ns ns Figures 1, 2 (Note 8) Figures 1, 2 Units Conditions
Note 8: The propagation delay specified is for single output switching. Delays may vary up to 100 ps with multiple outputs switching.
www.fairchildsemi.com
4
100301
Test Circuitry
Notes: VCC, VCCA = +2V, VEE = -2.5V L1 and L2 = equal length 50 impedance lines RT = 50 terminator internal to scope Decoupling 0.1 F from GND to VCC and VEE All unused outputs are loaded with 50 to GND CL = Fixture and stray capacitance 3 pF
FIGURE 1. AC Test Circuit
Switching Waveforms
FIGURE 2. Propagation Delay and Transition Times
5
www.fairchildsemi.com
100301
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M24B
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide Package Number N24E
www.fairchildsemi.com
6
100301 Low Power Triple 5-Input OR/NOR Gate
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square Package Number V28A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 100301QC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X