Part Number Hot Search : 
BCX71G RL102 ML614 110LT3 1EEBP C1100H LA6595T UPC831
Product Description
Full Text Search
 

To Download ULN2071B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULN2065B - ULN2067B ULN2069B - ULN2071B ULN2075B - ULN2077B
80 V - 1.5 A QUAD DARLINGTON SWITCHES
.OUTPUT .MI .SUSTAI .I .I .VERSI
CURRENT TO 1.5 A EACH DARLINGTON NIMUM BREAKDOWN 80 V NING VOLTAGE AT LEAST 50 V NTEGRAL SUPPRESSION DIODES (ULN2065B, ULN2067B, ULN2069B and ULN2071B) SOLATEDDARLINGTON PINOUT (ULN2075B and ULN2077B) ONS COMPATIBLE WITH ALL POPULAR LOGIC FAMILIES
DESCRIPTION Designed to interface logic to a wide variety of high current, high voltageloads, these devices each contain four NPN darlington switches delivering up to 1.5 A with a specified minimum breakdown of 80 V and a sustaining voltage of 50 V. The ULN2065B, ULN2067B, ULN2069B and ULN2071B contain integral suppression diodes for inductive loads and have common emitters ; the ULN2075B and ULN2077B feature isolated darlington pinouts and are intended for applications such as emitter follower configurations. Inputs of the ULN2065B, ULN2069B and ULN2075B are compatible with popular 5 V logic families and the ULN2067B, ULN2071B and ULN2077B are compatible with 615 VCMOS and PMOS. The ULN2069B and ULN2071B include a predriver stage to provide extragain, reducing the load on control logic. PIN CONNECTIONS AND ORDER CODES
PO WERDIP 12 + 2 + 2
ULN2065B ULN2067B
ULN2069B ULN2071B
ULN2075B ULN2077B 1/7
April 1993
ULN2065B-ULN2067B-ULN2069B-ULN2071B-ULN2075B-ULN2077B
SCHEMATIC DIAGRAM
ULN2065B : RIN = 350 ULN2067B : RIN = 3k ULN2069B : RIN = 2.5k, Rs = 900 ULN2071B : RIN = 11.6k, Rs = 3.4k ULN2075B : RIN = 350 ULN2077B : RIN = 3k
ABSOLUTE MAXIMUM RATINGS
Symbol VCEX VCE(sus) IO Vi Output Voltage Output Sustaining Voltage Output Current Input Voltage for ULN2075B - 2077B for ULN2067B - 2071B for ULN2065B - 2069B for ULN2069B for ULN2071B Parameter Value 80 50 1.75 60 30 15 25 10 20 4.3 1 - 20 to 85 - 55 to 150 Unit V V A V V V mA V V W W C C
II Vs Ptot Tamb Tstg
Input Current Supply Voltage
Power Dissipation at Tpins = 90 C at Tamb = 70 C Operating Ambient Temperature Range Storage Temperature
ELECTRICAL CHARACTERISTICS (Tamb = 25oC unless otherwise specified )
Symbol ICEX Parameter Output Leakage Current Test Conditions VCE = 80V Tamb = 25C Tamb = 70C IC = 100mA, Vi = 0.4V IC IC IC IC IC = = = = = 500mA 750mA 1A 1.25A 1.5A IB IB IB IB IB = = = = = 625A 935A 1.25mA 2mA 2.25mA 1.4 3.3 0.6 1.7 50 1.1 1.2 1.3 1.4 1.5 4.3 9.6 1.8 5.2 5.5 10 4 12.5 Min. Typ. Max. 100 500 Unit A A V V V V V V mA mA mA mA mA mA mA mA Fig. 1
VCE(sus) VCE(sat)
Collector-emitter Sustaining Voltage Collector-emitter Saturation Voltage
2 3 3 3 3 3 4 4 4 4 4 4 4 4
Ii(on)
Input Current
for ULN2065B and ULN2075B Vi = 2.4V Vi = 3.75V for ULN2067B and ULN2077B Vi = 5V Vi = 12V for ULN2069B Vi = 2.75V Vi = 3.75V for ULN2071B Vi = 5V Vi = 12V
2/7
ULN2065B-ULN2067B-ULN2069B-ULN2071B-ULN2075B-ULN2077B
ELECTRICAL CHARACTERISTICS (Tamb = 25oC unless otherwise specified ) (continued)
Symbol Vi(on) Parameter Input Voltage Test Conditions VCE = 2V, IC = 1A ULN2065B, ULN2075B ULN2067B, ULN2077B VCE = 2V, IC = 1.5A ULN2065B, ULN2075B ULN2067B, ULN2077B ULN2069B ULN2071B for ULN2069B IC = 500mA, Vi = 2.75V for ULN2071B IC = 500mA, Vi = 5V 0.5 V i to 0.5 Vo 0.5 V i to 0.5 Vo for ULN2065B-ULN2067B and ULN2069B-ULN2071B VR = 80 V Tamb = 25C Tamb = 70C for ULN2065B-ULN2067B and ULN2069B-ULN2071B IF = 1 A IF = 1.5 A Min. Typ. Max. 2 6.5 2.5 10 2.75 5 6 4.5 1 1.5 Unit V V V V V V mA mA s s 6 50 100 A A 7 1.75 2 V V Fig. 5 5 5 5 5 5 8 8
Is
Supply Current
tPLH tPHL IR
Turn-on Delay Time Turn-off Delay Time Clamp Diode Leakage Current
VF
Clamp Diode Forward Voltage
Notes : 1. Input voltage is with reference to the substrate (no connection to any other pins) for the ULN2075B and ULN2077B reference is ground for all other types. 2. Input current may be limited by maximum allowable input voltage.
TEST CIRCUITS Figure 1. Figure 2.
Figure 3.
Figure 4.
3/7
ULN2065B-ULN2067B-ULN2069B-ULN2071B-ULN2075B-ULN2077B
Figure 5. Figure 6.
Figure 7.
Figure 8.
Figure 9 : Input Current as a Function of Input Voltage.
Figure 10 : Input Current as a Function of Input Voltage.
Figure 11 : Collector Current as a Function of Input Current.
4/7
ULN2065B-ULN2067B-ULN2069B-ULN2071B-ULN2075B-ULN2077B
MOUNTING INSTRUCTIONS The Rth j-amb can be reduced by soldering the GND pins to a suitable copper area of the printed circuit board (Fig. 12) or to an external heatsink (Fig. 13). The diagram of figure 14 shows the maximum dissipable power Ptot and the Rth j-amb as a function of the side "" of two equal square copper areas having a thickness of 35 (1.4 mils). Figure 12 : Example of P.C. Board Area which is Used as Heatsink.
During soldering the pins temperature must not exceed 260 C and the soldering time must not be longer than 12 seconds. The external heatsink or printed circuit copper area must be connected to electrical ground.
Figure 13 : External Heatsink Mounting Example.
Figure 14 : Maximum Dissipable Power and Junction to Ambient Thermal Resistance vs. Side "I".
Figure 15 : Maximum Allowable Power Dissipation vs. Ambient Temperature.
5/7
ULN2065B-ULN2067B-ULN2069B-ULN2071B-ULN2075B-ULN2077B
POWERDIP 16 PACKAGE MECHANICAL DATA
DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.30 1.27 8.80 2.54 17.78 7.10 5.10 0.130 0.050 0.38 0.51 0.85 0.50 0.50 20.0 0.346 0.100 0.700 0.280 0.201 0.015 1.40 mm TYP. MAX. MIN. 0.020 0.033 0.020 0.020 0.787 0.055 inch TYP. MAX.
6/7
ULN2065B-ULN2067B-ULN2069B-ULN2071B-ULN2075B-ULN2077B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore Spain - Sweden - Switzerland - Taiwan - Thaliand - United Kingdom - U.S.A.
7/7


▲Up To Search▲   

 
Price & Availability of ULN2071B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X