Part Number Hot Search : 
2SK2949 4AC25 ATMEGA6 ERJ6G 2SB15 WE904 N800208 MAX1021
Product Description
Full Text Search
 

To Download TPM15212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mini Switcher
TPM Series 5, 10, 15, 30 Watt
Features
Miniature AC/DC Switching Power Modules PCB Mounting with Solder Pins or Chassis Mounting with Screw Terminals Single, Dual and Triple Output Models Universal Input 85-264 VAC, 47-400 Hz High Efficiency EMI meets EN 55022, Class B and FCC, Level B Low Ripple and Noise Short Circuit and Overload Protection Safety Class II Product 2 Year Product Warranty The TPM Series switching power supplies, comprising 51 (!) standard models, offer highest power density in a full encapsulated module. This feature makes these modules an ideal solution for all space critical applications in commercial and industrial electronic equipment. Full compliance to European low voltage and EMC directive, UL and cUL safety approval qualifies this product for worldwide markets. SMD-technology and a high efficiency guarantees a high reliability of these MiniSwitcher.
Models
Ordercode PCB-mounting Chassis mounting with solder pins with screw terminals TPM 05105 TPM 05112 TPM 05124 TPM 05212 TPM 05215 TPM 10105 TPM 10112 TPM 10124 TPM 10212 TPM 10215 TPM 10512 TPM 10515 TPM 10105C TPM 10112C TPM 10124C TPM 10212C TPM 10215C TPM 10512C TPM 10515C 10 Watt 5 Watt Output Power max. Output 1 Inom Output 2 Inom Output 3 Inom
5 VDC / 1000 mA 12 VDC / 420 mA 24 VDC / 210 mA +12 VDC / 250 mA +15 VDC / 150 mA 5 VDC / 2000 mA 12 VDC / 840 mA 24 VDC / 420 mA +12 VDC / 400 mA +15 VDC / 300 mA *5 VDC / 1200 mA *5 VDC / 1200 mA -12 VDC / 400 mA -15 VDC / 300 mA +12 VDC / 120 mA +15 VDC / 100 mA -12 VDC / 120 mA -15 VDC / 100 mA -12 VDC / 150 mA -15 VDC / 150 mA
DC input (18 - 72 VDC) and other output voltages on request
* Output floating
http://www.tracopower.com
Page 1
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt
Models
Ordercode PCB-mounting Chassis mounting with solder pins with screw terminals TPM 15105 TPM 15112 TPM 15124 TPM 15212 TPM 15215 TPM 15512 TPM 15515 TPM 30105 TPM 30112 TPM 30124 TPM 30212 TPM 30215 TPM 30252 TPM 30254 TPM 30512 TPM 30515 TPM 15105C TPM 15112C TPM 15124C TPM 15212C TPM 15215C TPM 15512C TPM 15515C TPM 30105C TPM 30112C TPM 30124C TPM 30212C TPM 30215C TPM 30252C TPM 30254C TPM 30512C TPM 30515C 30 Watt 15 Watt Output Power max. Output 1 Inom Output 2 Inom Output 3 Inom
5 VDC / 3000 mA 12 VDC / 1300 mA 24 VDC / 600 mA +12 VDC / 600 mA +15 VDC / 500 mA *5 VDC / 1600 mA *5 VDC / 1600 mA 5 VDC / 6000 mA 12 VDC / 2500 mA 24 VDC / 1300 mA +12 VDC / 1200 mA +15 VDC / 1000 mA *5 VDC / 3000 mA *5 VDC / 3000 mA *5 VDC / 3000 mA *5 VDC / 3000 mA -12 VDC /1200 mA -15 VDC /1000 mA *12 VDC /1200 mA *24 VDC / 600 mA +12 VDC / 600 mA +15 VDC / 500 mA -12 VDC / 600 mA -15 VDC / 500 mA -12 VDC / 400 mA -15 VDC / 400 mA +12 VDC / 150 mA +15 VDC / 150 mA -12 VDC / 150 mA -15 VDC / 150 mA
DC input (18 - 72 VDC) and other output voltages on request
* Output floating
Input Specifications
Input voltage range Input frequency Input current no load - TPM 05 models - TPM 10 models - TPM 15 models - TPM 30 models Input current full load - TPM 05 models - TPM 10 models - TPM 15 models - TPM 30 models Inrush current (< 2 ms) - TPM 05 models - TPM 10 models - TPM 15 models - TPM 30 models External fuse (recommended) 85 - 264 VAC (100 -375 VDC) 47 - 400 Hz 115 VAC /230 VAC 18 mA / 13 mA typ. 18 mA / 18 mA typ. 18 mA / 18 mA typ. 25 mA / 20 mA typ. 115 VAC /230 VAC 100 mA / 60 mA typ. 150 mA / 90 mA typ. 220 mA / 118 mA typ. 430 mA / 240 mA typ. 115 VAC /230 VAC 8 A / 16 A max. 9 A / 18 A max. 9 A / 20 A max. 10 A / 20 A max.
- TPM 05 models 0.5 A slow blow type - TPM 10 models 1.0 A slow blow type - TPM 15 models 1.0 A slow blow type - TPM 30 models 2.0 A slow blow type All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt
Output Specifications
Voltage set accuracy - Output 1 (main output) - Output 2/3 (aux. outputs) Regulation - Input variation - Load variation (10 - 90 %) - Single output models - Dual/ triple output models Minimum load - Dual/ triple output models 1% 4% 0.5 % max. 0.5 % max. 2 % typ. / 5 % max. (symmetric load) 5 % (main output) 100 mV pk-pk max. 105 - 130 % of Iout max., constant current hiccup mode, indefinite (automatic recovery) 1000 F (each output) TPM 05xxx only 4700 F (each output) all other models
Ripple and noise (20 Mhz Bandwidth) Current limitation Short circuit protection Capacitive load
General Specifications
Temperature ranges - Operating - Case - Derating 5 % / C above - Storage (non operating) Temperature coefficient Efficiency Humidity (non condensing) Switching frequency Hold-up time Isolation voltage - Vin = 115 VAC - Vin = 230 VAC - Input/ Output - 25 C...+70 C ambient temp. max. 95 C (over temp. protected) 55 C (TPM 5/ 10 models) 50 C (TPM 15/30 models) - 40 C...+100 C 0.01 % / C 70 - 80 % (depending on model) 95 % rel max. 100 kHz typ. (Puls width modulation PWM) 50 ms min. 50 ms min. 3`300 VAC > 150`000 h @ 40C EN 55022, class B, FCC part 15, level B - Electrostatic discharge ESD - RF field susceptibility - Electrical fast transients/bursts on mainsline - Surge IEC IEC IEC IEC / EN 61000-4-2 / EN 61000-4-3 / EN 61000-4-4 / EN 61000-4-5 4 kV / 8 kV 10 V/m 2 kV 2 kV sym.
Reliability /calculated MTBF (MIL-HDBK-217E) EMI / RFI conducted EMC compliance
Safety Class II Safety standards Safety approval Case material
to IEC / EN 60536 UL 1950, IEC 60950, EN 60950 cUL /UL (E172055) CELANEX 2360 FL (flammability to UL 94-V0)
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt
Outline Dimensions mm (inches) PCB-mounting with solder pins TPM 5 W
50.8 0.5
(2.0 0.02)
20 0.5
(0.89 0.02)
3.8
(0.15)
22 0.4
(0.87 0.016)
22 0.4
(0.87 0.016)
3
4 Bottom view 1
5
50.8 0.5
(2.0 0.02)
2
(0.61 0.016)
15 0.4
(0.6 0.016)
15.4 0.4
3.4 0.4
(0.13 0.016)
32 0.4 1.26 0.016)
Weight
TPM 5 90 g (0.02 lb)
Pin-Out
Pin 1 2 3 4 5 Single AC in AC in -V out no pin +V out Dual AC in AC in -V out Common +V out
Pin diameter o 1.0 0.1 (0.04 0.004)
Specifications can be changed without notice http://www.tracopower.com Page 4
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt
Outline Dimensions mm (inches) PCB-mounting with solder pins TPM 10/15 W
76 0.5
(3.0 0.02)
22.5 0.2
(0.89 0.008)
10
(0.39)
5
(0.2)
66 0.4
(2.6 0.016)
(0.5
1 7
(1.35 0.016)
50.8 0.5
25.4 0.4
35.4 0.4
(1.0 0.016)
(2.0 0.02)
Bottom view
3 4 5
6
38 0.5
(1.5 0.02)
Self cutting screws o 3.5 mm (0.14) 7.5 mm (0.3) depth max.
Weight TPM 10 150 g (0.33 lb) TPM 15 150 g (0.33 lb)
Pin diameter o 1.1 0.1 (0.043 0.004)
(0.4)
2
10.2 10.2 5
(0.4) (0.2)
12.7 0.4
0.016)
Pin-Out
Pin 1 2 3 4 5 6 7 Single -V out No Pin No Pin No Pin +V out AC in AC in Dual -V out No Pin Common No Pin +V out AC in AC in Triple -V out 3 -V out 1 Com. 2/3 +V out 1 +V out 2 AC in AC in
Specifications can be changed without notice http://www.tracopower.com Page 5
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt
Outline Dimensions mm (inches) PCB-mounting with solder pins TPM 30 W
90 0.5
(3.5 0.02)
33 0.2
(0.89 0.008)
10
(0.39)
4.5
(0.18) (0.18)
81 0.4
(3.19 0.016)
7
1 2
15.3 4.5 12.7
(2.56 0.02)
(2.21 0.012)
65 0.5
25.4 0.4
(1.0 0.016)
56 0.3
Bottom view
3 4
6
5 45
(1.77)
Self cutting screws o 3.5 mm (0.14) 7.5 mm (0.3) depth max.
Weight TPM 30 340 g (0.75 lb)
Pin diameter o 1.2 0.1 (0.05 0.004)
(0.5 )
(0.6 )
(0.18)
4.5
Pin-Out
Pin 1 2 3 4 5 6 7 Single No Pin No Pin -V out No Pin +V out AC in AC in Dual sym. Dual asym. -V out No Pin Common No Pin +V out AC in AC in -V out 1 +V out 1 No Pin -V out 2 +V out 2 AC in AC in Triple -V out 3 -V out 1 Com. 2/3 +V out 1 +V out 2 AC in AC in
Specifications can be changed without notice http://www.tracopower.com Page 6
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt
Outline Dimensions mm (inches) Chassis mounting with screw terminals TPM 10/15 W C
(0.91)
23
Side view
55
(2.17)
Self cutting screws o 3.5 mm (0.14) 7.5 mm (0.3) depth max.
(0.33) (1.35 0.016)
1 2 3 4 5
(2.0)
51
39
Top view 7 6
o 4.5
7.5
(0.3)
95
(3.74)
110
(4.33)
Connection: wire diameter o 0.2 - 4.0 mm2 (AWG 24 - 12)
(o 1.8)
34.4 0.4
Weight Pin 1 2 3 4 5 6 7 Single
(1.54)
8.3
(0.24)
6
TPM 10 C TPM 15 C
200 g (0.44 lb) 220 g (0.44 lb)
Pin-Out
Dual No Terminal No Terminal -V out Common +V out AC in AC in Triple -V out 3 -V out 1 Com. 2/3 +V out 1 +V out 2 AC in AC in No Terminal No Terminal No Terminal -V out +V out AC in AC in
Specifications can be changed without notice http://www.tracopower.com Page 7
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt
Outline Dimensions mm (inches) Chassis mounting with screw terminals TPM 30 W C
Side view
(1.3)
33
57.5
(2.26)
Self cutting screws o 3.5 mm (0.14), 7.5 mm (0.3) depth max.
(0.24)
6
19.8
1 2 3 4 5
(2.56 0.02)
25.4 0.4 o 4.2
(o 1.7)
Top view 7 6
4.5
(0.18)
106
(4.17)
115
(4.53)
120
(4.72)
(1.0 0.016)
65 0.5
(2.09)
53
(0.78)
Weight
TPM 30 370 g (0.82 lb)
Connection: wire diameter o 0.2 - 4.0 mm2 (AWG 24 - 12)
Pin 1 2 3 4 5 6 7 Single
Pin-Out
Dual sym. Dual asym. -V out 1 +V out 1 -V out 2 +V out 2 AC in AC in Triple -V out 3 -V out 1 Com. 2/3 +V out 1 +V out 2 AC in AC in No Terminal No Terminal No Terminal No Terminal No Terminal No Terminal -V out +V out AC in AC in -V out Common +V out AC in AC in
Specifications can be changed without notice
Rev. 11/01
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch * internet: http://www.tracopower.com
Page 8


▲Up To Search▲   

 
Price & Availability of TPM15212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X