Part Number Hot Search : 
SG15321 BCM1255 BY500 5KE16A 74F825 MMBZ5257 002M0 BUV27
Product Description
Full Text Search
 

To Download TA2024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL INFORMATION
Stereo 10W (4) Class-TTM Digital Audio Amplifier using Digital Power ProcessingTM Technology TA2024
February 27, 2001 - Preliminary Rev. 1.0
General Description
The TA2024 is a 10W/ch continuous average two-channel Class-T Digital Audio Power Amplifier IC using Tripath's proprietary Digital Power ProcessingTM technology. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.
Applications
Computer/PC Multimedia DVD Players Cable Set-Top Products Televisions Video CD Players Battery Powered Systems
Features
Class-T architecture Single Supply Operation "Audiophile" Quality Sound 0.04% THD+N @ 9W, 4 0.18% IHF-IM @ 1W, 4 6W @ 8, 0.1% THD+N 11W @ 4, 0.1% THD+N High Power 10W @ 8, 10% THD+N 15W @ 4, 10% THD+N High Efficiency 88% @ 10W, 8 81% @ 15W, 4 Dynamic Range = 102 dB Mute and Sleep inputs Turn-on & turn-off pop suppression Over-current protection Over-temperature protection Bridged outputs 36-pin Power SOP package
Benefits
Fully integrated solution with FETs Easier to design-in than Class-D Reduced system cost with no heat sink Dramatically improves efficiency versus Class-AB Signal fidelity equal to high quality linear amplifiers High dynamic range compatible with digital media such as CD, DVD, and Internet audio
Typical Performance
THD+N versus Output Power
10 5 VDD = 12V f = 1kHz Av = 12 BW = 22Hz - 22kHz
2 1
THD+N (%)
0.5
0.2 0.1 0.05
RL= 8
RL= 4
0.02 0.01 500m 1 2 5 10 20
Output Power (W)
TA2024 Preliminary, Rev. 1.0
Page 1
TECHNICAL INFORMATION
Absolute Maximum Ratings (Note 1)
SYMBOL VDD V5 SLEEP MUTE ESDHBM ESDMM TSTORE TA TJ Supply Voltage Input Section Supply Voltage SLEEP Input Voltage MUTE Input Voltage ESD Susceptibility, Human Body Model (Note2) ESD Susceptibility, Machine Model (Note 3) Storage Temperature Range Operating Free-air Temperature Range Junction Temperature All pins except pins 1,4 Pins 1, 4 PARAMETER Value 16 6.0 -0.3 to 6.0 -0.3 to V5+0.3 2000 1000 200 -40 to 150 0 to 70 150 UNITS V V V V V V V C C C
Note 1 : Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Note 2 : Human Body Model, 100pF discharged through a 1.5k resistor. Note 3 : Machine Model, 200pF discharged directly to each pin Note 4 : See Power Dissipation Derating in the Applications Information section.
Operating Conditions (Note 5)
SYMBOL VDD VIH VIL Supply Voltage High-level Input Voltage (MUTE, SLEEP) Low-level Input Voltage (MUTE, SLEEP) PARAMETER MIN. 8.5 3.5 1 TYP. 12 MAX. 13.2 UNITS V V V
Note 5: Recommended Operating Conditions indicate conditions for which the device is functional. See Electrical Characteristics for guaranteed specific performance limits.
Page 2
TA2024 Preliminary, Rev. 1.0
TECHNICAL INFORMATION
Electrical Characteristics
See Test/Application Circuit. Unless otherwise specified, VDD = 12V, f = 1kHz, Measurement Bandwidth = 22kHz, RL = 4, TA = 25 C, Package heat slug soldered to 2.8 square-inch PC pad.
SYMBOL PARAMETER CONDITIONS MIN. 9 5.5 12 8 TYP. 11 6 16 10 5.5 0.25 61 0.04 0.18 89 50 60 55 80 88 50 3.5 1 A-Weighted, input AC grounded 100 150 0.5 7 2 75 MAX. UNITS W W W W mA mA mA % % dB dB dB % mV V V V PO Output Power (Continuous Average/Channel) THD+N = 0.1% THD+N = 10% IDD,MUTE IDD, SLEEP Iq THD + N IHF-IM SNR CS PSRR VOFFSET VOH VOL eOUT Mute Supply Current Sleep Supply Current Quiescent Current Total Harmonic Distortion Plus Noise IHF Intermodulation Distortion Signal-to-Noise Ratio Channel Separation Power Supply Rejection Ratio Power Efficiency Output Offset Voltage High-level output voltage (FAULT & OVERLOAD) Low-level output voltage (FAULT & OVERLOAD) Output Noise Voltage MUTE = VIH SLEEP = VIH VIN = 0 V PO = 9W/Channel 19kHz, 20kHz, 1:1 (IHF) A-Weighted, POUT = 1W, RL = 8 30kHz Bandwidth Vripple = 100mV. POUT = 10W/Channel, RL = 8 No Load, MUTE = Logic Low RL = 4 RL = 8 RL = 4 RL = 8
Note:
Minimum and maximum limits are guaranteed but may not be 100% tested.
TA2024 Preliminary, Rev. 1.0
Page 3
TECHNICAL INFORMATION
Pin Description
Pin 2, 3 Function DCAP2, DCAP1 Description Charge pump switching pins. DCAP1 (pin 3) is a free running 300kHz square wave between VDDA and DGND (12Vpp nominal). DCAP2 (pin 2) is level shifted 10 volts above DCAP1 (pin 3) with the same amplitude (12Vpp nominal), frequency, and phase as DCAP1. Digital 5VDC, Analog 5VDC Analog Ground Internal reference voltage; approximately 1.0 VDC. A logic low output indicates the input signal has overloaded the amplifier. Input stage output pins. Single-ended inputs. Inputs are a "virtual" ground of an inverting opamp with approximately 2.4VDC bias. When set to logic high, both amplifiers are muted and in idle mode. When low (grounded), both amplifiers are fully operational. If left floating, the device stays in the mute mode. This pin should be tied to GND if not used. Input stage bias voltage (approximately 2.4VDC). When set to logic high, device goes into low power mode. If not used, this pin should be grounded A logic high output indicates thermal overload, or an output is shorted to ground, or another output. Power Grounds (high current) Digital Ground Bridged outputs Supply pins for high current H-bridges, nominally 12VDC. Not connected. Not bonded internally. Analog 12VDC Charge pump output (nominally 10V above VDDA) Regulated 5VDC source used to supply power to the input section (pins 4 and 9).
4, 9 5, 8, 17 6 7 10, 14 11, 15 12 16 18 19 20, 35 22 24, 27; 31, 28 25, 26, 29, 30 13, 21, 23, 32, 34 33 36 1
V5D, V5A AGND1, AGND2, AGND3 REF OVERLOADB VP1, VP2 IN1, IN2 MUTE BIASCAP SLEEP FAULT PGND2, PGND1 DGND OUTP2 & OUTM2; OUTP1 & OUTM1 VDD2, VDD2 VDD1, VDD1 NC VDDA CPUMP 5VGEN
36-pin Power SOP Package (Top View)
+5VGEN DCAP2 DCAP1 V5D AGND1 REF OVERLOADB AGND2 V5A VP1 IN1 MUTE NC VP2 IN2 BIASCAP AGND3 SLEEP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 CPUMP PGND1 NC VDDA NC OUTP1 VDD1 VDD1 OUTM1 OUTM2 VDD2 VDD2 OUTP2 NC DGND NC PGND2 FAULT
Page 4
TA2024 Preliminary, Rev. 1.0
TECHNICAL INFORMATION
Application / Test Circuit
TA2024
CI 2.2uF + RF 20K
VP1 10
VDD1
OUTP1
IN1 11
31
Lo 10uH, 2A
RI 20K CA 0.1uF (Pin 8)
5V
DO
BIASCAP
16
Processing & Modulation
PGND1 VDD1
(Pin 35) (Pin 35) Lo 10uH, 2A
*Co 0.47uF
CZ 0.47uF CCM 0.1uF RZ 10, 1/2W RL 4 or *8
28 OUTM1
DO (Pin 35)
*Co 0.47uF
5V
MUTE
12
PGND1
19
VP2 14
7
VDD2
FAULT OVERLOADB
CI 2.2uF +
RF 20K RI 20K
IN2 15
24 OUTP2
DO
REF
Lo 10uH, 2A
6
RREF (Pin 8) 8.25K, 1%
Processing & Modulation
PGND2 VDD2
(Pin 20) (Pin 20) Lo 10uH, 2A
*Co 0.47uF
CZ 0.47uF CCM 0.1uF
3
+12V 1meg 0.1uF CD 0.1uF
DCAP1
27
OUTM2 DO
RZ *Co 0.47uF 10, 1/2W
RL 4 or *8
2 18
DCAP2
PGND2
SLEEP CPUMP 36
(Pin 20)
4
CS 0.1uF To Pin 1
+
V5D AGND1 V5A AGND2 AGND3
5V
VDDA DGND +5VGEN VDD1 VDD1
33 22 1 30 29
CP 1uF CS 0.1uF CS 0.1uF To Pins 4,9
5 9
CS 0.1uF
8 17
PGND1 35
CSW 0.1uF
+
VDD (+12V) CSW
180uF, 16V
13 21 23 32 34
25 VDD2
NC VDD2 PGND2
26 20
CSW 0.1uF
+
CSW 180uF, 16V
Note: Analog and Digital/Power Grounds must be connected locally at the TA2024 Analog Ground Digital/Power Ground All Diodes Motorola MBRS130T3 * Use Co = 0.22F for 8 Ohm loads
TA2024 Preliminary, Rev. 1.0
Page 5
TECHNICAL INFORMATION
External Components Description (Refer to the Application/Test Circuit)
Components RI RF CI RREF CA CD CP Description Inverting Input Resistance to provide AC gain in conjunction with RF. This input is biased at the BIASCAP voltage (approximately 2.4VDC). Feedback resistor to set AC gain in conjunction with RI; A V = 12(RF / RI ) . Please refer to the Amplifier Gain paragraph in the Application Information section. AC input coupling capacitor which, in conjunction with RI, forms a highpass filter at
fC = 1 ( 2RICI )
CS CSW
CZ RZ
DO
LO
Bias resistor. Locate close to pin 6 and ground at pin 8. BIASCAP decoupling capacitor. Should be located close to pin 16. Charge pump input capacitor. This capacitor should be connected directly between pins 2 and 3 and located physically close to the TA2024. Charge pump output capacitor that enables efficient high side gate drive for the internal Hbridges. To maximize performance, this capacitor should be connected directly between pin 36 (CPUMP) and pin 34 (VDDA). Please observe the polarity shown in the Application/ Test Circuit. Supply decoupling for the low current power supply pins. For optimum performance, these components should be located close to the pin and returned to their respective ground as shown in the Application/Test Circuit. Supply decoupling for the high current, high frequency H-Bridge supply pins. These components must be located as close to the device as possible to minimize supply overshoot and maximize device reliability. Both the high frequency bypassing (0.1uF) and bulk capacitor (180uF) should have good high frequency performance including low ESR and low ESL. Panasonic HFQ or FC capacitors are ideal for the bulk capacitor. Zobel Capacitor. Zobel resistor, which in conjunction with CZ, terminates the output filter at high frequencies. The combination of RZ and CZ minimizes peaking of the output filter under both no load conditions or with real world loads, including loudspeakers which usually exhibit a rising impedance with frequency. Schottky diodes that minimize undershoots of the outputs with respect to power ground during switching transitions. For maximum effectiveness, these diodes must be located close to the output pins and returned to their respective PGND. Please see Application/Test Circuit for ground return pin. Output inductor, which in conjunction with CO, demodulates (filters) the switching waveform into an audio signal. Forms a second order filter with a cutoff frequency of f C = 1 ( 2 L O C O ) and a quality factor of Q = R L C O LOCO . Output capacitor. Common Mode Capacitor.
CO CCM
Page 6
TA2024 Preliminary, Rev. 1.0
TECHNICAL INFORMATION
Typical Performance Characteristics
Efficiency versus Output Power
100 90 80 70
Frequency Response
+3 +2.5 VDD = 12V Pout = 1W RLoad = 4 Av = 12 BW = 22Hz - 22kHz
RL = 8
+2 +1.5
Efficiency (%)
60 50 40 30 20 10 0
RL = 4
Output Amplitude (dBr)
20
+1 +0.5 +0 -0.5 -1 -1.5 -2 -2.5
VDD = 12V f = 1kHz Av = 12 THD+N < 10%
0
5
10
15
Output Power (W)
-3 10
20
50
100
200
500
1k
2k
5k
10k
20k
Frequency (Hz)
Intermodulation Performance
+0 -10 -20 -30 VDD = 12V Pout = 1W/Channel RLoad = 4 0dBr = 12Vrms 19kHz, 20kHz, 1:1 Av = 11.7 BW = 10Hz - 80kHz
Noise Floor
+0 -20 VDD = 12V Pout = 0W RLoad = 4 Av = 12 BW = 22Hz - 22kHz A-Weighted Filter
Noise FFT (dBV)
2k 5k 10k 20k 30k
-40
FFT (dBr)
-40 -50 -60 -70 -80 -90
-60
-80
-100
-120
-140
-100 50 1k
20
50
100
200
500
1k
2k
5k
10k
20k
Frequency (Hz)
Frequency (Hz)
THD+N versus Frequency
10 5 2 1 VDD = 12V Pout = 5W/Channel Av = 12 BW = 22Hz - 22kHz
+0 -10
Channel Separation versus Frequency
VDD = 12V Pout = 1W/Channel RLoad = 4 Av = 12 BW = 22Hz - 22kHz
Channel Separation (dBr)
RL = 4 RL = 8 200 500 1k 2k 5k 10k 20k
-20 -30 -40 -50 -60 -70 -80 -90 -100
THD+N (%)
0.5 0.2 0.1 0.05 0.02 0.01 10 20 50 100
20
50
100
200
500
1k
2k
5k
10k
20k
Frequency (Hz)
Frequency (Hz)
TA2024 Preliminary, Rev. 1.0
Page 7
TECHNICAL INFORMATION
Application Information
Layout Recommendations The TA2024 is a power (high current) amplifier that operates at relatively high switching frequencies. The outputs of the amplifier switch between the supply voltage and ground at high speeds while driving high currents. This high-frequency digital signal is passed through an LC low-pass filter to recover the amplified audio signal. Since the amplifier must drive the inductive LC output filter and speaker loads, the amplifier outputs can be pulled above the supply voltage and below ground by the energy in the output inductance. To avoid subjecting the TA2024 to potentially damaging voltage stress, it is critical to have a good printed circuit board layout. It is recommended that Tripath's layout and application circuit be used for all applications and only be deviated from after careful analysis of the effects of any changes. Please contact Tripath Technology for further information regarding reference design material regarding the TA2024. Amplifier Gain The gain of the TA2024 is set by the ratio of two external resistors, RI and RF, and is given by the following formula:
VO R = 12 F VI RI
where VI is the input signal level and VO is the differential output signal level across the speaker. 9 Watts of RMS output power results from an 8.485V RMS signal across an 8 speaker load. If RF = RI, then 9 Watts will be achieved with 0.707V RMS of input signal.
8.485 VRMS = (R L PO ) = (8 9 W )
Protection Circuits The TA2024 is guarded against over-temperature and over-current conditions. When the device goes into an over-temperature or over-current state, the FAULT pin goes to a logic HIGH state indicating a fault condition. When this occurs, the amplifier is muted, all outputs are TRI-STATED, and will float to 1/2 of VDD.
Over-temperature Protection An over-temperature fault occurs if the junction temperature of the part exceeds approximately 155C. The thermal hysteresis of the part is approximately 45C, therefore the fault will automatically clear when the junction temperature drops below 110C.
Page 8
TA2024 Preliminary, Rev. 1.0
TECHNICAL INFORMATION
Over-current Protection An over-current fault occurs if more than approximately 7 amps of current flows from any of the amplifier output pins. This can occur if the speaker wires are shorted together or if one side of the speaker is shorted to ground. An over-current fault sets an internal latch that can only be cleared if the MUTE pin is toggled or if the part is powered down. Alternately, if the MUTE pin is connected to the FAULT pin, the HIGH output of the FAULT pin will toggle the MUTE pin and automatically reset the fault condition. Overload The OVERLOADB pin is a 5V logic output. When low, it indicates that the level of the input signal has overloaded the amplifier resulting in increased distortion at the output. The OVERLOADB signal can be used to control a distortion indicator light or LED through a simple buffer circuit, as the OVERLOADB cannot drive an LED directly. Sleep Pin The SLEEP pin is a 5V logic input that when pulled high (>3.5V) puts the part into a low quiescent current mode. This pin is internally clamped by a zener diode to approximately 6V thus allowing the pin to be pulled up through a large valued resistor (1meg recommended) to VDD. To disable SLEEP mode, the sleep pin should be grounded. Fault Pin The FAULT pin is a 5V logic output that indicates various fault conditions within the device. These conditions include: low supply voltage, low charge pump voltage, low 5V regulator voltage, over current at any output, and junction temperature greater than approximately 155C. All faults except overcurrent all reset upon removal of the condition. The FAULT output is capable of directly driving an LED through a series 200 resistor. If the FAULT pin is connected directly to the MUTE input an automatic reset will occur in the event of an over-current condition.
TA2024 Preliminary, Rev. 1.0
Page 9
TECHNICAL INFORMATION
Power Dissipation Derating For operating at ambient temperatures above 25C the device must be derated based on a 150C maximum junction temperature, TJMAX as given by the following equation: PDISS = (TJMAX - TA ) JA
where... PDISS = maximum power dissipation TJMAX = maximum junction temperature of TA2024 TA = operating ambient temperature JA = junction-to-ambient thermal resistance
Where JA of the package is determined from the following graph:
JA vs Copper Area
50
o JA ( C/W)
40 30 20 10 0 1 2 3 4 5 6 Copper Area (square inches)
Pdiss - 1.35W Pdiss - 2W Pdiss - 3.4W
In the above graph Copper Area is the size of the copper pad on the PC board to which the heat slug of the TA2024 is soldered. The heat slug must be soldered to the PCB to increase the maximum power dissipation capability of the TA2024 package. Soldering will minimize the likelihood of an overtemperature fault occurring during continuous heavy load conditions. The vias used for connecting the heatslug to the copper area on the PCB should be 0.013" diameter.
Page 10
TA2024 Preliminary, Rev. 1.0
TECHNICAL INFORMATION
Performance Measurements of the TA2024 The TA2024 operates by generating a high frequency switching signal based on the audio input. This signal is sent through a low-pass filter (external to the Tripath amplifier) that recovers an amplified version of the audio input. The frequency of the switching pattern is spread spectrum and typically varies between 100kHz and 1.0MHz, which is well above the 20Hz - 20kHz audio band. The pattern itself does not alter or distort the audio input signal but it does introduce some inaudible components. The measurements of certain performance parameters, particularly noise related specifications such as THD+N, are significantly affected by the design of the low-pass filter used on the output as well as the bandwidth setting of the measurement instrument used. Unless the filter has a very sharp roll-off just beyond the audio band or the bandwidth of the measurement instrument is limited, some of the inaudible noise components introduced by the Tripath amplifier switching pattern will degrade the measurement. One feature of the TA2024 is that it does not require large multi-pole filters to achieve excellent performance in listening tests, usually a more critical factor than performance measurements. Though using a multi-pole filter may remove high-frequency noise and improve THD+N type measurements (when they are made with wide-bandwidth measuring equipment), these same filters degrade frequency response. The TA2024 Evaluation Board uses the Test/Application Circuit in this data sheet, which has a simple two-pole output filter and excellent performance in listening tests. Measurements in this data sheet were taken using this same circuit with a limited bandwidth setting in the measurement instrument.
TA2024 Preliminary, Rev. 1.0
Page 11
TECHNICAL INFORMATION
Package Information 36-Lead Power Small Outline Package (PSOP), compliant with JEDEC outline MO-166, variation AE:
Package Dimensions for TYPE 1
32
1
3.10 REF
E2 2 PLACES
36
E1
D1
TOP VIEW
BOTTOM VIEW
D
3.35 REF
SEE DETAIL "A"
e
b
SIDE VIEW
END VIEW
Dimension b c D D1 E E1 E2 E3 e L1 L
Min. 0.22 0.23 15.80 9.40 13.90 10.90 --5.80
0.80
Nom. ----15.90 --14.20 11.00 ----0.65 BSC. 0.35 BSC. ---
Max. 0.38 0.32 16.00 9.80 14.50 11.10 2.90 6.20
0.15 REF
GAUGE PLANE
L1
0.20 +/- 0.10
3.15 +/- 0.15 4 +/- 4
L
1.60 REF
1.10
Note: All dimensions are in millimeters.
DETAIL "A"
Page 12
TA2024 Preliminary, Rev. 1.0
c
E3
E
TECHNICAL INFORMATION
Package Dimensions for TYPE 2
2.24
32 1
3.10 REF
E2 2 PLACES
36
E1
D1
TOP VIEW
BOTTOM VIEW
D
3.35 REF
SEE DETAIL "A"
e
b
SIDE VIEW
END VIEW
Dimension b c D D1 E E1 E2 E3 e L1 L
Min. 0.25 0.23 15.80 9.00 13.90 10.90 --5.80
0.80
Nom. ----15.90 --14.20 11.00 ----0.65 BSC. 0.35 BSC. ---
Max. 0.38 0.32 16.00 13.00 14.50 11.10 2.90 6.20
0.15 REF
GAUGE PLANE
L1
0.20 +/- 0.10
3.15 +/- 0.15 4 +/- 4
L
1.60 REF
1.10
Note: All dimensions are in millimeters.
DETAIL "A"
TA2024 Preliminary, Rev. 1.0
Page 13
c
E3
E
TECHNICAL INFORMATION
Tripath, Class T, Combinant Digital, DPP and Digital Power Processing are trademarks of Tripath Technology Inc. Other trademarks referenced in this document are owned by their respective companies. Tripath Technology Inc. reserves the right to make changes without further notice to any products herein to improve reliability, function or design. Tripath does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. TRIPATH'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITOUT THE EXPRESS WRITTEN CONSENT OF THE PRESIDENT OF TRIPATH TECHNOLOGY INC. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in this labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. For more information on Tripath products, visit our web site at: www.tripath.com
TRIPATH TECHNOLOGY, INC. 3900 Freedom Circle Santa Clara, California 95054 408-567-3000
Page 14
TA2024 Preliminary, Rev. 1.0


▲Up To Search▲   

 
Price & Availability of TA2024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X