Part Number Hot Search : 
150C8066 12816 W9825 AT90S23 P4SMA480 ADV7311 2SC3001 0157K40
Product Description
Full Text Search
 

To Download STD38NF03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STD38NF03L
N - CHANNEL 30V - 0.013 - 38A TO-252 STripFETTM POWER MOSFET
PRELIMINARY DATA
TYPE STD38NF03L
s s
V DSS 30 V
R DS(o n) < 0.019
ID 38 A
s s
TYPICAL RDS(on) = 0.013 OPTIMIZED FOR HIGH SWTICHING OPERATIONS LOW THRESHOLD DRIVE ADD SUFFIX "T4" FOR ORDERING IN TAPE & REEL
3 1
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s MOTOR CONTROL, AUDIO AMPLIFIERS s DC-DC & DC-AC CONVERTERS
DPAK TO-252
(Suffix "T4")
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol V DS V DGR VGS I D (*) ID I DM (*) P tot T st g Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 oC Drain Current (continuous) at Tc = 100 o C Drain Current (pulsed) T otal Dissipation at Tc = 25 C Derating Factor Storage Temperature Max. Operating Junction Temperature
o
Value 30 30 20 38 27 152 45 0.3 -65 to 175 175
( *)Value limited by the package
Unit V V V A A A W W /o C
o o
C C
(*) Pulse width limited by safe operating area
March 2000
1/6
STD38NF03L
THERMAL DATA
R th j-pc b R thj -amb R t hj-s ink Tl Thermal Resistance Junction-PC Board Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink T yp Maximum Lead Temperature F or Soldering Purpose 3.33 62.5 1.5 300
o o
C/W C/W o C/W o C
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 30 1 10 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 20 V
T c = 125 oC
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10 V V GS = 4.5 V Test Con ditions ID = 250 A I D = 19 A I D = 19 A 38 Min. 1 Typ. 1.7 0.013 0.016 Max. 2.5 0.019 0.023 Unit V A
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 20 V f = 1 MHz I D = 19 A V GS = 0 V Min. Typ. 28 1450 390 155 Max. Unit S pF pF pF
2/6
STD38NF03L
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Delay T ime Rise Time Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 15 V I D = 27.5 A R G = 4.7 V GS = 4.5 V (Resistive Load, see fig. 3) V DD = 24 V ID = 55 A V GS = 4.5 V Min. Typ. 25 280 27 11 12 36 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l t d(of f) tf tr (Voff) tf tc Parameter Turn-off Delay T ime Fall T ime Off-voltage Rise T ime Fall T ime Cross-over Time Test Con ditions V DD = 15 V I D = 27.5 A V GS = 4.5 V R G = 4.7 (Resistive Load, see fig. 3) V CLAMP = 24 V I D = 55 A V GS = 4.5 V R G = 4.7 (Induct ive Load, see fig. 5) Min. Typ. 60 240 140 200 350 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 38 A V GS = 0 45 52 2.3 I SD = 55 A di/dt = 100 A/s T j = 150 o C V DD = 15 V (see test circuit, fig. 5) Test Con ditions Min. Typ. Max. 38 152 1.5 Unit A A V ns nC A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/6
STD38NF03L
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
4/6
STD38NF03L
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP. MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 inch TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397
DIM.
H
A
C2
C
DETAIL "A"
A1
L2
D DETAIL "A" B
=
=
3
B2
=
=
G
E
2
L4
1
=
=
A2
0068772-B
5/6
STD38NF03L
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
6/6
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STD38NF03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X