|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STA371A Absolute maximum ratings Symbol VCBO VCEO VEBO IC ICP IB PT Tj Tstg Ratings 6010 6010 6 2 4 (PW1ms, Du25%) 0.5 3 (Ta=25C) 15 (Tc=25C) 150 -40 to +150 NPN Darlington With built-in avalanche diode (Ta=25C) External dimensions C *** STA300 Electrical characteristics Symbol ICBO IEBO VCEO hFE VCE(sat) VBE(sat) VFEC ton tstg tf fT Cob 50 2000 60 5000 1.1 1.8 1.3 0.5 4.0 1.0 50 25 Specification min typ max 10 5 70 12000 1.5 2.2 1.8 V V V Unit (Ta=25C) Unit V V V A A A W C C Conditions VCB=50V VEB=6V IC=10mA VCE=4V, IC=1A IC=1A, IB=2mA IFEC=1A VCC 30V, IC=1A, IB1=-IB2=2mA VCE=12V, IE=-0.1A VCB=10V, f=1MHz A mA V s s s MHz pF sEquivalent circuit diagram 3 2 1 R1 R2 5 4 6 7 8 R1: 3.5k typ R2: 200 typ Characteristic curves IC-VCE Characteristics (Typical) 4 1 IB= 0.0 mA hFE-IC Characteristics (Typical) 10000 hFE-IC Temperature Characteristics (Typical) 20000 10000 5000 (VCE=4V) Typ (VCE=4V) 5.0m A 5000 3 2.0m A 1.0m A IC (A) hFE 0.6m A 1000 500 2 0.4m 0.3m A hFE 1000 500 A C 25 C =1 75 C Ta 25 C 0 -3 1 100 50 100 50 0.05 0.1 0.5 1 4 0 0 1 2 3 4 5 6 30 0.02 30 0.02 0.05 0.1 0.5 1 4 VCE (V) IC (A) IC (A) VCE(sat)-IC Temperature Characteristics (Typical) 3 VCE(sat)-IB Temperature Characteristics (Typical) 3 25C IC-VBE Temperature Characteristics (Typical) 4 (IC / IB=1000) 75C 25C 5C (IC=1A) (VCE=4V) -30C Ta=125C Ta=12 -30C 75C 3 VCE (sat) (V) VCE (sat) (V) 2 2 IC (A) 1 2 1 1 Ta= 1 75 25C C 25 C -30C 0 0.2 0.5 1 4 0 0.1 0.5 1 3 0 0 1 2 3 IC (A) IB (mA) VBE (V) j-a-PW Characteristics 30 16 14 PT-Ta Characteristics 5 With Silicone Grease Natural Cooling Heatsink: Aluminum in mm W ith Safe Operating Area (SOA) 10 10 1m 0 s m s s 10 12 j-a (C / W) PT (W) 10 8 50x50x2 1 Inf init IC (A) 150 5 eH ea tsin k 0.5 6 4 25x50x2 1 2 Without Heatsink Single Pulse 0.1 Without Heatsink Ta=25C 0.5 0.2 0.5 1 5 10 50 100 500 1000 PW (mS) 0 -40 0 50 100 0.05 3 5 10 50 100 Ta (C) VCE (V) 126 |
Price & Availability of STA371A |