|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STA308A Absolute maximum ratings Symbol VCBO VCEO VEBO IC IB PT Tj Tstg Ratings -120 -120 -6 -4 -1 3 (Ta=25C) 15 (Tc=25C) 150 -40 to +150 PNP Darlington General purpose (Ta=25C) External dimensions C *** STA300 Electrical characteristics Symbol ICBO IEBO VCEO hFE VCE(sat) VBE(sat) -120 2000 -1.5 -2.5 V V Specification min typ max -10 -10 Unit (Ta=25C) Unit V V V A A W C C Conditions VCB=-120V VEB=-6V IC=-10mA VCE=-4V, IC=-2A IC=-2A, IB=-4mA A mA V sEquivalent circuit diagram 1 R1 R2 8 4 3 5 6 7 2 R1: 5k typ R2: 100 typ Characteristic curves IC-VCE Characteristics (Typical) -4 IB=-5mA -2mA -1.5mA hFE-IC Characteristics (Typical) 10000 5000 typ hFE-IC Temperature Characteristics (Typical) 10000 5000 C 25 75C 25C (VCE=-4V) (VCE=-4V) -3 -1.0mA Ta =1 IC (A) hFE hFE -0.7mA 1000 500 1000 -3 -2 -0.5mA C 0 500 -1 -0.3mA 100 50 -0.03 -0.05 100 0 0 -1 -2 -3 -4 -5 -6 -0.1 -0.5 -1 -4 50 -0.03 -0.05 -0.1 -0.5 -1 -4 VCE (V) IC (A) IC (A) VCE(sat)-IC Temperature Characteristics (Typical) -3 VCE(sat)-IB Characteristics (Typical) -3 IC-VBE Temperature Characteristics (Typical) -4 (IC / IB=1000) (VCE=-4V) -3 VCE (sat) (V) VCE (sat) (V) -2 -2 IC=-4A IC (A) IC=-2A -2 5C Ta=12 75C 25C IC=-1A -1 125C 0 -0.2 -0.5 -1 -4 0 -0.1 -0.5 -1 -5 -10 -50 -100 0 0 -1 25C -30 C 75C -1 Ta=-30C -1 -2 -3 IC (A) IB (mA) VBE (V) j-a-PW Characteristics 20 PT-Ta Characteristics 16 14 -10 With Silicone Grease Single Pulse Without Heatsink Ta=25C in mm W ith Inf Safe Operating Area (SOA) -5 1m s 10 ms 10 0 10 s 12 j-a (C / W) PT (W) 5 10 8 -1 IC (A) e init ink ats He 50x50x2 -0.5 6 25x50x2 4 1 Without Heatsink -0.1 Single Pulse 2 0.5 1 5 10 50 100 500 1000 -0.05 Without Heatsink 0 50 100 150 -0.03 -3 Ta=25C 0 -40 -5 -10 -50 -100 -200 PW (mS) Ta (C) VCE (V) 123 |
Price & Availability of STA308A |