Part Number Hot Search : 
ON1690 2004A 16F88 MJ15024G 354388 HA1394 CMHZ4695 SAA56XX
Product Description
Full Text Search
 

To Download STA305A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STA305A
Absolute maximum ratings
Symbol VCBO VCEO VEBO IC ICP IB PT Tj Tstg Ratings -550 -550 -6 -1 -2 (PW1ms, Du25%) -0.5 3 (Ta=25C) 15 (Tc=25C) 150 -40 to +150
PNP Darlington 3-phase motor drive
(Ta=25C)
External dimensions C
***
STA300
Electrical characteristics
Symbol ICBO IEBO VCEO hFE VCE(sat) VBE(sat) ton tstg tf fT Cob -550 200 400 -1.0 -1.6 0.7 13.0 2.5 15 48 1000 -1.5 -2.2 V V -10 Specification min typ max -100 -20 Unit
(Ta=25C)
Unit V V V A A A W C C
Conditions VCB=-550V VEB=-6V IC=-100A VCE=-4V, IC=-500mA IC=-500mA, IB=-10mA VCC -200V, IC=-500mA, IB1=-IB2=-10mA VCE=-12V, IE=0.2A VCB=-10V, f=1MHz
A
mA V
s s s
MHz pF
sEquivalent circuit diagram
1
R1 R2
8
2
4
6
3
R1: 500 typ R2: 70 typ
5
7
Characteristic curves
IC-VCE Characteristics (Typical)
-1.0
IB=-20mA
m 10 A
-5 mA
hFE-IC Characteristics (Typical)
1000
hFE-IC Temperature Characteristics (Typical)
1000
(VCE=-4V)
(VCE=-4V)
-
-0.8
500
A 2m
500
typ
Ta =1 C 25 C 75 C 25
-
IC (A)
-0.6
hFE
100
hFE
-1.5
mA
-3
C 0
100
-0.4
50
-0.2
50
0 -1 -2 -3 -4 -5 -6
VCE (V)
10 -0.03 -0.05
-0.1
-0.5
-1
-2
10 -0.03 -0.05
-0.1
-0.5
-1
-2
IC (A)
IC (A)
VCE(sat)-IC Temperature Characteristics (Typical)
-3
VCE(sat)-IB Characteristics (Typical)
-3
IC-VBE Temperature Characteristics (Typical)
-2.0
(IC / IB=100)
(VCE=-4V)
-1.5
VCE (sat) (V)
VCE (sat) (V)
-2
-2
IC (A)
Ta=125C
-1
75C 25C -30C
-1
IC=1A IC=0.5A
-0.5
0 -0.2
-0.5
-1
-2
0 -1
-5
-10
-50 -100
-500
0 0
-1
Ta=1
25C 75C 25C -30C
-1.0
-2
-3
IC (A)
IB (mA)
VBE (V)
j-a-PW Characteristics
20 16 14 10 12
PT-Ta Characteristics
-5
With Silicone Grease Natural Cooling Heatsink: Aluminum in mm
ith W
Safe Operating Area (SOA)
10 s 0
1m
-1 -0.5
s
10 m s
j-a (C / W)
PT (W)
5
10 8
IC (A)
Inf init eH ts ea
50x50x2
-0.1 -0.05
ink
6 25x50x2 4 1.0 2
Without Heatsink
-0.01 -0.005
0.5 1
5
10
50 100
500 1000
0 -40
0
50
100
150
-0.003 -3
Single Pulse Without Heatsink Ta=25C
-5
-10
-50
-100
-500 -600
PW (mS)
Ta (C)
VCE (V)
122


▲Up To Search▲   

 
Price & Availability of STA305A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X