Part Number Hot Search : 
FR155G DS513 11R27CQ MB10A A213EHI R1004 NTE713 MP324
Product Description
Full Text Search
 

To Download SPB02N60C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final data
SPP02N60C3 SPB02N60C3
VDS @ Tjmax RDS(on) ID
P-TO263-3-2
Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * Ultra low effective capacitances
650 3 1.8
V A
P-TO220-3-1
Type SPP02N60C3 SPB02N60C3
Package P-TO220-3-1 P-TO263-3-2
Ordering Code Q67040-S4392 Q67040-S4393
Marking 02N60C3 02N60C3
Maximum Ratings Parameter Continuous drain current TC = 25 C TC = 100 C Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse I D puls EAS Symbol ID 1.8 1.1 5.4 50 0.07 1.8 20 30 25 -55... +150 W C A V mJ Value Unit A
I D = 1.35 A, VDD = 50 V Avalanche energy, repetitive tAR limited by Tjmax1) EAR I D = 1.8 A, VDD = 50 V Avalanche current, repetitive tAR limited by Tjmax I AR Gate source voltage static VGS Gate source voltage AC (f >1Hz) Power dissipation, TC = 25C Operating and storage temperature VGS Ptot T j , T stg
Page 1
2003-10-02
Final data Maximum Ratings Parameter Drain Source voltage slope
V DS = 480 V, I D = 1.8 A, Tj = 125 C
SPP02N60C3 SPB02N60C3
Symbol dv/dt Value 50 Unit V/ns
Thermal Characteristics Parameter Thermal resistance, junction - case Thermal resistance, junction - ambient, leaded SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area 2) Soldering temperature, 1.6 mm (0.063 in.) from case for 10s 3) Electrical Characteristics, at Tj=25C unless otherwise specified Parameter Symbol Conditions min. Drain-source breakdown voltage V(BR)DSS V GS=0V, ID=0.25mA Drain-Source avalanche V(BR)DS V GS=0V, ID=0.25A breakdown voltage Gate threshold voltage Zero gate voltage drain current VGS(th) I DSS
ID=80, VGS=V DS V DS=600V, VGS=0V, Tj=25C, Tj=150C
Symbol min. RthJC RthJA RthJA Tsold -
Values typ. 35 max. 5 62 62 260
Unit K/W
C
Values typ. 700 3 0.5 2.7 7.3 9 max. 3.9 600 2.1 -
Unit V
A 1 50 100 3 nA
Gate-source leakage current
I GSS
V GS=30V, VDS=0V V GS=10V, ID=1.1A, Tj=25C Tj=150C
Drain-source on-state resistance RDS(on)
Gate input resistance
RG
f=1MHz, open Drain
Page 2
2003-10-02
Final data Electrical Characteristics , at Tj = 25 C, unless otherwise specified Parameter Transconductance Input capacitance Output capacitance Reverse transfer capacitance energy related Effective output capacitance, 5) Co(tr) time related Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg
V DD=420V, ID=1.8A, V GS=0 to 10V V DD=420V, ID=1.8A
SPP02N60C3 SPB02N60C3
Values min. typ. 1.75 200 90 4 8.1 15.7 6 3 68 12 max. 70 30 ns pF S pF Unit
Symbol g fs Ciss Coss Crss
Conditions
V DS2*I D*RDS(on)max, ID=1.1A V GS=0V, V DS=25V, f=1MHz
Effective output capacitance, 4) Co(er)
V GS=0V, V DS=0V to 480V
td(on) tr td(off) tf
V DD=350V, V GS=0/10V, ID=1.8A, RG=50
-
-
1.6 3.8 9.5 5.5
12.5 -
nC
V(plateau) V DD=420V, ID=1.8A
V
1Repetitve avalanche causes additional power losses that can be calculated as P =EAR*f. AV 2Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. 3Soldering temperature for TO-263: 220C, reflow 4C o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V DSS. 5C o(tr) is a fixed capacitance that gives the same charging time as Coss while V DS is rising from 0 to 80% V DSS.
Page 3
2003-10-02
Final data Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current Typical Transient Thermal Characteristics Symbol Thermal resistance Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.1 0.184 0.306 1.207 0.974 0.251 K/W Value typ. Thermal capacitance Cth1 Cth2 Cth3 Cth4 Cth5 Cth6 Unit Symbol Value typ. VSD t rr Q rr I rrm di rr/dt
VGS =0V, I F=IS VR =420V, IF=IS , diF/dt=100A/s
SPP02N60C3 SPB02N60C3
Values min. typ. 1 200 1.3 9 max. 1.8 5.4 1.2 350 200 V ns C A A/s A Unit
Symbol IS I SM
Conditions
TC=25C
Unit
0.00002806 0.0001113 0.0001679 0.000547 0.001388 0.035
Ws/K
Tj P tot (t)
R th1
R th,n
T case
E xternal H eatsink
C th1
C th2
C th,n T am b
Page 4
2003-10-02
Final data 1 Power dissipation Ptot = f (TC)
28
SPP02N60C3
SPP02N60C3 SPB02N60C3
2 Safe operating area ID = f ( V DS ) parameter : D = 0 , T C=25C
10 1
W
24 22 20
A
Ptot
16 14 12 10 8 6 4 2 0 0 20 40 60 80 100 120 10 -1
ID
18
10 0
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ,ms DC
C
160
10 -2 0 10
10
1
10
2
TC
10 V VDS
3
3 Transient thermal impedance ZthJC = f (t p) parameter: D = tp/T
10
1
4 Typ. output characteristic ID = f (VDS); Tj=25C parameter: tp = 10 s, VGS
5.5
K/W
A
4.5
V20 V10 V7 V6.5
V6
10 0
4
ZthJC
ID
10 -1
3.5 3 2.5 2 1.5 1
V4.5 V5
10 -2
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
V5.5
0.5 10 -3 -7 10 10
-6
V4
10
-5
10
-4
10
-3
s tp
10
-1
0 0
2
4
6
8
10
12
14
16
V 20 VDS
Page 5
2003-10-02
Final data 5 Typ. output characteristic ID = f (VDS); Tj=150C parameter: tp = 10 s, VGS
3
SPP02N60C3 SPB02N60C3
6 Typ. drain-source on resistance RDS(on)=f(ID) parameter: Tj=150C, V GS
20
A
2.4 2.1
20V 8V 7V 6.5V
6V
4V
4.5V
5V 5,5V
16
RDS(on)
5.5V
ID
14 12 10
6V
1.8 1.5 1.2 0.9 0.6 0.3 0 0
5V
8
4.5V 4V
6 4 2 0
6.5V 7V 8V 20V
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4
5
10
15
V VDS
25
A ID
3
7 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 1.1 A, VGS = 10 V
17
SPP02N60C3
8 Typ. transfer characteristics ID= f ( VGS ); V DS 2 x ID x RDS(on)max parameter: tp = 10 s
5.5
14
A
25C
4.5 4
RDS(on)
12 10
ID
3.5 3
150C
8 6 4 2 0 -60 98% typ
2.5 2 1.5 1 0.5 -20 20 60 100
C
180
0 0
2
4
6
8
10
12
14
16
Tj
Page 6
V 20 VGS
2003-10-02
Final data 9 Typ. gate charge VGS = f (QGate ) parameter: ID = 1.8 A pulsed
16
V
SPP02N60C3
SPP02N60C3 SPB02N60C3
10 Forward characteristics of body diode IF = f (VSD) parameter: Tj , tp = 10 s
10 1
SPP02N60C3
A
12
VGS
0.2 VDS max 0.8 VDS max
10 0
8
6
IF
10 -1 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 12 nC 10 -2 0
10
4
2
0 0
2
4
6
8
10
15
0.4
0.8
1.2
1.6
2
2.4 V
3
QGate
VSD
11 Typ. drain current slope di/dt = f(R G), inductive load, Tj = 125C par.: VDS =380V, VGS=0/+13V, ID=1.8A
1000
12 Typ. switching time t = f (RG ), inductive load, T j=125C par.: V DS=380V, VGS=0/+13V, ID=1.8 A
400
ns A/s
di/dt(on)
300
di/dt
600
t
250
td(off)
200 400
150
100 200 50
di/dt(off)
tf td(on) tr
0 0
40
80
120
160
200
RG
280
0 0
40
80
120
160
200
260 RG
Page 7
2003-10-02
Final data 13 Typ. switching time t = f (ID), inductive load, T j=125C par.: VDS =380V, VGS=0/+13V, RG =50
90
SPP02N60C3 SPB02N60C3
14 Typ. drain source voltage slope dv/dt = f(RG), inductive load, Tj = 125C par.: V DS=380V, VGS=0/+13V, ID=1.8A
85000
tdoff
ns
70 60
V/ns dv/dt
45000
t
50 40
dv/dt(on)
30 20 10 0 0.25
tf
25000
tdon tr
dv/dt(off)
0.5
0.75
1
1.25
1.5
A ID
2
5000 0
40
80
120
160
200
RG
280
15 Typ. switching losses E = f (ID), inductive load, Tj=125C par.: VDS =380V, VGS=0/+13V, RG =50
0.01
16 Typ. switching losses E = f(RG), inductive load, Tj=125C par.: V DS=380V, VGS=0/+13V, ID=1.8A
0.0425
mWs
mWs
0.008
0.0325
E
E
0.007
Eon
0.0275
Eon
0.006
0.0225
0.005
0.0175
0.004
Eoff
0.0125
Eoff
0.003
0.0075
0.002 0.25
0.5
0.75
1
1.25
1.5
A ID
2
0.0025 0
40
80
120
160
200
RG
280
Page 8
2003-10-02
Final data 17 Avalanche SOA IAR = f (tAR) par.: Tj 150 C
2
SPP02N60C3 SPB02N60C3
18 Avalanche energy EAS = f (Tj) par.: ID = 1.35 A, VDD = 50 V
50
A
1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -3 10
-2 -1 0 1 2 4
mJ Tj(START) =25C
EAS
Tj(START) =125C
IAR
30
20
10
10
10
10
10
10
s 10 tAR
0 20
40
60
80
100
120
C
160
Tj
19 Drain-source breakdown voltage V(BR)DSS = f (Tj)
720
SPP02N60C3
20 Avalanche power losses PAR = f (f ) parameter: E AR=0.07mJ
70
V
W
V(BR)DSS
680 50 660 640 620 600 20 580 560 540 -60 10
PAR
40 30 04 10
-20
20
60
100
C
180
10
5
Hz f
10
6
Tj
Page 9
2003-10-02
Final data 21 Typ. capacitances C = f (VDS) parameter: V GS=0V, f=1 MHz
10 4 1.8
SPP02N60C3 SPB02N60C3
22 Typ. Coss stored energy Eoss=f(VDS)
pF
J
10 3
1.4
Eoss V
Ciss
1.2 1
C
10 2
0.8 0.6 0.4
Crss
10 1
Coss
0.2 0 0
10 0 0
100
200
300
400
600
100
200
300
400
V
600
VDS
VDS
Definition of diodes switching characteristics
Page 10
2003-10-02
Final data P-TO-220-3-1
B 10 0.4 3.7 0.2 A 1.270.13 4.44
SPP02N60C3 SPB02N60C3
15.38 0.6
2.8 0.2
C
5.23 0.9
13.5 0.5
3x 0.75 0.1 1.17 0.22 2x 2.54 0.25
M
0.5 0.1 2.510.2
ABC
All metal surfaces tin plated, except area of cut. Metal surface min. x=7.25, y=12.3
P-TO-263-3-2 (D 2-PAK)
9.98 0.48
0.05
Page 11
2003-10-02
Final data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
SPP02N60C3 SPB02N60C3
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 12
2003-10-02


▲Up To Search▲   

 
Price & Availability of SPB02N60C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X