Part Number Hot Search : 
002BC TQP4M40 INTEGRA DV16230 MN1418 LDOC515 HV9912 SG7812IG
Product Description
Full Text Search
 

To Download SI4720CY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4720CY
Vishay Siliconix
Battery Disconnect Switch
FEATURES
D Solution for Bi-Directional Blocking Bi-Directional Conduction Switch D 6- to 30-V Operation D Ground Referenced Logic Level Inputs D Integrated Low rDS(on) MOSFET
D Level-Shifted Gate Drive with Internal MOSFET D Two Independent Inputs D Ultra Low Power Consumption in Off State (Leakage Current Only) D Logic Supply Voltage is Not Required
DESCRIPTION
The SI4720CY is two level-shifted p-channel MOSFETs. Operating together, these MOSFETs can be used as a reverse blocking switch for battery disconnect applications. It is a solution for multiple battery technology designs or designs that require isolation from the power bus during charging. The SI4720CY is available in a 16-pin SOIC package and is rated for the commercial temperature range of -25 to 85_C.
FUNCTIONAL BLOCK DIAGRAM
6
G1
IN1
5
9, 10, 11
D1
ESD
Logic and Gate Drive
Level Shift
GND1
12
VGS Limiter Half a circuit shown here.
7, 8
S1
Document Number: 70664 S-49524--Rev. B, 21-Jul-97
www.vishay.com S FaxBack 408-970-5600
2-1
SI4720CY
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to GND VS, VDa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to 32 V VSD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to 30 V VIN1, VIN2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to 15 V VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 V Storage Temperature . . . . . . . . . . . . . . . . . . . -55 to 150_C Power Dissipationb (t = 10 sec) . . . . . . . . . . . . . . . . 2.5 W (t = steady state) . . . . . . . . . . . 1.5 W
Notes a. VSD 30 VDC b. Device mounted with all leads soldered to 1" x 1" FR4 with laminated copper PC board.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
VS, VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V to 30 V VIN1, VIN2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 13.2 V IDS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 A to 6 A Operating Temperature Range . . . . . . . . . . . . -25 to 85_C Junction Temperature . . . . . . . . . . . . . . . . . . . -25 to 150_C
SPECIFICATIONS
Parameter P Symbol S bl Test Conditions Unless Otherwise Specified Limits Tempa Minb Typc Maxb Unit
On-Resistance Leakage Current Supply Current Input Voltage Low Input Voltage High Input Leakage Current Turn-On Delay Turn-Off Delay IN to t D or S
rDS IDS(off) IS(off) IS(on) VINL VINH IINH tON(IN) tOFF(IN) tBBM tRISE tFALL VGS VSD
VS = 10 V, ID = 1 A, VIN = H VDS = 10 V VS = 21 V VS = 10 V and VS = 21 V VIN = 5.0 V VS = 10 V, RL = 5 W , Figure 1 W,
Room Room Room Room Full Full Full Room Room Room 2.2 2.5
0.0155
0.020 1 1
W mA A
1.1
6 1 V mA
5 2.9 1.5 1.05 1.3 50 10.2 2.5 100 18 1.1 10 2.1
Break-Before-Maked Rise Time Fall Time Voltage Across Pin 6 and 7 Forward Diode
ms
VS = 10 V, RL = 5 W , Figure 1 W, VS = 30 V ID = -1 A
Room Room Room Room
ns V
Notes a. Room = 25_C, Full = as determined by the operating temperature suffix. b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum. c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. d. Guaranteed by design, not subject to production testing.
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 70664 S-49524--Rev. B, 21-Jul-97
SI4720CY
Vishay Siliconix
TIMING DIAGRAMS
10 V SOURCE VIN 0V
50%
50%
DRAIN VD 5 tON(IN)
90% 10% tOFF(IN) tr
90% 10%
tf
FIGURE 1.
PIN CONFIGURATION AND TRUTH TABLE
VIN1
0 0 1 1
SO-16
D2 D2 D2 GND2 IN1 G1(OUT) S1 S1 1 2 3 4 5 6 7 8 Top View Order Number: SI4720CY 16 15 14 13 12 11 10 9 S2 S2 G2(OUT) IN2 GND1 D1 D1 D1
VIN2
0 1 0 1
Switch 1
Off Off On On
Switch 2
Off On Off On
PIN DESCRIPTION (SUBJECT TO CHANGE)
Pin Number
1, 2, 3 4, 12 5 6 7, 8 9, 10, 11 13 14 15, 16
Symbol
D2 GND IN1 G1(OUT) S1 D1 IN2 G2(OUT) S2 Drain connection for MOSFET-2. Ground Logic input, IN1. High level turns on the switch. Gate output to MOSFET-1. Source connection for MOSFET-1 Drain connection for MOSFET-1. Logic input, IN2. High level turns on the switch. Gate output to MOSFET-2. Source connection for MOSFET-2.
Description
Document Number: 70664 S-49524--Rev. B, 21-Jul-97
www.vishay.com S FaxBack 408-970-5600
2-3
SI4720CY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.030 r DS(on) - Drain-Source On-Resistance ( ) r DS(on) - Drain-Source On-Resistance ( ) 0.10
On-Resistance vs. Source Voltage
0.025
0.08
0.020 VS = 10 V 0.015
0.06
0.04 IS = 1 A 0.02
0.010
0.005
0.000 0 1 2 3 IS (A) 4 5 6
0 0 2 4 6 8 10 VS (V) 12 14 16 18 20
Normalized On-Resistance vs. Junction Temperature
1.8 1.6 r DS(on) - On-Resistance ( ) (Normalized) 1.4 C OSS (pF) 1.2 1.0 0.8 500 0.6 0.4 -50 0 -25 0 25 50 75 100 125 150 0 1500 VS = 10 V IS = 1 A 2000 2500
Output Capacitance vs. Source Voltage
1000 VIN = 0 V
5
10
15 VS (V)
20
25
30
TJ - Junction Temperature (_C)
10.000
Off-Supply Current vs. Source Voltage
10.000
On-Supply Current vs. Source Voltage
TJ = 150_C 1.000 1.000
TJ = 150_C
TJ = 25_C I S ( A) 0.100 I S ( A) TJ = 25_C 0.010 0.010 5 10 15 VS (V) 20 25 30 0.100
0.001 0
0.001 0
5
10
15 VS (V)
20
25
30
www.vishay.com S FaxBack 408-970-5600
2-4
Document Number: 70664 S-49524--Rev. B, 21-Jul-97
SI4720CY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Drain-Source Diode Forward Voltage
10 1.8
Input Voltage Trip Point vs. Temperature
1.6 I S - Source Current (A) TJ = 150_C V IN Trip Point 1.4 VS = 21 V 1.2 VS = 10 V 1.0 TJ = 25_C
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0.8 -50
-25
0
25
50
75
100
125
150
VSD - Source-to-Drain Voltage (V)
TA = Ambient Temperature (_C)
Turn-On Delay vs. Temperature
4.0 VS = 10 V Rl = 5 3.6 1.8 2.0
Turn-off Delay vs. Temperature
VS = 10 V Rl = 5
2.8
t d(off) (s) -25 0 25 50 75 100 125 150
t d(on) (s)
3.2
1.6
1.4
2.4
1.2
2.0 -50
1.0 -50
-25
0
25
50
75
100
125
150
Temperature (_C)
Temperature (_C)
Rise Time vs. Temperature
1.8 VS = 10 V Rl = 5 80
Fall Time vs. Temperature
VS = 10 V Rl = 5
1.6
70
1.4 t rise (s) t fall (ns) -25 0 25 50 75 100 125 150
60
1.2
50
1.0
40
0.8
30
0.6 -50
20 -50
-25
0
25
50
75
100
125
150
Temperature (_C)
Temperature (_C)
Document Number: 70664 S-49524--Rev. B, 21-Jul-97
www.vishay.com S FaxBack 408-970-5600
2-5
SI4720CY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Single Pulse Power
80
60
Power (W)
40
20
0 0.01 0.1 1 Time (sec) 10 100
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Thermal Impedance
0.2
Notes:
0.1 0.1 0.05
PDM t1 t2 1. Duty Cycle, D = t1 t2
0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1
2. Per Unit Base = RthJA = 125_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
www.vishay.com S FaxBack 408-970-5600
2-6
Document Number: 70664 S-49524--Rev. B, 21-Jul-97
SI4720CY
Vishay Siliconix
APPLICATION DRAWINGS
SI4720CY Si4435DY D1 S1
Battery 1 G1
Logic In 1
Drive
Si4435DY D2 Battery 2 G2 S2 DC/DC
Logic In 2
Drive
FIGURE 2.
S1
G1
S2
G2
SI4720CY
Drive
Drive
D1 Battery 2 Logic In
D2
DC/DC S1 G1 S2 G2
SI4720CY
Drive
Drive
D1 Battery 1 Logic In
D2
FIGURE 3.
Document Number: 70664 S-49524--Rev. B, 21-Jul-97 www.vishay.com S FaxBack 408-970-5600
2-7
SI4720CY
Vishay Siliconix
APPLICATION DRAWINGS
1/2 Si4720 AC/DC Display Power
1/2 Si4720 Charger
7 - 30 V 3 - 5 Cell Li-Ion Logic In Drive
Logic In
Drive
DC/DC
5V 3.3 V
FIGURE 4. Low-Cost Laptop PC
1/2 Si4720 1/2 Si4720 Display Power AC/DC
Charger Logic In Drive
Logic In
Drive
DC/DC
5V 3.3 V
7 - 30 V 3 - 5 Cell Li-Ion
1/2 Si4720
1/2 Si4720
Si6415
Logic In
Drive
Logic In
Drive
7 - 30 V 3 - 5 Cell Li-Ion
1/2 Si4720
1/2 Si4720
Si6415
Logic In
Drive
Logic In
Drive
FIGURE 5. High-Performance Laptop PC
www.vishay.com S FaxBack 408-970-5600 Document Number: 70664 S-49524--Rev. B, 21-Jul-97
2-8


▲Up To Search▲   

 
Price & Availability of SI4720CY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X