Part Number Hot Search : 
1210A D152K D152K ADXRS401 L4945 2622940 P30N06 Z5237
Product Description
Full Text Search
 

To Download SH320240C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SH320240C ( 320 DOTS X 240 DOTS )
FEATURES
BUILT-IN CONTROLLER (SED1335 OR EQUIVALENT) +5 V POWER SUPPLY 1/240 DUTY CYCLE EDGE LIGHTING TYPE CCFL BACKLIGHT
MECHANICAL DATA
ITEM
Module Size (W x H x T) Viewing Area ( W x H ) Active Area ( W x H ) Dot Size ( W x H ) Dot Pitch ( W x H )
DIMENSIONS
148.0 x 120.2 x 20.5 120.14 x 92.14 115.17 x 86.37 0.33 x 0.33 0.36 x 0.36
UNIT
mm mm mm mm mm
INTERFACE PIN CONNECTIONS
NO.
1 2 3 4 5 6 7~14 15 16 17 18 19 20
ABSOLUTE MAXIMUM RATINGS
ITEM
Supply Voltage For Logic Supply Voltage For LCD Drive Input Voltage
SYMBOL LEVEL
VSS VDD VO /RD /WR Ao DB0~DB7 /CS /RES Vout FG NC NC 0V 5V
FUNCTION
Power Supply Ground Power Supply Voltage Contrast Adjustment Voltage Read Signal Write Signal Data Type Select Data Bus Line Chip Signal Reset Signal Power Supply Voltage For LCD For GND No Connection No Connection
SYMBOL
VDD-VSS VDD-Vo VI
MIN.
0 0 Vss
TYP. -
MAX.
7 30 VDD
UNIT
V V V
L L H/L H/L L H/L
ELECTRICAL CHARACTERISTICS
ITEM
Supply Voltage For Logic LCD Supply Voltage Supply Current Input Voltage Output Voltage "HIGH" Level "LOW" Level "HIGH" Level "LOW" Level
SYMBOL
VDD-VSS VDD-Vo IDD VIH VIL VOH VOL
CONDITION VDD=5V Ta=25 VDD=5V
MIN.
4.5 22.4 2.2 2.4 -
TYP.
5 23.5 16 -
MAX. UNIT
5.5 24.3 25 VDD 0.6 0.4 V V mA V V V V
-
-
EXTERNAL DIMENSIONS


▲Up To Search▲   

 
Price & Availability of SH320240C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X