Part Number Hot Search : 
330M10 82801GB R1510 K1500 BP5311A SY5PA SB160 1N5240
Product Description
Full Text Search
 

To Download SA5090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors Linear Products
Product specification
Addressable relay driver
NE/SA5090
DESCRIPTION
The NE/SA5090 addressable relay driver is a high-current latched driver, similar in function to the 9934 address decoder. The device has 8 open-collector Darlington power outputs, each capable of 150mA load current. The outputs are turned on or off by respectively loading a logic "1" or logic "0" into the device data input. The required output is defined by a 3-bit address. The device must be enabled by a CE input line which also serves the function of further address decoding. A common clear input, CLR, turns all outputs off when a logic "0" is applied. The device is packaged in a 16-pin plastic or Cerdip package.
PIN CONFIGURATION
D1, N Packages
A0 1 A1 2 A2 3 Q0 4 Q1 5 16 15 14 13 12 11 10 9 VCC CLR CE D Q7 Q6 Q5 Q4
Q2 6 Q3 7
FEATURES
GND 8
* 8 high-current outputs * Low-loading bus-compatible inputs * Power-on clear ensures safe operation * Will operate in addressable or demultiplex mode * Allows random (addressed) data entry * Easily expandable * Pin-compatible with 9334 (Siliconix or Fairchild)
TOP VIEW
NOTE: 1. SOL - Released in Large SO package only.
APPLICATIONS
* Relay driver * Indicator lamp driver * Triac trigger * LED display digit driver * Stepper motor driver
BLOCK DIAGRAM
CLR LATCH LATCH LATCH LATCH A1 1-OF-8 DECODER CONTROL GATE LATCH LATCH LATCH LATCH Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
CE A0
A2 D
INPUT STAGE VCC
OUTPUT STAGE
August 31, 1994
512
853-0892 13721
Philips Semiconductors Linear Products
Product specification
Addressable relay driver
NE/SA5090
PIN DESIGNATION
PIN NO. 1-3 4-7, 9-12 13 SYMBOL A0-A2 Q0-Q7 D NAME AND FUNCTION A 3-bit binary address on these pins defines which of the 8 output latches is to receive the data. The 8 device outputs. The data input. When the chip is enabled, this data bit is transferred to the defined output such that: "1" turns output switch "ON" "0" turns output switch "OFF" 14 15 CE CLR The chip enable. When this input is low, the output latches will accept data. When CE goes high, all outputs will retain their existing state, regardless of address of data input condition. The clear input. When CLR goes low all output switches are turned "OFF". The high data input will override the clear function on the addressed latch.
ORDERING INFORMATION
DESCRIPTION 16-Pin Plastic Small Outline Large (SOL) Package 16-Pin Plastic Dual In-Line Package (DIP) 16-Pin Plastic Dual In-Line Package (DIP) 16-Pin Plastic Small Outline Large (SOL) Package TEMPERATURE RANGE 0 to +70C 0 to +70C -40 to +85C -40 to +85C ORDER CODE NE5090D NE5090N SA5090N SA5090D DWG # 0171B 0406C 0406C 0171B
TRUTH TABLE
INPUTS CL R L L L L L L L H H H H H H H C E H L L L L L L H L L L L L L D X L H L H L H X L H L H L H A
0
OUTPUTS A
1
MODE Q
5
A
2
Q
0
Q
1
Q
2
Q
3
Q
4
Q
6
Q
7
X L L H H H H X L L H H H H
X L L L L H H X L L L L H H
X L L L L H H X L L L L H H
H H L H H H H QN-1 H L
H H H H L H H
H H H H H H H
H H H H H H H
H H H H H H H
H H H H H H H
H H H H H H H
H H H H H H L
Clear
Demultiplex
Memory QN-1 QN-1 QN-1 QN-1 H L Addressable Latch
QN-1 H QN-1 L QN-1 QN-1
NOTES: X=Don't care condition QN-1=Previous output state L=Low voltage level/"ON" output state H=High voltage level/"OFF" output state
August 31, 1994
513
Philips Semiconductors Linear Products
Product specification
Addressable relay driver
NE/SA5090
ABSOLUTE MAXIMUM RATINGS
TA=25C, unless otherwise specified. SYMBOL VCC VIN VOUT IGND IOUT PD Supply voltage Input voltage Output voltage Ground current Output current Each output Maximum power dissipation, TA=25C (still-air)1 N package D package TA TJ TSTG TSOLD Ambient temperature range Junction temperature Storage temperature range Lead soldering temperature (10sec. max) 1712 1315 0 to +70 150 -65 to +150 300 mW mW C C C C PARAMETER RATING -0.5 to +7 -0.5 to +15 0 to +30 500 200 UNIT V V V mA mA
NOTES: 1. Derate above 25C at the following rates: F package at 11.1mW/C N package at 13.7mW/C D package at 10.5mW/C
DC ELECTRICAL CHARACTERISTICS
VCC = 4.75V to 5.25V, 0C TA +70C, unless otherwise specified.1 SYMBOL PARAMETER Input voltage VIH VIL VOL High Low Output voltage Low Input current IIH IIL IOH ICCL ICCH PD High Low Leakage current Supply current All outputs low All outputs high Power dissipation No output load VCC=5.25V 35 22 60 50 315 mW mA VIN=VCC VIN=0V VOUT=28V, <1.0 -3.0 5 10 -250 250 A A IOL=150mA, TA=25C Over temperature 1.05 1.30 1.50 V 2.0 0.8 V TEST CONDITIONS LIMITS Min Typ Max UNIT
NOTES: 1. All typical values are at VCC=5V and TA=25C
August 31, 1994
514
Philips Semiconductors Linear Products
Product specification
Addressable relay driver
NE/SA5090
SWITCHING CHARACTERISTICS
VCC=5V, TA=25C, VOUT=5V, IOUT=100MA, VIL=0.8V, VIH=2.0V. SYMBOL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL PARAMETER Propagation delay time Low-to-high1 High-to-low1 Low-to-high2 Output High-to-low2 Low-to-high3 Output High-to-low3 Low-to-high4 Output High-to-low4 Setup time high Setup time low Address setup time Hold time high Hold time low Chip enable pulse width1 Chip enable Chip enable Chip enable Chip enable Chip enable High data Low data Address High data Low data 40 50 40 10 10 40 CLR Address 130 920 260 1850 ns Data 130 900 260 1800 ns Output CE 900 130 920 1800 260 1850 ns ns TO FROM MIN TYP MAX UNIT
Switching setup requirements
tS(H) tS(A) tH(H) tPW(E) ns ns ns ns
NOTES: 1. See Turn-On and Turn-Off Delays, Enable-to-Output and Enable Pulse Width timing diagram. 2. See Turn-On and Turn-Off Delays, Data-to-Output timing diagram. 3. See Turn-On and Turn-Off Delays, Address-to-Output timing diagram. 4. See Turn-Off Delay, Clear-to-Output timing diagram. 5. See Setup and Hold Time, Data-to-Enable timing diagram. 6. See Setup Time, Address-to-Enable timing diagram.
FUNCTIONAL DESCRIPTION
This peripheral driver has latched outputs which hold the input date until cleared. The NE5090 has active-Low, open-collector outputs, all of which are cleared when power is first applied. This device is identical to the NE590, except the outputs can withstand 28V.
The maximum die junction temperature must be limited to 165C, and the temperature rise above ambient and the junction temperature are defined as: TR=JAxPD TJ =TA+tR where For example, if we are using the NE5090 in a plastic package in an application where the ambient temperature is never expected to rise above 50C, and the output current at the 8 outputs, when on, are 100, 40, 50, 200, 15, 30, 80, and 10mA, we find from the graph of output voltage vs load current that the output voltages are expected to be about 0.92, 0.75, 0.78, 1.04, 0.5, 0.7, 0.9, and 0.4V, respectively. Total device power due to these loads is found to be 473.5mW. Adding the 200mW due to the power supply brings total device power dissipation to 723.5mW. The thermal resistances are 83C,per W for plastic packages and 100C per W for Cerdips. Using the equations above we find: Plastic TR=83x0.7235=60C Plastic TJ =50+60=100C Cerdip TR=100x0.7235=72.4C Cerdip TJ =50+72.4=122.4C Thus we find that TJ for either package is below the 165C maximum and either package could be used in this application. The graphs of total load power vs ambient temperature would also give us this same information, although interpreting the graphs would not yield the same accuracy.
Addressable Latch Function
Any given output can be turned on or off by presenting the address of the output to be set or cleared to the three address pins, by holding the "D" input High to turn on the selected output, or by holding it Low to turn off, holding the CLR input High, and bringing the CE input Low. Once an output is turned on or off, it will remain so until addressed again, or until all outputs are cleared by bringing the CLR input Low while holding the CE input High.
Demultiplexer Operation
By holding the CLR and CE inputs Low and the "D" input High, the addressed output will remain on and all other outputs will be off.
High Current Outputs
The obvious advantage of this device over other drivers such as the 9334 and N74LS259 is the fact that the outputs of the NE5090 are each capable of 200mA and 28V. It must be noted, however, that the total power dissipation would be over 2.5W if all 8 outputs were on together and carrying 200mA each. Since the total power dissipation is limited by the package to 1W, and since power dissipation due to supply current is 0.25W, the total load power dissipation by the device is limited to 0.75W at room temperature, and decreases as ambient temperature rises.
August 31, 1994
515
Philips Semiconductors Linear Products
Product specification
Addressable relay driver
NE/SA5090
TIMING DIAGRAMS
D tPW CE tPW
D
tPLH tPLH Q tPHL Q
tPHL
NOTE: Other Inputs: CLR = H, A = Stable
NOTE: Other Inputs: CE = I, CLR = H, A = Stable
Turn-On and Turn-Off Delays, Enable-to-Output and Enable Pulse Width
Turn-On and Turn-Off Delays, Data-to-Output
A CLR tPLH tPHL Q tPLH Q
A
NOTE: Other Inputs: CE = L, CLR = L, D = H
Turn-On and Turn-Off Delays, Address-to-Output
Turn-Off Delays, Clear-to-Output
D
tHH
tHL
CE
tSH
tSL
A
CE
Q
NOTE: Other Inputs: CLR = H, A = Stable
NOTE: Other Inputs: CLR = H
Setup and Hold Time, Data-to-Enable
August 31, 1994
516
EEEEEE EEEEEE EEEEEE EEEEEE
tS
EEE EEE EEE EEE
EEE EEE EEE EEE EEE EEE EEE EEE EEEEE EEE EEEEE EEE EEEEE EEE EEEEE EEE
Setup Time, Address-to-Enable
Philips Semiconductors Linear Products
Product specification
Addressable relay driver
NE/SA5090
TYPICAL APPLICATIONS
+ 5V +5V TO 28V DATA BUS 4 + 5V D A2 A1 A0 5090 CE CLR Q0 Q1 Q2 Q3 Q0 Q5 Q6 Q7 D A2 A1 A0 5090 CE CLR Q0 Q1 Q2 Q3 Q0 Q5 Q6 Q7 + 5V RL Q0 Q1 Q2 Q 5090 Q3 0 Q5 CE Q6 Q7 +28V
P
RELAY LOAD
Driving Simple Loads
IQ CONTROL
CLEAR
+5V
+5V
+5V
D
NOTE: A0, A1, A2 may be connected to the address bus if permitted by system design.
555
3-BIT COUNTER
A0 A1 A2 5090 CE CLR
Interfacing With a Microprocessor System
Q0 Q1 Q2 Q3 Q0 Q5 Q6 Q7
Operating in Demultiplex Mode
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs Load Current
1.2 1.0
Total Load Power vs Temperature
1.0
TOTAL LOAD POWER (W)
OUTPUT VOLTAGE (V)
N PACKAGE 0.75
0.8 0C 25 C 0.6 70 C
0.50 F PACKAGE
0.25
0.4 0 50 100 150 200 0 25 50 75 100 125 TEMPERATURE (oC)
OUTPUT LOAD CURRENT (mA)
August 31, 1994
517


▲Up To Search▲   

 
Price & Availability of SA5090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X