Part Number Hot Search : 
3KP12CA E561UAP SP8910 TT150N TA8473F 332J100 100BG MTRPB
Product Description
Full Text Search
 

To Download RH5RE40AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOL TAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
Rx5RE SERIES
APPLICATION MANUAL
NO.EA-016-0006
VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
R x5RE SERIES
OUTLINE
The Rx5RE Series are voltage regulator ICs with high output voltage accuracy and ultra-low quiescent current by CMOS process. Each of these ICs consists of a voltage reference unit, an error amplifier, a driver transistor, and resistors for setting output voltage, and a current limit circuit. By use of these ICs, a constant voltage power supply circuit with high efficiency can be constructed because the dropout voltage and quiescent current of these ICs are very small. Furthermore, theses ICs have a built-in current limit circuit. The output voltage of these ICs is fixed with high accuracy. Two types of packages, TO-92 and SOT-89 (Mini-power Mold) are available.
FEATURES
* Ultra-low Quiescent Current ...........................TYP. 1.1A (Rx5RE30A,VIN=5.0V) * Ultra-low Dropout Voltage ...............................TYP. 0.5V (Rx5RE50A,IOUT=60mA) * Large Output Current ......................................TYP. 120mA (Rx5RE50A) * Low Temperature-Drift Coefficient of Output Voltage ...........................TYP. 100ppm/C * Broad Operating Voltage Range ......................MAX. 10.0V * Excellent Line Regulation ................................TYP. 0.1%/V * High Accuracy Output Voltage ........................2.5% * Output Voltage ...................................................Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible (refer to Selection Guide) ..................................TO-92, SOT-89 (Mini-power Mold) * Two Types of Packages
APPLICATIONS
* Power source for battery-powered equipment. * Power source for cameras, video instruments such as camcorders, VCRs, and hand- held communication equipment. * Precision voltage references.
BLOCK DIAGRAM
VIN 2 3 VOUT
+ - Vref 1 GND
1
Rx5RE
SELECTION GUIDE
The package type, the output voltage, the packing type, and the taping type of Rx5RE Series can be designated at the user's request by specifying the part number as follows. Rx5RExxxx-xx Part Number
}
}
a
b cd e
Code
Contents
a
Designation of Package Type: E: TO-92 H: SOT-89 (Mini-power Mold) Setting Output Voltage (VOUT): Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible. A Designation of Packing Type: A: Taping C: Antistatic bag for TO-92 and samples Designation of Taping Type: Ex. TO-92 : RF, RR, TZ SOT-89: T1, T2 (refer to Taping Specifications) "TZ" and "T1" are prescribed as a standard.
b
c
d
e
For example, the product with Package Type SOT-89,Output Voltage 5.0V,Version A and Taping Type T1 are designated by Part Number RH5RE50AA-T1.
2
Rx5RE
PIN CONFIGURATION
* TO-92 * SOT-89
(mark side)
(mark side)
1
2
3
1
2
3
PIN DESCRIPTION
* TO-92
Pin No. Symbol
* SOT-89
Pin No. Symbol
1 2 3
GND VIN VOUT
1 2 3
GND VIN VOUT
3
Rx5RE
ABSOLUTE MAXIMUM RATINGS
Symbol Item Rating Unit
VIN VOUT IOUT PD Topt Tstg Tsolder
Input Voltage Output Voltage Output Current Power Dissipation Operating Temperature Storage Temperature Lead Temperature (Soldering)
+12 -0.3 to VIN+0.3 300 300 -40 to +85 -55 to +25 260C, 10s
V V mA mW C C
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress ratings only and do not necessarily imply functional operation below these limits.
4
Rx5RE
ELECTRICAL CHARACTERISTICS
Topt=25C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT IOUT VOUT IOUT VDIF ISS VOUT VIN VIN Ilim VOUT Topt
Output Voltage Output Current Load Regulation Dropout Voltage Quiescent Current Line Regulation Input Voltage Current Limit Output Voltage Temperature Coefficient
VIN=4.0V,IOUT=10mA VIN=4.0V VIN=4.0V 1mAIOUT50mA IOUT=30mA VIN=4.0V IOUT=10mA VOUT+1.0VVIN10V
1.950 40
2.000 60 40 0.5 1.0 0.1
2.050
V mA
80 0.7 3.0
mV V A %/V
10 240 IOUT=10mA -40CTopt85C 100
V mA ppm/C
* Rx5RE30A
Symbol Item Conditions MIN. TYP. MAX.
Topt=25C
Unit
VOUT IOUT VOUT IOUT VDIF ISS VOUT VIN VIN Ilim VOUT Topt
Output Voltage Output Current Load Regulation Dropout Voltage Quiescent Current Line Regulation Input Voltage Current Limit Output Voltage Temperature Coefficient
VIN=5.0V,IOUT=10mA VIN=5.0V VIN=5.0V 1mAIOUT60mA IOUT=40mA VIN=5.0V IOUT=10mA VOUT+1.0VVIN10V
2.925 50
3.000 80 40 0.5 1.1 0.1
3.075
V mA
80 0.7 3.3
mV V A %/V
10 240 IOUT=10mA -40CTopt85C 100
V mA ppm/C
5
Rx5RE
* Rx5RE40A
Symbol Item Conditions MIN. TYP. MAX.
Topt=25C
Unit
VOUT IOUT VOUT IOUT VDIF ISS VOUT VIN VIN Ilim VOUT Topt
Output Voltage Output Current Load Regulation Dropout Voltage Quiescent Current Line Regulation Input Voltage Current Limit Output Voltage Temperature Coefficient
VIN=6.0V,IOUT=10mA VIN=6.0V VIN=6.0V 1mAIOUT70mA IOUT=50mA VIN=6.0V IOUT=10mA VOUT+1.0VVIN10V
3.900 65
4.000 100 40 0.5 1.2 0.1
4.100
V mA
80 0.7 3.6
mV V A %/V
10 240 IOUT=10mA -40CTopt85C 100
V mA ppm/C
* Rx5RE50A Symbol Item Conditions MIN. TYP. MAX.
Topt=25C
Unit
VOUT IOUT VOUT IOUT VDIF ISS VOUT VIN VIN Ilim VOUT Topt
Output Voltage Output Current Load Regulation Dropout Voltage Quiescent Current Line Regulation Input Voltage Current Limit Output Voltage Temperature Coefficient
VIN=7.0V,IOUT=10mA VIN=7.0V VIN=7.0V 1mAIOUT80mA IOUT=60mA VIN=7.0V IOUT=10mA VOUT+1.0VVIN10V
4.875 80
5.000 120 40 0.5 1.3 0.1
5.125
V mA
80 0.7 3.9
mV V A %/V
10 240 IOUT=10mA -40CTopt85C 100
V mA ppm/C
6
Rx5RE
* Rx5RE60A Symbol Item Conditions MIN. TYP. MAX.
Topt=25C
Unit
VOUT IOUT VOUT IOUT VDIF ISS VOUT VIN VIN Ilim VOUT Topt
Output Voltage Output Current Load Regulation Dropout Voltage Quiescent Current Line Regulation Input Voltage Current Limit Output Voltage Temperature Coefficient
VIN=8.0V,IOUT=10mA VIN=8.0V VIN=8.0V 1mAIOUT80mA IOUT=60mA VIN=8.0V IOUT=10mA VOUT+1.0VVIN10V
5.850 80
6.000 120 40 0.5 1.4 0.1
6.150
V mA
80 0.7 4.2
mV V A %/V
10 240 IOUT=10mA -40CTopt85C 100
V mA ppm/C
7
Rx5RE
ELECTRICAL CHARACTERISTICS BY OUTPUT VOLTAGE
Output Voltage Part Number
Conditions
OutputCurrent IOUT(mA)
MAX. Conditions MIN. TYP.
Load Regulation
Dropout Voltage VDIF(V)
Conditions TYP. MAX.
VOUT(V)
MIN. TYP.
VOUT/IOUT(mV)
Conditions TYP. MAX.
Rx5RE20A Rx5RE21A Rx5RE22A Rx5RE23A Rx5RE24A Rx5RE25A Rx5RE26A Rx5RE27A Rx5RE28A Rx5RE29A Rx5RE30A Rx5RE31A Rx5RE32A Rx5RE33A Rx5RE34A Rx5RE35A Rx5RE36A Rx5RE37A Rx5RE38A Rx5RE39A Rx5RE40A Rx5RE41A Rx5RE42A Rx5RE43A Rx5RE44A Rx5RE45A Rx5RE46A Rx5RE47A Rx5RE48A Rx5RE49A Rx5RE50A Rx5RE51A Rx5RE52A Rx5RE53A Rx5RE54A Rx5RE55A Rx5RE56A Rx5RE57A Rx5RE58A Rx5RE59A Rx5RE60A
1.950 2.048 2.145 2.243 2.340 2.438 2.535 2.633 2.730 2.828 2.925 3.023 3.120 3.218 3.315 3.413 VIN- 3.510 VOUT 3.608 =2.0V 3.705 3.803 3.900 3.998 IOUT 4.095 =10mA 4.193 4.290 4.388 4.485 4.583 4.680 4.778 4.875 4.973 5.070 5.168 5.265 5.363 5.460 5.558 5.655 5.753 5.850
2.000 2.100 2.200 2.300 2.400 2.500 2.600 2.700 2.800 2.900 3.000 3.100 3.200 3.300 3.400 3.500 3.600 3.700 3.800 3.900 4.000 4.100 4.200 4.300 4.400 4.500 4.600 4.700 4.800 4.900 5.000 5.100 5.200 5.300 5.400 5.500 5.600 5.700 5.800 5.900 6.000
2.050 2.152 2.255 2.357 2.460 2.562 2.665 2.767 2.870 2.972 3.075 3.177 3.280 3.382 3.485 3.587 3.690 3.792 3.895 3.997 4.100 4.202 4.305 4.407 4.510 4.612 4.715 4.817 4.920 5.022 5.125 5.227 5.330 5.432 5.535 5.637 5.740 5.842 5.945 6.047 6.150
VIN- VOUT =2.0V 1mA IOUT 50mA VIN- VOUT =2.0V
40
60
IOUT =30mA
1mA IOUT 60mA 50 80 VIN- VOUT =2.0V 40 80 0.5 0.7 IOUT =40mA VIN- VOUT =2.0V
1mA IOUT 70mA 65 100 IOUT =50mA
VIN- VOUT =2.0V
1mA 80 120 IOUT 80mA
IOUT =60mA
8
Rx5RE
Topt=25C Quiescent Current Iss(A)
Conditions TYP. MAX.
Line Regulation Input Voltage Current Limit Output Voltage Tempco. VOUT/VIN(%/V) VIN(V) Ilim(mA) VOUT/T(ppm/C)
Conditions TYP. MAX. TYP. Conditions TYP.
1.0
3.0
1.1
3.3
IOUT =10mA VIN- VOUT =2.0V 1.2 3.6 VOUT+ 1.0V VIN 10V 0.1 10 240 -40C Topt 85C IOUT =10mA 100
1.3
3.9
1.4
4.2
9
Rx5RE
OPERATION
Output Voltage VOUT divided at the node between
VIN Error Amplifire - + Vref R2 GND
FIG. 1 Brock Diagram
VOUT
Registers R1 and R2 is compared with Reference Voltage by Error Amplifier, so that a constant voltage is output.
R1
GND
TEST CIRCUITS
VIN
Rx5RE SERIES
VIN
VOUT
IOUT VOUT VIN
ISS VIN
Rx5RE SERIES
VOUT
CI 1F
+
GND
+ Co 1F
CI + 1F
GND
FIG. 2 Test Circuit
FIG. 3 Quiescent Current Test Circuit
VIN
Rx5RE SERIES
VOUT
VOUT
P.G
GND Co 0.1F
+
Ro
FIG. 4 Line Transient Response Test Circuit
10
Rx5RE
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current Rx5RE30A
3.1 Topt= -40C Output Voltage VOUT(V) 3.0 25C 2.9 85C 2.8 Output Voltage VOUT(V) Topt=-40C 4.0 25C 3.9 VIN=5.0V 4.1
Rx5RE40A
VIN=6.0V
3.8 85C
2.7 0 50 100 150 200 Output Current IOUT(mA) 250
3.7 0 150 50 100 Output Current IOUT(mA) 200
Rx5RE50A
5.1 Output Voltage VOUT(V)
VIN=7.0V
Rx5RE50A
5.1 Output Voltage VOUT(V) 5.0 4.9 4.8 4.7 heatsink 30x30x1mm
VIN=7.0V
Topt=-40C 5.0 25C 4.9 85C 4.8 with heatsink without heatsink
4.7 0 50 100 150 200 250 300 350 Output Current IOUT(mA) 0 50 100 150 200 Output Current IOUT(mA) 250
2) Output Voltage vs. Input Voltage
2.4 2.2 Output Voltage VOUT(V) 2.0 1.8 1.6 10mA 1.4 1.2 1.0 0.8 1.0 1mA IOUT=1A Topt=25C
Rx5RE20A
2.04 Output Voltage VOUT(V)
Topt=25C
2.02 IOUT=1A 2.00 1mA 1.98 10mA
1.96 2.0 3.0 4.0 Input Voltage VIN(V) 5.0 2 3 4 5 6 Input Voltage VIN(V) 7
11
Rx5RE
Rx5RE30A
3.4 3.2 Output Voltage VOUT(V)
Topt=25C
Rx5RE30A
3.00 Output Voltage VOUT(V) 2.99 IOUT=1A 2.98 2.97 2.96 2.95 3.0 1mA 10mA
Topt=25C
3.0 IOUT=1mA 2.8 2.6 2.4 2.2 2.0 1.8 2.0 10mA 50mA
2.5 3.0 3.5 4.0 Input Voltage VIN(V)
4.5
4.0 5.0 6.0 7.0 Input Voltage VIN(V)
8.0
Rx5RE40A
4.2 Output Voltage VOUT(V) 4.0 IOUT=1mA 3.8 3.6 50mA 3.4 10mA 3.2 2.5
Topt=25C 4.06 Output Voltage VOUT(V) 4.04 4.02 4.00
Rx5RE40A
Topt=25C
IOUT=1A
1mA 3.98 3.96
10mA
3.5 4.5 5.5 Input Voltage VIN(V)
4
5
6 7 8 Input Voltage VIN(V)
9
Rx5RE50A
5.1 Output Voltage VOUT(V) 5.0 4.8 4.6 4.4 4.2 4.0
Topt=25C
Rx5RE50A
5.05 5.04 Output Voltage VOUT(V) 5.03 5.02 5.01 5.00 4.99 4.98 4.97 4.96 4.95
Topt=25C
IOUT=1mA 10mA 50mA
IOUT=1A 1mA 10mA
4.5 5.0 5.5 6.0 Input Voltage VIN(V)
6.5
5
6
7 8 9 Input Voltage VIN(V)
10
12
Rx5RE
3) Dropout Voltage vs. Output Curret Rx5RE30A
1.4 Dropout Voltage VDIF(V) Dropout Voltage VDIF(V) 1.2 85C 1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 Output Current IOUT(mA) 100 Topt=-40C 0.0 0 20 40 60 80 Output Current IOUT(mA) 100 25C 1.0 0.8 85C 0.6 25C 0.4 0.2 Topt=-40C
Rx5RE40A
Rx5RE50A
0.8 0.7 Dropout Voltage VDIF(V) 0.6 0.5 25C 0.4 0.3 0.2 0.1 0.0 0 20 40 60 80 Output Current IOUT(mA) 100 Topt= -40C 85C
4) Output Voltage vs.Temperature Rx5RE30A
3.1 Output Voltage VOUT(V) IOUT=10mA
Rx5RE40A
4.1 Output Voltage VOUT(V)
IOUT=10mA
3.0
4.0
2.9 -50 -30 -10 10 30 50 70 Temperature Topt(C)
90
3.9 -50 -30 -10 10 30 50 70 Temperature Topt(C)
90
13
Rx5RE
Rx5RE50A
5.2 Output Voltage VOUT(V)
IOUT=10mA
5.1
5.0
4.9
4.8 -50 -30 -10 10 30 50 70 Temperature Topt(C)
90
5) Quiescent Current vs. Input Voltage Rx5RE20A
1.1 Quiescent Current Iss(A) 1.0 Topt=25C Quiescent Current Iss(A)
Rx5RE30A
1.4
Topt=25C
1.3
0.9 0.8 0.7 0.6 3 4 5 6 7 8 Input Voltage VIN(V) 9 10
1.2
1.1
1.0 2 3 4 56 78 Input Voltage VIN(V) 9 10
Rx5RE40A
1.5 Quiescent Current Iss(A) 1.4 1.3 1.2 1.1 1.0 Topt=25C Quiescent Current Iss(A) 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 4 5 6 7 8 9 10 Input Voltage VIN(V) 11 0.5 5 6
Rx5RE50A
Topt=25C
7 8 9 10 11 Input Voltage VIN(V)
12
14
Rx5RE
6) Quiescent Current vs. Temperature Rx5RE20A
1.7 Quiescent Current Iss(A) 1.5 1.3 1.1 0.9 0.7 0.5 -40 -20 VIN=4.0V 1.6 Quiescent Current Iss(A)
Rx5RE30A
VIN=5.0V
1.4
1.2
1.0
0 20 40 60 80 100 Temperature Topt(C)
0.8 -40 -20
0 20 40 60 80 100 Temperature Topt(C)
Rx5RE40A
1.7 Quiescent Current Iss(A) 1.5 1.3 1.1 0.9 0.7 0.5 -40 -20
VIN=6.0V
Rx5RE50A
1.5 1.4 Quiescent Current Iss(A) 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 -40 -20
VIN=7.0V
0 20 40 60 80 100 Temperature Topt(C)
0 20 40 60 80 100 Temperature Topt(C)
7) Dropout Voltage vs. Set Output Voltage
0.7 Dropout Voltage VDIF(V) 0.6 0.5 IOUT=50mA 0.4 0.3 0.2 10mA 0.1 0.0 0 1mA 1 2 3 4 5 Set Output Voltage Vreg(V) 6
Rx5RE SERIES Topt=25C
15
Rx5RE
8) Line Transient Response (1) Rx5RE20A
Input Voltage/Output Voltage V(V) 5.0 4.5 4.5 3.5 3.0 2.5 2.0 1.5 1.0 1.5 2.0 2.5 3.0 3.5 Time t(ms) Output Voltage Input Voltage
IOUT=1mA Input Voltage/Output Voltage V(V)
Rx5RE30A
7.0 6.0 5.0 4.0 Output Voltage 3.0 2.0 1.0 1.5 Input Voltage
IOUT=1mA
4.0
4.5
2.0
2.5 3.0 3.5 Time t(ms)
4.0
4.5
Rx5RE40A
8.0 Input Voltage/Output Voltage V(V) 7.0 6.0 5.0 Input Voltage
IOUT=1mA Input Voltage/Output Voltage V(V)
Rx5RE50A
9.0 8.0 7.0 6.0 Output Voltage 5.0 4.0 3.0 0 Input Voltage
IOUT=1mA
Output Voltage 4.0 3.0 2.0 1.5
2.0
2.5 3.0 3.5 Time t(ms)
4.0
4.5
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 Time t(ms)
9) Line Transient Response (2) Rx5RE20A
Input Voltage/Output Voltage V(V) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 1.5 2.0 2.5 3.0 3.5 Time t(ms) 4.0 4.5 Output Voltage Input Voltage IOUT=30mA Input Voltage/Output Voltage V(V)
Rx5RE30A
7.0 6.0 5.0 4.0 3.0 2.0 1.0 1.5 Input Voltage
IOUT=30mA
Output Voltage
2.0
2.5 3.0 3.5 Time t(ms)
4.0
4.5
16
Rx5RE
Rx5RE40A
Input Voltage/Output Voltage V(V) 8.0 7.0 6.0 5.0 Input Voltage
IOUT=30mA Input Voltage/Output Voltage V(V)
9.0 8.0 7.0 6.0
Rx5RE50A
IOUT=30mA
Input Voltage
Output Voltage 4.0 3.0 2.0 1.5 2.0 2.5 3.0 3.5 Time t(ms) 4.0 4.5
Output Voltage 5.0 4.0 3.0 0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 Time t(ms)
17
Rx5RE
TYPICAL APPLICATION
In Rx5RE Series, a constant voltage can be obtained
VIN C1 VIN + Rx5RE SERIES GND VOUT + C2
without using Capacitors C1 and C2. However, when the
VOUT
wire connected to VIN is long, use Capacitor C1. Output noise can be reduced by using Capacitor C2. Insert Capacitors C1 and C2 with the capacitance of 0.1F to 2.0F between Input/Output Pins and GND Pin with minimum wiring.
GND
GND
APPLICATION CIRCUITS
* VOLTAGE BOOST CIRCUIT The output voltage can be obtained by the following formula :
VIN VIN Rx5RE SERIES GND C1 + ISS GND R2 VOUT VOUT +
*1 VOUT=Vreg * (1+R2/R1) + ISS * R2 Since the quiescent current of Rx5RE Series is so small that the resistances of R1 and R2 can be set as large as several hundreds k and therefore the supply current of "Voltage Boost Circuit" itself can be reduced. Furthermore, since Rx5RE Series are operated by a constant voltage, the supply current of "Voltage Boost Circuit" is not substantially affected by the input voltage.
C2
R1
*1) Vreg : Set Output Voltage of Rx5RE Series.
* DUAL POWER SUPPLY CIRCUIT As shown in the circuit diagram, a dual power supIC1 VIN VIN Rx5RE20A VOUT C1 GND IC2 VIN Rx5RE30A C2 GND + GND GND C3 + R VOUT VOUT2 3V + D ISS VOUT1 5V
ply circuit can be constructed by using two Rx5RE Series. This circuit diagram shows a dual power supply circuit with an output of 3V and an output of 5V. When the minimum output current of IC2 is larger than ISS of IC1, Resistor R is unnecessary. Diode D is a protection diode for the case where VOUT2 becomes larger than VOUT1.
18
Rx5RE
* CURRENT BOOST CIRCUIT Output current of 120mA or more can be obtained
Tr.1
by the current boost circuit constructed as shown in this circuit diagram.
VIN Rx5RE SERIES GND VOUT VOUT + C2 GND
VIN C1 GND +
* CURRENT BOOST CIRCUIT WITH OVERCURRENT LIMIT CIRCUIT A circuit for protecting Tr.1 from the destruction caused by output short-circuit or overcurrent is shown in
R2 Vbe2 Tr.2 VIN VIN + R1 Rx5RE SERIES GND GND GND VOUT + VOUT C2 IOUT Tr.1
this circuit diagram. When the voltage reduction caused by the current ( aa IOUT) which flows through R2 reaches Vbe2 of Tr.2 by additionally providing the current boost circuit with Tr.2 and R2, Tr.2 is turned ON and the base current of Tr.1 is increased, so that the output current is limited. Current limit of Overcurrent Limit Circuit is obtained as follows : IOUT Vbe2/R2
* CURRENT SOURCE A current source with the structure as shown in
IOUT VIN VIN Rx5RE SERIES GND VOUT R ISS
this circuit diagram can be used. Output Current IOUT is obtained as follows : *1 IOUT=Vreg /R + ISS Take care that Output Current IOUT does not exceed its allowable current.
C1
+
*1) Vreg : Set Output Voltage of Rx5RE Series.
19


▲Up To Search▲   

 
Price & Availability of RH5RE40AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X