Part Number Hot Search : 
K4N28 DWN75 EERL39 1A106 5820SMJ DSEI120 PA1220 MP2119
Product Description
Full Text Search
 

To Download PM4388 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMC-Sierra,Inc.
PM4388 TOCTL
* Available in a rectangular 128-pin PQFP 14 by 20 mm package. in-band line loopback and per-channel loopback code sequences. Allows insertion of a datalink in ESF mode via the microprocessor port. Provides 128 bytes of datalink message storage per datalink. Supports transmission of the AIS or the yellow alarm signal in both SF and ESF formats. Provides a digital PLL for generation of a low jitter transmit clock. Provides a FIFO buffer for jitter attenuation and transmit rate conversion. FIFO full or empty indication allows for bit-stuffing in higher rate multiplexing applications.
Octal T1 Framer
FEATURES
* Monolithic single-chip device that integrates eight datacom T1 framers and transmitters for terminating duplex DS1 signals. * Supports DS1 signals in SF, ESF, or unframed modes. * Provides ESF bit-oriented code detection/generation, and an HDLC interface for terminating/generating the ESF datalink. * Supports transfer of PCM data to/from 1.544 Mbit/s or 2.048 Mbit/s backplane buses. Supports fractional T1 backplane interface with asymmetric transmit/receive n x DS0 rates. * Supports robbed-bit signaling extraction and insertion on a per-DS0 basis. * Provides programmable idle code substitution and data inversion on a per-channel basis. * Provides per-DS0 line loopback and per-link diagnostic and line loopbacks. * Provides trunk conditioning which forces programmable trouble code substitution on all/selected channels. * Supports a Pseudo Random Binary Sequence (PRBS) generator and detector which may be configured for insertion/detection on a n x DS0 basis. * Supports a 1-second polling interval for access to T1 performance monitoring and HDLC datalinks. * Pin-compatible to the PM6388 EOCTL Octal E1 Framer. * Software-compatible with the PM4341A T1XC Single T1 Transceiver, the PM4344 TQUAD Quad T1 Framer, the PM6388 EOCTL Octal E1 Framer and the PM4351 COMET Single T1/E1 Transceiver. * Seamless interface to the PM7364 FREEDM-32 HDLC controller, the PM7366 FREEDM-8 HDLC controller, the PM8313 D3MX single-chip M13 multiplexer, and the PM4314 QDSX quad line interface unit. * Provides an 8-bit microprocessor bus interface for configuration, control, and status monitoring. * Low power 3.3V CMOS technology with 5 V tolerant inputs. * Supports standard 5-signal P1149.1 JTAG boundary scan.
PMC-960615 (R6)
RECEIVE SECTION
* Accepts gapped data streams to support higher rate demultiplexing. * Provides red, yellow, and Alarm Indication Signal (AIS) alarm detection. * Supports Line and Path performance monitoring according to AT&T and ANSI specifications. Accumulators are provided for counting ESF CRC-6 errors, Framing bit errors and Loss Of Frame (LOF) or change of frame alignment events. * Extracts the ESF datalink, provides 128 bytes of FIFO buffering per datalink. * Provides a 2-frame buffer for jitter and wander attenuation.
*
*
* *
APPLICATIONS
* High-Density Internet T1 Interfaces for Multiplexers, Switches, Routers, and Digital Modems * Frame Relay Switches and Access Devices (FRADS) * T1 Performance Monitoring * SONET/SDH Add/Drop Multiplexers (ADMs)
TRANSMIT SECTION
* Provides per-channel minimum ones density through Bell (bit 7), GTE, DDS, or "jammed bit 8" (56 Kbit/s) zero code suppression. * Allows insertion of framed or unframed
BLOCK DIAGRAM
8U8GF
7UDQVPLWWHU
(,)
@tr Drshpr
8@8GF
8@AQ
@8GFb @AQb @TDBb
)'d )'d )'d
736&
Qr9TA 8yyr
;%$6
7hvpAUhvr)A AhrABrrhvA 6yhADrv TvthyyvtADrvA
7236
Uvvt Pv
7-$7
9vtvhyAEvr 6rh
UG8GFb
)'d
@9b
)'d
UxA8qvvvt
UG9b
)'d
35*'
QhrA BrrhA 9rrp
7'35
C9G8 Uhvr
;%2&
7vvrrqA 8qrA Brrh
;%,&
Dihq GihpxA 8qr Brrh Y8GF
5HFHLYHU
)5$0
Ahr
8D8GF 8DAQ
D9b
)'d
6,*;
TvthyyvtA
(/67
@yhvp Tr
@yhvpATrA S6H
)505
Ahr)A AhrA 6yvtrA 6yh 9rrpv
D8GFb DTDBb
)'d )'d
,,)
Dtr Drshpr
536&
Qr9TA 8yyr
@hp
5-$7
9vtvhyAEvrA 6rh
SG8GFb
)'d
SG9b
)'d
DAQb
)'d
6b
)d
5%2&
7vvrrqA
$/0,
6yh Drth
,%&'
Dihq Gihpx 8qr Brrh
S97 XS7 8T7 6G@ DIU7 STU7
03,)
Hvp pr Drshpr
8qrA Brrh
5'/&
C9G8A Srprvr
3021
Qrshpr HvA 8r
U9P
-7$*
U rA6pprA Q
U9D U8GF UHT USTU7
9&)
AUurrAvthyAhrAuhrqAirrrAhyyArvtuAshr
(c)A1998 PMC-Sierra, Inc. October, 1998
PM4388 TOCTL Octal T1 Framer
TYPICAL APPLICATIONS
EIGHT-CHANNEL T1/E1 PORT CARD ADAPTER USING PIN-COMPATIBLE TOCTL AND EOCTL
4
PM4314 QUAD LIU PM4388
72&7/
4'6;
Processor PM7366
)5(('0TM
4
PM4314 Quad T1/E1 LIU
Octal T1 Framer
Frame Engine and Datalink Manager Packet Memory PM6388
4'6;
Octal E1 Framer PCI Bus
(2&7/
CHANNELIZED DS3 INTERFACE
PM4388
72&7/
Octal T1 Framer
PM4388
72&7/
Processor PM7364
)5(('0TM
DS3 LIU
PM8313 M13 Mux/Demux
Octal T1 Framer
'0;
PM4388
72&7/
Frame Engine and Datalink Manager
Octal T1 Framer
Packet Memory
PM4388
72&7/
Octal T1 Framer
PCI Bus
Head Office: PMC-Sierra, Inc. #105 - 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PMC-960615 (R6) (c) 1998 PMC-Sierra, Inc. October, 1998 FREEDM-8 and FREEDM-32 are trademarks of PMC-Sierra, Inc.


▲Up To Search▲   

 
Price & Availability of PM4388

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X