Part Number Hot Search : 
FFVS6C06 A107M ML4669CQ HC164 TLP25 FSF05H60 2SD2527 EPT7074G
Product Description
Full Text Search
 

To Download NTE5655 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE5655 thru NTE5657 TRIAC - 800mA Sensitive Gate
Description: The NTE5655 through NTE5657 are 800mA sensitive gate TRIACs in a TO92 type package designed to be driven directly with IC and MOS devices. These TRIACs feature void-free glass passivated chips. These NTE devices are bi-directional triode thyristors and may be switched from off-state to conduction for either polarity of applied voltage with positive or negative gate trigger current. They are designed for control applications in lighting, heating, cooling and static switching relays. Absolute Maximum Ratings: Repetitive Peak Off-State Voltage (Gate Open, TJ = +100C), VDRM NTE5655 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V NTE5656 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V NTE5657 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V RMS On-State Current (TC = +75C, Conduction Angle of 360C), ITRMS . . . . . . . . . . . . . . . 800mA Peak Surge (Non-Repetitive) On-State Current (One Cycle, 50Hz or 60Hz), ITSM . . . . . . . . . . . 8A Peak Gate-Trigger Current (3s Max), IGTM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Peak Gate-Power Dissipation (IGT IGTM for 3s Max), PGM . . . . . . . . . . . . . . . . . . . . . . . . . . . 20W Average Gate-Power Dissipation, PG(AV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mW Operating Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +100C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Typical Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75C/W Electrical Characteristics: (TC = +25C, Maximum Ratings unless otherwise specified)
Parameter Peak Off-State Current Max. On-State Voltage DC Holding Current Critical Rate-of-Rise of Off-State Voltage Symbol IDRM VTM IH Critical dv/dt Test Conditions VDRM = Max Rating, Gate Open, TJ = +100C iT = 800mA (Peak) Gate Open VD = VDRM, Gate Open, TC = +100C Min - - - - Typ 0.75 - - 10 Max - 1.9 15 - Unit mA V mA V/s
Electrical Characteristics (Cont'd): (TC = +25C, Maximum Ratings unless otherwise specified)
Parameter DC Gate Trigger Current T2 (+) Gate (+), T2 (-) Gate (-) T2 (+) Gate (-), T2 (-) Gate (+) DC Gate Trigger Voltage Gate-Controlled Turn-On Time Symbol IGT Test Conditions VD = 6V, RL = 100 Min - Typ - Max 5 Unit mA
VGT tgt
VD = 6V, RL = 100 VD = VDRM, IGT = 80mA, tr = 0.1s, iT = 10A (Peak)
- -
- 2.2
2.2 -
V s
.135 (3.45) Min
.210 (5.33) Max
Seating Plane
.500 (12.7) Min MT1 Gate MT2
.021 (.445) Dia Max
.100 (2.54) .050 (1.27)
.105 (2.67) Max .205 (5.2) Max
.165 (4.2) Max .105 (2.67) Max


▲Up To Search▲   

 
Price & Availability of NTE5655

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X