Part Number Hot Search : 
2SC3596C 2SK115 153K1 MRF20030 C220V BAS38608 080ASBEW PTS012A0
Product Description
Full Text Search
 

To Download NM93CS66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
February 2000
NM93CS66 (MICROWIRETM Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
General Description
NM93CS66 is a 4096-bit CMOS non-volatile EEPROM organized as 256 x 16-bit array. This device features MICROWIRE interface which is a 4-wire serial bus with chipselect (CS), clock (SK), data input (DI) and data output (DO) signals. This interface is compatible to many of standard Microcontrollers and Microprocessors. NM93CS66 offers programmable write protection to the memory array using a special register called Protect Register. Selected memory locations can be protected against write by programming this Protect Register with the address of the first memory location to be protected (all locations greater than or equal to this first address are then protected from further change). Additionally, this address can be "permanently locked" into the device, making all future attempts to change data impossible. In addition this device features "sequential read", by which, entire memory can be read in one cycle instead of multiple single byte read cycles. There are 10 instructions implemented on the NM93CS66, 5 of which are for memory operations and the remaining 5 are for Protect Register operations. This device is fabricated using Fairchild Semiconductor floating-gate CMOS process for high reliability, high endurance and low power consumption. "LZ" and "L" versions of NM93CS66 offer very low standby current making them suitable for low power applications. This device is offered in both SO and TSSOP packages for small space considerations.
Features
I Wide VCC 2.7V - 5.5V I Programmable write protection I Sequential register read I Typical active current of 200A 10A standby current typical 1A standby current typical (L) 0.1A standby current typical (LZ) I No Erase instruction required before Write instruction I Self timed write cycle I Device status during programming cycles I 40 year data retention I Endurance: 1,000,000 data changes I Packages available: 8-pin SO, 8-pin DIP, 8-pin TSSOP
Functional Diagram
CS SK DI INSTRUCTION REGISTER VCC INSTRUCTION DECODER CONTROL LOGIC AND CLOCK GENERATORS PRE PE
ADDRESS REGISTER
PROTECT REGISTER
COMPARATOR AND WRITE ENABLE
HIGH VOLTAGE GENERATOR AND PROGRAM TIMER
DECODER
EEPROM ARRAY 16
READ/WRITE AMPS 16 VSS
DATA IN/OUT REGISTER 16 BITS DO DATA OUT BUFFER
(c) 1999 Fairchild Semiconductor Corporation NM93CS66 Rev. F.2
1
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Connection Diagram
Dual-In-Line Package (N) 8-Pin SO (M8) and 8-Pin TSSOP (MT8)
CS SK DI DO 1 2 3 4 8 7 6 5 VCC PRE PE GND
Top View Package Number N08E, M08A and MTC08
Pin Names
CS SK DI DO GND PE PRE VCC Chip Select Serial Data Clock Serial Data Input Serial Data Output Ground Program Enable Protect Register Enable Power Supply
Ordering Information NM 93 CS XX LZ E XXX
Package
Letter
N M8 MT8 None V E Blank L LZ 66 C CS Interface 93
Description
8-pin DIP 8-pin SO 8-pin TSSOP 0 to 70C -40 to +125C -40 to +85C 4.5V to 5.5V 2.7V to 5.5V 2.7V to 5.5V and <1A Standby Current 4096 bits CMOS Data protect and sequential read MICROWIRE
Temp. Range
Voltage Operating Range
Density
Fairchild Memory Prefix
2
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature All Input or Output Voltages with Respect to Ground Lead Temperature (Soldering, 10 sec.) ESD rating -65C to +150C +6.5V to -0.3V
Operating Conditions
Ambient Operating Temperature NM93CS66 NM93CS66E NM93CS66V Power Supply (VCC) 0C to +70C -40C to +85C -40C to +125C 4.5V to 5.5V
+300C 2000V
DC and AC Electrical Characteristics VCC = 4.5V to 5.5V unless otherwise specified
Symbol
ICCA ICCS IIL IOL VIL VIH VOL1 VOH1 VOL2 VOH2 fSK tSKH tSKL tSKS tCS tCSS tPRES tDH tPES tDIS tCSH tPEH tPREH tDIH tPD tSV tDF tWP
Parameter
Operating Current Standby Current Input Leakage Output Leakage Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Output Low Voltage Output High Voltage SK Clock Frequency SK High Time SK Low Time SK Setup Time Minimum CS Low Time CS Setup Time PRE Setup Time DO Hold Time PE Setup Time DI Setup Time CS Hold Time PE Hold Time PRE Hold Time DI Hold Time Output Delay CS to Status Valid CS to DO in Hi-Z Write Cycle Time
Conditions
CS = VIH, SK=1.0 MHz CS = VIL VIN = 0V to VCC (Note 2)
Min
Max
1 50 -1
Units
mA A A V V V MHz ns ns ns ns ns ns ns ns ns ns ns ns ns
-0.1 2 IOL = 2.1 mA IOH = -400 A IOL = 10 A IOH = -10 A (Note 3) 0C to +70C -40C to +125C 250 300 250 50 (Note 4) 250 100 50 70 50 100 0 250 50 20 2.4
0.8 VCC +1 0.4 0.2
VCC - 0.2 1
500 500 CS = VIL 100 10
ns ns ns ms
3
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature All Input or Output Voltages with Respect to Ground Lead Temperature (Soldering, 10 sec.) ESD rating -65C to +150C +6.5V to -0.3V
Operating Conditions
Ambient Operating Temperature NM93CS66L/LZ NM93CS66LE/LZE NM93CS66LV/LZV Power Supply (VCC) 0C to +70C -40C to +85C -40C to +125C 2.7V to 5.5V
+300C 2000V
DC and AC Electrical Characteristics VCC = 2.7V to 5.5V unless otherwise specified
Symbol
ICCA ICCS
Parameter
Operating Current Standby Current L LZ (2.7V to 4.5V) Input Leakage Output Leakage Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage SK Clock Frequency SK High Time SK Low Time SK Setup Time Minimum CS Low Time CS Setup Time PRE Setup Time DO Hold Time PE Setup Time DI Setup Time CS Hold Time PE Hold Time PRE Hold Time DI Hold Time Output Delay CS to Status Valid CS to DO in Hi-Z Write Cycle Time
Conditions
CS = VIH, SK=1.0 MHz CS = VIL
Min
Max
1 10 1 1
Units
mA A A A V V KHz s s s s s ns ns ns s ns ns ns s s s s ms
IIL IOL VIL VIH VOL VOH fSK tSKH tSKL tSKS tCS tCSS tPRES tDH tPES tDIS tCSH tPEH tPREH tDIH tPD tSV tDF tWP
VIN = 0V to VCC (Note 2) -0.1 0.8VCC IOL = 10A IOH = -10A (Note 3) 0.9VCC 0 1 1 0.2 1 0.2 50 70 50 0.4 0 250 50 0.4
0.15VCC VCC +1 0.1VCC 250
(Note 4)
2 1 CS = VIL 0.4 15
Capacitance TA = 25C, f = 1 MHz (Note 5)
Symbol
COUT CIN
Note 1: Stress above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Note 2: Typical leakage values are in the 20nA range.
Test
Output Capacitance Input Capacitance
Typ
Max
5 5
Units
pF pF
Note 3: The shortest allowable SK clock period = 1/fSK (as shown under the fSK parameter). Maximum SK clock speed (minimum SK period) is determined by the interaction of several AC parameters stated in the datasheet. Within this SK period, both tSKH and tSKL limits must be observed. Therefore, it is not allowable to set 1/fSK = tSKHminimum + tSKLminimum for shorter SK cycle time operation. Note 4: CS (Chip Select) must be brought low (to VIL) for an interval of tCS in order to reset all internal device registers (device reset) prior to beginning another opcode cycle. (This is shown in the opcode diagram on the following page.)
AC Test Conditions
VCC Range
(Extended Voltage Levels)
Note 5:
This parameter is periodically sampled and not 100% tested.
VIL/VIH Input Levels
0.3V/1.8V 0.4V/2.4V
VIL/VIH Timing Level
1.0V 1.0V/2.0V
VOL/VOH Timing Level
0.8V/1.5V 0.4V/2.4V
IOL/IOH
10A 2.1mA/-0.4mA
2.7V VCC 5.5V
(TTL Levels)
4.5V VCC 5.5V
Output Load: 1 TTL Gate (CL = 100 pF)
4
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Pin Description
Chip Select (CS)
This is an active high input pin to NM93CS66 EEPROM (the device) and is generated by a master that is controlling the device. A high level on this pin selects the device and a low level deselects the device. All serial communications with the device is enabled only when this pin is held high. However this pin cannot be permanently tied high, as a rising edge on this signal is required to reset the internal state-machine to accept a new cycle and a falling edge to initiate an internal programming after a write cycle. All activity on the SK, DI and DO pins are ignored while CS is held low.
Program Enable (PE)
This is an active high input pin to the device and is used to enable operations, that are write in nature, to the memory array and to the Protect register. When this pin is held high, operations that are "write" in nature are enabled. When this pin is held low, operations that are "write" in nature are disabled. This pin operates in conjunction with PRE pin. Refer Table1 for functional matrix of this pin for various operations.
Microwire Interface
A typical communication on the Microwire bus is made through the CS, SK, DI and DO signals. To facilitate various operations on the Memory array and on the Protect Register, a set of 10 instructions are implemented on NM93CS66. The format of each instruction is listed in Table 1.
Serial Clock (SK)
This is an input pin to the device and is generated by the master that is controlling the device. This is a clock signal that synchronizes the communication between a master and the device. All input information (DI) to the device is latched on the rising edge of this clock input, while output data (DO) from the device is driven from the rising edge of this clock input. This pin is gated by CS signal.
Instruction
Each of the above 10 instructions is explained under individual instruction descriptions.
Serial Input (DI)
This is an input pin to the device and is generated by the master that is controlling the device. The master transfers Input information (Start bit, Opcode bits, Array addresses and Data) serially via this pin into the device. This Input information is latched on the rising edge of the SCK. This pin is gated by CS signal.
Start Bit
This is a 1-bit field and is the first bit that is clocked into the device when a Microwire cycle starts. This bit has to be "1" for a valid cycle to begin. Any number of preceding "0" can be clocked into the device before clocking a "1".
Opcode
This is a 2-bit field and should immediately follow the start bit. These two bits (along with PRE, PE signals and 2 MSB of address field) select a particular instruction to be executed.
Serial Output (DO)
This is an output pin from the device and is used to transfer Output data via this pin to the controlling master. Output data is serially shifted out on this pin from the rising edge of the SCK. This pin is active only when the device is selected.
Address Field
This is a 8-bit field and should immediately follow the Opcode bits. In NM93CS66, all 8 bits are used for address decoding during READ, WRITE and PRWRITE instructions.During all other instructions (with the exception of PRREAD), the MSB 2 bits are used to decode instruction (along with Opcode bits, PRE and PE signals).
Protect Register Enable (PRE)
This is an active high input pin to the device and is used to distinguish operations to memory array and operations to Protect Register. When this pin is held low, operations to the memory array are enabled. When this pin is held high, operations to the Protect Register are enabled. This pin operates in conjunction with PE pin. Refer Table1 for functional matrix of this pin for various operations.
Data Field
This is a 16-bit field and should immediately follow the Address bits. Only the WRITE and WRALL instructions require this field. D15 (MSB) is clocked first and D0 (LSB) is clocked last (both during writes as well as reads).
TABLE 1. Instruction set Instruction
READ WEN WRITE WRALL WDS PRREAD PREN PRCLEAR PRWRITE PRDS
Start Bit Opcode Field
1 1 1 1 1 1 1 1 1 1 10 00 01 00 00 10 00 11 01 00 A7 1 A7 0 0 X 1 1 A7 0 A6 1 A6 1 0 X 1 1 A6 0
Address Field
A5 X A5 X X X X 1 A5 0 A4 X A4 X X X X 1 A4 0 A3 X A3 X X X X 1 A3 0 A2 X A2 X X X X 1 A2 0 A1 X A1 X X X X 1 A1 0 A0 X A0 X X X X 1 A0 0
Data Field
PRE Pin
0 0
PE Pin
X 1 1 1 X X 1 1 1 1
D15-D0 D15-D0
0 0 0 1 1 1 1 1
5
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Functional Description
A typical Microwire cycle starts by first selecting the device (bringing the CS signal high). Once the device is selected, a valid Start bit ("1") should be issued to properly recognize the cycle. Following this, the 2-bit opcode of appropriate instruction should be issued. After the opcode bits, the 8-bit address information should be issued. For certain instructions, some (or all) of these 8 bits are don't care values (can be "0" or "1"), but they should still be issued. Following the address information, depending on the instruction (WRITE and WRALL), 16-Bit data is issued. Otherwise, depending on the instruction (READ and PRREAD), the device starts to drive the output data on the DO line. Other instructions perform certain control functions and do not deal with data bits. The Microwire cycle ends when the CS signal is brought low. However during certain instructions, falling edge of the CS signal initiates an internal cycle (Programming), and the device remains busy till the completion of the internal cycle. Each of the 10 instructions is explained in detail in the following sections.
the part. Input information (Start bit, Opcode and Address) for this WEN instruction should be issued as listed under Table1. The device becomes write-enabled at the end of this cycle when the CS signal is brought low. The PRE pin should be held low during this cycle. Execution of a READ instruction is independent of WEN instruction. Refer Write Enable cycle diagram.
3) Write (WRITE)
WRITE instruction allows write operation to a specified location in the memory with a specified data. This instruction is valid only when the following are true: I Device is write-enabled (Refer WEN instruction) I Address of the write location is not write-protected I PE pin is held high during this cycle I PRE pin should be held low during this cycle Input information (Start bit, Opcode, Address and Data) for this WRITE instruction should be issued as listed under Table1. After inputting the last bit of data (D0 bit), CS signal must be brought low before the next rising edge of the SK clock. This falling edge of the CS initiates the self-timed programming cycle. It takes tWP time (Refer appropriate DC and AC Electrical Characteristics table) for the internal programming cycle to finish. During this time, the device remains busy and is not ready for another instruction. The status of the internal programming cycle can be polled at any time by bringing the CS signal high again, after tCS interval. When CS signal is high, the DO pin indicates the READY/BUSY status of the chip. DO = logical 0 indicates that the programming is still in progress. DO = logical 1 indicates that the programming is finished and the device is ready for another instruction. It is not required to provide the SK clock during this status polling. While the device is busy, it is recommended that no new instruction be issued. Refer Write cycle diagram. It is also recommended to follow this instruction (after the device becomes READY) with a Write Disable (WDS) instruction to safeguard data against corruption due to spurious noise, inadvertent writes etc.
Memory Instructions
Following five instructions, READ, WEN, WRITE, WRALL and WDS are specific to operations intended for memory array. The PRE pin should be held low during these instructions.
1) Read and Sequential Read (READ)
READ instruction allows data to be read from a selected location in the memory array. Input information (Start bit, Opcode and Address) for this instruction should be issued as listed under Table1. Upon receiving a valid input information, decoding of the opcode and the address is made, followed by data transfer from the selected memory location into a 16-bit serial-out shift register. This 16-bit data is then shifted out on the DO pin. D15 bit (MSB) is shifted out first and D0 bit (LSB) is shifted out last. A dummy-bit (logical 0) precedes this 16-bit data output string. Output data changes are initiated on the rising edge of the SK clock. After reading the 16-bit data, the CS signal can be brought low to end the Read cycle. The PRE pin should be held low during this cycle. Refer Read cycle diagram. This device also offers "sequential memory read" operation to allow reading of data from the additional memory locations instead of just one location. It is started in the same manner as normal read but the cycle is continued to read further data (instead of terminating after reading the first 16-bit data). After providing 16-bit data, the device automatically increments the address pointer to the next location and continues to provide the data from that location. Any number of locations can be read out in this manner, however, after reading out from the last location, the address pointer points back to the first location. If the cycle is continued further, data will be read from this first location onward. In this mode of read, the dummy-bit is present only when the very first data is read (like normal read cycle) and is not present on subsequent data reads. The PRE pin should be held low during this cycle. Refer Sequential Read cycle diagram.
4) Write All (WRALL)
Write all (WRALL) instruction is similar to the Write instruction except that WRALL instruction will simultaneously program all memory locations with the data pattern specified in the instruction. This instruction is valid only when the following are true: I Protect Register has been cleared (Refer PRCLEAR instruction) I Device is write-enabled (Refer WEN instruction) I PE pin is held high during this cycle I PRE pin should be held low during this cycle Input information (Start bit, Opcode, Address and Data) for this WRALL instruction should be issued as listed under Table1. After inputting the last bit of data (D0 bit), CS signal must be brought low before the next rising edge of the SK clock. This falling edge of the CS initiates the self-timed programming cycle. It takes tWP time (Refer appropriate DC and AC Electrical Characteristics table) for the internal programming cycle to finish. During this time, the device remains busy and is not ready for another instruction. Status of the internal programming can be polled as described under WRITE instruction description. While the device is busy, it is recommended that no new instruction be issued. Refer Write All cycle diagram.
2) Write Enable (WEN)
When VCC is applied to the part, it "powers up" in the Write Disable (WDS) state. Therefore, all programming operations (for both memory array and Protect Register) must be preceded by a Write Enable (WEN) instruction. Once a Write Enable instruction is executed, programming remains enabled until a Write Disable (WDS) instruction is executed or VCC is completely removed from
6
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
5) Write Disable (WDS)
Write Disable (WDS) instruction disables all programming operations and is recommended to follow all programming operations. Executing this instruction after a valid write instruction would protect against accidental data disturb due to spurious noise, glitches, inadvertent writes etc. Input information (Start bit, Opcode and Address) for this WDS instruction should be issued as listed under Table1. The device becomes write-disabled at the end of this cycle when the CS signal is brought low. Execution of a READ instruction is independent of WDS instruction. Refer Write Disable cycle diagram.
I PREN instruction was executed immediately prior to PRCLEAR instruction I PE pin is held high during this cycle I PRE pin is held high during this cycle Input information (Start bit, Opcode and Address) for this PRCLEAR instruction should be issued as listed under Table1. After inputting the last bit of address (A0 bit), CS signal must be brought low before the next rising edge of the SK clock. This falling edge of the CS initiates the self-timed clear cycle. It takes tWP time (Refer appropriate DC and AC Electrical Characteristics table) for the internal clear cycle to finish. During this time, the device remains busy and is not ready for another instruction. Status of the internal programming can be polled as described under WRITE instruction description. While the device is busy, it is recommended that no new instruction be issued. Refer Protect Register Clear cycle diagram.
Protect Register Instructions
Following five instructions, PRREAD, PREN, PRCLEAR, PRWRITE and PRDS are specific to operations intended for Protect Register. The PRE pin should be held high during these instructions.
4) Protect Register Write (PRWRITE)
This instruction is used to write the starting address of the memory section to be write-protected into the Protect register. After the execution of PRWRITE instruction, all memory locations greater than or equal to this address are write-protected. PRWRITE instruction is enabled (valid) only the following are true: I PRCLEAR instruction was executed first (to clear the Protect Register) I PREN instruction was executed immediately prior to PRWRITE instruction I PE pin is held high during this cycle I PRE pin is held high during this cycle Input information (Start bit, Opcode and Address) for this PRWRITE instruction should be issued as listed under Table1. After inputting the last bit of address (A0 bit), CS signal must be brought low before the next rising edge of the SK clock. This falling edge of the CS initiates the self-timed programming cycle. It takes tWP time (Refer appropriate DC and AC Electrical Characteristics table) for the internal programming cycle to finish. During this time, the device remains busy and is not ready for another instruction. Status of the internal programming can be polled as described under WRITE instruction description. While the device is busy, it is recommended that no new instruction be issued. Refer Protect Register Write cycle diagram.
1) Protect Register Read (PRREAD)
This instruction reads the content of the internal Protect Register. Content of this register is 8-bit wide and is the starting address of the "write-protected" section of the memory array. All memory locations greater than or equal to this address are write-protected. Input information (Start bit, Opcode and Address) for this PRREAD instruction should be issued as listed under Table 1. Upon receiving a valid input information, decoding of the opcode and the address is made, followed by data transfer (address information) from the Protect Register. This 8-bit data is then shifted out on the DO pin with the MSB first and the LSB last. Like the READ instruction a dummy-bit (logical 0) precedes this 8-bit data output string. Output data changes are initiated on the rising edge of the SK clock. After reading the 8-bit data, the CS signal can be brought low to end the PRREAD cycle. The PRE pin should be held high during this cycle. Refer Protect Register Read cycle diagram.
2) Protect Register Enable (PREN)
This instruction is required to enable PRCLEAR, PRWRITE and PRDS instructions and should be executed prior to executing PRCLEAR, PRWRITE and PRDS instructions. However, this PREN instruction is enabled (valid) only the following are true I Device is write-enabled (Refer WEN instruction) I PE pin is held high during this cycle I PRE pin is held high during this cycle Input information (Start bit, Opcode and Address) for this PREN instruction should be issued as listed under Table1. The Protect Register becomes enabled for PRCLEAR, PRWRITE and PRDS instructions at the end of this cycle when the CS signal is brought low. Note that this PREN instruction must immediately precede a PRCLEAR, PRWRITE or PRDS instruction. In other words, no other instruction should be executed between a PREN instruction and a PRCLEAR, PRWRITE or PRDS instruction. Refer Protect Register Enable cycle diagram.
5) Protect Register Disable (PRDS)
Unlike all other instructions, this instruction is a one-time-only instruction which when executed permanently write-protects the Protect Register and renders it unalterable in the future. This instruction is useful to safeguard vital data (typically read only data) in the memory against any possible corruption. PRDS instruction is enabled (valid) only the following are true: I PREN instruction was executed immediately prior to PRDS instruction I PE pin is held high during this cycle I PRE pin is held high during this cycle
3) Protect Register Clear (PRCLEAR)
This instruction clears the content of the Protect register and therefore enables write operations (WRITE or WRALL) to all memory locations. Executing this instruction will program the content of the Protect Register with a pattern of all 1s. However, in this case, WRITE operation to the last memory address (0x11111111) is still enabled. PRCLEAR instruction is enabled (valid) only when the following are true:
7
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Input information (Start bit, Opcode and Address) for this PRDS instruction should be issued as listed under Table1. After inputting the last bit of address (A0 bit), CS signal must be brought low before the next rising edge of the SK clock. This falling edge of the CS initiates the self-timed programming cycle. It takes tWP time (Refer appropriate DC and AC Electrical Characteristics table) for the internal programming cycle to finish. During this time, the device remains busy and is not ready for another instruction. Status of the internal programming can be polled as described under WRITE instruction description. While the device is busy, it is recommended that no new instruction be issued. The Protect Register is permanently write-protected at the end of this cycle. Refer Protect Register Disable cycle diagram.
Clearing of Ready/Busy status
When programming is in progress, the Data-Out pin will display the programming status as either BUSY (low) or READY (high) when CS is brought high (DO output will be tri-stated when CS is low). To restate, during programming, the CS pin may be brought high and low any number of times to view the programming status without affecting the programming operation. Once programming is completed (Output in READY state), the output is `cleared' (returned to normal tri-state condition) by clocking in a Start Bit. After the Start Bit is clocked in, the output will return to a tri-stated condition. When clocked in, this Start Bit can be the first bit in a command string, or CS can be brought low again to reset all internal circuits. Refer Clearing Ready Status diagram.
Related Document
Application Note: AN758 - Using Fairchild's MICROWIRETM EEPROM.
8
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Timing Diagrams
SYNCHRONOUS DATA TIMING
CS tSKS tCSS tSKH
SK
PRE
PE
DI
DO (Data Read)
DO (Status Read)
; ;; ;;; ;; ;; ;;; ;; ;; ;;; ;; ; ; ;;;;; ;; ; ;;;;; ;; ;;; ; ;; ; ;;; ;;;;; ;; ; ;;;;;; ;;;;;;;; ; ; ;;;;;; ;;;;;;;; ; ;;;;;;; ;;;;;;;; ; ; ;;;;;;; ;;;;;;;;; ;;
tSKL tPRES tPES tDIS tDIH Valid Input tPD tSV
Valid Input
Valid Output
; ; ; ;; ; ;; ; ; ;; ; ;; ; ; ; ;; ; ; ; ;; ; ; ; ;; ; ; ; ;;;;;;;;;;;;;;;;;;; ;; ; ;;;;;;;;;;;;;;;;;;;;; ;;;;;; ;;;;;;;; ; ; ; ;;;;;; ;;;;;;;; ; ;
tCSH tPREH tPEH tDH tPD tDF Valid Output tDF Valid Status
NORMAL READ CYCLE (READ)
PRE PE
;;;; ;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
tCS
CS
SK DI 1
Star t Bit
1
0
A7
A6
Address Bits(8)
A1
A0
Opcode Bits(2)
DO
High - Z
D u m my Bit
93CS66: Address bits pattern -> User defined
;;;;;;;;;;;;;; ;;;;;;;;;;;;;; ;;; ;;;
0 D15 D1 D0
SEQUENTIAL READ CYCLE (PRE = 0; PE = X)
PRE
;;;; ;;;;
tCS
CS
SK DI 1
Star t Bit
1
0
A7
Address Bits(8)
A0
Opcode Bits(2)
DO
High - Z
Dummy Bit
93CS66: Address bits patter n -> User defined
;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;; ;;; ;;;
0 D15 D0 D15 D0 D15 D0
Data(n) Data(n+1) Data(n+2)
9
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Timing Diagrams (Continued)
WRITE ENABLE CYCLE (WEN)
PRE PE tCS CS
SK DI 1
Star t Bit
0
0
A7
A6
Address Bits(8)
A1
A0
Opcode Bits(2)
DO
High - Z
93CS66: A d d r e s s b i t s p a t t e r n - > 1 - 1 - x - x - x - x - x - x ; ( x - > D o n ' t C a r e, c a n b e 0 o r 1 )
WRITE DISABLE CYCLE (WDS)
PRE PE
;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;
tCS
CS
SK DI 1
Star t Bit
0
0
A7
A6
Address Bits(8)
A1
A0
Opcode Bits(2)
DO
High - Z
93CS66: Address bits patter n -> 0-0-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
WRITE CYCLE (WRITE)
PRE PE tCS CS
SK DI 1
Star t Bit
0
1
A7
A6
Address Bits(8)
A1
A0
D15 D14
Data Bits(16)
D1
D0 tWP Ready Busy
Opcode Bits(2)
DO
93CS66: Address bits pattern -> User defined Data bits pattern -> User defined
High - Z
10
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Timing Diagrams (Continued)
WRITE ALL CYCLE (WRALL)
PRE PE tCS CS
SK DI 1
Star t Bit
0
0
A7
A6
Address Bits(8)
A1
A0
D15 D14
Data Bits(16)
D1
D0 tWP Ready Busy
Opcode Bits(2)
DO
High - Z
93CS66: Address bits patter n -> 0-1-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1) Data bits patter n -> User defined
PROTECT REGISTER READ CYCLE (PRREAD)
PRE PE
;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
tCS
CS
SK DI 1
Star t Bit
1
0
A7
A6
Address Bits(8)
A1
A0
Opcode Bits(2)
DO
High - Z
Dummy Bit
93CS66: Address bits patter n -> x-x-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
;;;;;;;;;;;;;; ;;;;;;;;;;;;;; ;;; ;;;
0 D7 D1 D0
PROTECT REGISTER ENABLE CYCLE (PREN)
PRE PE
;;;;;;;;; ;;;;;;;;; ;;;;;;;;;
tCS
CS
SK DI 1
Star t Bit
0
0
A7
A6
Address Bits(8)
A1
A0
Opcode Bits(2)
DO
High - Z
93CS66: Address bits patter n -> 1-1-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
11
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Timing Diagrams (Continued)
PROTECT REGISTER CLEAR CYCLE (PRCLEAR)
PRE PE
;;;;;;;;; ;;;;;;;;; ;;;;;;;;;
tCS
CS
SK DI 1
Star t Bit
1
1
A7
A6
Address Bits(8)
A1
A0 tWP Ready Busy
Opcode Bits(2)
DO
High - Z
93CS66: Address bits patter n -> 1-1-1-1-1-1-1-1
PROTECT REGISTER WRITE CYCLE (PRWRITE)
PRE PE
;;;;;;;;; ;;;;;;;;; ;;;;;;;;;
tCS
CS
SK DI 1
Star t Bit
0
1
A7
A6
Address Bits(8)
A1
A0 tWP Ready Busy
Opcode Bits(2)
DO
High - Z
93CS66: Address bits patter n -> User defined
PROTECT REGISTER DISABLE CYCLE (PRDS)
PRE PE
;;;;;;;;; ;;;;;;;;; ;;;;;;;;;
tCS
CS
SK DI 1
Star t Bit
0
0
A7
A6
Address Bits(8)
A1
A0 tWP Ready Busy
Opcode Bits(2)
DO
High - Z
93CS66: Address bits patter n -> 0-0-0-0-0-0-0-0
12
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Timing Diagrams (Continued)
CLEARING READY STATUS
PRE PE
;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;;;;;
CS
SK DI
Star t Bit
DO
High - Z Busy
Ready
High - Z
Note: This Star t bit can also be par t of a next instr uction. Hence the cycle can be continued(instead of getting ter minated, as shown) as if a new instr uction is being issued.
13
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Physical Dimensions inches (millimeters) unless otherwise noted
0.189 - 0.197 (4.800 - 5.004)
8765
0.228 - 0.244 (5.791 - 6.198)
1234
Lead #1 IDENT 0.150 - 0.157 (3.810 - 3.988) 8 Max, Typ. All leads 0.04 (0.102) All lead tips
0.010 - 0.020 x 45 (0.254 - 0.508)
0.053 - 0.069 (1.346 - 1.753)
0.004 - 0.010 (0.102 - 0.254) Seating Plane
0.0075 - 0.0098 (0.190 - 0.249) Typ. All Leads
0.016 - 0.050 (0.406 - 1.270) Typ. All Leads
0.014 (0.356) 0.050 (1.270) Typ 0.014 - 0.020 Typ. (0.356 - 0.508)
Molded Package, Small Outline, 0.15 Wide, 8-Lead (M8) Package Number M08A
14
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Physical Dimensions inches (millimeters) unless otherwise noted
0.114 - 0.122 (2.90 - 3.10)
8
5
(4.16) Typ (7.72) Typ 0.169 - 0.177 (4.30 - 4.50) (1.78) Typ (0.42) Typ (0.65) Typ
0.246 - 0.256 (6.25 - 6.5)
0.123 - 0.128 (3.13 - 3.30)
1
4
Pin #1 IDENT
Land pattern recommendation
0.0433 Max (1.1) 0.002 - 0.006 (0.05 - 0.15) 0.0256 (0.65) Typ.
See detail A
0.0035 - 0.0079
0.0075 - 0.0098 (0.19 - 0.30)
0-8
Gage plane
DETAIL A Typ. Scale: 40X
0.020 - 0.028 (0.50 - 0.70) Seating plane
0.0075 - 0.0098 (0.19 - 0.25)
Notes: Unless otherwise specified 1. Reference JEDEC registration MO153. Variation AA. Dated 7/93
8-Pin Molded TSSOP, JEDEC (MT8) Package Number MTC08
15
NM93CS66 Rev. F.2
www.fairchildsemi.com
NM93CS66 (MICROWIRE Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
Physical Dimensions inches (millimeters) unless otherwise noted
0.373 - 0.400 (9.474 - 10.16) 0.090 (2.286) 0.092 DIA (2.337) Pin #1 IDENT Option 1
0.032 0.005
8
7
8
+
7
6
5
0.250 - 0.005 (6.35 0.127)
(0.813 0.127) RAD Pin #1 IDENT
1 1 2 3 4
0.039 (0.991) 0.130 0.005 (3.302 0.127) Option 2 0.145 - 0.200 (3.683 - 5.080)
0.280 MIN (7.112) 0.300 - 0.320 (7.62 - 8.128)
0.040 Typ. (1.016) 0.030 MAX (0.762) 20 1
95 5 0.009 - 0.015 (0.229 - 0.381) +0.040 0.325 -0.015 +1.016 8.255 -0.381 0.125 (3.175) DIA NOM
0.065 (1.651)
0.125 - 0.140 (3.175 - 3.556) 90 4 Typ 0.018 0.003 (0.457 0.076) 0.100 0.010 (2.540 0.254) 0.060 (1.524)
0.020 (0.508) Min
0.045 0.015 (1.143 0.381) 0.050 (1.270)
Molded Dual-In-Line Package (N) Package Number N08E
Life Support Policy
Fairchild's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of Fairchild Semiconductor Corporation. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
Fairchild Semiconductor Americas Customer Response Center Tel. 1-888-522-5372 Fairchild Semiconductor Europe Fax: +44 (0) 1793-856858 Deutsch Tel: +49 (0) 8141-6102-0 English Tel: +44 (0) 1793-856856 Francais Tel: +33 (0) 1-6930-3696 Italiano Tel: +39 (0) 2-249111-1
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Fairchild Semiconductor Hong Kong 8/F, Room 808, Empire Centre 68 Mody Road, Tsimshatsui East Kowloon. Hong Kong Tel; +852-2722-8338 Fax: +852-2722-8383
Fairchild Semiconductor Japan Ltd. 4F, Natsume Bldg. 2-18-6, Yushima, Bunkyo-ku Tokyo, 113-0034 Japan Tel: 81-3-3818-8840 Fax: 81-3-3818-8841
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.
16
NM93CS66 Rev. F.2
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of NM93CS66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X