Part Number Hot Search : 
221K5 P5KE13A D4025L59 SB105G 00120 FQP4P25 30639 KP3500A
Product Description
Full Text Search
 

To Download MSM6404A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2E0013-38-93 Semiconductor
Semiconductor MSM6404A/6404VS
High speed and High performance 4-Bit Microcontroller
This MSM6404A/6404VS version: Sep. 1998 Previous version: Mar. 1996
GENERAL DESCRIPTION
The MSM6404A microcontroller is a low-power device implemented in complementary metaloxide semiconductor technology. The MSM6404A is optimized for high-speed processing and complicated-control applications. The MSM6404VS is a CMOS 4-bit microcontroller that employs an external EPROM using a piggy-back package in place of the program memory (ROM) internal to the MSM6404A. The MSM6404VS can be used for program development verification because the programs can be modified by programming an external EPROM 2732 equivalent or 2764A equivalent.
FEATURES
* Mask ROM (MSM6404A) : 4000 words 8 bits External ROM (MSM6404VS) : 8196 words 8 bits * RAM (including the stack area) : 256 words 4 bits * I/O port Input-output port : 8 ports 4 bits Input port : 1 port 4 bits 4 bits are for input ports having a latch; the other 32 bits are input/output ports that allow bit manipulation * Three built-in counters : 12-bit time-base counter 12-bit programmable timer 8-bit high-speed programmable timer/event counter * Built-in 8-bit serial I/O register (with 3-bit counter) * Five interrupts with five priority levels (4 internal, 1 external) * 32 stacks (in RAM) * Power-down features * Minimum instruction execution time : 952 ns @ 4.2 MHz clock * Instruction systems suitable for control * Fully static operation * Low power consumption * Single 5 V supply * Package options: MSM6404A 42-pin plastic DIP (DIP42-P-600-2.54) : (Product name : MSM6404A-RS) 44-pin plastic QFP (QFP44-P-910-0.80-K) : (Product name : MSM6404A-GS-K) 44-pin plastic QFP (QFP44-P-910-0.80-2K) : (Product name : MSM6404A-GS-2K) MSM6404VS 42-pin ceramic piggyback (ADIP42-C-600-2.54) : (Product name : MSM6404VS) indicates a code number.
1/25
Semiconductor
MSM6404A
BLOCK DIAGRAM
RAM 16 16 4 bits ACC DEC SP H L C ALU F 11 INSTR DEC
ROM 4000 8 bits DEC PC 0
12-bit Timer
P9
8-bit T/C
PA
8-bit SR
Interrupt PC INTE Control PD IRQ
PB Timing & Control OSC0 OSC1 TEST RESET VDD GND
12-bit TBC P8 P7 P6 P5 P4 P3 P2 P1 P0
3210
3210
3210
3210
3210
3210
3210
3210 3210 INT CIN SCK, CTO, CLK
MSM6404A/6404VS
TMO TCK
SO SI
2/25
Semiconductor
MSM6404VS
BLOCK DIAGRAM (continued)
RAM 16 16 4 bits ACC DEC SP H L C ALU F 12 PC INSTR DEC RV
I0 to I7
DV 0
A0 to A12
12-bit Timer
P9
8-bit T/C
PA
8-bit SR
Interrupt PC INTE Control PD IRQ
PB Timing & Control OSC0 OSC1 TEST RESET VDD GND
12-bit TBC P8 P7 P6 P5 P4 P3 P2 P1 P0
3210
3210
3210
3210
3210
3210
3210 INT
3210 3210 CIN SCK, CTO, CLK
MSM6404A/6404VS
TMO TCK
SO SI
3/25
Semiconductor
MSM6404A/6404VS
PIN CONFIGURATION (TOP VIEW)
P4.0 P4.1 P4.2 P4.3 P3.0 P3.1 P3.2 P3.3 OSC0
1 2 3 4 5 6 7 8 9
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
VDD P5.3 P5.2 P5.1 P5.0 P6.3 P6.2 P6.1 P6.0 P7.3 P7.2 P7.1 P7.0 P8.3 P8.2 P8.1 P8.0 P1.3 P1.2 P1.1 P1.0
OSC1 10 RESET 11 TEST 12 P2.0 13 P2.1 14 P2.2 15 P2.3 16 P0.0 17 P0.1 18 P0.2 19 P0.3 20 GND 21
42-Pin Plastic DIP
4/25
Semiconductor
MSM6404A/6404VS
PIN CONFIGURATION (TOP VIEW) (continued)
38 P5.3 37 P5.2 36 P5.1 35 P5.0 34 P6.3 44 P3.0 43 P4.3 42 P4.2 41 P4.1 40 P4.0 39 VDD
P3.1 P3.2 P3.3 OSC0 OSC1 RESET TEST P2.0 P2.1
1 2 3 4 5 6 7 8 9
33 P6.2 32 P6.1 31 P6.0 30 NC 29 P7.3 28 P7.2 27 P7.1 26 P7.0 25 P8.3 24 P8.2 23 P8.1
P0.0 12 P0.1 13 P0.2 14 P0.3 15 GND 16 NC 17 P1.0 18 P1.1 19 P1.2 20 P1.3 21 P8.0 22
P2.2 10 P2.3 11
NC: No-connection pin 44-Pin Plastic QFP
5/25
Semiconductor
MSM6404A/6404VS
PIN CONFIGURATION (TOP VIEW) (continued)
P4.0 1 P4.1 2 P4.2 3 P4.3 4 P3.0 5 P3.1 6 P3.2 7 P3.3 8 OSC0 9 OSC1 10 RESET 11 TEST 12 P2.0/INT 13 P2.1 14 P2.2 15 P2.3 16 P0.0 17 P0.1/SCK 18 P0.2/SO 19 P0.3/SI 20 GND 21
qVPP/VDD wA12 eA7 rA6 tA5 yA4 uA3 iA2 oA1 !0A0 !1I0 !2I1 !3I2 !4GND
VDD@8 PGM/VDD@7 VDD@6 A8@5 A9@4 A11@3 OE/GND@2 A10@1 CE/GND@0 I7!9 I6!8 I5!7 I4!6 I3!5
42 VDD 41 P5.3 40 P5.2 39 P5.1 38 P5.0 37 P6.3 36 P6.2 35 P6.1 34 P6.0 33 P7.3 32 P7.2 31 P7.1 30 P7.0 29 P8.3 28 P8.2 27 P8.1 26 P8.0 25 P1.3 24 P1.2/TCK 23 P1.1/TMO 22 P1.0/CIN
42-Pin Ceramic Piggyback
6/25
Semiconductor
MSM6404A/6404VS
PIN DESCRIPTIONS
Symbol P0.0 P0.1/SCK P0.2/SO P0.3/SI P1.0/CIN P1.1/TMO P1.2/TCK P1.3 P2.0/INT P2.1 P2.2 P2.3 P3.0 to 3.3 P4.0 to 4.3 P5.0 to 5.3 P6.0 to 6.3 P7.0 to 7.3 P8.0 to 8.3 OSC0 OSC1 TEST RESET VDD GND I/O I/O I/O I/O I/O I/O I O O I -- -- 8-bit output ports (at OPT instruction execution) -- -- -- Crystal connection pins for clock oscillation (Test pin for manufacturer) Input pin for system reset Power supply voltage pins "1" "0" "0" "0" "0" Oscillation waveform Pulse output -- -- I P2.0 is shared with external interrupt input (INT). The latch is Input port with a latch, built-in pull-up resistor reset. I/O I/O P0.1 is shared with serial clock (SCK) input/output. P0.2 is shared with serial data (SO) output. P0.3 is shared with serial data (SI) input. P1.0 is shared with counter input (CIN). P1.1 is shared with timer output (TMO). P1.2 is shared with timer clock input (TCK). "1" "1" Type Description During reset
Note: 1. The ports except for pins P2.0 to P2.3 are pseudo bidirectional ports. 2. When each port is used for output, the MSM6404A can drive one TTL (one input) and the MSM6404VS can drive one LS TTL (one input). Upper Pins for MSM6404VS
Symbol A0 to A12 I0 to I7 CE/GND OE/GND PGM/VDD VDD GND VPP/VDD Type O I I I I -- -- Address output Data input Chip enable input Output enable input Program input Power supply voltage pins Programed power supply voltage pin Description
7/25
Semiconductor
MSM6404A/6404VS
ABSOLUTE MAXIMUM RATINGS (MSM6404A)
Parameter Power Supply Voltage Input Voltage Output Voltage Power Dissipation Storage Temperature Symbol VDD VI VO PD TSTG Ta = 25C per package Ta = 25C per output -- Ta = 25C Condition Rating -0.3 to +7 -0.3 to VDD -0.3 to VDD 200 max. 50 max. -55 to +150 Unit V V V mW mW C
RECOMMENDED OPERATING CONDITIONS (MSM6404A)
Parameter Power Supply Voltage Data-Hold Voltage Operating Temperature Fan Out Symbol VDD VDDH Top N Condition fOSC 1 MHz fOSC 4.2 MHz fOSC = 0 Hz -- MOS load TTL load Range 3 to 6 4.5 to 5.5 2 to 6 -40 to +85 15 1 Unit V V V C --
Note: Refer to the fOSC-VDD characteristic in OPERATING CHARACTERISTICS for the relation-ship between power supply voltage and operating frequency.
8/25
Semiconductor
MSM6404A/6404VS
ELECTRICAL CHARACTERISTICS (MSM6404A)
DC Characteristics
(VDD = 5 V 10%, Ta = -40 to +85C) Parameter "H" Input Voltage*1, *2 "H" Input Voltage*3, *4 "L" Input Voltage "H" Output Voltage*1, *5 "L" Output Voltage*1 "L" Output Voltage*5 Input Current*3 Input Current*2, *4 "H" Output Current*1 "H" Output Current*1 Input Capacitance Output Capacitance Power Supply Current (In Stop Mode) Power Supply Current Symbol VIH VIH VIL VOH VOL VOL IIH/IIL IIH/IIL IOH IOH CI CO IDDS IDD Condition -- -- -- IO = -15 mA IO = 1.6 mA IO = 15 mA VI = VDD/0 V VI = VDD/0 V VO = 2.4 V VO = 0.4 V f = 1 MHz, Ta = 25C VDD = 2 V, no load, Ta = 25C No load Crystal oscillation f = 4.194304 MHz, no load Min. 2.4 3.6 -0.3 4.2 -- -- -- -- -0.1 -- -- -- -- -- -- Typ. -- -- -- -- -- -- -- -- -- -- 5 7 0.2 1 6 Max. VDD VDD +0.8 -- 0.4 0.4 15/-15 1/-30 -- -1.2 -- -- 5 100 12 Unit V V V V V V mA mA mA mA pF mA mA mA
*1 *2 *3 *4 *5
Applied to P0, P1, P3, P4, P5, P6, P7 and P8. Applied to P2. Applied to OSC0. Applied to RESET. Applied to OSC1.
9/25
Semiconductor AC Characteristics (MSM6404A)
MSM6404A/6404VS
(VDD = 5 V 10%, Ta = -40 to +85C) Parameter Clock (OSC0) Pulse Width Cycle Time Input Data Setup Time Input Data Hold Time SR/TM Clock Pulse Width CT Clock Pulse Width P2 Input Data Clock Pulse Width SR Data Setup Time SR Data Hold Time Data Delay Time Data Delay Time at Mode Switching Data Delay Time at OPT Instruction Data Delay Time at OPT Instruction CT/TM Data Delay Time Using TBC Clock SR/TM Data Delay Time Using PORT Clock CT Data Delay Time Using PORT Clock CT Data Delay Time Using External Clock SR/TM Data Delay Time Using External Clock SR Clock Invalid Time INT Invalid Time Symbol tfW tCY tDS tDH tWS/tWT tWC tWP tSS tSH tDR tDCR tDI1 tDI2 tCT/tTT tSR/tTR tCR tCP tSP/tTP tSINH tIINH Condition -- -- -- -- -- -- -- -- -- CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF -- -- Min. 119 952 120 120 120 2/8 tCY + 120 120 120 120 -- -- -- -- -- -- -- -- -- 2/8 tCY 1/8 tCY Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max. -- -- -- -- -- -- -- -- -- tCY + 300 7/8 tCY + 300 6/8 tCY + 300 7/8 tCY + 300 2/8 tCY + 360 tCY + 480 10/8 tCY + 480 2/8 tCY + 360 360 -- -- Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
10/25
Semiconductor Timing Diagrams (MSM6404A) Output Conditions
1MC OSC0 tCY P0, P1, P3 P4, P5, P6 P7, P8 P0.1 P0.2 P0.3 0, 1, 3 PA = 4, 5, 6 7 or 8 tDR PA = 9 or A tDCR OPT INST. tDI1 P5 OPT INST. tDI2 P0.1 P1.1 CT TBC clock TM tCT tTT P0.2 P0.1 clock* SR P1.1 P1.2 clock* TM tSR tTR P0.1 P1.0 clock* CT tCR P0.1 EXT clock
MSM6404A/6404VS
P4
P1.0 P1.2 EXT clock
P0.1 CT tCP P0.2 SR P1.1 TM tSP tTP
*
Output data to port is clock for SR, TM or CT. 11/25
Semiconductor Input Conditions
1MC OSC0 tfW P0, P1, P2 P3, P4, P5 P6, P7, P8 tfW INPUT DATA tDS tDH
MSM6404A/6404VS
P0.1 SR clock P1.2 TM clock P2 tWS tWT tWP
P1.0 CT clock tWC
P0.1 SR clock
P0.3 SI
INPUT DATA tSS tSH
1MC OSC0 tIINH tSINH
tSINH tIINH
: :
P0.1 (SR clock) INH period during LMSR INST. (Note : P0.1 is used for clock of SR.) P2.0 (interrupt) INH period during RPB and RPBD INST.
12/25
Semiconductor Operating Characteristics (MSM6404A) Current (IOH) vs Voltage (VOH) for High State Output
-1.0 -0.9 -0.8 -0.7
IOH (mA)
MSM6404A/6404VS
Current (IOL) vs Voltage (VOL) for Low State Output
20 18 16 14
IOL (mA)
Ta = 25C
6V
Ta = 25C VDD = 5 V
VDD = 6 V
-0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0 1 5V 4V 3V 2 3 456 VOH (V) 7 8 9 10
12 10 8 6 4 2 0 1 2 3 3V
4V
456 VOL (V)
7
8
9 10
Maximum Clock Frequency (fOSC) vs Supply Voltage (VDD)
10 9 8 7
fOSC (MHz)
Supply Current (IDD) vs Supply Voltage (VDD)
10 m Ta = 25C, no load fOSC = 4 MHz 2 MHz 1m 1 MHz 500 kHz
Ta = 25C, CL =1 5 pF
6 5 4 3 2 1 0 1 2 3 456 VDD (V) 7 8 9 10
IDD (A)
100 m
100 kHz
10 m
Maximum Clock Frequency (fOSC) vs Temperature (Ta)
10 9 8 7
fOSC (MHz)
0 Hz 1m
CL = 15 pF 100 n 0 VDD = 5 V 1 2 3 456 VDD (V) 7 8 9 10
6 5 4 3 2 1 0 -40 -20 0 20 40 60 80 100120 Ta (C)
13/25
Semiconductor
MSM6404A/6404VS
ABSOLUTE MAXIMUM RATINGS (MSM6404VS)
Parameter Power Supply Voltage Input Voltage Output Voltage Power Dissipation Storage Temperature Symbol VDD VI VO PD TSTG Ta = 25C per package Ta = 25C per output -- Ta = 25C Condition Rating -0.3 to +7 -0.3 to VDD -0.3 to VDD 200 max. 50 max. -55 to +150 Unit V V V mW mW C
RECOMMENDED OPERATING CONDITIONS (MSM6404VS)
Parameter Power Supply Voltage Data-Hold Voltage Operating Temperature Fan Out Symbol VDD VDDH Top N Condition fOSC 1 MHz fOSC 4.2 MHz fOSC = 0 Hz -- MOS load LSTTL load Range 3 to 6 4.75 to 5.25 2 to 6 0 to +40 15 1 Unit V V V C --
14/25
Semiconductor
MSM6404A/6404VS
ELECTRICAL CHARACTERISTICS (MSM6404VS)
DC Characteristics
(VDD = 5 V 5%, Ta = 0 to +40C) Parameter "H" Input Voltage*1, *2 "H" Input Voltage*3, *4 "L" Input Voltage "H" Output Voltage*1, *5 "L" Output Voltage*1 "L" Output Voltage*5 Input Current*3 Input Current*2, *4 "H" Output Current*1 "H" Output Current*1 Input Capacitance Output Capacitance Power Supply Current*6 (In Stop Mode) Power Supply Current*6 Symbol VIH VIH VIL VOH VOL VOL IIH/IIL IIH/IIL IOH IOH CI CO IDDS IDD Condition -- -- -- IO = -15 mA IO = 0.4 mA IO = 15 mA VI = VDD/0 V VI = VDD/0 V VO = 2.4 V VO = 0.4 V f = 1 MHz, Ta = 25C VDD = 2 V, no load, Ta = 25C No load Crystal oscillation f = 4.2 MHz, no load Min. 3.6 3.6 -0.3 4.2 -- -- -- -- -0.1 -- -- -- -- -- -- Typ. -- -- -- -- -- -- -- -- -- -- 5 7 1 10 6 Max. VDD VDD +0.8 -- 0.4 0.4 15/-15 1/-30 -- -1.2 -- -- 5 100 12 Unit V V V V V V mA mA mA mA pF mA mA mA
*1 *2 *3 *4 *5 *6
Applied to P0, P1, P3, P4, P5, P6, P7 and P8. Applied to P2. Applied to OSC0. Applied to RESET. Applied to OSC1. The EPROM current is not included.
15/25
Semiconductor AC Characteristics (MSM6404VS)
MSM6404A/6404VS
(VDD = 5 V 5%, Ta = 0 to +40C) Parameter Clock (OSC0) Pulse Width Cycle Time Input Data Setup Time Input Data Hold Time SR/TM Clock Pulse Width CT Clock Pulse Width P2 Input Data Clock Pulse Width SR Data Setup Time SR Data Hold Time Data Delay Time Data Delay Time at Mode Switching Data Delay Time at OPT Instruction Data Delay Time at OPT Instruction CT/TM Data Delay Time Using TBC Clock SR/TM Data Delay Time Using PORT Clock CT Data Delay Time Using PORT Clock CT Data Delay Time Using External Clock SR/TM Data Delay Time Using External Clock SR Clock Invalid Time INT Invalid Time Symbol tfW tCY tDS tDH tWS/tWT tWC tWP tSS tSH tDR tDCR tDI1 tDI2 tCT/tTT tSR/tTR tCR tCP tSP/tTP tSINH tIINH Condition -- -- -- -- -- -- -- -- -- CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF CL = 15 pF -- -- Min. 119 952 120 120 120 2/8 tCY + 120 120 120 120 -- -- -- -- -- -- -- -- -- 2/8 tCY 1/8 tCY Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max. -- -- -- -- -- -- -- -- -- tCY + 300 7/8 tCY + 300 6/8 tCY + 300 7/8 tCY + 300 2/8 tCY + 360 tCY + 480 10/8 tCY + 480 2/8 tCY + 360 360 -- -- Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
16/25
Semiconductor Timing Diagrams (MSM6404VS) Output Conditions
1MC OSC0 P0, P1, P3 P4, P5, P6 P7, P8 P0.1 P0.2 P1.1 P4 OPT INST. tDI1 P5 OPT INST. tDI2 P0.1/CTO P1.1/TMO TBC clock tCT tTT P0.2/SO P1.1/TMO P0.1 clock P1.2 clock tSR tTR P0.1/CTO P1.0 clock tCR P0.1 EXT clock tCY
MSM6404A/6404VS
tDR
tDCR
P1.0, P1.2 EXT clock P0.1/CTO tCP P0.2/SO P1.1/TMO tSP tTP 1MC OSC0 tIINH tSINH
tSINH tIINH
: :
P0.1/SCK inhibit period during LMSR INST. P2.0/INT inhibit period during RPB and RPBD INST. 17/25
Semiconductor Input Conditions
1MC OSC0 tfW P0, P1, P2 P3, P4, P5 P6, P7, P8 tfW INPUT DATA tDS tDH
MSM6404A/6404VS
P0.1 SR clock P1.2 TM clock P2
tWS tWT tWP
P1.0 CT clock tWC
P0.1/SCK
P0.3/SI
INPUT DATA tSS tSH
18/25
Semiconductor Operating Characteristics (MSM6404VS) Current (IOH) vs Voltage (VOH) for High State Output
-1.0 -0.9 -0.8 -0.7 IOH (mA) -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0 1 5V 4V 3V 2 3 456 VOH (V) 7 8 9 10 VDD = 6 V Ta = 25C, excluding pins A0-A12
MSM6404A/6404VS
Current (IOL) vs Voltage (VOL) for Low State Output
20 18 16 14 IOL (mA) 12 10 8 6 4 2 0 1 2 3V 3 456 VOL (V) 7 8 9 10 4V 5V VDD = 6 V Ta = 25C
Maximum Clock Frequency (fOSC) vs Supply Voltage (VDD)
10 9 8 7 fOSC (MHz) 6 5 4 3 2 1 0 1 2 3 456 VDD (V) 7 8 9 10 Ta = 25C, CL = 15 pF
Supply Current (IDD) vs Supply Voltage (VDD)
10 m 5m Ta = 25C, no load, excluding EPROM current fOSC = 4 MHz 2 MHz 1 MHz 500 kHz 100 kHz
1m 500 m 100 m 50 m IDD (A)
0 Hz 10 m 5m 1m
Maximum Clock Frequency (fOSC) vs Temperature (Ta)
10 9 8 7 fOSC (MHz) 6 5 4 3 2 1 0 -40 -20 0 20 40 60 80 100120 Ta (C) VDD = 5 V, CL = 15 pF
500 n
100 n 0
1
2
3
456 VDD (V)
7
8
9 10
19/25
Semiconductor
MSM6404A/6404VS
FUNCTIONAL DESCRIPTION
MSM6404VS Interface to EPROM EPROM insertion method
2732
2764A
2732 EPROM
2764A EPROM
EPROM read timing
1MC T1 OSC0 tfW tfW A0 to A12 Address T2 T3 T4 T1
CE, OE
I0 to I7 tACC
Read Data
Use EPROM with tACC of less than 357 ns. Read data is read into the instruction register in the first half of the T1 state.
20/25
Semiconductor Differences between MSM6404A and MSM6404VS (PIGGYBACK)
Item 1. Port initialization during reset 2. Timer operation 3. Shift register MSM6404A Ports P0, 1, 3 are set to "1" and ports P2, 4, input signal.
MSM6404A/6404VS
MSM6404VS (Piggyback) Ports P0, 1, 3 are set to "1" and ports P2, 4,
5, 6, 7, 8 are reset to "0" directly by the reset 5, 6, 7, 8 are initialized during reset cycle. After being reset, the timer continues to stop It is undefined whether the timer starts or until data is set in it. not after being reset. Therefore, the timer should be initialized by software. Serial out F/F (SOF/F) is set to "0" after being It is undefined whether serial out F/F reset. (SOF/F) is "0" or "1" after being reset. Therefore the serial out F/F should be initialized by software.
4. Port input/output timing
Internal clock
Internal clock
Input Internal clock
Data are input at this time.
Synchronized with falling edge
Input Internal clock
Data are input at this time.
Output 5. Port input/output characteristics P2.0-3 TTL FO = "1"
Data are output at this time.
Output LSTTL FO = "1"
Data are output at this time.
(IOL = 1.6 mA @ 0.4 V) VDD
(IOL = 0.4 mA @ 0.4 V) VDD VDD P2.0-3
TTL compatible input P0.0-P8.3 (Except P2.0-3) 6. Available ROM capacity 7. LJP a13, LCAL a13 instruction Not available Available Up to 4 Kbytes P0.0-P8.3
CMOS input (Except P2.0-3) Up to 8 Kbytes accessible
21/25
Semiconductor
MSM6404A/6404VS
PACKAGE DIMENSIONS
(Unit : mm)
DIP42-P-600-2.54
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 6.20 TYP.
22/25
Semiconductor
MSM6404A/6404VS
(Unit : mm)
QFP44-P-910-0.80-K
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 0.35 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
23/25
Semiconductor
MSM6404A/6404VS
(Unit : mm)
QFP44-P-910-0.80-2K
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 0.41 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
24/25
Semiconductor
MSM6404A/6404VS
(Unit : mm)
42-PIN CERAMIC PIGGYBACK ADIP42-C-600-2.54
25/25


▲Up To Search▲   

 
Price & Availability of MSM6404A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X