Part Number Hot Search : 
UD50N0 29AL008D GRM32E 12HML303 MA40030 REF195EP TR14D1CN VR12B
Product Description
Full Text Search
 

To Download MOC5007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MOC5007/D
GlobalOptoisolatorTM
6-Pin DIP Optoisolators Logic Output
The MOC5007, MOC5008 and MOC5009 have a gallium arsenide IRED optically coupled to a high-speed integrated detector with Schmitt trigger output. Ideal for applications requiring electrical isolation, fast response time, noise immunity and digital logic compatibility. * * * * * * Guaranteed Switching Times -- ton, toff 4 < s Built-In ON/OFF Threshold Hysteresis High Data Rate, 1 MHz Typical (NRZ) Wide Supply Voltage Capability Microprocessor Compatible Drive To order devices that are tested and marked per VDE 0884 requirements, the suffix "V" must be included at end of part number. VDE 0884 is a test option.
MOC5007 * MOC5008 MOC5009
[IF(on) = 1.6 mA Max] [IF(on) = 4 mA Max] [IF(on) = 10 mA Max] *Motorola Preferred Device
STYLE 5 PLASTIC
6
1
Applications * Interfacing Computer Terminals to Peripheral Equipment * Digital Control of Power Supplies * Line Receiver -- Eliminates Noise * Digital Control of Motors and Other Servo Machine Applications * Logic to Logic Isolator * Logic Level Shifter -- Couples TTL to CMOS MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INPUT LED Reverse Voltage Forward Current -- Continuous Forward Current -- Peak Pulse Width = 300 s, 2% Duty Cycle LED Power Dissipation @ TA = 25C Derate above 25C OUTPUT DETECTOR Output Voltage Range Supply Voltage Range Output Current Detector Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Total Device Power Dissipation @ TA = 25C Derate above 25C Maximum Operating Temperature(2) Storage Temperature Range(2) Soldering Temperature (10 s) PD TA Tstg TL 250 2.94 - 40 to + 85 - 55 to +150 260 mW mW/C C C C Vo VCC IO PD 0 -16 3 -16 50 150 1.76 Volts Volts mA mW mW/C VR IF 6 60 1.2 120 1.41 Volts mA Amp mW mW/C Symbol Value Unit
STANDARD THRU HOLE CASE 730A-04
SCHEMATIC
1 2 3 6 5 4
PIN 1. 2. 3. 4.
PD
ANODE CATHODE NC OPEN COLLECTOR OUTPUT 5. GROUND 6. VCC
Isolation Surge Voltage(1) VISO 7500 Vac(pk) (Peak ac Voltage, 60 Hz, 1 Second Duration) 1. Isolation surge voltage is an internal device dielectric breakdown rating. 1. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common. 2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Preferred devices are Motorola recommended choices for future use and best overall value.
GlobalOptoisolator is a trademark of Motorola, Inc. REV 1
(c)MotorolaInc. 1995 Motorola, Optoelectronics Device Data
1
MOC5007 MOC5008 MOC5009
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)(1)
Characteristic INPUT LED Reverse Leakage Current (VR = 3 V, RL = 1 M) Forward Voltage (IF = 10 mA) Forward Voltage (IF = 0.3 mA) Capacitance (VR = 0 V, f = 1 MHz) OUTPUT DETECTOR Operating Voltage Supply Current (IF = 0, VCC = 5 V) Output Current, High (IF = 0, VCC = Vo = 15 V) COUPLED Supply Current (IF = IF(on), VCC = 5 V) Output Voltage, Low (RL = 270 , VCC = 5 V, IF = IF(on)) Threshold Current, ON (RL = 270 , VCC = 5 V) Threshold Current, OFF (RL = 270 , VCC = 5 V) Hysteresis Ratio (RL = 270 , VCC = 5 V) Isolation Voltage(2) 60 Hz, AC Peak, 1 second, TA = 25C Turn-On Time Fall Time Turn-Off Time Rise Time RL = 270 (3) VCC = 5 V, IF = IF(on) TA = 25C MOC5007 MOC5008 MOC5009 MOC5007 MOC5008, 5009 ICC(on) VOL IF(on) -- -- -- -- -- 0.3 0.3 0.5 1.6 0.2 1.2 -- -- 0.75 -- 0.75 5 0.4 1.6 4 10 -- -- 0.9 mA Volts mA VCC ICC(off) IOH 3 -- -- -- 1 -- 15 5 100 Volts mA A IR VF C -- -- 0.75 -- 0.05 1.2 0.95 18 10 1.5 -- -- A Volts pF Symbol Min Typ1) Max Unit
IF(off) IF(off) IF(on) VISO ton tf toff tr
mA
7500 -- -- -- --
-- 1.2 0.1 1.2 0.1
-- 4 -- 4 --
Vac(pk) s
1. Always design to the specified minimum/maximum electrical limits (where applicable). 2. For this test, IRED Pins 1 and 2 are common and Output Gate Pins 4, 5, 6 are common. 3. RL value effect on switching time is negligible. ICC IF 1 Vin tr = tf = 0.01 s Z = 50 2 5 6 4 RL 5V 270 VO (OPEN COLLECTOR OUTPUT)
IF (on)
ton Vo
toff
tf
tr
Figure 1. Switching Test Circuit
2
Motorola Optoelectronics Device Data
MOC5007 MOC5008 MOC5009
TYPICAL CHARACTERISTICS
VO, OUTPUT VOLTAGE (VOLTS) 6 5 4 3 2 1 0 0 VOL 0.75 1 IF, INPUT CURRENT (mA) 2 IF(off) IF(on) RL = 270 VCC = 5 V TA = 25C VOH
Figure 2. Transfer Characteristics for MOC5007
1.6 1.4 1.2 1 0.8 0.6 0.4 0 2 4 TURN OFF THRESHOLD IF NORMALIZED TO IF(on) AT VCC = 5 V TA = 25C 6 8 10 12 VCC, SUPPLY VOLTAGE (VOLTS) 14 TURN ON THRESHOLD
IF(on), IF(off), THRESHOLD CURRENT (NORMALIZED)
IF, THRESHOLD CURRENT (NORMALIZED)
1.6 1.4 1.2 1 0.8 0.6 NORMALIZED TO VCC = 5 V TA = 25C -50 -25 0 25 50 TA, TEMPERATURE (C) 75 100
Figure 3. Threshold Current versus Supply Voltage
Figure 4. Threshold Current versus Temperature
VOL , OUTPUT VOLTAGE, LOW (VOLTS)
1 0.5 6 0.2 0.1 0.05 0.02 1 2 5 10 20 IO, LOAD CURRENT (mA) 50 100 IC , SUPPLY CURRENT (mA) TA = 0C 25C 70C IF = 5 mA 0C 25C 70C
4
2
0 0 2 4
IF = 0 mA 6 8 10 12 VCC, SUPPLY VOLTAGE (VOLTS)
14
16
Figure 5. Output Voltage, Low versus Load Current
Figure 6. Supply Current versus Supply Voltage
Motorola Optoelectronics Device Data
3
MOC5007 MOC5008 MOC5009
PACKAGE DIMENSIONS
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L M N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.300 BSC 0_ 15 _ 0.015 0.100 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 7.62 BSC 0_ 15 _ 0.38 2.54
-B-
1 3 STYLE 5: PIN 1. 2. 3. 4. 5. 6. ANODE CATHODE NC OUTPUT GROUND VCC
F 4 PL
N
C
L
-T-
SEATING PLANE
K G J 6 PL 0.13 (0.005) TA
M M
E 6 PL D 6 PL 0.13 (0.005)
M
M
TB
M
A
M
B
M
CASE 730A-04 ISSUE G
-A-
6 1 4
-B-
3
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.020 0.025 0.008 0.012 0.006 0.035 0.320 BSC 0.332 0.390 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.51 0.63 0.20 0.30 0.16 0.88 8.13 BSC 8.43 9.90
F 4 PL
H C
L
-T- G E 6 PL D 6 PL 0.13 (0.005)
M
J K 6 PL 0.13 (0.005) TA
M M
SEATING PLANE
TB
M
A
M
B
M
DIM A B C D E F G H J K L S
CASE 730C-04 ISSUE D
*Consult factory for leadform option availability
4
Motorola Optoelectronics Device Data
MOC5007 MOC5008 MOC5009
-A-
6 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM A B C D E F G J K L N INCHES MIN MAX 0.320 0.350 0.240 0.260 0.115 0.200 0.016 0.020 0.040 0.070 0.010 0.014 0.100 BSC 0.008 0.012 0.100 0.150 0.400 0.425 0.015 0.040 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0.21 0.30 2.54 3.81 10.16 10.80 0.38 1.02
-B-
1 3
F 4 PL
N C
L
-T-
SEATING PLANE
G D 6 PL
K 0.13 (0.005)
M
J TA
M
E 6 PL
B
M
*Consult factory for leadform option availability
CASE 730D-05 ISSUE D
Motorola Optoelectronics Device Data
5
MOC5007 MOC5008 MOC5009
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
CODELINE TO BE PLACED HERE
*MOC5007/D*
Motorola OptoelectronicsMOC5007/D Device Data


▲Up To Search▲   

 
Price & Availability of MOC5007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X