Part Number Hot Search : 
95PFR140 B1060 EA100 1H221 AD9807 74HC173D 001M0 DLM5231B
Product Description
Full Text Search
 

To Download ML2035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 February 1997
ML2035 Serial Input Programmable Sine Wave Generator
GENERAL DESCRIPTION
The ML2035 is a monolithic sinewave generator whose output is programmable from DC to 25kHz. No external components are required. The frequency of the sinewave output is derived from either an external crystal or clock input, providing a stable and accurate frequency reference. The frequency is programmed by a 16-bit serial data word. The ML2035 has a VOUT amplitude of VCC/2. The ML2035 is intended for telecommunications and modem applications that need low cost and accurate generation of precise test tones, call progress tones, and signaling tones.
FEATURES
s s s
Programmable output frequency - DC to 25kHz Low gain error and total harmonic distortion 3-wire SPI compatible serial microprocessor interface with double buffered data latch Fully integrated solution - no external components required Frequency resolution of 1.5Hz (0.75Hz) with a 12MHz clock input Onboard 3 to 12MHz crystal oscillator Synchronous or asynchronous data loading capability Compatible with ML2031 and ML2032 tone detectors and ML2004 logarithmic gain/attenuator
s
s
s s s
BLOCK DIAGRAM
5k
5k
CLK IN
8
-
VOUT
CRYSTAL OSCILLATOR
8-BIT DAC 8 PHASE ACCUMULATOR & 512 POINT SINE LOOK-UP TABLE 16 16-BIT DATA LATCH
SMOOTHING FILTER
6
+
VCC
5
/4
ZERO DETECT
GND
7
LATI
4
VSS SCK
2
16 16-BIT SHIFT REGISTER
1
SID
3
REV. 1.0 10/10/2000
ML2035
PIN CONFIGURATION
ML2035 8-Pin PDIP (P08)
VSS 1 SCK 2 SID 3 LATI 4 8 7 6 5 CLK IN GND VOUT VCC
TOP VIEW
PIN DESCRIPTION
PIN NAME FUNCTION PIN NAME FUNCTION
1 2
VSS SCK
Negative supply (-5V). Serial clock. Digital input which clocks in serial data on its rising edges. Serial input data which programs the frequency of VOUT. Digital input which latches serial data into the internal data latch on falling edges.
5 6 7 8
VCC VOUT GND CLK IN
Positive supply (5V). Analog output. VOUT swing is VCC/2. Ground. All inputs and outputs are referenced to this point. Clock input. The internal clock can be generated by tying a 3 to 12MHz crystal from this pin to GND, or applying a digital clock signal directly to the pin.
3 4
SID LATI
2
REV. 1.0 10/10/2000
ML2035
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. VCC ............................................................................................. 6.5V VSS ............................................................................................ -6.5V VOUT ................................................... VSS - 0.3V to VCC + 0.3V Voltage on any other pin ........ GND - 0.3V to VCC + 0.3V Input Current ........................................................ 25mA Junction Temperature ............................................. 150C Storage Temperature Range ...................... -65C to 150C Lead Temperature (Soldering, 10 sec) ..................... 260C Thermal Resistance (JA) ..................................... 110C/W
OPERATING CONDITIONS
Temperature Range ML2035CP ................................................. 0C to 70C ML2035IP ............................................... -40C to 85C VCC Range ................................................... 4.5V to 5.5V VSS Range .................................................. -4.5V to -5.5V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 4.5V to 5.5V, VSS = -4.5V to -5.5V, CLK IN = 12.352MHz, CL = 100pF, RL = 1k, TA = Operating Temperature Range (Note 1)
SYMBOL OUTPUT HD Harmonic Distortion (2nd and 3rd Harmonic) SND Signal to Noise + Distortion 20Hz to 5kHz 5kHz to 25kHz 200Hz to 3.4kHz, fOUT BW = 20Hz to 4kHz 20Hz to 25kHz, fOUT BW = 20 Hz to 75kHz VGN Gain Error 20Hz < fOUT < 5kHz 5kHz < fOUT < 25kHz ICN Idle Channel Noise Power Down Mode, Cmsg Weighted Power Down Mode, 1kHz PSRR Power Supply Rejection Ratio 200mVP-P, 0 - 10kHz Sine, Measured on VOUT VOS VP-P VOUT Offset Voltage Peak-to-Peak Output Voltage VCC/2 VCC VSS -20 50 -40 -40 75 -45 -40 -45 -40 0.15 0.3 0 dB dB dB dB dB dB dBrnc nV/ Hz dB dB mV V PARAMETER CONDITIONS MIN TYP MAX UNITS
OSCILLATOR VIL CLK VIH CLK IIL CLK IIH CLK CIN CLK tCKI CLK IN Input Low Voltage CLK IN Input High Voltage CLK IN Input Low Current CLK IN Input High Current CLK IN Input Capacitance CLK IN On/Off Period tR = tF = 10ns, 2.5V Midpoint 30 12 3.5 -250 250 1.5 V V A A pF ns
LOGIC (LATI, SID, SCK) VIL VIH IIL IIH Input Low Voltage Input High Voltage Input Low Current Input High Current VIN = 0V VIN = VCC 2.0 -1 1 0.8 V V A A
REV. 1.0 10/10/2000
3
ML2035
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL LOGIC (Continued) VOL VOH tSCK tDS tDH tLPW tLH tLS SUPPLY ICC VCC Current No Load, VCC = 5.5V No Load, Power Down Mode ISS VSS Current No Load, VCC = 5.5V, VSS = -5.5V No Load, Power Down Mode
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Low Voltage Output High Voltage Serial Clock On/Off Period SID Data Setup Time SID Data Hold Time LATI Pulse Width LATI Hold Time LATI Setup Time
IOL = -2mA IOH = 2mA 4.0 100 50 50 50 50 50
0.4
V V ns ns ns ns ns ns
5.5 2 -3.5 -100
mA mA mA A
100
tCKI CLK IN tSCK SCK tDS SID tDH
tCKI
75 50
tSCK
INPUT CURRENT (A)
25 0 -25 -50 -75 -100
tLS LATI tLPW
tLH
0
1
2
3
4
5
INPUT VOLTAGE (V)
Figure 1. Serial Interface Timing.
Figure 2. CLK IN Input Current vs. Input Voltage.
4
REV. 1.0 10/10/2000
ML2035
FUNCTIONAL DESCRIPTION
The ML2035 is composed of a programmable frequency generator, a sine wave generator, a crystal oscillator, and a serial digital interface. The ML2035 frequency and sine wave generator functional block diagram is shown in Figure 3. PROGRAMMABLE FREQUENCY GENERATOR The programmable frequency generator produces a digital output whose frequency is determined by a 16-bit digital word. The frequency generator is composed of a phase accumulator which is clocked at fCLK IN/4. The value stored in the data latch is added to the phase accumulator every 4 cycles of CLK IN. The frequency of the analog output is equal to the rate at which the accumulator overflows and is given by the equation:
fOUT =
frequency must be limited to 25kHz for VCC = 5V. VOUT can drive a 1k, 100pF loads, provided the slew rate limitations mentioned above are not exceeded. The output offset voltage, VOS, is a function of the peakto-peak output voltage and is specified as: (3) For example, if VOUT(P-P) = 2.5V:
CRYSTAL OSCILLATOR The crystal oscillator generates an accurate reference clock for the programmable frequency generator. The internal clock can be generated with a crystal or external clock. If a crystal is used, it must be placed between CLK IN and GND of the ML2035. An on-chip crystal oscillator will then generate the internal clock. No other external capacitors or components are required. The crystal should be a parallel-resonant type with a frequency between 3MHz to 12.4MHz. It should be placed physically as close as possible to the CLK IN and GND. An external clock can drive CLK IN directly if desired. The frequency of this clock can be anywhere between 0 and 12MHz. The crystal must have the following characteristics: 1. Parallel resonant type 2. Frequency: 3MHz to 12.4MHz 3. Maximum equivalent series resistance of 15 at a drive levels of 1W to 200W, and 30 at drive levels of 10nW to 1W 4. Typical load capacitance: 18pF 5. Maximum case capacitance: 7pF The frequency of oscillation will be a function of the crystal parameters and PC board capacitance. Crystals that meet these requirements at 12.352000MHz are M-tron 3709-010 12.352 for 0C to 70C and 3709-020 12.352 for -40C to 85C operation.
fCLKIN x (D15-D0)DEC
223
(1)
The frequency resolution and the minimum frequency are the same and is given by the following equation: f fMIN = CLKIN (2) 222 When fCLK IN = 12.352MHz, fMIN = 1.5Hz (0.75Hz). Lower frequencies are obtained by using a lower input clock frequency. Due to the phase quantization nature of the frequency generator, spurious tones can be present in the output range of -55dB relative to fundamental. The energy from these tones is included in the signal to noise + distortion specification. The frequency of these tones can be very close to the fundamental. Therefore, it is not practical to filter them out. SINEWAVE GENERATOR The sinewave generator is composed of a sine look-up table, a DAC, and an output smoothing filter. The sine look-up table is addressed by the phase accumulator. The DAC is driven by the output of the look-up table and generates a staircase representation of a sine wave. The output filter smoothes the analog output by removing the high frequency sampling components. The resultant voltage on VOUT is a sinusoid with the second and third harmonic distortion components at least 45dB below the fundamental. The ML2035 provides a peak sinewave voltage of VCC/2, referenced to GND. The analog section is designed to operate over a range from DC to 25kHz. Due to slew rate limitations, the peakto-peak output voltage must be limited to VOUT(P-P) (125kV x Hz)/fOUT. Since the ML2035 peak-to-peak output voltage is equal to VCC, the maximum output
REV. 1.0 10/10/2000
5
ML2035
SID
16-BIT SHIFT REGISTER (16 BITS) ***
LATI
16-BIT DATA LATCH (16 BITS) *** ***
A16 A0
-
A20 A15
21-BIT ADDER
B0-B20
BINARY PHASE ACCUMULATOR fREF
Q0
-
SUM (21 BITS) *** 21-BIT LATCH *** INPUT TO QUADRANT COMPLEMENTOR
Q20
LEAST SIGNIFICANT (12 BITS)
***
PHASE SAMPLES (7 BITS)
SIGN BIT QUADRANT BIT
CLK IN
CRYSTAL OSCILLATOR
/4
QUADRANT COMPLEMENTER *** (7 BITS) READ-ONLY MEMORY (128 X 7) *** (7 BITS) SIGN COMPLEMENTOR *** (7 BITS) fREF OUTPUT LATCH *** (7BITS) SIGN BIT SIGN BIT SIGN BIT
T= INPUT TO ROM
1 fREF
INPUT TO SIGN COMPLEMENTOR
PICTORIAL PRESENTATION OF DIGITAL DATA
INPUT TO OUTPUT LATCH
INPUT TO D/A CONVERTER
8-BIT DIGITAL-TO-ANALOG CONVERTER
LOW-PASS FILTER
INPUT TO LOW-PASS FILTER (ANALOG SIGNAL) OUTPUT OF LOW-PASS FILTER (ANALOG SIGNAL)
SINEWAVE OUTPUT
Figure 3. Detailed Block Diagram of the ML2035.
6
REV. 1.0 10/10/2000
ML2035
SCK SID LATI 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Figure 4. Serial Interface Timing.
FUNCTIONAL DESCRIPTION (Continued)
SERIAL DIGITAL INTERFACE The digital interface consists of a shift register and data latch. The serial 16-bit data word on SID is clocked into a 16-bit shift register on rising edges of the serial shift clock, SCK. The LSB should be shifted in first and the MSB last as shown in Figure 4. The data that has been shifted into the shift register is loaded into a 16-bit data latch on the falling edge of LATI. To insure that true data is loaded into the data latch from the shift register, LATI falling edge should occur when SCK is low, as shown in figure 1. LATI should be low while shifting data into the shift register to avoid inadvertently entering the power down mode. Note that all data is entered and latched on the edges, not levels, of SCK and LATI. POWER DOWN MODE The power down mode of the ML2035 can be selected by entering all zeros in the shift register and applying a logic "1" to LATI and holding it high. A zero data detect circuit detects when all bits in the shift register are zeros. In this state, the power consumption is reduced to 11.5mW max, and VOUT goes to 0V as shown in Figure 5 and appears as 10k to ground. The master clock, CLK IN, can be left active or removed during power down mode. POWER SUPPLIES The analog circuits in ML2035 are powered from VCC to VSS and are referenced to GND. The digital circuits in the device are powered from VCC to GND. It is recommended that the power supplies to the device should be bypassed by placing decoupling capacitors from VCC to GND and VSS to GND as physically close to the device as possible.
POWER DOWN MODE 0V
VOS
SCK SID LATI 0 1 2 3 4 5 6 7 8 9 10 11 12 131415
Figure 5. Power Down Mode Waveforms.
REV. 1.0 10/10/2000
7
ML2035
TYPICAL APPLICATIONS
RECEIVE LINE INTERFACE ML2003 ML2004 ML2008 ML2009 ATTENUATION /GAIN ML2020 ML2021 LINE EQUALIZER
ML2031 ML2032 TONE DETECTOR
P
LOOPBACK RELAY
TRANSMIT LINE INTERFACE
ML2003 ML2004 ML2008 ML2009 ATTENUATION /GAIN
ML2035 TONE GENERATOR
Figure 6. 4-Wire Termination Equipment.
5V ML2035 0.1F 0.1F VSS -5V 0 TO 25kHz SINEWAVE VCC/2 VCC GND VOUT VCC/2
Figure 7. Sine Wave Ratiometric to VCC/2.
8
REV. 1.0 10/10/2000
ML2035
PHYSICAL DIMENSIONS
inches (millimeters)
Package: P08 8-Pin PDIP
0.365 - 0.385 (9.27 - 9.77) 0.055 - 0.065 (1.39 - 1.65) 8
PIN 1 ID
0.240 - 0.260 0.299 - 0.335 (6.09 - 6.60) (7.59 - 8.50)
0.020 MIN (0.51 MIN) (4 PLACES)
1 0.100 BSC (2.54 BSC) 0.015 MIN (0.38 MIN)
0.170 MAX (4.32 MAX)
0.125 MIN (3.18 MIN)
0.016 - 0.020 (0.40 - 0.51) SEATING PLANE
0 - 15
0.008 - 0.012 (0.20 - 0.31)
ORDERING INFORMATION
PART NUMBER ML2035CP ML2035IP TEMPERATURE RANGE 0C to 70C -40C to 85C PACKAGE 8-Pin PDIP (P08) 8-Pin PDIP (P08)
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. www.fairchildsemi.com
REV. 1.0 10/10/2000
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2000 Fairchild Semiconductor Corporation
9


▲Up To Search▲   

 
Price & Availability of ML2035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X