Part Number Hot Search : 
MC13190D H100J P80N0 003930 LBT08014 P6KE51 C09AN 24004
Product Description
Full Text Search
 

To Download MK2771-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I C R O C LOC K
Description
The MK2771-12 is a low cost, low jitter, high performance VCXO and clock synthesizer designed for set-top boxes. The on-chip Voltage Controlled Crystal Oscillator accepts a 0 to 3V input voltage to cause the output clocks to vary by 100 ppm. Using MicroClock's patented VCXO and analog Phase-Locked Loop (PLL) techniques, the device uses an inexpensive 13.5 MHz crystal input to produce multiple output clocks including a selectable processor clock, selectable UART and audio clocks, a fixed 11.0592 MHz, and two low skew copies of the 27 MHz. All clocks are frequency locked to the 27.00 MHz output (and to each other) with zero ppm error, so any output can be used as the VCXO output. This chip directly replaces the MK2771-02 when a 13.5 MHz input crystal is substituted for the 14.31818 MHz used on the -02. Additionally, the -12 adds 24.576 MHz to the ACLK.
MK2771-12 VCXO and Set-Top Clock Source
Features
* Packaged in 20 pin SOIC * Pin for pin and functional upgrade to MK2771-02 * Uses an inexpensive 13.5 MHz crystal * On-chip patented VCXO with pull range of 200 ppm * VCXO tuning voltage of 0 to 3 V * Processor frequency of 16.67 MHz, 20 MHz, 32 MHz, 40 MHz, or 50 MHz * Zero ppm synthesis error in all clocks (all exactly track 27MHz VCXO) - patented * 25 mA output drive capability at TTL levels * Advanced, low power, sub-micron CMOS process * 5 V operating voltage
Block Diagram
2
AVDD VDD
GND 2 3 Output Buffer Output Buffer Clock Synthesis Circuitry Output Buffer Output Buffer Processor Clock 11.0592 MHz 3.6864 MHz or 18.432 MHz 49.152 MHz or 24.576 MHz 27.000 MHz 13.500 MHz
PCS1:0 UCS ACS VIN
13.5 MHz pullable crystal
X1
X2
Voltage Controlled Crystal Oscillator
Output 2 Buffers /2 Output Buffer
1 Revision 061699 Printed 11/16/00 MicroClock Division of ICS * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel*(408)295-9818fax
MDS 2771-12 A
I C R O C LOC K
Pin Assignment
1 2 3 4 5 6 7 8 9 10
MK2771-12 VCXO and Set-Top Clock Source
Processor Clock Select Table
PCS1 0 0 M M 1 1 PCS0 0 1 0 1 0 1 PCLK (MHz) 50.000 16.667 test 32.000 40.000 20.000
PCS0 X2 X1 AVDD VIN VDD GND PCLK UCLK ACLK
20 19 18 17 16 15 14 13 12 11
ACS UCS 27M GND 27M VDD GND 11.06M PCS1 13.5M
0 = connect directly to ground, 1 = connect directly to VDD, M = leave floating or unconnected
UART Clock Table
UCS 0 1 UCLK (MHz) 18.432 3.6864
ACLK Select Table
ACS 0 1 ACLK (MHz) 49.152 24.576
Pin Descriptions
Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Name PCS0 X2 X1 AVDD VIN VDD GND PCLK UCLK ACLK 13.5M PCS1 11.06M GND VDD 27M GND 27M UCS ACS Type I O I P I P P O O O O TI O P P O P O I I Description Processor Clock Select 0. Selects PCLK on pin 8. See table above. Crystal connection. Connect to a pullable 13.5 MHz crystal. Crystal connection. Connect to a pullable 13.5 MHz crystal. Analog VDD. Connect to +5V. Voltage Input to VCXO. Zero to 3V signal which controls the frequency of the VCXO. Connect to +5V. Connect to ground. Processor clock output determined by status of PCS1,0. See table above. UART clock output determined by status of UCS. See table above. 49.152 MHz or 24.576 MHz clock output determined by ACS. See table above 13.5 MHz clock output. Divide by two of the 27MHz VCXO output. Processor Clock Select 1. Selects PCLK on pin 8. See table above. 11.0592 MHz clock output. Connect to ground. Connect to +5V. 27.00 MHz VCXO clock output. Connect to ground. 27.00 MHz VCXO clock output. UART Clock Select. Selects UCLK on pin 9. See table above. ACLK Select. Selects ACLK on pin 10. See table above.
Key: I = Input, TI = Tri-level input, O = output, P = power supply connection 2 Revision 061699 Printed 11/16/00 MicroClock Division of ICS * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel*(408)295-9818fax
MDS 2771-12 A
I C R O C LOC K
Electrical Specifications
Parameter Supply voltage, VDD Inputs and Clock Outputs Ambient Operating Temperature Soldering Temperature Storage temperature Operating Voltage, VDD Input High Voltage, VIH, X1 pin only Input Low Voltage, VIL, X1 pin only Input High Voltage, VIH (except PCS1) Input Low Voltage, VIL (except PCS1) Input High Voltage, VIH, PCS1 only Input Low Voltage, VIL, PCS1 only Output High Voltage, VOH Output Low Voltage, VOL Output High Voltage, VOH, CMOS level Operating Supply Current, IDD Short Circuit Current Input Capacitance Frequency synthesis error VIN, VCXO control voltage Conditions
MK2771-12 VCXO and Set-Top Clock Source
Minimum Typical Maximum 7 VDD+0.5 70 260 150 5.25 2.5 2.5 1.5 0.8 VDD-0.5 0.5 Units V V C C C V V V V V V V V V V mA mA pF ppm V
ABSOLUTE MAXIMUM RATINGS (note 1)
Referenced to GND Referenced to GND Max of 10 seconds -65 4.75 3.5 2 -0.5 0
DC CHARACTERISTICS (VDD = 5.0V unless noted)
IOH=-25mA IOL=25mA IOH=-8mA No Load, note 2 Each output All clocks
2.4 0.4 VDD-0.4 60 100 7 0 0 3
AC CHARACTERISTICS (VDD = 5.0V unless noted)
Input Frequency 13.50000 MHz Output Clock Rise Time 0.8 to 2.0V 1.5 ns Output Clock Fall Time 2.0 to 0.8V 1.5 ns Output Clock Duty Cycle At 1.4V 40 60 % Maximum Absolute Jitter, short term 200 ps Skew of 27 MHz outputs Rising edges at 1.4V -500 0 500 ps 27 MHz output pullability, note 3 0V VIN 3V 100 ppm Notes: 1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability. 2. With PCLK at 50 MHz. 3. With a pullable crystal that conforms to ICS' specifications.
External Components
The MK2771-12 requires a minimum number of external components for proper operation. Decoupling capacitors of 0.01F should be connected between each VDD and GND, and betweeen AVDD and GND, as close to the MK2771-12 as possible. A series termination resistor of 33 may be used for each clock output.The 13.5 MHz crystal must be connected as close to the chip as possible. The 13.5 MHz crystal should be a parallel mode, pullable, with load capacitance of 16 pF. Consult MicroClock for recommended suppliers. Only the crystal should be connected to X1 and X2; do not connect load capacitors to these pins. 3 Revision 061699 Printed 11/16/00 MicroClock Division of ICS * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel*(408)295-9818fax
MDS 2771-12 A
I C R O C LOC K
Package Outline and Package Dimensions
MK2771-12 VCXO and Set-Top Clock Source
20 pin SOIC
Symbol A b c D E H e h L Q Inches Min Max 0.092 0.104 0.014 0.019 0.009 0.012 0.490 0.512 0.290 0.300 0.394 0.419 .050 BSC 0.016 0.016 0.035 0.003 0.011 Millimeters Min Max 2.3368 2.6416 0.356 0.483 0.229 0.305 12.446 13.005 7.366 7.620 10.008 10.643 1.27 BSC 0.406 0.406 0.889 0.076 0.279
E
H
D Q e b c
h x 45 A L
Ordering Information
Part/Order Number MK2771-12S MK2771-12STR Marking MK2771-12S MK2771-12S Shipping packaging tubes tape and reel Package 20 pin SOIC 20 pin SOIC Temperature 0-70C 0-70C
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc. (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
4 Revision 061699 Printed 11/16/00 MicroClock Division of ICS * 525 Race Street * San Jose * CA * 95126*(408)295-9800tel*(408)295-9818fax
MDS 2771-12 A


▲Up To Search▲   

 
Price & Availability of MK2771-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X