Part Number Hot Search : 
BNBSP U1897 AP89341 1N4935G VL700 MC54F32N MBR1020 1N2813B
Product Description
Full Text Search
 

To Download MC3479 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC3479/D
MC3479 Stepper Motor Driver
The MC3479 is designed to drive a two-phase stepper motor in the bipolar mode. The circuit consists of four input sections, a logic decoding/sequencing section, two driver-stages for the motor coils, and an output to indicate the Phase A drive state. * Single Supply Operation: 7.2 to 16.5 V
STEPPER MOTOR DRIVER
SEMICONDUCTOR TECHNICAL DATA
* * * * * * * * *
350 mA/Coil Drive Capability Clamp Diodes Provided for Back-EMF Suppression Selectable CW/CCW and Full/Half Step Operation Selectable High/Low Output Impedance (Half Step Mode) TTL/CMOS Compatible Inputs Input Hysteresis: 400 mV Minimum Phase Logic Can Be Initialized to Phase A Phase A Output Drive State Indication (Open-Collector) Available in Standard DIP and Surface Mount
P SUFFIX PLASTIC PACKAGE CASE 648C
Figure 1. Representative Block Diagram
VM
PIN CONNECTIONS
VD 1 2 3 4 5 Bias/Set 6 7 8 16 15 14 13 12 11 10 9 VM L3 L4 Gnd Phase A CW/CCW Full/Half Step
L1 Clk Clock Driver
Gnd
L2 L1
L2 CW/CCW CW/CCW Logic VD L3 Full/Half Step F/H Step Driver
Clk OIC
(Top View) L4
VM VD L2 2 1 L1 3 Gnd Gnd Gnd 4 5 6 7 8 9 Clk 10 11 12 13 Full/Half Step OIC Phase A CW/CCW 20 19 18 L4 17 Gnd 16 Gnd 15 Gnd 14 Gnd L3
OIC
OIC
Phase A
Bias/Set
Gnd
Gnd Bias/Set
ORDERING INFORMATION
Device MC3479P Operating Temperature Range TA = 0 to +70C Package Plastic CW/CCW Full/Half Step OIC Clk
(c) Motorola, Inc. 1996
INPUT TRUTH TABLE
Input Low CW Full Step Hi Z Input High CCW Half Step Low Z
Positive Edge Triggered
Rev 1
MOTOROLA ANALOG IC DEVICE DATA
1
MC3479
MAXIMUM RATINGS
Rating Supply Voltage Clamp Diode Cathode Voltage (Pin 1) Driver Output Voltage Drive Output Current/Coil Input Voltage (Logic Controls) Bias/Set Current Phase A Output Voltage Phase A Sink Current Junction Temperature Storage Temperature Range Symbol VM VD VOD IOD Vin IBS VOA IOA TJ Tstg Value + 18 VM + 5.0 VM + 6.0 500 - 0.5 to + 7.0 - 10 + 18 20 + 150 - 65 to + 150 Unit Vdc Vdc Vdc mA Vdc mA Vdc mA C C
RECOMMENDED OPERATING CONDITIONS
Characteristic Supply Voltage Clamp Diode Cathode Voltage Driver Output Current (Per Coil) (Note 1) Input Voltage (Logic Controls) Bias/Set Current (Outputs Active) Phase A Output Voltage Phase A Sink Current Operating Ambient Temperature
NOTE: 1. See section on Power Dissipation in Application Information.
Symbol VM VD IOD Vin IBS VOA IOA TA
Min + 7.2 VM -- 0 - 300 -- 0 0
Max + 16.5 VM + 4.5 350 + 5.5 - 75 VM 8.0 + 70
Unit Vdc Vdc mA Vdc A Vdc mA C
DC ELECTRICAL CHARACTERISTICS (Specifications apply over the recommended supply voltage and temperature range, [Notes
2, 3] unless otherwise noted.) Characteristic INPUT LOGIC LEVELS Threshold Voltage (Low-to-High) Threshold Voltage (High-to-Low) Hysteresis Current: (VI = 0.4 V) Current: (VI = 5.5 V) Current: (VI = 2.7 V) DRIVER OUTPUT LEVELS Output High Voltage (IBS = - 300 A): (IOD = - 350 mA) (IBS = - 300 A): (IOD = - 0.1 mA) Output Low Voltage (IBS = - 300 A, IOD = 350 mA) Differential Mode Output Voltage Difference (Note 4) (IBS = - 300 A, IOD = 350 mA) Common Mode Output Voltage Difference (Note 5) (IBS = - 300 A, IOD = - 0.1 mA) Output Leakage, Hi Z State (0 VOD VM, IBS = - 5.0 A) (0 VOD VM, IBS = - 300 A, F/H = 2.0 V, OIC = 0.8 V) 2, 3, 14, 15 VOHD VM - 2.0 VM - 1.2 VOLD DVOD CVOD -- -- -- -- -- -- -- -- -- -- 0.8 0.15 0.15 Vdc Vdc Vdc A IOZ1 IOZ2 - 100 - 100 -- -- + 100 + 100 Vdc 7, 8, 9, 9 10 VTLH VTHL VHYS IIL -- 0.8 0.4 - 100 -- -- -- -- -- -- -- -- 2.0 -- -- -- + 100 + 20 Vdc Vdc Vdc A Pins Symbol Min Typ Max Unit
p p
p p
NOTES: 2. Algebraic convention rather than absolute values is used to designate limit values. 3. Current into a pin is designated as positive. Current out of a pin is designated as negative. 4. DVOD = VOD1,2 - VOD3,4 where: VOD1,2 = (VOHD1 - VOLD2) or (VOHD2 - VOLD1), and VOD3,4 = (VOHD3 - VOLD4) or (VOHD4 - VOLD3). 5. CVOD = VOHD1 - VOHD2 or VOHD3 - VOHD4.
2
MOTOROLA ANALOG IC DEVICE DATA
MC3479
DC ELECTRICAL CHARACTERISTICS (Specifications apply over the recommended supply voltage and temperature range, [Notes
2, 3] unless otherwise noted.) Characteristic CLAMP DIODES Forward Voltage (ID = 350 mA) Leakage Current (Per Diode) (Pin 1 = 21 V; Outputs = 0 V; IBS = 0 A) PHASE A OUTPUT Output Low Voltage (IOA = 8.0 mA) Off State Leakage Current (VOHA = 16.5 V) POWER SUPPLY Power Supply Current (IOD = 0 A, IBS = - 300 A) (L1 = VOHD, L2 = VOLD, L3 = VOHD, L4 = VOLD) (L1 = VOHD, L2 = VOLD, L3 = Hi Z, L4 = Hi Z) (L1 = VOHD, L2 = VOLD, L3 = VOHD, L4 = VOHD) BIAS/SET CURRENT To Set Phase A 6 IBS - 5.0 -- -- A 16 IMW IMZ IMN -- -- -- -- -- -- 70 40 75 mA 11 VOLA IOHA -- -- -- -- 0.4 100 Vdc A 1, 2, 3, 14, 15 VDF IDR -- -- 2.5 -- 3.0 100 Vdc A Pins Symbol Min Typ Max Unit
PACKAGE THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Ambient (No Heatsink) Symbol R JA Min -- Typ 45 Max -- Unit C/W
AC SWITCHING CHARACTERISTICS (TA = + 25C, VM = 12 V) (See Figures 2, 3, 4)
Characteristic Clock Frequency Clock Pulse Width (High) Clock Pulse Width (Low) Bias/Set Pulse Width Setup Time (CW/CCW and F/HS) Hold Time (CW/CCW and F/HS) Propagation Delay (Clk-to-Driver Output) Propagation Delay (Bias/Set-to-Driver Output) Propagation Delay (Clk-to-Phase A Low) Propagation Delay (Clk-to-Phase A High) 7-11 7-11 Pins 7 7 7 6 10-7 9-7 10-7 9-7 Symbol fCK PWCKH PWCKL PWBS tsu th tPCD tPBSD tPHLA tPLHA Min 0 10 10 10 5.0 10 -- -- -- -- Typ -- -- -- -- -- -- 8.0 1.0 12 5.0 Max 50 -- -- -- -- -- -- -- -- -- Unit kHz s s s s s s s s s
NOTES: 2. Algebraic convention rather than absolute values is used to designate limit values. 3. Current into a pin is designated as positive. Current out of a pin is designated as negative.
MOTOROLA ANALOG IC DEVICE DATA
3
MC3479
Figure 2. AC Test Circuit
+ 12 V 0.1 F VM 16 56 k Bias/Set 6 3 MC3479P Clk OIC F / HS CW / CCW 7 8 9 15 11 4.0 k Phase A 10 4 5 12 13 14 1.0 k L3 1.0 k + 12 V L1 L4 1.0 k 1.0 k L1 - L4 Outputs 2 L2 PWBS 1.0 k 1.0 k Bias/Set Input VM 0 tPBSD (High Impedance) tPBSD VM - 1.0 VM - 1.0
Figure 3. Bias/Set Timing (Refer to Figure 2)
Note: tr, tf (10% to 90%) for input signals are 25 ns.
p
PIN FUNCTION DESCRIPTION
Pin No. 20-Pin 20 4, 5, 6, 7, 14, 15, 16, 17 1 16-Pin 16 4, 5, 12, 13 1 Function Power Supply Ground Symbol VM Gnd Description Power supply pin for both the logic circuit and the motor coil current. Voltage range is + 7.2 to + 16.5 volts. Ground pins for the logic circuit and the motor coil current. The physical configuration of the pins aids in dissipating heat from within the IC package. This pin is used to protect the outputs where large voltage spikes may occur as the motor coils are switched. Typically a diode is connected between this pin and Pin 16. See Figure 11. High current outputs for the motor coils. L1 and L2 are connected to one coil, and L3 and L4 to the other coil. This pin is typically 0.7 volts below VM. The current out of this pin (through a resistor to ground) determines the maximum output sink current. If the pin is opened (IBS < 5.0 A) the outputs assume a high impedance condition, while the internal logic presets to a Phase A condition. The positive edge of the clock input switches the outputs to the next position. This input has no effect if Pin 6 is open. When low (Logic "0"), each clock input pulse will cause the motor to rotate one full step. When high, each clock pulse will cause the motor to rotate one-half step. See Figure 7 for sequence. This input allows reversing the rotation of the motor. See Figure 7 for sequence. This input is relevant only in the half step mode (Pin 9 > 2.0 V). When low (Logic "0"), the two driver outputs of the non-energized coil will be in a high impedance condition. When high the same driver outputs will be at a low impedance referenced to VM. See Figure 7. This open-collector output indicates (when low) that the driver outputs are in the Phase A condition (L1 = L3 = VOHD, L2 = L4 = VOLD).
Clamp Diode Voltage Driver Outputs Bias/Set
VD
2, 3, 18, 19 8
2, 3, 14, 15 6
L1, L2 L3, L4 B/S
9 11
7 9
Clock Full/Half Step
Clk F/HS
12 10
10 8
Clockwise/ Counterclockwise Output Impedance Control
CW/CCW OIC
13
11
Phase A
Ph A
APPLICATION INFORMATION
General The MC3479 integrated circuit is designed to drive a stepper positioning motor in applications such as disk drives and robotics. The outputs can provide up to 350 mA to each of two coils of a two-phase motor. The outputs change state with each low-to-high transition of the clock input, with the new output state depending on the previous state, as well as the input conditions at the logic controls. 4 Outputs The outputs (L1-L4) are high current outputs (see Figure 5), which when connected to a two-phase motor, provide two full-bridge configurations (L3 and L4 are not shown in Figure 5). The polarities applied to the motor coils depend on which transistor (QH or QL) of each output is on, which in turn depends on the inputs and the decoding circuitry. MOTOROLA ANALOG IC DEVICE DATA
MC3479
Figure 4. Clock Timing (Refer to Figure 2)
3.0 V Clk 0 PWCLKH 1.5 V tPCD PWCLKL
L1 - L4 Outputs 3.0 V F/HS, CW/CCW Inputs 0 Phase A Output
6.0 V tsu 1.5 V tPHLA 1.5 V tPLHA th Note: tr, tf (10% to 90%) for input signals are 10 ns.
p
Figure 5. Output Stages
VM VD
QH IBS B/S L1 QL IBS Current Drivers and Logic Logic Decoding Circuit To L3, L4 Transistors CW / CCW F/HS Inputs
QH Motor Coil
L2
QL
RB
Parasitic Diodes
OIC Clk
The maximum sink current available at the outputs is a function of the resistor connected between Pin 6 and ground (see section on Bias/Set operation). Whenever the outputs are to be in a high impedance state, both transistors (QH and QL of Figure 5) of each output are off. VD This pin allows for provision of a current path for the motor coil current during switching, in order to suppress back-EMF voltage spikes. VD is normally connected to VM (Pin 16) through a diode (zener or regular), a resistor, or directly. The peaks instantaneous voltage at the outputs must not exceed VM by more than 6.0 V. The voltage drop across the internal clamping diodes must be included in this portion of the design (see Figure 6). Note the parasitic diodes (Figure 5) across each QL of each output provide for a complete circuit path for the switched current.
3.0
Figure 6. Clamp Diode Characteristics
VF (V)
2.0
1.0
0 0 100 200 ID (mA) 300
MOTOROLA ANALOG IC DEVICE DATA
5
MC3479
Full/Half Step When this input is at a Logic "0" (<0.8 V), the outputs change a full step with each clock cycle, with the sequence direction depending on the CW/CCW input. There are four steps (Phase A, B, C, D) for each complete cycle of the sequencing logic. Current flows through both motor coils during each step, as shown in Figure 7. When taken to a Logic "1" (>2.0 V), the outputs change a half step with each clock cycle, with the sequence direction depending on the CW/CCW input. Eight steps (Phase A to H) result for each complete cycle of the sequencing logic. Phase A, C, E and G correspond (in polarity) to Phase A, B, C, and D, respectively, of the full step sequence. Phase B, D, F and H provide current to one motor coil, while de-energizing the other coil. The condition of the outputs of the de-energized coil depends on the OIC input, see Figure 7 timing diagram. OIC The output impedance control input determines the output impedance to the de-energized coil when operating in the half-step mode. When the outputs are in Phase B, D, F or H (Figure 7) and this input is at a Logic "0" (<0.8 V), the two outputs to the de-energized coil are in a high impedance condition -- QL and QH of both outputs (Figure 5) are off. When this input is at a Logic "1" (>2.0 V), a low impedance output is provided to the de-energized coil as both outputs have QH on (QL off). To complete the low impedance path requires connecting VD to VM as described elsewhere in this data sheet. Bias/Set This pin can be used for three functions: a) determining the maximum output sink current; b) setting the internal logic to a known state; and c) reducing power consumption. a) The maximum output sink current is determined by the base drive current supplied to the lower transistors (QLs of Figure 5) of each output, which in turn, is a function of IBS. The appropriate value of IBS is determined by: IBS = IOD x 0.86 where IBS is in microamps, and IOD is the motor current/coil in milliamps.
Figure 7. Output Sequence
Clk Bias/Set CW/CCW Phase A L1 L2 L3 L4 Phase A Output F/HS OIC = High Impedance = Logic "0" = Dont Care B C D A B C B A D C B
(a) Full Step Mode A L1 L2 L3 L4 CW/CCW F/HS B C D E F G
H
A
B
C
D
(b) Half Step Mode
= High Impedance = Logic "0" = Logic "1", OIC = Logic "0"
A L1 L2 L3 L4 Phase A Output
B
C
D
E
F
G
H
A
B
C
D
(c) Half Step Mode CW/CCW = Logic "0" = Logic "1" F/HS = Logic "1" OIC
6
MOTOROLA ANALOG IC DEVICE DATA
MC3479
The value of RB (between this pin and ground) is then determined by: R B
+ VM * 0.7 V I
BS
b) When this pin is opened (raised to VM) such that IBS is <5.0 A, the internal logic is set to the Phase A condition, and the four driver outputs are put into a high impedance state. The Phase A output (Pin 11) goes active (low), and input signals at the controls are ignored during this time. Upon re-establishing IBS, the driver outputs become active, and will be in the Phase A position (L1 = L3 = VOHD, L2 = L4 = VOLD). The circuit will then respond to the inputs at the controls. The Set function (opening this pin) can be used as a power-up reset while supply voltages are settling. A CMOS logic gate (powered by VM) can be used to control this pin as shown in Figure 11. c) Whenever the motor is not being stepped, power dissipation in the IC and in the motor may be lowered by reducing IBS, so as to reduce the output (motor) current. Setting IBS to 75 A will reduce the motor current, but will not reset the internal logic as described above. See Figure 12 for a suggested circuit. Power Dissipation The power dissipated by the MC3479 must be such that the junction temperature (TJ) does not exceed 150C. The power dissipated can be expressed as: P = (VM IM) + (2 IOD) [(VM - VOHD) + VOLD]
For example, assume an application where VM = 12 V, the motor requires 200 mA/coil, operating at room temperature with no heatsink on the IC. IBS is calculated: IBS = 200 0.86 IBS = 172 A RB is calculated: RB = (12 - 0.7) V/172 A RB = 65.7 k From Figure 8, IM (max) is determined to be 40 mA. From Figure 9, VOLD is 0.46 volts, and from Figure 10, (VM - VOHD) is 1.4 volts. P = (12 0.040) + (2 0.2) (1.4 + 0.46) P = 1.22 W TJ = (1.22 W 52C/W) + 25C TJ = 88C This temperature is well below the maximum limit. If the calculated TJ had been higher than 150C, a heatsink such as the Staver Co. V-7 Series, Aavid #5802, or Thermalloy #6012 could be used to reduce RJA. In extreme cases, forced air cooling should be considered. The above calculation, and RJA, assumes that a ground plane is provided under the MC3479 (either or both sides of the PC board) to aid in the heat dissipation. Single nominal width traces leading from the four ground pins should be avoided as this will increase TJ, as well as provide potentially disruptive ground noise and IR drops when switching the motor current.

Figure 9. Maximum Saturation Voltage -- Driver Output Low
0.8
where
The power supply current (IM) is obtained from Figure 8. After the power dissipation is calculated, the junction temperature can be calculated using: TJ = (P RJA) + TA where RJA = Junction-to-ambient thermal resistance (52C/W for the DIP, 72C/W for the FN Package); TA = Ambient Temperature.
V OLD (VOLTS)
VM = Supply voltage; IM = Supply current other than IOD; IOD = Output current to each motor coil; VOHD = Driver output high voltage; VOLD = Driver output low voltage.
0.6
0.4
0.2
0 0 100 200 IOD (mA) 300
Figure 8. Power Supply Current
70 60 [VM - VOHD ] (VOLTS) 50 I M (mA) 40 30 20 10 0 50 100 150 200 250 IBS (A) 300 350 IOD = 0
2.0
Figure 10. Maximum Saturation Voltage -- Driver Output High
1.5
1.0
0.5
0 0 100 200 IOD (mA) 300
MOTOROLA ANALOG IC DEVICE DATA
7
MC3479
Figure 11. Typical Applications Circuit
+V +V 2.0 k Typ Phase A Clock Digital Inputs CW/CCW Full/Half Step OIC 11 7 MC3479 10 9 L4 8 Gnd RB Set Normal Operation MC14049UB or equivalent 4 5 12 13 6 14 Bias/Set 2 15 L3 VM 16 1
1N5221A (3.0 V) VD 3 L2
L1 Motor
Figure 12. Power Reduction
MC3479 6 Bias/Set
RB Normal Operation Reduced Power MC14049UB or equivalent
RB1
-- Suggested value for RB1 (VM = 12 V) is 150 k. -- RB calculation (see text) must take into account the current through RB1.
8
MOTOROLA ANALOG IC DEVICE DATA
MC3479
OUTLINE DIMENSIONS
-A- P SUFFIX PLASTIC PACKAGE CASE 648C-03 ISSUE C -B-
1 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. INTERNAL LEAD CONNECTION BETWEEN 4 AND 5, 12 AND 13. INCHES MIN MAX 0.740 0.840 0.240 0.260 0.145 0.185 0.015 0.021 0.050 BSC 0.040 0.70 0.100 BSC 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.040 MILLIMETERS MIN MAX 18.80 21.34 6.10 6.60 3.69 4.69 0.38 0.53 1.27 BSC 1.02 1.78 2.54 BSC 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01
16
9
L
NOTE 5
C -T-
SEATING PLANE
N F E G D 16 PL 0.13 (0.005)
M
M K J
16 PL M
0.13 (0.005) TA
S
TB
S
DIM A B C D E F G J K L M N
-N-
Y BRK D
FN SUFFIX PLASTIC PACKAGE CASE 775-02 (PLCC 20) ISSUE C
-L-
-M- W D V A Z R 0.007 (0.180) M T L-M
S
20
1
0.007 (0.180) M T L-M
S
N N
S
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635). INCHES MIN MAX 0.385 0.395 0.385 0.395 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.350 0.356 0.350 0.356 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10 _ 0.310 0.330 0.040 --- MILLIMETERS MIN MAX 9.78 10.03 9.78 10.03 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 8.89 9.04 8.89 9.04 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10 _ 7.88 8.38 1.02 ---
C
E 0.004 (0.100) G G1 0.010 (0.250) S T L-M J -T-
SEATING PLANE
VIEW S
S
N
S
B
0.007 (0.180) M T L-M U
S
N
S S
DIM A B C E F G H J K R U V W X Y Z G1 K1
0.007 (0.180) M T L-M
N
S
H Z K1 K G1 0.010 (0.250)
S
0.007 (0.180) M T L-M
S
N
S
X VIEW D-D
T L-M
S
N
S
F VIEW S
0.007 (0.180) M T L-M
S
N
S
MOTOROLA ANALOG IC DEVICE DATA
9
MC3479
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
10
MOTOROLA ANALOG IC DEVICE DATA MC3479/D
*MC3479/D*


▲Up To Search▲   

 
Price & Availability of MC3479

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X