Part Number Hot Search : 
AM29SL 1N5650A LT3684 1N5277B 03125 EVUE31 010011 S93462
Product Description
Full Text Search
 

To Download MC10168P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Quad Latch
The MC10168 is a Quad Latch with common clocking to all four latches. Separate output enabling gates are provided for each latch, allowing direct wiring to a bus. When the clock is high, outputs will follow the D inputs. Information is latched on the negative-going transition of the clock.
MC10168
PD = 310 mW typ/pkg (No Load) tpd = G to Q = 2 ns typ D to Q = 3 ns typ C to Q = 4 ns typ tr, tf = 2.0 ns typ (20%-80%)
P SUFFIX PLASTIC PACKAGE CASE 648-08
LOGIC DIAGRAM
D0
3
PIN ASSIGNMENT
Q0 G0 G1 5 4 Q1 2 6 Q0 Q1 VCC1 Q0 D0 G1 D1 7 G0 Q1 D1 VEE Q2 G2 12 G3 10 Q3 11 Q2 15 Q3 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC2 Q3 D3 CC G2 Q2 G3 D2
CC 13 D2 9
D3 14 VCC1 = PIN 1 VCC2 = PIN 16 VEE = PIN 8
TRUTH TABLE
G H L L L C X L H H D X X L H Qn+1 L Qn L H
9/96
(c) Motorola, Inc. 1996
3-99
REV 6
MC10168
ELECTRICAL CHARACTERISTICS
Test Limits Pin Pi Under Test 8 3,7,9,14 4,5,10,12 13 * 2 6 2 6 2 6 2 6 0.5 -1.060 -1.060 -1.890 -1.890 -1.080 -1.080 -1.655 -1.655 -0.890 -0.890 -1.675 -1.675 -30C Min Max 82 390 425 460 0.5 -0.960 -0.960 -1.850 -1.850 -0.980 -0.980 -1.630 -1.630 -0.810 -0.810 -1.650 -1.650 Min +25C Typ 60 Max 75 245 265 290 0.3 -0.890 -0.890 -1.825 -1.825 -0.910 -0.910 -1.595 -1.595 -0.700 -0.700 -1.615 -1.615 Min +85C Max 82 245 265 290 Unit mAdc Adc
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH
IinL Output Voltage Output Voltage Threshold Voltage Threshold Voltage Switching Times Propagation Delay Logic 1 Logic 0 Logic 1 Logic 0 (50 Load) Data Gate Clock t3+2+ t5-2+ t13+2+ t3+13+ t13+3+ (20 to 80%) t2+ VOH VOL VOHA VOLA
Adc Vdc Vdc Vdc Vdc ns
2 2 2 2 2 2
1.0 1.0 1.0 2.5 1.0 1.0
5.6 3.2 5.8
1.0 1.0 1.0 2.5 1.0
3.0 2.0 4.0
5.4 3.1 5.6
1.1 1.0 1.2 2.5 1.0
5.9 3.4 6.2
Setup Time Hold Time Rise Time
3.6 3.6
1.1 1.1
2.0 2.0
3.5 3.5
1.1 1.1
3.8 3.8
Fall Time (20 to 80%) t2- 2 1.0 * Individually test each input applying VIH or VIL to input under test.
MOTOROLA
3-100
MECL Data DL122 -- Rev 6
MC10168
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts) @ Test Temperature -30C +25C +85C Pin Under Test 8 3,7,9,14 4,5,10,12 13 * 2 6 2 6 2 6 2 6 3, 13 7, 13 3, 5 4, 7 13 13 13 13 +1.11V t3+2+ t5-2+ t13+2+ t3+13+ t13+3+ (20 to 80%) t2+ 2 2 2 2 2 2 3 3 2 2 Pulse In 3 5 13 3 7 3 7 Pulse Out 2 2 2 * * 13 * VIHmax -0.890 -0.810 -0.700 VILmin -1.890 -1.850 -1.825 VIHAmin -1.205 -1.105 -1.035 VILAmax -1.500 -1.475 -1.440 VEE -5.2 -5.2 -5.2 (VCC) Gnd 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 +2.0 V 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16
TEST VOLTAGE APPLIED TO PINS LISTED BELOW VIHmax VILmin VIHAmin VILAmax VEE 8 8 8 8 8 8 8 8 8 8 8 8 8 -3.2 V 8 8 8 8 8 8 8
Characteristic Power Supply Drain Current Input Current
Symbol IE IinH
IinL Output Voltage Output Voltage Threshold Voltage Threshold Voltage Switching Times Propagation Delay Logic 1 Logic 0 Logic 1 Logic 0 (50 Load) Data Gate Clock VOH VOL VOHA VOLA
Setup Time Hold Time Rise Time
Fall Time (20 to 80%) t2- 2 * Individually test each input applying VIH or VIL to input under test.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 50-ohm resistor to -2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner.
MECL Data DL122 -- Rev 6
3-101
MOTOROLA
MC10168
OUTLINE DIMENSIONS
P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
9
-A-
16
B
1 8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 3-102
*MC10168/D*
MC10168/D MECL Data DL122 -- Rev 6


▲Up To Search▲   

 
Price & Availability of MC10168P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X