|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
19-2421; Rev 1; 4/03 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches General Description The MAX4751/MAX4752/MAX4753 are low on-resistance, low-voltage, quad, single-pole/single-throw (SPST) analog switches that operate from a single +1.6V to +3.6V supply. These devices have fast switching speeds (tON = 30ns, tOFF = 25ns), handle Rail-to-Rail(R) analog signals, and consume less than 1W of quiescent power. The MAX4753 has break-before-make switching. When powered from a +3V supply, the MAX4751/ MAX4752/MAX4753 feature low 0.9 (max) on-resistance (RON), with 0.12 (max) RON matching and 0.1 (max) RON flatness. The digital input is 1.8V CMOS compatible when using a single +3V supply. The MAX4751 has four normally open (NO) switches, the MAX4752 has four normally closed (NC) switches, and the MAX4753 has two NO and two NC switches. The MAX4751/MAX4752/MAX4753 are available in 3mm 3mm, 16-pin QFN and 14-pin TSSOP packages. Features o Low RON 0.9 max (+3V Supply) 2.5 max (+1.8V Supply) o On-Resistance Flatness: 0.1 max (+3V) o RON Matching 0.12 max (+3V Supply) 0.25 max (+1.8V Supply) o +1.6V to +3.6V Single-Supply Operation o Available in 16-Pin QFN and 3mm 3mm Packages o 1.8V CMOS Logic Compatible (+3V Supply) o High Current-Handling Capacity (100mA Continuous) o Fast Switching: tON = 30ns, tOFF = 25ns MAX4751/MAX4752/MAX4753 Ordering Information PART TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 14 TSSOP 16 QFN (3mm 3mm) 14 TSSOP 16 QFN (3mm 3mm) 14 TSSOP 16 QFN (3mm 3mm) TOP MARK -- AAC -- AAD -- AAE Applications Power Routing Battery-Powered Systems Audio and Video Signal Routing Low-Voltage Data-Acquisition Systems Communications Circuits PCMCIA Cards Cellular Phones Modems Hard Drives MAX4751EUD MAX4751EGE MAX4752EUD MAX4752EGE MAX4753EUD MAX4753EGE Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd. Pin Configurations/Functional Diagrams/Truth Tables TOP VIEW MAX4751 14 V+ 13 IN1 12 IN4 11 NO4 10 COM4 9 COM3 8 NO3 NC1 1 COM1 2 NC2 3 COM2 4 IN2 5 IN3 6 GND 7 MAX4752 14 V+ 13 IN1 12 IN4 11 NC4 10 COM4 9 COM3 8 NC3 NO1 1 COM1 2 NC2 3 COM2 4 IN2 5 IN3 6 GND 7 MAX4753 14 V+ 13 IN1 12 IN4 11 NC4 10 COM4 9 COM3 8 NO3 NO1 1 COM1 2 NO2 3 COM2 4 IN2 5 IN3 6 GND 7 TSSOP INPUT LOW HIGH SWITCH STATE OFF ON INPUT LOW HIGH TSSOP SWITCH STATE ON OFF INPUT LOW HIGH TSSOP NO1, NO3 NC2, NC4 ON OFF ON OFF Pin Configurations/Functional Diagrams/Truth Tables continued at end of data sheet. ________________________________________________________________ Maxim Integrated Products 1 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com. 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches MAX4751/MAX4752/MAX4753 ABSOLUTE MAXIMUM RATINGS Voltages Referenced to GND V+, IN_ .....................................................................-0.3V to +4V COM_, NO_, NC_ (Note 1) ...........................-0.3V to (V+ + 0.3V) Continuous Current (COM_, NO_, NC_).........................100mA Peak Current COM_, NO_, NC_ (pulsed at 1ms 10% duty cycle).................................200mA Continuous Power Dissipation (TA = +70C) 14-Pin TSSOP (derate 9.1W/C above +70C) ............727mW 16-Pin QFN (derate 16.9W/C above +70C) ............1349mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C Note 1: Signals on COM_, NO_, or NC_ exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current rating. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS--Single +3V Supply (V+ = +2.7V to +3.6V, VIH_ = +1.4V, VIL _ = +0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +3.0V, TA = +25C.) (Notes 2, 3) PARAMETER ANALOG SWITCH Analog Signal Range VCOM_, VNO_, VNC_ RON V+ = 2.7V, ICOM_ = 100mA, VNO_ or VNC_ = 1.5V V+ = 2.7V, ICOM_ = 100mA, VNO_ or VNC_ = 1.5V +25C TMIN to TMAX +25C TMIN to TMAX 0.04 0.03 0 V+ V SYMBOL CONDITIONS TA MIN TYP MAX UNITS 0.6 0.9 1 0.12 0.15 0.1 0.12 On-Resistance (Note 4) On-Resistance Match Between Channels (Notes 4, 5) RON On-Resistance Flatness (Note 6) RFLAT(ON) V+ = 2.7V, +25C ICOM_ = 100mA, VNO_ or VNC_ = 1V, 1.5V, 2V TMIN to TMAX V+ = 3.6V, VCOM_ = 0.3V, 3.6V, VNO_ or VNC_ = 3.6V, 0.3V +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX -2.5 -5 -2.5 -5 -2.5 -5 NO_ or NC_ Off-Leakage Current (Note 7) INO_(OFF), INC_(OFF) 0.002 +2.5 nA +5 COM_ Off-Leakage Current (Note 7) V+ = 3.6V, VCOM_ = 0.3V, ICOM_(OFF) 3.6V, VNO_ or VNC_ = 3.6V, 0.3V V+ = 3.6V, VCOM_ = 0.3V, 3.6V, VNO_ or VNC_ = 0.3V, 3.6V, or floating 0.002 +2.5 nA +5 0.002 +2.5 nA +5 COM_ On-Leakage Current (Note 7) ICOM_(ON) 2 _______________________________________________________________________________________ 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches ELECTRICAL CHARACTERISTICS--Single +3V Supply (continued) (V+ = +2.7V to +3.6V, VIH_ = +1.4V, VIL _ = +0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +3.0V, TA = +25C.) (Notes 2, 3) PARAMETER SYMBOL CONDITIONS TA MIN TYP MAX UNITS MAX4751/MAX4752/MAX4753 SWITCH DYNAMIC CHARACTERISTICS Turn-On Time tON VNO_ or VNC_ = 1.5V, RL = 50, CL = 35pF, Figure 1 VNO_ or VNC_ = 1.5V, RL = 50, CL = 35pF, Figure 1 VNO_ and VNC_ = 1.5V, RL = 50, CL = 35pF, Figure 1 VGEN = 0, RGEN = 0, CL = 1.0nF, Figure 2 f = 1MHz, Figure 3 f = 1MHz, Figure 3 f = 1MHz, Figure 3 RL = 50, CL = 5pF, Figure 4 RL = 50, CL = 5pF, Figure 4 THD f = 10MHz f = 1MHz f = 10MHz f = 1MHz +25C TMIN to TMAX +25C TMIN to TMAX +25C TMIN to TMAX +25C +25C +25C +25C +25C +25C +25C +25C +25C 2 21 31 30 75 -51 dB -65 -70 dB -80 0.031 % pC pF pF pF 7 ns 10 6 30 ns 30 25 ns 25 Turn-Off Time tOFF Break-Before-Make (Note 8) (MAX4753 Only) Charge Injection NO_ or NC_ Off-Capacitance COM_ Off-Capacitance COM_ On-Capacitance Off-Isolation (Note 9) tBBM Q COFF CCOM_(OFF) CCOM_(ON) VISO Crosstalk Total Harmonic Distortion DIGITAL I/O Input Logic High Input Logic Low Input Leakage Current POWER SUPPLY Power-Supply Range Positive Supply Current f = 20Hz to 20kHz, VCOM_ = 2VP-P, RL = 32 VIH_ VIL_ IIN_ V+ I+ V+ = 3.6V, VIN_ = 0 or V+ VIN_ = 0 or V+ TMIN to TMAX TMIN to TMAX TMIN to TMAX 1.4 0.5 -1 +1.6 0.0005 +1 +3.6 1 V V A V A _______________________________________________________________________________________ 3 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches MAX4751/MAX4752/MAX4753 ELECTRICAL CHARACTERISTICS--Single +1.8V Supply (V+ = +1.8V, VIH = +1V, VIL = +0.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3) PARAMETER ANALOG SWITCH Analog Signal Range VCOM_, VNO_, VNC_ RON V+ = 1.8V, ICOM_ = 10mA, VNO_ or VNC_ = 0.9V V+ = 1.8V, ICOM_ = 10mA, VNO_ or VNC_ = 0.9V +25C TMIN to TMAX +25C TMIN to TMAX 0.05 0 1.4 V+ 2.5 3 0.25 0.25 V SYMBOL CONDITIONS TA MIN TYP MAX UNITS On-Resistance (Note 4) On-Resistance Match Between Channels (Notes 4, 5) RON SWITCH DYNAMIC CHARACTERISTICS Turn-On Time tON VNO_ or VNC_ = 1.0V, RL = 50, CL = 35pF, Figure 1 VNO_ or VNC_ = 1.0V, RL = 50, CL = 35pF, Figure 1 VGEN = 0, RGEN = 0, CL = 1.0nF, Figure 2 +25C TMIN to TMAX +25C TMIN to TMAX +25C 8 20 25 35 ns 35 25 ns 30 pC Turn-Off Time tOFF Charge Injection DIGITAL I/O Input Logic High Input Logic Low Input Leakage Current POWER SUPPLY Power-Supply Range Positive Supply Current Q VIH_ VIL _ IIN_ V+ I+ VIN_ = 0 or V+ VIN_ = 0 or V+ TMIN to TMAX TMIN to TMAX TMIN to TMAX 1.0 0.4 -1 +1.6 0.0005 +1 +3.6 1 V V A V A Note 2: Note 3: Note 4: Note 5: Note 6: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column. Parts are tested at +85C and guaranteed by design and correlation over the full temperature range. RON and RON matching specifications for QFN-packaged parts are guaranteed by design. RON = RON(MAX) - RON(MIN) Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal ranges. Note 7: Leakage parameters are 100% tested at the maximum-rated hot operating temperature and guaranteed by correlation at TA = +25C. Note 8: Guaranteed by design, not production tested. Note 9: Off-Isolation = 20log10[VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch. 4 _______________________________________________________________________________________ 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches Typical Operating Characteristics (V+ = +3V and TA = +25C, unless otherwise noted.) ON-RESISTANCE vs. VCOM AND TEMPERATURE MAX4751 toc01 MAX4751 toc02 MAX4751/MAX4752/MAX4753 ON-RESISTANCE vs. VCOM 1.4 V+ = 1.8V 1.2 V+ = 2.0V 1.0 V+ = 2.5V RON () 0.8 0.6 0.4 V+ = 3.6V 0.2 0 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 VCOM (V) V+ = 3.3V V+ = 2.7V V+ = 3.0V RON () 0.8 0.7 0.6 TURN-ON/TURN-OFF TIME vs. SUPPLY VOLTAGE 18 16 14 TIME (ns) MAX4751 MAX4751 toc03 20 TA = +85C 0.5 0.4 0.3 0.2 0.1 0 0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0 VCOM (V) TA = -40C TA = +25C 12 10 8 6 4 2 0 1.6 2.0 2.4 tOFF tON 2.8 3.2 3.6 SUPPLY VOLTAGE (V) TURN-ON/TURN-OFF TIME vs. TEMPERATURE tON 8 MAX4751 toc04 LEAKAGE CURRENT vs. TEMPERATURE MAX4751 toc05 CHARGE INJECTION vs. VCOM MAX4751 toc06 10 1000 60 50 40 Q (pC) 30 20 10 V+ = 3V ON 100 OFF TIME (ns) 4 10 2 V+ = +3.0V 0 -40 -15 10 35 60 85 TEMPERATURE (C) 1 -40 V+ = 3.0V -15 10 35 60 85 ICOM (pA) 6 tOFF V+ = 1.8V 0 0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0 VCOM (V) TEMPERATURE (C) FREQUENCY RESPONSE 0 -10 -20 RESPONSE (dB) -30 -40 -50 -60 -70 -80 -90 -100 0.01 0.1 1 10 100 1000 FREQUENCY (MHz) CROSSTALK OFF-ISOLATION MAX4751 toc07 LOGIC THRESHOLD vs. SUPPLY VOLTAGE MAX4751 toc08 10 ON-RESPONSE 1.1 1.0 LOGIC THRESHOLD (V) 0.9 0.8 FALLING 0.7 0.6 0.5 RISING 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 V+ (V) _______________________________________________________________________________________ 5 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches MAX4751/MAX4752/MAX4753 Typical Operating Characteristics (continued) (V+ = +3V and TA = +25C, unless otherwise noted.) TOTAL HARMONIC DISTORTION vs. FREQUENCY 0.034 0.032 0.030 THD (%) 0.028 0.026 0.1 0.024 0.022 0.020 1 10 100 1k 10k 100k FREQUENCY (Hz) 0.01 0.001 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 V+ (V) I+ (nA) V+ = 3.0V MAX4751 toc09 SUPPLY CURRENT vs. SUPPLY VOLTAGE AND TEMPERATURE MAX4751 toc10 1000 100 10 TA = +25C 1 TA = -40C TA = +85C Pin Description PIN MAX4751 TSSOP 1, 3, 8, 11 -- -- -- 2, 4, 9, 10 7 13, 5, 6, 12 14 -- QFN 15, 1, 7, 11 -- -- -- 16, 2, 8, 9 6 13, 4, 5, 12 14 3, 10 MAX4752 TSSOP -- 1, 3, 8, 11 -- -- 2, 4, 9, 10 7 13, 5, 6, 12 14 -- QFN -- 15, 1, 7, 11 -- -- 16, 2, 8, 9 6 13, 4, 5, 12 14 3, 10 MAX4753 TSSOP -- -- 3, 11 1, 8 2, 4, 9, 10 7 13, 5, 6, 12 14 -- QFN -- -- 1, 11 15, 7 16, 2, 8, 9 6 13, 4, 5, 12 14 3, 10 NO1, NO2, NO3, NO4 NC1, NC2, NC3, NC4 NC2, NC4 NO1, NO3 COM1, COM2, COM3, COM4 GND IN1, IN2, IN3, IN4 V+ N.C. Switch Normally Open Terminals Switch Normally Closed Terminals Switch Normally Closed Terminals Switch Normally Open Terminals Switch Common Terminals Ground Logic Control Inputs Positive Supply Voltage No Connection. Not internally connected. NAME FUNCTION 6 _______________________________________________________________________________________ 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches Test Circuits/Timing Diagrams V+ V+ VIH + 0.5V IN_ 0 VCOM_ VCOM_ GND 50 35pF 0 tON tOFF VNO_ 90% 90% 50% 50% tR < 5ns tF < 5ns MAX4751/MAX4752/MAX4753 NO_ VNO_ MAX4751 IN_ COM_ V+ V+ VIH + 0.5V IN_ 0 VCOM_ 50 35pF VNO_ or VNC_ 90% VCOM_ 0 tBBM tBBM = tON(NO_) - tOFF(NC_) OR tBBM = tON(NC_) - tOFF(NO_) tBBM 90% VNC_ NC_ NO_ VNO_ MAX4753 IN_ GND COM_ Figure1. Switching Times _______________________________________________________________________________________ 7 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches MAX4751/MAX4752/MAX4753 Test Circuits/Timing Diagrams (continued) V+ RGEN V+ VGEN NO_ OR NC_ VIN V+ V+ NO_ OR NC_ IN_ MAX4751 MAX4752 MAX4753 COM_ GND VOUT CL 1000pF AS REQUIRED MAX4751 MAX4752 IN_ MAX4753 COM_ GND 1MHz CAPACITANCE ANALYZER V+ VIN 0 MAX4752 MAX4751 Figure 3. NO_, NC_, and COM_ Capacitance VOUT VOUT VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF. Q = VOUT x CL Figure 2. Charge Injection V+ 0.1F NETWORK ANALYZER 50 50 V+ NO_ OR NC_ VIN * VOUT V+ IN_ MAX4751 MAX4752 MAX4753 COM_ GND MEAS REF 50 50 MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS. OFF-ISOLATION IS MEASURED BETWEEN COM AND "OFF" TERMINAL ON EACH SWITCH. ON-LOSS IS MEASURED BETWEEN COM AND "ON" TERMINAL ON EACH SWITCH. SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED. OFF-ISOLATION = 20log ON-LOSS = 20log VOUT VIN VOUT VIN *ADD 50 TERMINATION FOR OFF-ISOLATION Figure 4. Off-Isolation, On-Loss, and Crosstalk 8 _______________________________________________________________________________________ 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches Detailed Description The MAX4751/MAX4752/MAX4753 are low 0.9 max (at V+ = 3V) on-resistance, low-voltage quad analog switches that operate from a +1.6V to +3.6V single supply. CMOS construction allows switching analog signals that are within the supply voltage range (GND to V+). When powered from a +3V supply, the 0.9 (max) RON allows high continuous currents to be switched in a variety of applications. POSITIVE SUPPLY D1 V+ MAX4751/MAX4752/MAX4753 MAX4751 MAX4752 MAX4753 COM Vg NO Applications Information Proper power-supply sequencing is recommended for all CMOS devices. Do not exceed the absolute maximum ratings because stresses beyond the listed ratings can cause permanent damage to the devices. Always sequence V+ on first, followed by NO_, NC_, or COM_. If power-supply sequencing is not possible, add two small-signal diodes (D1, D2) in series with the supply pins for overvoltage protection (Figure 5). Adding these diodes reduces the analog signal by one diode drop below V+ and one diode drop above GND, but does not affect the low switch resistance and low leakage characteristics of the device. Device operation is unchanged, and the difference between V+ and GND should not exceed 4V. Power-supply bypassing is needed to improve noise margin and to prevent switching noise propagation from the V+ supply to other components. A 0.1F capacitor, connected from V+ to GND, is adequate for most applications. GND D2 Figure 5. Overvoltage Protection Using Two External Blocking Diodes resistance (see the Typical Operating Characteristics). The switches are bidirectional, so the NO_, NC_, and COM_ pins can be used as either inputs or outputs. Layout High-speed switches require proper layout and design procedures for optimum performance. Reduce stray inductance and capacitance by keeping traces short and wide. Ensure that bypass capacitors are as close to the device as possible. Use large ground planes where possible. Logic Inputs The MAX4751/MAX4752/MAX4753 logic inputs can be driven up to +3.6V regardless of the supply voltage. For example, with a +1.8V supply, IN_ may be driven low to GND and high to +3.6V. Driving IN_ rail-to-rail minimizes power consumption. Chip Information TRANSISTOR COUNT: 228 PROCESS: CMOS Analog Signal Levels Analog signals that range over the entire supply voltage (V+ to GND) can be passed with very little change in on- _______________________________________________________________________________________ 9 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches MAX4751/MAX4752/MAX4753 Pin Configurations/Functional Diagrams/Truth Tables (continued) COM1 COM1 COM1 NO1 NC1 NO1 TOP VIEW IN1 IN1 16 15 14 13 16 15 14 13 16 15 14 NO2 COM2 N.C. IN2 1 2 3 4 12 11 IN4 NO4 N.C. COM4 NC2 COM2 N.C. IN2 1 2 3 4 12 11 IN4 NC4 N.C. COM4 NC2 COM2 N.C. IN2 1 2 3 4 13 IN1 V+ V+ V+ 12 11 IN4 NC4 N.C. COM4 MAX4751 10 9 MAX4752 10 9 MAX4753 10 9 7 8 7 8 7 NO3 5 6 5 6 5 IN3 IN3 NO3 GND GND NC3 IN3 COM3 COM3 GND 6 QFN MAX4751 INPUT LOW HIGH SWITCH STATE OFF ON INPUT LOW HIGH QFN MAX4752 SWITCH STATE ON OFF INPUT LOW HIGH QFN MAX4753 SWITCHES 1, 8 OFF ON SWITCHES 2, 4 ON OFF 10 ______________________________________________________________________________________ COM3 8 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches Package Information (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) TSSOP4.40mm.EPS MAX4751/MAX4752/MAX4753 ______________________________________________________________________________________ 11 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches MAX4751/MAX4752/MAX4753 Package Information (continued) (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) D2 b 0.10 M C A B D D/2 D2/2 E/2 E2/2 C L -A- E (NE - 1) X e E2 L -B- e k (ND - 1) X e C L C L 0.10 C 0.08 C C L A A2 A1 L L e e PROPRIETARY INFORMATION TITLE: PACKAGE OUTLINE 12 & 16L, QFN THIN, 3x3x0.8 mm DOCUMENT CONTROL NO. REV. APPROVAL 21-0136 1 2 C 12 ______________________________________________________________________________________ 12x16L QFN THIN.EPS 0.9, Low-Voltage, Single-Supply Quad SPST Analog Switches Package Information (continued) (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) MAX4751/MAX4752/MAX4753 EXPOSED PAD VARIATIONS NOTES: 1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994. 2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES. 3. N IS THE TOTAL NUMBER OF TERMINALS. 4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE. 5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.20 mm AND 0.25 mm FROM TERMINAL TIP. 6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY. 7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION. 8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS. 9. DRAWING CONFORMS TO JEDEC MO220 REVISION C. PROPRIETARY INFORMATION TITLE: PACKAGE OUTLINE 12 & 16L, QFN THIN, 3x3x0.8 mm DOCUMENT CONTROL NO. REV. APPROVAL 21-0136 2 2 C Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13 (c) 2002 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. |
Price & Availability of MAX4751 |