Part Number Hot Search : 
SMCJ120A MHW8267A MC3488A MC1H1R 0MTXB RLZ18 29PT5431 62504F
Product Description
Full Text Search
 

To Download MAX4664 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1504; Rev 0; 7/99
5, Quad, SPST, CMOS Analog Switches
General Description
The MAX4664/MAX4665/MAX4666 quad analog switches feature 5 max on-resistance. On-resistance is matched between switches to 0.5 max and is flat (0.5 max) over the specified signal range. Each switch can handle Rail-to-Rail(R) analog signals. The off-leakage current is only 5nA max at +85C. These analog switches are ideal in low-distortion applications and are the preferred solution over mechanical relays in automatic test equipment or in applications where current switching is required. They have low power requirements, require less board space, and are more reliable than mechanical relays. The MAX4664 has four normally closed (NC) switches, the MAX4665 has four normally open (NO) switches, and the MAX4666 has two NC and two NO switches that guarantee break-before-make switching times. These switches operate from a single +4.5V to +36V supply or from dual 4.5V to 20V supplies. All digital inputs have +0.8V and +2.4V logic thresholds, ensuring TTL/CMOS-logic compatibility when using 15V supplies or a single +12V supply. o Low On-Resistance (5 max) o Guaranteed RON Match Between Channels (0.5 max) o Guaranteed RON Flatness over Specified Signal Range (0.5 max) o Guaranteed Break-Before-Make (MAX4666) o Rail-to-Rail Signal Handling o Guaranteed ESD Protection > 2kV per Method 3015.7 o +4.5V to +36V Single-Supply Operation 4.5V to 20V Dual-Supply Operation o TTL/CMOS-Compatible Control Inputs
Features
MAX4664/MAX4665/MAX4666
Ordering Information
PART MAX4664CSE MAX4664CPE MAX4664ESE MAX4664EPE TEMP. RANGE 0C to +70C 0C to +70C -40C to +85C -40C to +85C PIN-PACKAGE 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP
Applications
Reed Relay Replacement Test Equipment Communication Systems PBX, PABX Systems Audio-Signal Routing Avionics
Ordering Information continued at end of data sheet.
Pin Configurations/Functional Diagrams/Truth Tables
TOP VIEW IN1 COM1 NC1 VGND NC4 COM4 IN4 1 2 3 4 5 6 7 8 16 15 14 13 IN2 COM2 NC2 V+ VL NC3 COM3 IN3 IN1 COM1 NO1 VGND NO4 COM4 IN4 1 2 3 4 5 6 7 8 16 15 14 13 IN2 COM2 NO2 V+ VL NO3 COM3 IN3 IN1 COM1 NO1 VGND NO4 COM4 IN4 1 2 3 4 5 6 7 8 16 15 14 13 IN2 COM2 NC2 V+ VL NC3 COM3 IN3
MAX4664
12 11 10 9
MAX4665
12 11 10 9
MAX4666
12 11 10 9
SO/DIP
MAX4664 LOGIC SWITCH 0 1 ON OFF
SO/DIP
MAX4665 LOGIC SWITCH 0 1 OFF ON LOGIC 0 1
SO/DIP
MAX4666 SWITCHES 1, 4 OFF ON SWITCHES 2, 3 ON OFF
SWITCHES SHOWN FOR LOGIC "0" INPUT
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
________________________________________________________________ Maxim Integrated Products 1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
5, Quad, SPST, CMOS Analog Switches MAX4664/MAX4665/MAX4666
ABSOLUTE MAXIMUM RATINGS
V+ to GND ..............................................................-0.3V to +44V V- to GND ..............................................................+0.3V to -44V V+ to V-...................................................................-0.3V to +44V VL to GND ........................................(GND - 0.3V) to (V+ + 0.3V) All Other Pins to DGND (Note 1) ......... (V- - 0.3V) to (V+ + 0.3V) Continuous Current (COM_, NO_, NC_) ........................100mA Peak Current (COM_, NO_, NC_) (pulsed at 1ms, 10% duty cycle)............................... 300mA Continuous Power Dissipation (TA = +70C) Narrow SO (derate 8.70mW/C above +70C) ...............696mW Plastic DIP (derate 10.53mW/C above +70C)..............842mW Operating Temperature Ranges MAX466_C_E ......................................................0C to +70C MAX466_E_E ....................................................-40C to +85C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec) .............................+300C
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--Dual Supplies
(V+ = +15V, V- = -15V, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER ANALOG SWITCH Input Voltage Range (Note 3) COM_ to NO_ or NC_ On-Resistance COM_ to NO_ or NC_ On-Resistance Match Between Channels (Notes 3, 4) COM_ to NO_ or NC_ On-Resistance Flatness (Notes 3, 5) Off-Leakage Current (NO_ or NC_) (Note 6) COM_ Off-Leakage Current (Note 6) COM_ On-Leakage Current (Note 6) LOGIC INPUT Input Current with Input Voltage High Input Current with Input Voltage Low Logic Input Voltage High Logic Input Voltage Low IIN_H IIN_L VIN_H VIN_L IN_ = 2.4V, all others = 0.8V IN_ = 0.8V, all others = 2.4V -0.500 -0.500 2.4 0.8 0.001 0.001 0.500 0.500 A A V V VCOM_, VNO_, VNC_ RON ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA, VNO_ or VNC_= 10V ICOM_ = 10mA; VNO_ or VNC_ = -5V, 0, 5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX -0.5 -5 -0.5 -5 -1 -10 0.02 0.01 0.01 0.2 0.2 V3 V+ 4 5 0.5 0.7 0.5 0.6 0.5 5 0.5 5 1 nA TA = TMIN to TMAX 10 nA nA V SYMBOL CONDITIONS MIN TYP MAX UNITS
RON
RFLAT(ON)
INO_, INC_ ICOM_(OFF)
TA = +25C VCOM_ = 10V, - VNO_ or VNC_ = +10V TA = TMIN to TMAX TA = +25C VCOM_ = 10V, - VNO_ or VNC_ = +10V TA = TMIN to TMAX VCOM_ = 10V, VNO_ or VNC_= 10V or floating TA = +25C
ICOM_(ON)
2
_______________________________________________________________________________________
5, Quad, SPST, CMOS Analog Switches
ELECTRICAL CHARACTERISTICS--Dual Supplies (continued)
(V+ = +15V, V- = -15V, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER POWER SUPPLY Power-Supply Range Positive Supply Current Negative Supply Current Logic Supply Current Ground Current I+ IIL IGND VIN = 0 or 5V VIN = 0 or 5V VIN = 0 or 5V VIN = 0 or 5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 5 30 300 -62 -60 34 34 150 90 SYMBOL CONDITIONS MIN 4.5 -0.5 -5 -0.5 -5 -0.5 -5 -0.5 -5 130 0.001 0.001 0.001 0.001 TYP MAX 20.0 0.5 5 0.5 5 0.5 5 0.5 5 275 400 175 300 UNITS V A A A A
MAX4664/MAX4665/MAX4666
SWITCH DYNAMIC CHARACTERISTICS Turn-On Time Turn-Off Time Break-Before-Make Time Delay (MAX4666) Charge Injection Off-Isolation (Note 7) Crosstalk (Note 8) NC or NO Capacitance COM Off-Capacitance On-Capacitance Q VISO VCT COFF CCOM CCOM tON tOFF Figure 2, VCOM_ = 10V Figure 2, VCOM_ = 10V VCOM = 10V CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 3 RL = 50, CL = 5pF, f = 1MHz, Figure 4 RL = 50, CL = 5pF, f = 1MHz, Figure 5 f = 1MHz, Figure 6 f = 1MHz, Figure 6 f = 1MHz, Figure 7 ns ns ns pC dB dB pF pF pF
_______________________________________________________________________________________
3
5, Quad, SPST, CMOS Analog Switches MAX4664/MAX4665/MAX4666
ELECTRICAL CHARACTERISTICS--Single Supply
(V+ = +12V, V- = 0, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER ANALOG SWITCH Input Voltage Range (Note 3) COM_ to NO_ or NC_ On-Resistance COM_ to NO_ or NC_ On-Resistance Match Between Channels (Notes 3, 4) COM_ to NO_ or NC_ On-Resistance Flatness (Notes 3, 5) Off-Leakage Current (NO_ or NC_) (Notes 6, 9) COM_ Off-Leakage Current (Notes 6, 9) COM_ On-Leakage Current (Notes 6, 9) LOGIC INPUT Input Current with Input Voltage High Input Current with Input Voltage Low Logic Input Voltage High Logic Input Voltage Low POWER SUPPLY Power-Supply Range Positive Supply Current Logic Supply Current Ground Current I+ IL IGND VIN = 0 or 5V VIN = 0 or 5V VIN = 0 or 5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX IIN_H IIN_L VIN_H VIN_L 4.5 -0.5 -5 -0.5 -5 -0.5 -5 0.001 0.001 0.001 IN_ = 2.4V, all others = 0.8V IN_ = 0.8V, all others = 2.4V -0.5 -0.5 2.4 0.8 36.0 0.5 5 0.5 5 0.5 5 0.001 0.001 0.5 0.5 A A V V V A A A VCOM_, VNO_, VNC_ RON ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA; VNO_ or VNC_ = 3V, 6V, 9V VCOM_ = 1V, 10V; VNO_ or VNC_ = 10V, 1V VCOM_ = 1V, 10V; VNO_ or VNC_ = 10V VCOM_ = 1V, 10V; VNO_ or VNC_ = 1V, 10V or floating TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX -0.5 -5 -0.5 -5 -1 -10 0.02 0.01 0.01 0.25 0.05 0 5.5 V+ 8 10 0.5 0.7 1.1 1.2 0.5 nA 5 0.5 5 1 nA 10 nA V SYMBOL CONDITIONS MIN TYP MAX UNITS
RON
RFLAT(ON)
INO_, INC_
ICOM_(OFF)
ICOM_(ON)
4
_______________________________________________________________________________________
5, Quad, SPST, CMOS Analog Switches
ELECTRICAL CHARACTERISTICS--Single Supply (continued)
(V+ = +12V, V- = 0, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER SYMBOL CONDITIONS MIN TYP (Note 2) MAX UNITS
MAX4664/MAX4665/MAX4666
SWITCH DYNAMIC CHARACTERISTICS Turn-On Time (Note 3) tON Figure 2, VCOM_ = 10V Figure 2, VCOM_ = 10V VCOM = 10V Q VCT COFF CCOM CCOM CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 3 RL = 50, CL = 5pF, f = 1MHz, Figure 5 f = 1MHz, Figure 6 f = 1MHz, Figure 6 f = 1MHz, Figure 7 TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 10 125 100 225 400 ns 500 250 ns 350 ns
Turn-Off Time (Note 3)
tOFF
Break-Before-Make Time Delay (MAX4666) Charge Injection Crosstalk (Note 8) NC_ or NO_ Capacitance COM_Off-Capacitance On-Capacitance
25 -60 52 52 100
pC dB pF pF pF
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet. Note 3: Guaranteed by design. Note 4: RON = RON(MAX) - RON(MIN). Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal range. Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25C. Note 7: Off-isolation = 20log10 [VCOM_ / (VNC_ or VNO_)], VCOM_ = output, VNC_ or VNO_ = input to off switch. Note 8: Between any two switches. Note 9: Leakage testing at single supply is guaranteed by testing with dual supplies.
_______________________________________________________________________________________
5
5, Quad, SPST, CMOS Analog Switches MAX4664/MAX4665/MAX4666
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM (DUAL SUPPLIES)
MAX4664/5/6-01
ON-RESISTANCE vs. VCOM AND TEMPERATURE (DUAL SUPPLIES)
V+ , V- = 15V ICOM = 10mA TA = +85C
MAX4664/5/6-02
ON-RESISTANCE vs. VCOM (SINGLE SUPPLY)
16 14 12 RON () 10 8 6 V+ = +12V V+ = +24V V+ = +36V V+ = +5V
MAX4664 TOC03
7.0 6.5 6.0 5.5 RON () 5.0 4.5 4.0 3.5 3.0 2.5 2.0 -20 -15 -10 -5 0 VCOM (V) 5 10 15 V+, V- = 15V V+, V- = 20V ICOM = 10mA V+, V- = 5V
5.0 4.5 4.0 RON () 3.5 3.0 2.5 2.0 1.5 -15 -10 -5 0 VCOM (V) 5 10 TA = +25C
18
TA = -40C
4 2 0 15 0 3 6
20
9 12 15 18 21 24 27 30 33 36 VCOM (V)
ON-RESISTANCE vs. VCOM AND TEMPERATURE (SINGLE SUPPLY)
MAX4664/5/6-04
ON/OFF-LEAKAGE CURRENT vs. TEMPERATURE
MAX4664/5/6-05
CHARGE INJECTION vs. VCOM
500 400 V+ = +15V V- = -15V
MAX4664 TOC06
8.0 7.5 7.0 6.5 V+ = +12V ICOM = 10mA TA = +85C
100k 10k 1k LEAKAGE (pA) 100 10 1 0.1 0.01 OFF-LEAKAGE ON-LEAKAGE V+ = +15V V- = -15V
600
RON ()
5.5 5.0 4.5 4.0 3.5 3.0 0 2 4 6
TA = +25C
Q (pC)
6.0
300 200 100 0 -100 -200 V+ = 12V V- = GND
TA = -40C
8
10
12
-40 -25 -10
5
20 35 50 65 80 95 100
-20
-15
-10
-5
0 VCOM (V)
5
10
15
20
VCOM (V)
TEMPERATURE (C)
ON/OFF TIMES vs. VCOM (DUAL SUPPLIES)
MAX4664 TOC07
ON/OFF TIMES vs. VCOM (SINGLE SUPPLY)
MAX4664 TOC08
ON/OFF TIMES vs. SUPPLY VOLTAGE (DUAL SUPPIES)
140 130 120 tON, tOFF (ns) 110 100 90 80 70 60 50 14 RL = 100 CL = 35pF VCOM = 10V 10 11 12 13 14 15 16 17 18 19 20 V+ = -V (V) tOFF tON
MAX4664 TOC09
180 160 140 tON, tOFF (ns) 120 100 80 60 40 20 0 -10 -8 -6 -4 -2 0 2 4 6 8 tOFF RL = 100 CL = 35pF V+ = +15V V- = -15V tON
300 250 200 tON, tOFF (ns) 150 tOFF 100 50 0 RL = 100 CL = 35pF V+ = +12V V- = GND 0 2 4 6 8 10 12 tON
150
10
VCOM (V)
VCOM (V)
6
_______________________________________________________________________________________
5, Quad, SPST, CMOS Analog Switches
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
MAX4664/MAX4665/MAX4666
ON/OFF TIMES vs. SUPPLY VOLTAGE (SINGLE SUPPLY)
MAX4664 TOC10
ON/OFF TIMES vs. TEMPERATURE (DUAL SUPPLIES)
MAX4664 TOC11
ON/OFF TIMES vs. TEMPERATURE (SINGLE SUPPLY)
350 300 tON, tOFF (ns) 250 200 150 100 50 0 tOFF RL = 100 CL = 35pF VCOM = 5V V+ = +12V V- = GND
MAX4664 TOC12
600 500 400 tON, tOFF (ns) RL = 100 CL = 35pF VCOM = 5V
160 140 120 tON, tOFF (ns) 100 80 60 40 20 0 RL = 100 CL = 35pF VCOM = 10V V+ = +15V V- = -15V -60 -40 -20 0 20 40 60 80 tOFF tON
400
tON
300 200 100 tOFF 0 0 5 10 15 20 V+ (V) 25 30 35 40
tON
100
-60
-40
-20
0
20
40
60
80
100
TEMPERATURE (C)
TEMPERATURE (C)
SUPPLY CURRENT vs. TEMPERATURE
V+ = +15V V- = -15V
MAX4664 TOC13
FREQUENCY RESPONSE
-10 -20 -30 LOSS (dB) -40 -50 -60 -70 -80 -90 CROSSTALK 0.01 0.1 1 FREQUENCY (MHz) V+ = +15V V- = -15V 50 IN AND OUT 10 100 OFF-ISOLATION ON-LOSS ON-PHASE
MAX4664 TOC14
10k 1k 100 I+, I- (pA) 10 1 0.1 0.01 -60 -40 -20 0 20 40 60 80
0
I+ I-
-100 100 TEMPERATURE (C)
_______________________________________________________________________________________
7
5, Quad, SPST, CMOS Analog Switches MAX4664/MAX4665/MAX4666
Pin Description
PIN NAME MAX4664 1, 16, 9, 8 2, 15, 10, 7 3,14, 11, 6 - - - 4 5 12 13 MAX4665 1, 16, 9, 8 2, 15, 10, 7 - 3,14, 11, 6 - - 4 5 12 13 MAX4666 1, 16, 9, 8 2, 15, 10, 7 - - 3, 6 14, 11 4 5 12 13 IN1, IN2, IN3, IN4 COM1, COM2, COM3, COM4 NC1, NC2, NC3, NC4 NO1, NO2, NO3, NO4 NO1, NO4 NC2, NC3 VGND VL V+ Logic-Control Digital Inputs Analog Switch, Common Terminals Analog Switch, Normally Closed Terminals Analog Switch, Normally Open Terminals Analog Switch, Normally Open Terminal Analog Switch, Normally Closed Terminal Negative Analog Supply-Voltage Input. Connect to GND for singlesupply operation. Ground Logic-Supply Input Positive Analog Supply Input FUNCTION
Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for all CMOS devices. Do not exceed the absolute maximum ratings, because stresses beyond the listed ratings can cause permanent damage to the devices. Always sequence V+ on first, then V-, followed by the logic inputs, NO, or COM. If power-supply sequencing is not possible, add two small signal diodes (D1, D2) in series with supply pins (Figure 1). Adding diodes reduces the analog signal range to one diode drop below V+ and one diode drop above V-, but does not affect the devices' low switch resistance and low leakage characteristics. Device operation is unchanged, and the difference between V+ and V- should not exceed 44V. These protection diodes are not recommended when using a single supply.
+15V D1 V+
MAX4664 MAX4665 MAX4666
*
COM_
*
NO_
*
*
VD2 -15V * INTERNAL PROTECTION DIODES
Off-Isolation at High Frequencies
In 50 systems, the high-frequency on-response of these parts extends from DC to above 100MHz, with a typical loss of -2dB. When the switch is turned off, however, it behaves like a capacitor, and off-isolation decreases with increasing frequency. (Above 300MHz,
Figure 1. Overvoltage Protection Using External Blocking Diodes
the switch actually passes more signal turned off than turned on.) This effect is more pronounced with higher source and load impedances.
8
_______________________________________________________________________________________
5, Quad, SPST, CMOS Analog Switches
Above 5MHz, circuit board layout becomes critical, and it becomes difficult to characterize the response of the switch independent of the circuit. The graphs shown in the Typical Operating Characteristics were taken using a 50 source and load connected with BNC connectors to a circuit board deemed "average," that is, designed with isolation in mind, but not using stripline or other special RF circuit techniques. For critical applications above 5MHz, use the MAX440, MAX441, and MAX442, which are fully characterized up to 160MHz.
MAX4664/MAX4665/MAX4666
+5V VL COM_
+15V V+ NO_ OR NC_ RL 100 V-15V SWITCH OUTPUT 0 t ON CL 35pF VO SWITCH OUTPUT VO LOGIC INPUT +3V 50% 0 t r < 20ns t f < 20ns
MAX4664 MAX4665 MAX4666
SWITCH V COM_ INPUT
t OFF
IN_ LOGIC INPUT GND 0
0.9V0
0.9V0
REPEAT TEST FOR EACH SWITCH. FOR LOAD CONDITIONS, SEE Electrical Characteristics. CL INCLUDES FIXTURE AND STRAY CAPACITANCE. RL VO = VCOM RL + RON
(
)
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES THAT HAVE THE OPPOSITE LOGIC SENSE.
Figure 2. Switching-Time Test Circuit
MAX4664 MAX4665 MAX4666
RGEN
+5V VL COM_
+15V V+ VO NC_ OR NO_ CL VO VIN
VO
V GEN GND IN_ V-
OFF
ON
OFF
-15V VIN = +3V
VIN
OFF
ON Q = (V O)(C L)
OFF
VIN DEPENDS ON SWITCH CONFIGURATION; INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
Figure 3. Charge-Injection Test Circuit
_______________________________________________________________________________________ 9
5, Quad, SPST, CMOS Analog Switches MAX4664/MAX4665/MAX4666
C SIGNAL GENERATOR 0dBm
+15V
+5V
MAX4664 MAX4665 MAX4666
SIGNAL GENERATOR 0dBm
C
+15V
+5V
MAX4664 MAX4665 MAX4666
N01 IN2 0 or 2.4V 50
V+ COM_
VL
V+ COM1
VL
IN_ ANALYZER RL -15V NC_ OR NO_ GND V-
0 or 2.4V
IN1 0 or 2.4V NO2 GND RL -15V
ANALYZER C
COM2 VC
N.C.
Figure 4. Off-Isolation Test Circuit
Figure 5. Crosstalk Test Circuit
C
+15V
+5V
MAX4664 MAX4665 MAX4666
C
+15V
+5V
MAX4664 MAX4665 MAX4666
V+ COM_
VL CAPACITANCE METER IN
V+ COM_
VL
CAPACITANCE METER NC_ OR NO_ f = 1MHz GND VC
0 or 2.4V
IN_ f = 1MHz NC_ OR NO_ GND VC
0 or 2.4V
-15V
-15V
Figure 6. Switch Off-Capacitance Test Circuit
Figure 7. Switch On-Capacitance Test Circuit
10
______________________________________________________________________________________
5, Quad, SPST, CMOS Analog Switches
Ordering Information (continued)
PART MAX4665CSE MAX4665CPE MAX4665ESE MAX4665EPE MAX4666CSE MAX4666CPE MAX4666ESE MAX4666EPE TEMP. RANGE 0C to +70C 0C to +70C -40C to +85C -40C to +85C 0C to +70C 0C to +70C -40C to +85C -40C to +85C PIN-PACKAGE 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP
Chip Information
TRANSISTOR COUNT: 108
MAX4664/MAX4665/MAX4666
Package Information
SOICN.EPS
______________________________________________________________________________________
11
5, Quad, SPST, CMOS Analog Switches MAX4664/MAX4665/MAX4666
Package Information (continued)
PDIPN.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX4664

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X