Part Number Hot Search : 
CM3503 7912ACT 100001 MAX19 STP85N VPC3205C STP85N RMPA0959
Product Description
Full Text Search
 

To Download MAX2232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1470; Rev 0; 4/99
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
General Description
The MAX2232/MAX2233 low-voltage, silicon RF power amplifiers (PAs) are designed for use in the 900MHz ISM band. They operate from a single +2.7V to +5.5V supply, allowing them to be powered directly from a 3cell NiCd or a 1-cell Lithium-Ion battery. The devices typically deliver 250mW (+24dBm) of output power at 915MHz from a single +3.6V supply, or 150mW (+22dBm) from a single +2.7V supply. At +24dBm output power, power-added efficiency (PAE) is 44%. The MAX2232/MAX2233 provide 24dB of gain, which is adjustable over a continuous 24dB span via the analog gain-control pin of the MAX2232 or in two 10dB steps via the 2-bit programmable gain-control DAC of the MAX2233. An external capacitor sets the RF output power envelope ramp time, reducing spurious emissions during power-up and power-down by providing a gradual change in output power (MAX2232). The MAX2232/MAX2233 feature a low-power shutdown mode, which typically draws less than 1A of supply current, saving power during "idle slots" in time-division multiple-access (TDMA) systems. The VSWR of the RF input in shutdown mode relative to normal operation is 1.2:1. The devices also feature a thermal shutdown function, enabling the PA to protect itself from excessive temperature conditions that could damage the IC. A capacitor to ground limits thermal cycling by setting a thermal shutdown timeout period. The MAX2232/MAX2233 are available in a space-saving, thermally enhanced 16-pin power-QSOP (PQSOP) package.
Features
o 800MHz to 1000MHz Frequency Range o 250mW (+24dBm) Output Power at 915MHz from +3.6V Supply o +2.7V to +5.5V Single-Supply Operation o 44% Power-Added Efficiency o 24dB Power Gain o 24dB Analog Gain-Control Range (MAX2232) o Three Levels of Digitally Programmed Power Gain in 10dB Steps (MAX2233) o Programmable RF Power Envelope Ramping (MAX2232) o Thermal Shutdown o Programmable Thermal Shutdown Timeout Period o 0.2A Low-Power Shutdown Mode o Low VWSR in Standby and Shutdown Modes
MAX2232/MAX2233
Ordering Information
PART MAX2232EEE MAX2233EEE TEMP. RANGE -40C to +85C -40C to +85C PIN-PACKAGE 16 PQSOP 16 PQSOP
Applications
900MHz ISM Band Digital Cordless Phones Wireless Data FM Analog Transmitters 868MHz European ISM Band
RFIN 1 GND 2 SHDN (D1) 3 CTRL (D0) 4 GND 5 GND 6 GND 7 RFOUT 8
Pin Configuration
TOP VIEW
16 VCC 15 GND 14 RAMP+ (N.C.)
MAX2232 MAX2233
13 RAMP- (N.C.) 12 VCC 11 VCC 10 TSET 9 N.C.
Functional Diagram appears at end of data sheet.
PQSOP
GROUND OF OUTPUT STAGE CONNECTED TO PACKAGE SLUG. ( ) ARE FOR MAX2233.
________________________________________________________________ Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control MAX2232/MAX2233
ABSOLUTE MAXIMUM RATINGS
VCC to GND ...........................................................-0.3V to +6.5V SHDN, CTRL, D0, D1 to GND ....................-0.3V to (VCC +0.3V) IRFIN ....................................................................................10mA RFIN Power (50 AC-coupled source). .........................+10dBm Output Load VSWR. ................................................................6:1 Continuous Power Dissipation (TA = +70C) 16-Pin PQSOP (derate 80mW/C above +70C) ................3W Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec) .............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, VCTRL = +2.2V, V SHDN = VD0 = VD1 = +2V, TA = -40C to +85C. No input signal applied, unless otherwise noted. Typical values are at VCC = +3.6V and TA = +25C.) PARAMETER Supply Voltage Range Shutdown Supply Current Standby Supply Current Logic Input High Logic Input Low CTRL Input for Standby Mode CTRL Input for Gain-Control Mode SYMBOL VCC ICC ICC VIH VIL VCTRL VCTRL IIH Logic Input Current IIL CTRL Input Current V SHDN = 0.6V, VD0 = VD1 = 0.6V VCTRL 0.4V (MAX2232) SHDN (MAX2232), D0, D1 (MAX2233) SHDN (MAX2232), D0, D1 (MAX2233) MAX2232 MAX2232 V SHDN = 2.0V (MAX2232), VD0 = VD1 = 2.0V (MAX2233) V SHDN = GND (MAX2232), VD0 = VD1 = GND (MAX2233) VCTRL = GND VCTRL = 2.2V 0.6 -1 -1 -1.5 10 A 1 1 1.5 A 2.0 0.6 0.4 VCC 4.8V 4.8V < VCC 5.5V CONDITIONS MIN 2.7 0.2 7.5 20.3 25 TYP MAX 5.5 10 UNITS V A mA V V V V
AC ELECTRICAL CHARACTERISTICS
(MAX2232/MAX2233 Evaluation Kit, V CC = +3.6V, V CTRL = +2.2V, SHDN = V CC (MAX2232), D0 = D1 = V CC (MAX2233), PRFIN = 0dBm, RFIN = 915MHz, TA = +25C, unless otherwise noted.) PARAMETER Frequency Range Power Gain SYMBOL IN GP VCC = 4.8V Output Power POUT VCC = 3.6V (Note 1) VCC = 3.0V VCC = 2.7V Output Power Variation Over Temperature Output Power, Medium-Power Mode 2 POUT POUT TA = TMIN to TMAX (Note 1) D0 = GND, D1 = VCC (MAX2233 only) 22.9 (Notes 1, 2) CONDITIONS MIN 902 23.9 25.4 23.9 22.5 21.6 1.9 15.8 3.2 dB dBm 24.9 dBm TYP MAX 928 UNITS MHz dB
_______________________________________________________________________________________
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2232/MAX2233 Evaluation Kit, V CC = +3.6V, V CTRL = +2.2V, SHDN = V CC (MAX2232), D0 = D1 = V CC (MAX2233), PRFIN = 0dBm, RFIN = 915MHz, TA = +25C, unless otherwise noted.) PARAMETER Output Power, Low-Power Mode Gain-Control Range (Note 3) Power-Added Efficiency Power-Added Efficiency at +21dBm Output Power Supply Current, Medium-Power Mode Supply Current, Low-Power Mode Input VSWR Input VSWR Change, Shutdown Mode (Notes 1, 4) Input VSWR Change, Standby Mode (Notes 1, 4) Off-Isolation Maximum Nonharmonic Spurious Output Due to Load Mismatch Maximum Output Load VSWR Without Damage (Note1) Harmonic Suppression Autoramping Rise Time Autoramping Fall Time Output Power Rise Time Thermal Shutdown Temperature Thermal Shutdown Timeout Period Note 1: Note 2: Note 3: Note 4: Note 5: TTH tTH SYMBOL POUT GP PAE PAE ICC ICC VSWR VSWR VSWR MAX2232 only SHDN = D0 = D1 = GND CTRL = GND (MAX2232 only) VCC = +2.7V to +5.5V, 6:1 VSWR at any phase angle, PRFIN = +5dBm Any load phase angle, PRFIN = +5dBm, TA = TMIN to TMAX (Note 5) CRAMP = 0.22F (Notes 1, 6) (MAX2232 only) CRAMP = 0.22F (Notes 1, 7) (MAX2232 only) RAMP+ = RAMP- = unconnected (Note 6) PRFIN = 0dBm, VCC = +3.6V CTSET = 0.22F (Note 8) 6:1 29 0.9 3.2 0.4 145 900 dBc ms ms s C ms CTRL adjusted to give PRFOUT = +21dBm (MAX2232 only) D0 = GND, D1 = VCC (MAX2233 only) D0 = VCC, D1 = GND (MAX2233 only) ZSOURCE = 50 (Note 1) CONDITIONS D0 = VCC, D1 = GND (MAX2233 only) 0.6V < VCTRL < 2.2V (MAX2232 only) MIN TYP 6.5 23.6 44 29 78.5 44.0 1.5:1 1.4:1 1.2:1 52 38 -60 dB MAX UNITS dBm dB % % mA mA
MAX2232/MAX2233
dBc
Guaranteed by design. Operation outside this range is possible, but not characterized. Gain is monotonic with VCTRL. Input VSWR relative to input impedance in operating mode. Harmonics measured on evaluation kit, which provides some harmonic attenuation in addition to the rejection provided by the IC. The combined suppression is specified. Note 6: Time measured from SHDN (MAX2232) low-to-high transition to when output power is within 1dB of final value. Includes effects of 1% tolerance capacitor. Note 7: Time measured from SHDN (MAX2232) high-to-low transition to when output power is -20dB of final value. Includes effects of 1% tolerance capacitors. Note 8: Time from die temperature dropping below Thermal Shutdown Temperature, TTH, to when the device turns itself back on.
_______________________________________________________________________________________
3
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control MAX2232/MAX2233
Typical Operating Characteristics
(MAX2232/MAX2233 Evaluation Kit, VCC = +3.6V, CTRL = VCC, SHDN = D0 = D1 = VCC, PRFIN = 0dBm, fRFIN = 915MHz, TA = +25C, unless otherwise noted.)
SHUTDOWN SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX2232/33 toc01
MAX2232 STANDBY SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX2232/33 toc02
OUTPUT POWER vs. SUPPLY VOLTAGE
27 OUTPUT POWER (dBm) 26 25 24 23 22 TA = +85C TA = -40C TA = +25C
MAX2232/33 toc03
100 SHUTDOWN SUPPLY CURRENT (A)
30 25 SUPPLY CURRENT (mA) 20 15 10 5
10 TA = +85C 1
VSHDN = VCC VCTRL = GND RFIN = UNCONNECTED TA = +25C
28
TA = +85C
0.1
TA = -40C
0.01
TA = -40C TA = +25C
21 20 2.5 3.0 3.5 4.0 4.5 5.0 5.5 2.5 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V) SUPPLY VOLTAGE (V)
0.001 2.5 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V)
0
POWER-ADDED EFFICIENCY vs. SUPPLY VOLTAGE
MAX2232/33 toc04
MAX2232 OUTPUT POWER vs. GAIN CONTROL VOLTAGE OUTPUT POWER vs. FREQUENCY
MAX2232/33 toc05
POWER-ADDED EFFICIENCY (%)
50 40 30 20 10 0 2.5 3.0 3.5 4.0 4.5
TA = -40C TA = +25C
30
25 OUTPUT POWER (dBm) 20 15 10 5
TA = -40C
25 OUTPUT POWER (dBm) MAX2233 (D0 = D1 = 1), AND MAX2232 20
TA = +25C TA = +85C
TA = +85C
15
MAX2233 (D0 = 0, D1 = 1)
10 MAX2233 (D0 = 1, D1 = 0) 5.0 5.5 SUPPLY VOLTAGE (V) 5 902 915 928 0 0.6 0.8 1.0 1.2 1.4 1.6 .1.8 2.0 2.2 2.4 VCTRL (V)
OUTPUT POWER AND POWER-ADDED EFFICIENCY vs. INPUT POWER
28 TA = -40C 23 TA = +25C OUTPUT POWER (dBm) TA = +85C PAE (%) VSWR 18 TA = -40C 55 1.6
MAX2232/33 toc07
MAX2232 RFIN PORT VSWR vs. FREQUENCY
SHUTDOWN MODE
MAX2232/33 toc08
MAX2232 OUTPUT POWER vs. SHUTDOWN CONTROL
MAX2232/33 toc10
POUT
85
2.0
70
1.8
STANDBY MODE
NORMAL OPERATION 1.4 LINEAR SCALE OUTPUT POWER
13 TA = +25C TA = +85C 3 -20 -15 -10 -5 0 5
PAE
40
8
25
1.2
10
10 15
1.0 902
915 FREQUENCY (MHz)
928 CRAMP = 0.22F
1ms/div
INPUT POWER (dBm)
4
_______________________________________________________________________________________
MAX2232/33 toc06
60
30
3V SHUTDOWN 0
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
Pin Description
PIN NAME MAX2232 1 2 3 MAX2233 1 2 -- RFIN GND SHDN RF Input Port. Requires external matching network and blocking capacitor. Input Stage Ground. Connect directly to low-inductance ground plane. If vias are used, separate them from other GND pin vias. Shutdown Control Input. Drive SHDN low to place the device in shutdown mode. Drive high for normal operation. Digital Gain/Shutdown Control Input. MSB of the 2-bit digital output power control. D0 and D1 set the output power to one of three discrete levels. To place the device in shutdown, drive D0 and D1 low (Table 2). Analog Gain-Control Input. Apply a voltage between 0.6V and 2.2V to vary the gain of the PA. Drive CTRL below 0.4V to place the device in standby mode. Drive CTRL above 2.2V to place the device in peak output power mode. Digital Gain/Shutdown Control Input. LSB of the 2-bit digital output power control. D0 and D1 set the output power to one of three discrete levels. To place the device in shutdown, drive D0 and D1 low (Table 2). Second Stage Ground. Connect directly to low-inductance ground plane. If vias are used, separate them from other GND pin vias. Output Stage Ground. Connect directly to low-inductance ground plane. If vias are used, separate them from other GND pin vias. Open-Collector, RF Output Port. Connect output matching network to this pin. No Connection. Do not make a connection to this pin. Thermal Shutdown Timeout Capacitor Terminal. Connect a capacitor from TSET to ground to limit thermal cycling. Second Stage Supply Voltage. Bypass with appropriate capacitors to GND. Input Stage Supply Voltage. Bypass with appropriate capacitors to GND. Negative Terminal of Output Power Ramp Capacitor. Connect capacitor, CRAMP, between RAMP+ and RAMP- to control the rise and fall time of the output power ramp. Positive Terminal of Output Power Ramp Capacitor. Connect capacitor, CRAMP, between RAMP+ and RAMP- to control the rise and fall time of the output power ramp. Bias Circuitry Ground. Connect directly to low-inductance ground plane. If vias are used, separate them from other GND pin vias. Bias Circuitry Supply Voltage. Bypass with appropriate capacitors to GND. Output Stage Ground. Provides additional thermal conduction, as well as a low-inductance path to ground. Connect directly to low-inductance ground plane. FUNCTION
MAX2232/MAX2233
--
3
D1
4
--
CTRL
--
4
D0
5, 6 7 8 9 10 11 12 13 14 15 16 SLUG
5, 6 7 8 9, 13, 14 10 11 12 -- -- 15 16 SLUG
GND GND RFOUT N.C. TSET VCC VCC RAMPRAMP+ GND VCC GND
_______________________________________________________________________________________
5
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control MAX2232/MAX2233
Detailed Description
The MAX2232/MAX2233 are nonlinear power amplifiers (PAs) intended for constant envelope applications (FM, FSK, GMSK). The devices operate over the 902MHz to 928MHz frequency range and provide typically 250mW of output power and 44% efficiency from a single +2.7V to +5.5V supply. Both devices typically provide 24dB of gain, which is adjustable over a continuous 24dB range through an analog voltage on CTRL of the MAX2232 or in two 10dB steps through the 2-bit programmable gain inputs (D0, D1) on the MAX2233. A low-power shutdown mode on both devices reduces supply current to 0.2A. All bias, gain control, and temperature-sensing circuitry is provided on-chip to save board space and reduce component count. The signal path includes a variable gain amplifier (VGA), an output driver, and an output power transistor. On-chip interstage matching networks are provided for optimal loading and power transfer. Internal bias circuitry responds to CTRL and SHDN of the MAX2232, or to the 2-bit gain/shutdown control DAC of the MAX2233, providing optimum biasing and efficiency as well as shutdown and ramp control functions. A unique temperature-sensing circuit protects the device from overheating by shutting down the PA until a safe temperature is resumed. The devices come in a 16-pin PQSOP package, which incorporates a slug on the bottom of the device to increase heat conduction and provide a low inductance path to ground. V CC for proper biasing, as well as a proper output matching network to ensure optimum output power. Connect the output matching network to RFOUT (pin 8). See the Typical Application Circuit for bias and matching components suitable for 900MHz operation. The ground of the output stage is connected to a metal slug on the bottom of the MAX2232/MAX2233's 16-pin PQSOP package. The metal slug increases heat conduction and provides a low-inductance path to ground. Solder the metal slug to the PC-board ground plane.
___________________________MAX2232
Analog Gain Control and Power Management
Shutdown Mode Drive the shutdown (SHDN) pin below 0.6V to place the MAX2232 in shutdown mode. The VGA, driver, and output transistor are off in shutdown mode and the supply current is typically reduced to 0.2A. When SHDN is above 2.0V, the device is enabled. Standby Mode Drive SHDN above 2.0V and CTRL below 0.4V to place the MAX2232 in standby mode. In standby mode, the VGA remains biased while the driver and output transistor are disabled. Supply current is typically 20mA in standby mode. This mode allows the device to maintain a good input VSWR while maintaining 38dB of isolation. This is useful to users who drive the PA with a direct modulated VCO, where pulling of the VCO results from changes in the input VSWR. Analog Gain Control The voltage applied to the gain-control (CTRL) pin varies the output power of the MAX2232 continuously over a 24dB range. An internal comparator holds the PA to a constant peak output power if VCTRL is above 2.2V. For VCTRL below 0.4V, the PA is in standby mode. CTRL presents a high input impedance, allowing the VCTRL voltage to be set with a resistor-divider or a voltage output DAC.
RF Input Stage (Variable Gain Amplifier)
The input stage includes a variable gain amplifier (VGA) with 24dB gain-control range. With the appropriate matching network, the input VSWR is nominally 1.5:1 during operation and the change in VSWR is only 1.2:1, relative to normal operation. This stage remains active during standby mode (MAX2232) to provide a constant input impedance but is off during shutdown mode (MAX2232/MAX2233). AC-couple this port with a DC-blocking capacitor.
RF Second Stage (Driver)
The driver provides gain to overcome interstage matching losses and to produce a signal large enough to drive the output power transistor into saturation. The driver stage is off during standby (MAX2232) and shutdown (MAX2232/MAX2233) modes.
Output Power Autoramping
The internal bias circuitry of the MAX2232 automatically ramps the output power of the PA down or up at a constant rate (in W/sec) when switched in or out of shutdown mode. The output power is ramped to the level set by VCTRL on the MAX2232. The output power rise and fall time ramp is set by placing a capacitor, CRAMP, between RAMP+ and RAMP-. This provides an easy means of avoiding spectral splatter and complying with transmit mask requirements, without using a separate controller. The output power rise and fall time is set by the value of CRAMP.
RF Output Stage (Output Power Transistor)
The output power transistor delivers +24dBm of output power from a single +3.6V supply. The transistor's open-collector output requires a pull-up inductor to
6
_______________________________________________________________________________________
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
___________________________MAX2233
Digital Gain Control and Power Management
The MAX2233 responds to logic-level signals at the device's 2-bit DAC inputs, D0 and D1, placing the device in shutdown mode or into one of three discrete output power levels. See Table 2 for operating modes and output power levels. Setting D0 and D1 to a logiclevel low places the device in shutdown mode and reduces supply current to 0.2A. The VGA, driver, and output stage are off in shutdown mode, while the input impedance is only slightly changed. Setting D0 and D1 to one of the other three modes adjusts the output power to one of three discrete levels in 10dB steps. the PA's die temperature drops below TTH, the device remains in thermal shutdown mode for the thermal shutdown timeout period, tTH. A single capacitor, CTSET, from TSET to ground sets tTH. The thermal shutdown timeout period helps to limit device thermal cycling that results if the source of the excessive temperature is not removed. tTH is set by the value of CTSET.
MAX2232/MAX2233
Applications Information
Proper attention to voltage supply bypassing is essential for high-frequency RF circuit stability. Bypass VCC with 0.1F, 10nF, and 100pF capacitors in parallel with each other to ground. Use separate vias to the ground plane for each of the bypass capacitors and minimize trace length to reduce inductance. Use separate vias to the ground plane for each ground pin. Use low-inductance ground connections. Decouple SHDN, CTRL, D0, and D1 with 0.1F capacitors to ground to minimize noise on the internal bias cell. Use a series resistor (typically 100) to further reduce coupling of high-frequency signals into the control pins.
Thermal Shutdown
The MAX2232/MAX2233 feature a thermal shutdown mode that helps to protect the device from damage when the die temperature becomes excessive. If the temperature of the die exceeds the thermal shutdown temperature, TTH, the VGA is forced into a low-gain mode and output power is reduced to a minimum. After
Table 1. MAX2232 Operating Modes
MODE Shutdown Standby Variable Gain Maximum Gain X = Don't care V SHDN < 0.6V > 2.0V > 2.0V > 2.0V VCTRL X 0.4V 0.6V VCTRL < 2.2V > 2.2V OUTPUT POWER (PRFIN = 0dBm, VCC = +3.6V) < -35dBm < -35dBm 0dBm to +24dBm +24 dBm
Table 2. MAX2233 Operating Modes Truth Table
MODE Shutdown Low Power Medium Power High Power D1 0 0 1 1 D0 0 1 0 1 OUTPUT POWER (PRFIN = 0dBm, VCC = +3.6V) < -35dBm +6.5dBm +15dBm +24dBm
Functional Diagrams
VCC GND 16 15 RAMP+ RAMPSHDN VCC CTRL VCC RFIN 14 13 3 11 4 12 1 VGA 2 GND DRIVER 5, 6 GND 7, SLUG GND 8 RFOUT BIAS VCC 16 GND 15
MAX2232
TEMP SENSOR 10 TSET D0 D1 VCC VCC RFIN 4 3 11 12 1 2-BIT DAC
BIAS
MAX2233
TEMP SENSOR 10 TSET
8
RFOUT
VGA 2 GND
DRIVER 5, 6 GND 7, SLUG GND
_______________________________________________________________________________________
7
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control MAX2232/MAX2233
Typical Application Circuit
0.22F RFIN 68pF 1 RFIN VCC 16 100pF 15nH 2 3 100pF 4 100pF 5 GND 10nF VCC 0.1F
MAX2232 MAX2233
GND
15 14 CRAMP 0.22F 13 12 100pF 10nF VCC 0.1F VCC 100pF 10nF 0.1F
SHDN (D1)
RAMP+ (N.C.)
CTRL (D0) GND
RAMP(N.C.) VCC
6
GND
VCC
11
7 0.22F RFOUT 3.6pF NOTES: ( ) APPLIES TO MAX2233. BACKSIDE SLUG MUST BE SOLDERED TO GROUNDPLANE. 2.55nH 8
GND
TSET
10 CTSET 0.22F 9
RFOUT 27nH 100pF
N.C.
VCC 10nF 0.1F
Package Information
PSSOPPS.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX2232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X