Part Number Hot Search : 
MAX17201 CS7107 UJA1065 RT8256 30NF20 IGT0550 16080 5ED430J
Product Description
Full Text Search
 

To Download M54HC76 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC76 M74HC76
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
.HI .LOWPOWERDI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .HI .WI .PI
GH SPEED fMAX = 65 MHz (TYP.) AT VCC = 5 V SSIPATION ICC = 2 A (MAX.) AT 25 C VE CAPABILITY 10 LSTTL LOADS CAL OUTPUT IMPEDANCE IOH = IOL = 4 mA (MIN.) ON DELAYS tPLH = tPHL GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 54/74LS76
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HC76F1R M74HC76M1R M74HC76B1R M74HC76C1R
DESCRIPTION The M54/74HC76 is a high speed CMOS DUAL J-K FLIP FLOP fabricated in silicon gate C 2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. Depending on with the logic level at the J and K inputs this device changes state on the negative going transition of the clock pulse. CLEAR and PRESET are independent of the clock and are accomplished by a logic low on the corresponding input. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTIONS (top view)
INPUT AND OUTPUT EQUIVALENT CIRCUIT
NC = No Internal Connection
October 1992
1/11
M54/M74HC76
TRUTH TABLE
INPUTS CLR L H L H H H H H
X: Don't Care
OUTPUTS K X X X L H L H X CK X X X Q L H H Qn L H Qn Qn Q H L H Qn H L Qn Qn
PR H L L H H H H H
J X X X L L H H X
FUNCTION CLEAR PRESET NO CHANGE
TOGGLE NO CHANGE
PIN DESCRIPTION
PIN No 1, 6 2, 7 3, 8 4, 9 10, 14 11, 15 16, 12 5 13 SYMBOL 1CK, 2CK 1PR, 2PR 1CLR, 2CLR 1J, 2J 1Q, 2Q 1Q, 2Q 1K, 2K GND V CC NAME AND FUNCTION Clock Input (HIGH to LOW edge triggered) Set Inputs (Active LOW) Asynchronous Reset Inputs (Active LOW) Data Inputs: Flip-Flop 1 and 2 Complement Flip-Flop Outputs True Flip-Flop Outputs Data Inputs: Flip-Flop 1 and 2 Ground (0V) Positive Supply Voltage
IEC LOGIC SYMBOL
LOGIC DIAGRAM (1/2 Package)
2/11
M54/M74HC76
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time VCC = 2 V VCC = 4.5 V VCC = 6 V Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V
o o
C C
ns
3/11
M54/M74HC76
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 V OH High Level Output Voltage 2.0 4.5 6.0 4.5 VOL Low Level Output Voltage 6.0 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = VCC or GND VI = VCC or GND 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 2 TA = 25 C 54HC and 74HC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 20
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 40 A A V V 1.5 3.15 4.2 0.5 1.35 1.8 V V Unit
VIH
High Level Input Voltage Low Level Input Voltage
V IL
4/11
M54/M74HC76
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 tREM Minimum Removal Time (CLR, PR) Input Capacitance Power Dissipation Capacitance 2.0 4.5 6.0 20 6 5 5 38 6.2 31 37 TA = 25 C 54HC and 74HC Min. Typ. Max. 30 8 7 60 15 13 76 18 16 21 63 67 18 6 6 22 6 6 25 7 6 75 15 13 75 15 13 75 15 13 0 0 0 75 15 13 10 75 15 13 125 25 21 140 28 24 5.0 25 30 95 19 16 95 19 16 95 19 16 0 0 0 95 19 16 10
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 95 19 16 155 31 26 175 35 30 4.2 21 25 110 22 19 110 22 19 110 22 19 0 0 0 110 22 19 10 pF pF ns ns ns ns MHz 110 22 19 190 38 32 210 42 36 ns ns ns Unit
tTLH tTHL tPLH tPHL tPLH tPHL fMAX
Output Transition Time Propagation Delay Time (CK - Q, Q) Propagation Delay Time (CLR, PR - Q, Q) Maximum Clock Frequency Minimum Pulse Width (CLOCK) Minimum Pulse Width (CLR, PR) Minimum Set-up Time Minimum Hold Time
tW(H) tW(L) tW(L)
ts
th
ns
CIN CPD (*)
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/2 (per FLIP/FLOP)
5/11
M54/M74HC76
SWITCHING CHARACTERISTICS TEST WAVEFORM
TEST CIRCUIT ICC (Opr.)
INPUT TRANSITION TIME IS THE SAME AS THAT IN CASE OF SWITCHING CHARACTERISTICS TEST.
6/11
M54/M74HC76
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
7/11
M54/M74HC76
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
8/11
M54/M74HC76
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
9/11
M54/M74HC76
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
10/11
M54/M74HC76
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
11/11


▲Up To Search▲   

 
Price & Availability of M54HC76

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X