Part Number Hot Search : 
SI7946DP 2DD100P 2KBP08M SZA1000 3122V 3C20S2 IRPLCFL2 XC6215
Product Description
Full Text Search
 

To Download M54562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTOR
M54562P/FP
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DESCRIPTION M54562P and M54562FP are eight-circuit output-sourcing Darlington transistor arrays. The circuits are made of PNP and NPN transistors. Both the semiconductor integrated circuits perform high-current driving with extremely low inputcurrent supply. PIN CONFIGURATION
INPUT
18 O1 17 O2 16 O3 15 O4 14 O5 13 O6 12 O7 11 O8 10 GND
IN1 1 IN2 2 IN3 3 IN4 4 IN5 5 IN6 6 IN7 7 IN8 8 VS 9
OUTPUT
FEATURES High breakdown voltage (BVCEO 50V) High-current driving (Io(max) = -500mA) With output clamping diodes Driving available with PMOS IC output of 6 ~ 16V or with TTL output Wide operating temperature range (Ta = -20 to +75C) Output current-sourcing type
Package type 18P4G(P)
NC
1
20
NC
APPLICATION Drives of relays, printers, LEDs, fluorescent display tubes and lamps, and interfaces between MOS-bipolar logic systems and relays, solenoids, or small motors
FUNCTION The M54562P and M54562FP each have eight circuits, which are made of input inverters and current-sourcing outputs. The outputs are made of PNP transistors and NPN Darlington transistors. The PNP transistor base current is constant. A spike-killer clamping diode is provided between each output and GND. VS and GND are used commonly among the eight circuits. The inputs have resistance of 8.5k, and voltage of up to 30V is applicable. Output current is 500mA maximum. Supply voltage VS is 50V maximum. The M54562FP is enclosed in a molded small flat package, enabling space-saving design.
INPUT
IN1 2 IN2 3 IN3 4 IN4 5 IN5 6 IN6 7 IN7 8 IN8 9 VS 10
19 O1 18 O2 17 O3 16 O4 15 O5 14 O6 13 O7 12 O8 11 GND
OUTPUT
Package type 20P2N-A(FP)
NC : No connection
CIRCUIT DIAGRAM
VS 20K
8.5K INPUT 7.2K 1.5K
3K OUTPUT GND
The eight circuits share the VS and GND. The diode, indicated with the dotted line, is parasitic, and cannot be used. Unit :
Aug. 1999
MITSUBISHI SEMICONDUCTOR
M54562P/FP
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
ABSOLUTE MAXIMUM RATINGS
Symbol VCEO # VS VI IO IF VR Pd Topr Tstg
#
(Unless otherwise noted, Ta = -20 ~ +75C)
Parameter Collector-emitter voltage Supply voltage Input voltage Output current Clamping diode forward current Clamping diode reverse voltage Power dissipation Operating temperature Storage temperature Output, L
Conditions
Ratings -0.5 ~ +50 50 -0.5 ~ +30
Unit V V V mA mA V W C C
Current per circuit output, H
-500 -500 50 1.79(P)/1.10(FP) -20 ~ +75 -55 ~ +125
Ta = 25C, when mounted on board
# : Unused I/O pins must be connected to GND.
RECOMMENDED OPERATING CONDITIONS
Symbol VS Supply voltage Output current (Current per 1 circuit when 8 circuits are coming on simultaneously) "H" input voltage "L" input voltage Parameter
(Unless otherwise noted, Ta = -20 ~ +75C)
min 0
Limits typ -- -- -- 5 --
max 50 -350
Unit V
IO
Duty Cycle P : no more than 8% FP : no more than 5% Duty Cycle P : no more than 55% FP : no more than 30%
0 0 2.4 0
mA -100 30 0.2 V V
VIH VIL
ELECTRICAL CHARACTERISTICS
Symbol IS (leak) # VCE (sat) II IS VF IR
#
(Unless otherwise noted, Ta = -20 ~ +75C)
Parameter Supply leak current VS = 50V, VI = 0.2V
Test conditions
min -- -- -- -- -- -- -- --
Limits typ+ -- 1.75 1.50 0.48 2.8 5.6 -1.2 --
max 100 2.4 2.0 0.75 4.7 15.0 -2.4 100
Unit A V mA mA V A
VS = 10V, VI = 2.4V, IO = -350mA Collector-emitter saturation voltage VS = 10V, VI = 2.4V, IO = -100mA Input current Supply current Clamping diode forward voltage Clamping diode reverse current VI = 5V VI = 25V VS = 50V, VI = 5V (all input) IF = -350mA VR = 50V
+ : The typical values are those measured under ambient temperature (Ta) of 25C. There is no guarantee that these values are obtained under any conditions. # : Unused I/O pins must be connected to GND.
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25C)
Symbol ton toff Parameter Turn-on time Turn-off time CL = 15pF (note 1) Test conditions min -- -- Limits typ 110 5200 max -- -- Unit ns ns
Aug. 1999
MITSUBISHI SEMICONDUCTOR
M54562P/FP
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
NOTE 1 TEST CIRCUIT
INPUT VS Measured device
TIMING DIAGRAM
50% INPUT
OUTPUT
50%
PG 50 RL CL
50% OUTPUT ton toff
50%
(1) Pulse generator (PG) characteristics : PRR = 1kHz, tw = 10s, tr = 6ns, tf = 6ns, ZO = 50 VI = 0 to 2.4V (2) Input-output conditions : RL = 30, VS = 10V (3) Electrostatic capacity CL includes floating capacitance at connections and input capacitance at probes
TYPICAL CHARACTERISTICS
Output Saturation Voltage Output Current Characteristics -500
M54562P VS = 10V VI = 2.4V Ta = 75C Ta = 25C Ta = -20C
Thermal Derating Factor Characteristics 2.0
Power dissipation Pd (W)
1.5
M54562FP
Output current IO (mA)
50 75 100
-400
-300
1.0
-200
0.5
-100
0
0
25
0
0
0.5
1.0
1.5
2.0
2.5
Ambient temperature Ta (C) Duty-Cycle-Output Current Characteristics (M54562P) -500
Output saturation voltage VCE (sat) (V) Duty-Cycle-Output Current Characteristics (M54562P) -500
Output current IO (mA)
-300 -200
*The output current values represent the current per circuit. *Repeated frequency 10Hz *The value in the circle represents the value of the simultaneously-operated circuit. *Ta = 25C
Output current IO (mA)
-400
-400
-300 -200 -100
*The output current values represent the current per circuit. *Repeated frequency 10Hz *The value in the circle represents the value of the simultaneously-operated circuit.
-100


*Ta = 75C
0
0
20
40
60
80
100
0
0
20
40
60
80
100
Duty cycle (%)
Duty cycle (%)
Aug. 1999
MITSUBISHI SEMICONDUCTOR
M54562P/FP
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Duty-Cycle-Output Current Characteristics (M54562FP) -500
Duty-Cycle-Output Current Characteristics (M54562FP) -500
Output current IO (mA)
-300 -200
*The output current values represent the current per circuit. *Repeated frequency 10Hz *The value in the circle represents the value of the simultaneously-operated circuit. *Ta = 25C
Output current IO (mA)
-400
-400
-300
-100
80 100
-200
*The output current values represent the current per circuit. *Repeated frequency 10Hz *The value in the circle represents the value of the simultaneously-operated circuit.
-100
0
0
20
40
60
0
*Ta = 75C
100
0
20
40
60
80
Duty cycle (%)
Duty cycle (%)
Grounded Emitter Transfer Characteristics -500 500
Clamping Diode Characteristics
Output current IO (mA)
-400
Forward bias current IF (mA)
VS = 20V VS-VO = 4V Ta = 75C Ta = 25C Ta = -20C
400
Ta = 75C Ta = 25C Ta = -20C
-300
300
-200
200
-100
100
0
0
0.2
0.4
0.6
0.8
1.0
0
0
0.5
1.0
1.5
2.0
Input voltage VI (V)
Forward bias voltage VF (V)
Input Characteristics 1.0
VS = 20V Ta = 75C Ta = 25C Ta = -20C
Input Characteristics 5
VS = 20V Ta = 75C Ta = 25C Ta = -20C
0.8
4
Input current II (mA)
0.6
Input current II (mA)
3
0.4
2
0.2
1
0
0
1
2
3
4
5
0
0
5
10
15
20
25
Input voltage VI (V)
Input voltage VI (V)
Aug. 1999


▲Up To Search▲   

 
Price & Availability of M54562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X