Part Number Hot Search : 
C4851 AP1121BS 4076E ES9008S IRF9510 CPZ1810 90814 LP207120
Product Description
Full Text Search
 

To Download M52959FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI
ICs(AV COMMON)
M52959FP
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR
DESCRIPTION M52959FP is a semiconductor integrated circuit built-in PSD(Position Sensitive Device) and distance detection signal processor for 3V supply voltage. This device transforms each signal current(I1 and I2) from PSD sensor to the voltage, and outputs it as the 4 Zone data after doing calculation of I1/(I1+I2). FEATURES * PSD on chip (Sensor size=0.5mm x 0.7mm) * Wide operating supply voltage range Vcc=2.0V to 5.5V * Built-in clamp circuit PIN CONFIGURATION (TOP VIEW)
VR2 VR1
1 2 3
10 9 8
CHN GND CHF Vcc STB
APPLICATION Auto focus control for the CAMERA Sensor for short distance etc
OUT2 OUT1
4 5
7 6
RECOMMENDED OPERATING CONDITION Supply voltage * * * * * * * * * * * * * * * * 2.0 to 5.5V Rated suooly voltage * * * * * * * * * * * * * * * * 3.0V
CONT
10Pin Clear Plastic Mold Package (10C2F) or 10Pin Infrared Permeation Plastic Mold Package (10B2F)
BLOCK DIAGRAM
CV Vcc
7
Zone Judgment Circuit 10A
CHN
1.0F
VR1
10
I1
Surround light Hold Capacitor
Vcc
Surround light rejection
HOLD HOLD
I/V Transform Amp
Calculation
I1 I 1+I 2
Zone > 1 -- 2 Level
2
Buffer
Zone Control Resistance1
Zone > 2 -- 3 Level
I2
PSD
(Sensor size =0.5mm x 0.7mm)
10K VR
Surround light rejection
CHF
1.0F
I/V Transform Amp
HOLD
Clamp Circuit
VR2
Zone > 3 -- 4 Level
1
Buffer
Zone Control Resistance2
8
Power On Reset
Cequence Control Logic
Surround light Hold Capacitor
Output Driver
OUT1
10K VR
GND
9
STB
6
CONT
5
4
3
OUT2
Standby Control
Control Signal Input
parallel Output
MITSUBISHI
(1/8)
MITSUBISHI
ICs(AV COMMON)
M52959FP
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage Power dissipation Thermal derating Pin input voltage
Another pin input voltage
(Ta=25C ,unless noted)
Ratings 7.0 200 3.3 7.0 - 0.3 to Vcc+0.3 0.5 - 10 to 60 - 30 to 85 Unit V mW mW/C V V mA C C C=100PF R=1.5K Remark note 1 Ta = 25C Ta 25C Pin3,4,5,6 note 2 NPN open collector
Symbol Vcc Pd K VIF VI/O Isout Topr Tstg Vsurge
Output pin inflow current Operating temperature Storage temperature Surge voltage
+ 1000V over _
note 1 : As a principle,do not provide a supply voltage reversely. note 2 : As a principle,do not provide over supply voltage or under ground voltage.
THERMAL DERATING (MAXIMUM RATING)
200
- 3.3mW/C 150
100
50
0
10
20 25 30
40
50
60
70
80 85 90
100
AMBIENT TEMPERATURE Ta (C)
MITSUBISHI
(2/8)
MITSUBISHI
ICs(AV COMMON)
M52959FP
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR SEQUENTIAL TIME CHART EXAMPLE
Input signal
VCC STB
1 2
min 100sec
min 100sec
min 100sec
CONT min 100sec min 100sec
IC control content
Power On Reset
CH Quik Charge min 1msec 100sec Zone Judgment (Hi Edge) min 1msec 100sec 100sec
Surround light Hold
Output Latch
Output signal
OUT1 OUT2
1.0msec
CH Quik Charge
Stabilization Distance Detection Period
Total Time
25msec 1.0msec
1.2msec
27msec+1.2msec x n ( n : Frequency of Radiation)
Controls
1. First,STB terminal set Low,then Power On Reset circuit operate.This Power On Reset circuit resets Built-in logic circuits. 2. After Power On Reset circuit stoped,Surround light Hold Capacitor quik charge between the first CONT pulse edge from High to Low and second CONT pulse edge from High to Low. 3. After quik charge,set Stabilization Period for about 1ms. 4. After quik charge,Surround light hold between the first CONT pulse edge from Low to High and second CONT pulse edge from Low to High. 5, After quik charge,Zone judges at the first CONT pulse edge from High to Low and output the Zone Data to OUT1,OUT2 terminals by 2bit at next CONT pulse edge from Low to High. 6. It can repeat distance detection by continuing control of 4 and 5. 7. It needs the signal synchronized with timing of Surround light hold as radiation control signal of IRED.
MITSUBISHI
(3/8)
MITSUBISHI
ICs(AV COMMON)
M52959FP
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR ELECTRICAL CHARACTERISTICS (Ta=25C , Vcc=3.0V , dark situation , unless otherwise noted)
Limit Classfication Parameter Symbol Test condition Min. Operating supply voltage range Usual consuming current Consuming current While Quick charge consuming current While STAND BY consuming current CONT "H" input voltage CONT terminal CONT "L" input voltage CONT "H" input current CONT "L" input current STB "H" input voltage STB terminal STB "L" input voltage STB "H" input current STB "L" input current CH Quick charge current Surround light Hold Capacitor CH stationary charge current CH stationary discharge current OUT leak current OUT saturationt voltage VR output current Far diatance detection AF characteristics characteristics Near distance detection characteristics Clamp level PSD resistance value VCC ICC ICCQC ICCS VCOH VCOL ICOH ICOL VSTH VSYL ISTH ISTL ICHQC ICHC ICHD IOUT VOUT IVR ST1 ST2 ICLAM RPSD VIH=5.5V VIL=0V VCH=0V VCH=0V VCH=1.5V VIN=5.5V IOUT=500A VVR=0V No Signal Signal = 100nA 0.25 84 VIH=5.5V VIL=0V While CH Quick charge cunsuming current 2.0 - - - 1.1 0 - -78 VCC -0.3 0 - -150 -1200 -30 10 - - -13 Typ. 3.0 6.0 10.0 - - - - -60 - - - -100 -800 -20 20 - - -10
Nearest zone Farther zone
Unit Max. 5.5 8.0 13.0 1.0 7.0 0.3 1.0 -42 7.0 0.3 3.0 -50 -400 -10 30 1.0 0.3 -7 V mA mA A V V A A V V A A A A A A V A
Note
*1 *1 *1
*1 *1 *1 *1 *1 *1 *2 *3
Output circuit
0.5 140
0.75 196
nA K
*4 *4
MITSUBISHI
(4/8)
MITSUBISHI
ICs(AV COMMON)
M52959FP
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR
*1 *2 *3 Set up the logic control terminal, correspond to the parameter. This measuring have to put DUT box under dark condition. Regulate IRED driving current so that PSD output will become equivalent to 100nA and irradiate IC with synchronizing IRED radiation. Set zone resistance VR1 = VR2 = 2K
IRED Radiation control signal
IRED
*4
Reference value
PSD SPECTRAL RESPONSIVITY CHARACTERISTICS
Characteristic at using Infrared Permeation Plastic Mold Package
100 90 80 70 60 50 40 30 20 10 0 400 500 600 700 800 900 1000
Wave length peak 880nm
WAVE LENGTH (nm)
MITSUBISHI
(5/8)
MITSUBISHI
ICs(AV COMMON)
M52959FP
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR
Interface
Ta=25C, VCC=3.0V , dark condition Limit Test conditions and note
Terminal name
Circuit diagram
Parameter
Min. Typ. Max. "H" input voltage "L" input voltage "H" input current "L" input current "H" input voltage "L" input voltage "H" input current "L" input current -150 -100 1.1 7.0
Unit
V 0 0.3
CONT
1.0 A -78 VCC -0.3 0 -60 -42
VIH=5.5V
VIL=0V
7.0 V
STB
0.3
3.0 A -50
VIH=5.5V
VIL=0V
"L" output current
0.3
V
IOL=500A
OUT
"H" leak current 1.0 A VIN=5.5V
MITSUBISHI
(6/8)
MITSUBISHI
ICs(AV COMMON)
M52959FP
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR ADJUSTMENT RANGE OF ZONE SETTING RESISTANCE AND OUTPUT FUNCTION
In case of using volume 10K for the setting resistance VR1 and VR2 , the adjustment range becomes the bottom figure.
M52959FP Zone adjustment range
VR1 adjustment range
Zone Decision result is outputted as mentioned in the bottom figure by the digital style from OUT1 and OUT2.
OUT1 near Zone 1 Zone 2 Zone 3 far Zone 4 OUT2
L H L H
L L H H
VR2 adjustment range
input current raio I1 : I2
APPLICATION EXAMPLE
GND
10K VR VR2 10K VR VR1 GND 1.0F CHF 470F Vcc STB 10 CHN 1.0F
OUT2 OUT1 CONT STB Vcc
OUT2 OUT1 CONT
MITSUBISHI
(7/8)
MITSUBISHI
ICs(AV COMMON)
M52959FP
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR
Note regarding these materials * These materials are intended as reference to assist our customers in the selection of the Mitsubishi semiconductor product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Mitsubishi Electric Corporation or a third party. * Mitsubishi Electric Corporation assumes no responsibility for any damage, or infringement of any third-party's right,originating in the use of any product data, diagrams, charts of circuit application examples contained in these materials. * All information contained in these materials, including product data, diagrams and charts, represent information on products at the time of publication of these materials, and are subject to change by Mitsubishi Electric Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor for the latest product information before purchasing a product listed herein. * Mitsubishi Electric Corporation semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor when considering the use of a product contained herein for special applications, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear repeater use. * The prior written approval of Mitsubishi Electric Corporation is necessary to reprint or reproduce in whole or in part these materials. * If these products or technologies are subject to the Japanese export control restrictions, they must be exported under license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. * Please contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor for further details on these materials or the products contained therein.
MITSUBISHI
(8/8)


▲Up To Search▲   

 
Price & Availability of M52959FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X