Part Number Hot Search : 
BUL66B LN224 MB91F D6432 CF5034MB PT78N PT501 HC4053
Product Description
Full Text Search
 

To Download M32000D4AFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF327/D
The RF Line
NPN Silicon RF Power Transistor
. . . designed primarily for wideband large-signal output amplifier stages in the 100 to 500 MHz frequency range. * Guaranteed Performance @ 400 MHz, 28 Vdc Output Power = 80 Watts over 225 to 400 MHz Band Minimum Gain = 7.3 dB @ 400 MHz * Built-In Matching Network for Broadband Operation Using Double Match Technique * 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR * Gold Metallization System for High Reliability Applications * Characterized for 100 to 500 MHz MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Collector Current -- Peak Total Device Dissipation @ TC = 25C (1) Derate above 25C Storage Temperature Range Symbol VCEO VCBO VEBO IC PD Tstg Value 33 60 4.0 9.0 12 250 1.43 -65 to +150 Unit Vdc Vdc Vdc Adc Watts W/C C
MRF327
80 W, 100 to 500 MHz CONTROLLED "Q" BROADBAND RF POWER TRANSISTOR NPN SILICON
CASE 316-01, STYLE 1
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Symbol RJC Max 0.7 Unit C/W
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 80 mAdc, IB = 0) Collector-Emitter Breakdown Voltage (IC = 80 mAdc, VBE = 0) Emitter-Base Breakdown Voltage (IE = 8.0 mAdc, IC = 0) Collector-Base Breakdown Voltage (IC = 80 mAdc, IC = 0) Collector Cutoff Current (VCB = 30 Vdc, IE = 0) V(BR)CEO V(BR)CES V(BR)EBO V(BR)CBO ICBO 33 60 4.0 60 -- -- -- -- -- -- -- -- -- -- 5.0 Vdc Vdc Vdc Vdc mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 4.0 Adc, VCE = 5.0 Vdc) hFE 20 -- 80 --
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 28 Vdc, IE = 0, f = 1.0 MHz) Cob -- 95 125 pF
NOTE: (continued) 1. This device is designed for RF operation. The total device dissipation rating applies only when the device is operated as an RF amplifier.
REV 1
1
ELECTRICAL CHARACTERISTICS - continued (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
FUNCTIONAL TESTS (Figure 1)
Common-Emitter Amplifier Power Gain (VCC = 28 Vdc, Pout = 80 W, f = 400 MHz) Collector Efficiency (VCC = 28 Vdc, Pout = 80 W, f = 400 MHz) Load Mismatch (VCC = 28 Vdc, Pout = 80 W, f = 400 MHz, VSWR = 30:1 All Phase Angles) GPE No Degradation in Output Power 7.3 50 9.0 60 -- -- dB %
R2 L3 C12 L2 C13 + C14 C15
+ -
VCC 28 Vdc
L4 L5 R1 C11 Z2 Z3 C10 RF OUTPUT
RF INPUT Z1
L1
DUT
C5 C1 C2 C3 C4
C6
C7
C8
C9
C1, C2, C7, C8, C9 -- 1.0-20 pF Piston Trimmer (Johanson JMC 5501) C3, C4 -- 36 pF ATC 100 mil Chip Capacitor C5, C6 -- 43 pF ATC 100 mil Chip Capacitor C10 -- 100 pF UNELCO C11, C15 -- 0.1 F Erie Redcap C12, C13 -- 680 pF Feedthru C14 -- 1.0 F 50 V Tantalum L1 -- 4 Turns #22 AWG Enameled, 3/16 ID Closewound with Ferroxcube L1 -- Bead (#56-590-65/4B) on Ground End of Coil L2 -- Ferroxcube VK200-19/4B Ferrite Choke L3 -- 7 Turns #18 AWG, 11/16 Long, Wound on a 100 k 2.0 Watt Resistor
L4 -- 6 Turns #20 AWG Enameled, 3/16 ID Closewound L5 -- 4 Turns #22 AWG Enameled, 1/8 ID Closewound Z1 -- Microstrip 0.2 W x 1.5 L Z2 -- Microstrip 0.17 W x 1.16 L Z3 -- Microstrip 0.17 W x 0.63 L R1, R2 -- 10 2.0 Watt Board -- Glass Teflon r = 2.56, t = 0.062 Input/Output Connectors Type N DUT Socket Lead Frame Etched from 80-mil-Thick Copper
Figure 1. 400 MHz Test Circuit
REV 1
2
15 13 11 9 7 5 Pout , OUTPUT POWER (WATTS) Pout = 80 W VCC = 28 V
120 100 80 60 40 VCC = 28 V 100 200 300 f, FREQUENCY (MHz) 400 500 20 100 200 300 f, FREQUENCY (MHz) 400 500 Pin = 15 W
G PE , POWER GAIN (dB)
10 W 7.5 W 5W
Figure 2. Power Gain versus Frequency
Figure 3. Output Power versus Frequency
100 Pout , OUTPUT POWER (WATTS) 80 60 40 20
Pin = 12 W Pout , OUTPUT POWER (WATTS) 9W 6W
100 Pin = 15 W 80 60 40 20 f = 400 MHz 30 0 10 14 18 22 26 30 10 W
6W
f = 225 MHz 0 10 14 18 22 26
VCC, SUPPLY VOLTAGE (VOLTS)
VCC, SUPPLY VOLTAGE (VOLTS)
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Supply Voltage
120 Pout , OUTPUT POWER (WATTS) 100 80 60 40 20
f = 100 MHz
225 MHz 400 MHz 500 MHz
VCC = 28 V
0
5
10 Pin, INPUT POWER (WATTS)
15
20
Figure 6. Output Power versus Input Power
REV 1
3
-5 -10
f = 100 MHz f = 100 MHz 225 ZOL*
5
225 Zin 450 400 500 450
500 400
5 10
10
Pout = 80 W, VCC = 28 V f MHz 100 225 400 450 500 Zin Ohms 0.33 + j0.26 0.56 + j1.64 1.3 + j3.29 1.58 + j2.53 0.82 + j2.9 ZOL* Ohms 2.23 - j3.3 2.15 - j0.66 1.27 + j1.0 1.27 + j1.54 1.3 + j2.35
15
20
25
ZOL* = Conjugate of the optimum load impedance into which the device output operates at a given output power, ZOL* = voltage and frequency.
Figure 7. Series Equivalent Input-Output Impedance
REV 1
4
PACKAGE DIMENSIONS
D R
F
4 3 NOTES: 1. FLANGE IS ISOLATED IN ALL STYLES. DIM A B C D E F H J K L N Q R U STYLE 1: PIN 1. 2. 3. 4. INCHES MIN MAX 24.38 25.14 12.45 12.95 5.97 7.62 5.33 5.58 2.16 3.04 5.08 5.33 18.29 18.54 0.10 0.15 10.29 11.17 3.81 4.06 3.81 4.31 2.92 3.30 3.05 3.30 11.94 12.57 MILLIMETERS MIN MAX 0.960 0.990 0.490 0.510 0.235 0.300 0.210 0.220 0.085 0.120 0.200 0.210 0.720 0.730 0.004 0.006 0.405 0.440 0.150 0.160 0.150 0.170 0.115 0.130 0.120 0.130 0.470 0.495
K
1
Q
2
L B J E N H A U C
EMITTER COLLECTOR EMITTER BASE
CASE 316-01 ISSUE D
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 1
5


▲Up To Search▲   

 
Price & Availability of M32000D4AFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X