Part Number Hot Search : 
2EDWF2 FAN8412M B2612BS1 CMZ5350B THS124 4532M R3010 035150
Product Description
Full Text Search
 

To Download LTC1257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1257 Complete Single Supply 12-Bit Voltage Output DAC in SO-8
FEATURES
s s s s s s s s s
DESCRIPTIO
8-Pin SO Package Buffered Voltage Output Built-In 2.048V Reference 500V/LSB with 2.048V Full Scale 1/2LSB Max DNL Error Guaranteed 12-Bit Monotonic 3-Wire Cascadable Serial Interface Wide Single Supply Range: VCC = 4.75V to 15.75V Low Power: ICC Typ = 350A with 5V Supply
APPLICATI
s s s
S
Digital Offset/Gain Adjustment Industrial Process Control Automatic Test Equipment
The LTC (R)1257 is a complete single supply, 12-bit voltage output D/A converter (DAC) in an SO-8 package. The LTC1257 includes an output buffer amplifier, 2.048V voltage reference and an easy to use three-wire cascadable serial interface. An external reference can be used to override the internal reference and extend the output voltage range to 12V. The power supply current is a low 350A when operating from a 5V supply, making the LTC1257 ideal for battery-powered applications. The spacesaving 8-pin SO package and operation with no external components provide the smallest 12-bit D/A system available.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATI
Daisy-Chained Control Outputs
5V
0.5
Differential Nonlinearity vs Input Code
0.1F CONTROL OUTPUT 1
VCC VOUT LTC1257 GND VREF
DIN CLK LOAD DOUT P
DNL ERROR (LSBs)
0.0
0.1F CONTROL OUTPUT 2
VCC VOUT LTC1257 GND VREF
DIN CLK LOAD DOUT TO NEXT DAC
1257 TA01
-0.5 0 512 1024 1536 2048 2560 3072 3584 4098 CODE
1257 TA05
U
UO
UO
1
LTC1257 ABSOLUTE AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW CLK 1 DIN 2 LOAD 3 DOUT 4 N8 PACKAGE 8-LEAD PDIP
TJMAX = 125C, JA = 100C/W
VCC to GND ............................................ - 0.5V to 16.5V TTL Input Voltage .......................... - 0.5V to VCC + 0.5V VOUT .............................................. - 0.5V to VCC + 0.5V REF ................................................ - 0.5V to VCC + 0.5V Operating Temperature Range LTC1257C ............................................. 0C to 70C LTC1257I......................................... - 40C to 85C Maximum Junction Temperature Plastic Package ............................. - 65C to 125C Storage Temperature Range ................ - 65C to 150C Lead Temperature (Soldering, 10 sec)................. 300C
8 VCC 7 VOUT 6 REF 5 GND
ORDER PART NUMBER LTC1257CN8 LTC1257IN8
TOP VIEW CLK 1 DIN 2 LOAD 3 DOUT 4 8 VCC 7 VOUT 6 REF 5 GND
LTC1257CS8 LTC1257IS8 S8 PART MARKING 1257 1257I
S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 125C, JA = 150C/W
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
SYMBOL DAC Resolution DNL INL OFF Differential Nonlinearity Integral Nonlinearity Offset Error PARAMETER CONDITIONS
VCC = 4.75V to 15.75V, internal or external reference (2.475V VREF VCC - 2.7V), IOUT 2mA, TA = TMIN to TMAX, unless otherwise noted.
MIN
q
TYP
MAX
UNITS Bits
12 0.5 3.5 4.0 8 10 4 5 0.02 15 0.5 0.01 2.028 2.018 2.048 0.06 0.4 0.7 1 2.475 8 14 15 12 18 90 0.066 30 2 0.02 2.068 2.078
Guaranteed Monotonic LTC1257C LTC1257I When Using Internal Reference, LTC1257C When Using Internal Reference, LTC1257I When Using External Reference, LTC1257C When Using External Reference, LTC1257I
q q q q q q q q q q
OFFTC FSE FSETC Reference
Offset Error Tempco Full-Scale Error Full-Scale Error Tempco Reference Output Voltage Reference Output Tempco Reference Line Regulation Reference Load Regulation Reference Input Range Reference Input Resistance Reference Input Capacitance Short-Circuit Current
When Using Internal Reference (Note 1) When Using External Reference (Note 1) (Note 1) IOUT = 0, LTC1257C IOUT = 0, LTC1257I IOUT = 0 IOUT = 0, LTC1257C IOUT = 0, LTC1257I 0 IOUT 100A VCC > VREF + 2.7V (Note 1) VOUT Shorted to GND
LSB/C V/C LSB LSB/C V V LSB/C LSB/ V LSB/V LSB V k pF mA
q
q q q q q q q q
q
2
U
LSB LSB LSB LSB LSB mV mV
W
U
U
WW
W
LTC1257
VCC = 4.75V to 15.75V, internal or external reference (2.475V VREF VCC - 2.7V), IOUT 2mA, TA = TMIN to TMAX, unless otherwise noted.
SYMBOL VCC ICC PARAMETER Positive Supply Voltage Supply Current CONDITIONS For Specified Performance 4.75V VCC 5.25V 4.75V VCC 15.75V VOUT Shorted to GND VOUT Shorted to VCC Input Code = 0 5k in Parallel with 100pF To 1/2LSB, 5k in Parallel with 100pF (Notes 1,2)
q q q q q
ELECTRICAL CHARACTERISTICS
MIN 4.75
TYP
MAX 15.75
UNITS V A A mA mA V/s
Power Supply 350 800 600 1500 60 60 150 1.0 6 50 2.4 0.8 VCC - 1 0.4 10 10 100 25 350 350 150 0 0 35 150 1.4 Note 1: Guaranteed by design; not subject to test. Note 2: DAC switched from all 1s to all 0s, and all 0s to all 1s code. 400
Op Amp DC Performance Short-Circuit Current Low Short-Circuit Current High Output Impedance to GND AC Performance Voltage Output Slew Rate Voltage Output Settling Time Digital Feedthrough Digital I/O VIH VIL VOH VOL ILEAK CIN t1 t2 t3 t4 t5 t6 t7 t8 fCLK Digital Input High Voltage Digital Input Low Voltage Digital Output High Voltage Digital Output Low Voltage Digital Input Leakage Digital Input Capacitance DIN Valid to CLK Setup DIN Valid to CLK Hold CLK High Time CLK Low Time LOAD Pulse Width LSB CLK to LOAD LOAD High to CLK DOUT Output Delay Maximum Clock Frequency CLOAD = 15pF IOUT = -1mA, DOUT Only IOUT = 1mA, DOUT Only VIN = GND to VCC (Note 1) V V V V A pF ns ns ns ns ns ns ns ns MHz
q q q q q
s nV/s
q q q q
Switching (Note 1)
q q q q q q q q
The q denotes specifications which apply over the full operating temperature range.
3
LTC1257 TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Supply Voltage vs Load Current #1
5.0 4.8
MINIMUM SUPPLY VOLTAGE (V) MINIMUM SUPPLY VOLTAGE (V)
4.6 4.4 4.2 4.0 3.8 3.6 3.4 3.2 3.0 0.01
VREF = INTERNAL VOUT = FULL SCALE TA = 25C
SUPPLY CURRENT (mA)
0.1 1 OUTPUT LOAD CURRENT (mA)
Supply Current vs Logic Input Voltage
0.59 VCC = 5V TA = 25C
OUTPUT VOLTAGE SWING (V)
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5
0.54
SUPPLY CURRENT (mA)
OUTPUT PULL-DOWN VOLTAGE (mV)
0.49
0.44
0.39
0.34 0 1 3 2 LOGIC VOLTAGE (V) 4 5
1257 G04
Full-Scale Voltage vs Temperature
2.0495 2.0490 FULL-SCALE VOLTAGE (V) 2.0485 2.0480 2.0475 2.0470 VCC = 5V INTERNAL REFERENCE
ZERO-SCALE VOLTAGE (mV)
ERROR (LSB)
2.0465 -50 -25
50 25 75 0 TEMPERATURE (C)
4
UW
100
Minimum Supply Voltage vs Load Current #2
15.0 14.5 14.0 13.5 13.0 12.5 12.0 11.5 11.0 0.01 0.1 1 OUTPUT LOAD CURRENT (mA) 10
1257 G02
Supply Current vs Temperature
0.38 0.37 0.36 0.35 0.34 VCC = 4.75V 0.33 0.32 0.31 -50 -25 VCC = 5V
VREF = 10V VOUT = FULL SCALE TA = 25C
VCC = 5.25V
10
1257 G01
50 25 75 0 TEMPERATURE (C)
100
125
1257 G03
Output Swing vs Load Resistance
1000
VCC = 5V
Pull-Down Voltage vs Output Sink Current Capability
FULL SCALE RL TIED TO GND ZERO SCALE RL TIED TO VCC
100
10
HOT COLD
1
ROOM
0 10 100 1k LOAD RESISTANCE () 10k
1257 G05
0.1
1
10 100 OUTPUT SINK CURRENT (A)
1000
1257 G06
Zero-Scale Voltage vs Temperature
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
125
Integral Nonlinearity (INL)
2.0 1.6 1.2 0.8 0.4 0 -0.4 -0.8 -1.2 -1.6 -2.0 VCC = 5V INTERNAL REFERENCE TA = 25C 0 512 1024 1536 2048 2560 3072 3584 4096 CODE
1257 G09
VCC = 5V INTERNAL REFERENCE
0 -50
-25
0 25 50 75 TEMPERATURE (C)
100
125
1257 G07
1257 G08
LTC1257 TYPICAL PERFORMANCE CHARACTERISTICS
Differential Nonlinearity (DNL)
REFERENCE COMPENSATION RESISTANCE ()
0.5
DNL ERROR (LSBs)
40 30 20 10 0 0.01
0.0
-0.5 0 512 1024 1536 2048 2560 3072 3584 4098 CODE
1257 TA05
0.1
1 CL (F)
10
100
1257 G11
0.1V/DIV
PI FU CTIO S
CLK (Pin 1): The TTL level input for the serial interface clock. DIN (Pin 2): The TTL level input for the serial interface data. Data on the DIN pin is latched into the shift register on the rising edge of the serial clock. LOAD (Pin 3): The TTL level input for the serial interface load control. Data is loaded from the shift register into the DAC register, thus updating the DAC output when LOAD is pulled low. The DAC register is transparent as long as LOAD is held low. DOUT(Pin 4): The output of the shift register which becomes valid on the rising edge of the serial clock. The DOUT pin is driven from GND to VCC by an internal CMOS inverter. Multiple LTC1257s may be cascaded by connecting the DOUT pin to the DIN pin of the next chip. GND (Pin 5): Ground. REF (Pin 6): The output of the 2.048V reference and the input to the DAC resistor ladder. An external reference with voltage from 2.475V to VCC - 2.7V may be used to override the internal reference. VOUT (Pin 7): The buffered DAC output is capable of sourcing 2mA over temperature while pulling within 2.7V of VCC. The output will pull to ground through an internal 200 equivalent resistance. VCC (Pin 8): The positive supply input. 4.75V VCC 15.75V. Requires a bypass capacitor to ground.
UW
Reference Compensation Resistance vs CL
70 60 50
Broadband Noise
CODE = FFFH BW = 3Hz TO 1MHz GAIN = 1100x
TIME = 5ms/DIV
1257 G12
U
U
U
5
LTC1257
DEFI ITIO S
LSB: The least significant bit or the ideal voltage difference between two successive codes. LSB = n= VOS = VFS = (VFS - VOS)/2n - 1 The number of digital input bits The zero code error or offset of the DAC The full-scale output voltage of the DAC measured when all bits are set to 1 Offset Error: The theoretical voltage at the output when the DAC is loaded with all zeros. The output amplifier can have a true negative offset, but because the part is operated from a single supply, the output cannot go below ground. If the offset is negative, the output will remain near 0V resulting in the transfer curve shown in Figure 1.
OUTPUT VOLTAGE
Resolution: The resolution is the number of DAC output states (2n) that divide the full-scale range. The resolution does not imply linearity. INL: End-point integral nonlinearity is the maximum deviation from a straight line passing through the end-points of the DAC transfer curve. Because the part operates from a single supply and the output cannot go below ground, the linearity is measured between full-scale and the first code that guarantees a positive output. The INL error at a given input code is calculated as follows: INL = (VOUT - VIDEAL)/LSB VIDEAL = (Code)(LSB) + VOS VOUT = The output voltage of the DAC measured at the given input code DNL: Differential nonlinearity is the difference between the measured change and the ideal 1LSB change between any two adjacent codes. The DNL error between any two codes is calculated as follows: DNL = (VOUT - LSB)/LSB VOUT = The measured voltage difference between two adjacent codes
6
U
U
NEGATIVE OFFSET
{
DAC CODE
0V
1257 F01
Figure 1. Effect of Negative Offset
The offset of the part is measured at the first code that produces an output voltage 0.5LSB greater than the previous code: VOS = VOUT - [(Code)(VFS)/(2n - 1)] Full-Scale Error: Full-scale error is the difference between the ideal and measured DAC output voltages with all bits set to one (Code = 4095). The full-scale error includes the offset error and is calculated as follows: FSE = (VOUT - VIDEAL)/LSB VIDEAL = (VREF)(1 - 2-n) - VOS VREF = The reference voltage, either internal or external Digital Feedthrough: The glitch that appears at the analog output caused by AC coupling from the digital inputs when they change state. The area of the glitch is specified in (nV)(sec).
LTC1257
BLOCK DIAGRA W
LOGIC SUPPLY 5V REGULATOR VCC CLK DIN 12-BIT SHIFT REGISTER 12 LOAD REF 2.048V REFERENCE 12-BIT LATCH 12 GND DOUT DAC + VOUT -
1257 BD
TI I G DIAGRA
CLK
DIN
LOAD t8
DOUT
B11 (PREVIOUS WORD)
W
t1 t2 t6 t7 t4 t3 B11 MSB B10 B1 B0 LSB t5 B10 B1 B0 B11 CURRENT WORD
1257 TD
UW
7
LTC1257
OPERATIO
Serial Interface
The data on the DIN input is loaded into the shift register on the rising edge of the clock. The MSB is loaded first and the LSB last. The DAC register loads the data from the shift register when LOAD is pulled low, and remains transparent until LOAD is pulled high and the data is latched. An internal 5V regulator provides the supply for the digital logic. By limiting the internal digital signal swings to 5V, digital noise is reduced. The buffered output of the 12-bit shift register is available on the DOUT pin which will swing from GND to VCC. Multiple LTC1257s may be daisy chained together by connecting the DOUT pin to the DIN pin of the next chip, while the clock and load signals remain common to all chips in the daisy chain. The serial data is clocked to all of the chips, then the LOAD signal is pulled low to update all of them simultaneously. The maximum clocking rate is 1.4MHz.
TYPICAL APPLICATI
DAC with External Reference
15V IN LT1021-10 0.1F GND OUT
VCC CONTROL OUTPUT
VREF
VOUT LTC1257 GND
8
UO
U
Reference The LTC1257 includes an internal 2.048V reference, making 1LSB equal to 500V. The internal reference output is turned off when the pin is forced above the reference voltage, allowing an external reference to be connected to the reference pin. The external reference must be greater than 2.475V and less than VCC - 2.7V, and be capable of driving the 10k minimum DAC resistor ladder. If the reference output is driving a large capacitive load, a series resistor must be added to insure stability. For any capacitive load greater than 1F, a 10 series resistor will suffice. Voltage Output The LTC1257 voltage output is able to pull within 2.7V of VCC while sourcing 2mA. A internal NMOS transistor with a 200 equivalent impedance pulls the output to ground. The output is protected against short circuits and is able to drive up to a 500pF capacitive load without oscillation. If digital noise on the output causes a problem, a simple 100, 0.1F RC circuit can be used to filter the noise.
S
Filtering VREF and VOUT
VCC
0.1F
DIN CLK LOAD P
VCC LTC1257 VOUT VREF 1F
100 5% VOUT 0.1F
DIN CLK LOAD DOUT
1257 TA03
DOUT GND
1257 TA06
10 5%
LTC1257
TYPICAL APPLICATI UO
5V 74HC04 0.1F
100k
S
Auto Ranging 8-Channel ADC with Shutdown
22F 5V CH0 8 ANALOG INPUT CHANNELS * * * VCC LTC1296 CS DOUT CLK DIN SSO P
CH7 COM REF + REF - 50k 50k
0.1F 100
VCC VOUT LTC1257
DIN CLK LOAD DOUT
0.1F
GND VREF
VCC 100 VOUT LTC1257 GND VREF
DIN CLK LOAD DOUT
1257 TA02
12-Bit Single 5V Control System with Shutdown
5V
10k
10F
2N3906 -IN VCC CS DOUT CLK LT1025A GND COMMON +IN GND VREF LTC1297 ADC CB/POWER DOWN CLK DATA DAC LOAD P
- +
VIN J
0.1F
+
10F LTC1050
47k 1F 1F
-
100k VCC DIN CLK LOAD DOUT
1257 TA04
VREF 74k 1k CONTORL OUTPUT
VOUT LTC1257 GND
9
LTC1257
PACKAGE DESCRIPTIO
0.300 - 0.325 (7.620 - 8.255)
0.009 - 0.015 (0.229 - 0.381)
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
10
U
Dimensions in inches (millimeters) unless otherwise noted.
N8 Package 8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
0.400* (10.160) MAX 8 7 6 5
0.255 0.015* (6.477 0.381)
1
2
3
4 0.130 0.005 (3.302 0.127)
0.045 - 0.065 (1.143 - 1.651)
0.065 (1.651) TYP 0.125 (3.175) 0.020 MIN (0.508) MIN 0.018 0.003 (0.457 0.076) N8 1197
0.100 0.010 (2.540 0.254)
LTC1257
PACKAGE DESCRIPTIO U
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package 8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 8 7 6 5
0.228 - 0.244 (5.791 - 6.197)
0.150 - 0.157** (3.810 - 3.988)
1 0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP 0.053 - 0.069 (1.346 - 1.752)
2
3
4
0.004 - 0.010 (0.101 - 0.254)
0.016 - 0.050 0.406 - 1.270
0.014 - 0.019 (0.355 - 0.483)
0.050 (1.270) TYP
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
SO8 0996
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
11
LTC1257
TYPICAL APPLICATI
MOC5008 CLK 1
2 MOC5008 DIN 1
2 MOC5008 LOAD 1
2
RELATED PARTS
PART NUMBER LTC1446/LTC1446L LTC1448 LTC1450/LTC1450L LTC1451 LTC1452 LTC1453 LTC1454/LTC1454L LTC1456 LTC1458/LTC1458L LTC1659 DESCRIPTION Dual 12-Bit VOUT DACs in SO-8 Package Dual 12-Bit VOUT DAC in SO-8 Package, VCC: 2.7V to 5.5V Single 12-Bit VOUT DACs with Parallel Interface Single Rail-to-Rail 12-Bit VOUT DAC, Full Scale: 4.095V, VCC: 4.5V to 5.5V, Internal 2.048V Reference Brought Out to Pin Single Rail-to-Rail 12-Bit VOUT Multiplying DAC, VCC: 2.7V to 5.5V Single Rail-to-Rail 12-Bit VOUT DAC, Full Scale: 2.5V, VCC: 2.7V to 5.5V Dual 12-Bit VOUT DACs in SO-16 Package with Added Functionality Single Rail-to-Rail Output 12-Bit DAC with Clear Pin, Full Scale: 4.095V, VCC: 4.5V to 5.5V Quad 12 Bit Rail-to-Rail Output DACs with Added Functionality Single Rail-to-Rail 12-Bit VOUT DAC in MSOP-8 Package, VCC = 2.7V to 5.5V COMMENTS LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V Output Swings from GND to REF, REF Input Can Be Tied to VCC LTC1450: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V LTC1450L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V Low Power, Complete VOUT DAC in SO-8 Package Low Power, Multiplying VOUT DAC with Rail-to-Rail Buffer Amplifier in SO-8 Package 3V, Low Power, Complete VOUT DAC in SO-8 Package LTC1454: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V LTC1454L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V Low Power, Complete VOUT DAC in SO-8 Package with Clear Pin LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V Output Swings from GND to REF, REF Input Can Be Tied to VCC
1257fa LT/TP 0198 REV A 4K * PRINTED IN USA
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417 q (408) 432-1900 FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
UO
Driving LTC1257 with Optoisolators
12V VOUT 2k 5% 2k 5% 2k 5% VIN 0.1F LT1021-5 6 4 5 CLK VCC VREF DIN VOUT LOAD LTC1257 DOUT GND VOUT 6 4 5 6 4 5
1257 TA07
(c) LINEAR TECHNOLOGY CORPORATION 1994


▲Up To Search▲   

 
Price & Availability of LTC1257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X