Part Number Hot Search : 
15SMC13A 48VDC HT95A200 LB11975 W25Q32DW KA7522 XC164KM MC1458
Product Description
Full Text Search
 

To Download LTC1045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1045 Programmable Micropower Hex Translator/ Receiver/Driver
FEATURES
s s s s s s s s
DESCRIPTION
The LTC(R)1045 is a hex level translator manufactured using Linear Technology's enhanced LTCMOSTM silicon gate process. It consists of six high speed comparators with output latches and three-state capability. Each comparator's plus input is brought out separately. The minus inputs of comparators 1 to 4 are tied to VTRIP1 while 5 and 6 are tied to VTRIP2. The ISET pin has several functions. When taken to V + the outputs are latched and power is completely shut off. Power/speed can be programmed by connecting ISET to V - through an external resistor.
Efficiently Translate Voltage Levels Internal Hysteresis for Noise Immunity Output Latches Included Three-State Outputs Programmable Power/Speed Power Can Be Completely Shut Off 50V on Inputs with External 100k Limit Resistor 1.2s Response at 100A Supply Current
APPLICATIONS
s s s s s
TTL/CMOS to 5V Analog Switch Drive TTL to CMOS (3V to 15V VCC) ECL to CMOS (3V to 15V VCC) Ground Isolation Buffer Low Power RS232 Line Receiver
, LTC and LT are registered trademarks of Linear Technology Corporation. LTCMOS is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
5V
Flat Ribbon Cable Driver/Receiver
5V
20 TTL IN XMT IN
+ -
V
V+ 1 VOH VOL DIS 13 11 20 XMT OUT 66-FT FLAT RIBBON CABLE ZO = 150 ADJACENT CONDUCTORS 150 RCV IN V+ 1 VOH VOL DIS 13 11 RCV OUT
1.4V
ISET 12 10
-
0.5V
XMT IN (5V/DIV) XMT OUT (1V/DIV)
RCV IN (1V/DIV)
RCV OUT (5V/DIV) 100ns/DIV
045 TA01a
U
U
U
+ -
TTL OUT
ISET 12
V- 10
1045 TA01
1
LTC1045
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
PACKAGE/ORDER INFORMATION
TOP VIEW VOH IN1 IN2 IN3 IN4 IN5 IN6 VTRIP2 VTRIP1 1 2 3 4 5 6 7 8 9 20 V + 19 OUT1 18 OUT2 17 OUT3 16 OUT4 15 OUT5 14 OUT6 13 DISABLE 12 ISET 11 VOL
Total Supply Voltage (V +, VOH to V -, VOL) .............. 18V Output High Voltage (VOH) ...................................... V + Input Voltage ....................................18V to (V - - 0.3V) Output Short-Circuit Duration (VOH - VOL 10V) ................................... Continuous ESD (MIL-STD-883, Method 3015) .................... 2000V Operating Temperature Range ................. -40C to 85C Storage Temperature Range ................. - 55C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LTC1045CJ LTC1045CN LTC1045CSW
V - 10
J PACKAGE N PACKAGE SW PACKAGE 20-LEAD CERDIP 20-LEAD PDIP 20-LEAD SO WIDE
TJMAX = 150C, JA = 70C/ W (J) TJMAX = 110C, JA = 90C/ W (N) TJMAX = 110C, JA = 90C/ W (SW)
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER IB Input Bias Current Trip Voltage Range (Pins 8, 9) V + to V - Supply Current V + to V - Supply Current in Shutdown Voltage on ISET (Pin 12) TTL Output High Voltage TTL Output Low Voltage Output Short-Circuit Sink Current Output Short-Circuit Source Current Three-State Leakage Current Output Resistance to VOH Output Resistance to VOL ISET Voltage for Shutdown DISABLE Input Logic Levels VIH VIL Input Supply Differential (V + - V -) (Note 3) Output Supply Differential (VOH - VOL) (Note 3)
V + = VOH = 5V, V - = VOL = 0V, TA = 25C, unless otherwise specified. (Note 3)
CONDITIONS V - VIN V +
q q
MIN
TYP 1
MAX 0.5 V+ - 2 3.5 4.5 1
V- 2.5
IS IOFF VREF VOH VOL ISINK ISOURCE IOZ ROH ROL
DISABLE = V +, RSET = 10k
q
DISABLE = ISET = V +
q
10 0.9
q
RSET = 10k IOUT = - 360A, IOUT = 1.6mA, V + = 4.5V VIN = VTRIP - 100mV, VOUT = V + VIN = VTRIP + 100mV, VOUT = V -
q
V + = 4.5V
q q q
0.6 2.4 7.5 5.5 4.0 3.2
1.25 4.4 0.2 15 8.0 0.005 0.4
DISABLE = V +, VOL VOUT VOH
q
IOUT 100A
q
260 100
q q
IOUT 100A V + - 0.5 2.0 4.5 3
1 475 600 180 250
UNITS nA A V mA mA nA A V V V V mA mA mA mA A A V V V V V
V + = 4.5V, V - = 0V V + = 5.5V, V - = 0V
q q q q
0.8 15 15
2
U
W
U
U
WW
W
LTC1045
AC ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER td tSETUP tHOLD tACC tIH, tOH Response Time Time Before Rising Edge of ISET that Data Must Be Present Time After Rising Edge of ISET that Data Must Be Present Falling Edge of DISABLE to Logic Level (from Hi-Z State) Rising Edge of DISABLE to Hi-Z State CONDITIONS
V + = VOH = 5V, V - = VOL = 0V, TA = 25C, unless otherwise specified.
MIN
q
TYP
MAX 250 350
UNITS ns ns ns ns ns ns
Test Circuit Figure 1 RSET = 10k, 100mV Drive Test Circuit Figure 2 Test Circuit Figure 2 Test Circuit Figure 3 Test Circuit Figure 3
80 0 165 200
The q denotes specifications which apply over the full operating temperature range. Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired. Note 2: The maximum differential voltage between any two power pins (V +, V -, VOH and VOL) must not exceed 18V. The maximum recommended operating differential is 15V.
Note 3: During operation near the maximum supply voltage limit, care should be taken to avoid or suppress power supply turn-on and turn-off transients, power supply ripple or ground noise; any of these conditions must not cause a supply differential to exceed the absolute maximum rating.
TYPICAL PERFORMANCE CHARACTERISTICS
I + vs Temperature
5 V + = 5V 4
V + TO V - CURRENT (mA)
V + TO V - CURRENT (mA)
DELAY TIME (s)
3 RSET = 0 2 RSET = 10k 1 RSET = 1M 0 -50 -25 75 50 0 25 TEMPERATURE (C) 100 125
VREF vs Temperature
2.5 V + = 5V
COMPARATOR HYSTERESIS (mV)
VOLTAGE ON ISET PIN (V)
2.0 RSET = 1M 1.5
1.0
0.5
0.1 -50
-25
UW
1045 G01
I + vs RSET
5 TA = 25C V + = VOH = 5V V - = VOL = 0V
1.2 1.0 0.8 0.6 0.4 0.2
Delay Time vs RSET
TA = 25C V + = VOH = 5V V - = VOL = 0V VIN = VTRIP 100mV
4
3
2
1
0 100
1k
10k RSET ()
100k
1M
1045 G02
0 100
1k
10k RSET ()
100k
1M
1045 G03
Hysteresis vs RSET
20 18 16 14 12 10 8 6 4 2 V + = 5V
RSET = 10k
75 50 0 25 TEMPERATURE (C)
100
125
0 100
1k
10k RSET ()
100k
1M
1045 G05
1045 G04
3
LTC1045
PIN FUNCTIONS
VOH (Pin 1): High Level to which the Output Switches. IN1 to IN7 (Pins 2 to 7): Six Comparator Inputs; Voltage Range = V - to V - + 18V. VTRIP2 (Pin 8): Trip Point for Last Two Comparators (Inputs 5,6); Voltage Range = V - to V + - 2V. VTRIP1 (Pin 9): Trip Point for First Four Comparators (Inputs 1 to 4); Voltage Range = V - to V + - 2V. V - (Pin 10): Comparator Negative Supply. VOL (Pin 11): Low Level to which the Output Switches. ISET (Pin 12): This has three functions: 1) RSET from this pin to V - sets bias current, 2) when forced to V + power is shut off completely and 3) when forced to V + outputs are latched. DISABLE (Pin 13): When high, outputs are Hi-Z. OUT6 to OUT1 (Pins 14 to 19): Six Driver Outputs. V + (Pin 20): Comparator Positive Supply.
TEST CIRCUITS
5V 5V
t r 10ns
VIN
+ -
V+ VOH VOL OUTPUT 50pF
V+
VTRIP = 1.2V
V-
tr 1.3V VIN 1.2V 1.1V 10% td 5V OUTPUT 2.5V 0V 90% 90%
Figure 1. Response Time Test Circuit
VIN
+ -
VTRIP = 1.2V
100mV VIN VTRIP -100mV t HOLD 5V ISET 0V t SETUP
50%
5V ISET 0V 50%
1045 F02
Figure 2. Latch Test Circuit
4
U
U
U
t IH +
OUTPUT
5V DISABLE 0V 10%
90% 50% t IH
-
tf
DISABLE
10pF
10k OUTPUTS
5V
90%
t r = t f 10ns 10% td
VOL
-5V
1045 F03a
t r 10ns
t OH
1045 F01
VOH DISABLE 10k OUTPUT 10%
90% 50% t OH 5V OUTPUTS
V+
10pF
DISABLE -5V
10%
1045 F03b
t r 10ns
t ACC
OUTPUT 50pF
90% DISABLE 50% 10% tACC 5V OUTPUTS
DISABLE -5V
1045 F03c
Figure 3. Three-State Output Test Circuit Conditions: V + = VOH = 5V, V - = VOL = 0V
LTC1045
BLOCK DIAGRAM W
V+ 20 V OH 1 V+ V OH
IN1 2
+
LEVEL SHIFT LATCH DIS V BIAS V- LE VOL 19 OUT1
-
V+ IN2 3 + - VBIAS V- V+ IN3 4 + - VBIAS V- V+ IN4 5 + - VBIAS V- V+ IN5 6 + - VBIAS V- V+ IN6 7 + - VBIAS V- VREF 1.6V VBIAS BIAS GENERATOR SHUTDOWN 8 VTRIP2 10 V- 12 ISET 8k
V OH 18 OUT2 DIS LE V OL V OH 17 OUT3 DIS LE V OL V OH 16 OUT4 DIS LE V OL
V OH 15 OUT5 DIS LE V OL
V OH 14 OUT6 DIS LE V OL 13 DISABLE
VTRIP1 9
LATCH ENABLE 11 VOL
1045 BD
RSET
5
LTC1045
APPLICATIONS INFORMATION
The LTC1045 consists of six voltage translators and associated control circuitry (see Block Diagram). Each translator has a linear comparator input stage with the positive input brought out separately. The negative inputs of the first four comparators are tied in common to VTRIP1 and the negative inputs of the last two comparators are tied in common to VTRIP2. With these inputs the switching point of the comparators can be set anywhere within the common mode range of V - to V + - 2V. To improve noise immunity each comparator has a small built-in hysteresis. Hysteresis varies with bias current from 7mV at low bias current to 20mV at high bias current (see typical curve of Hysteresis vs RSET). Setting the Bias Current Unlike CMOS logic, any linear CMOS circuit must draw some quiescent current. The bias generator (Block Diagram) allows the quiescent current of the comparators to be varied. Bias current is programmed with an external resistor (see typical curve of I + vs RSET). As the bias current is decreased, the LTC1045 slows down (see typical curve of Delay Time vs RSET). Shutting Power Off and Latching the Outputs In addition to setting the bias current, the ISET pin shuts power completely off and latches the translator outputs. To do this, the ISET pin must be forced to V + - 0.5V. As shown in Figure 4, a CMOS gate or a TTL gate with a resistor pull-up does this quite nicely. Even though power
V+ 4.5V TO 15V 20 V+ 20 4.5V TO 5.5V
V+ DISABLE
LTC1045
LTC1045
12 10 10
12
DISABLE
(A) CMOS
(B) TTL
Figure 4. Driving the ISET Pin with Logic
6
U
W
U
U
is turned off to the linear circuitry, the CMOS output logic is powered and maintains the output state. With no DC load on the output, power dissipation, for all practical purposes, is zero. Latching the output is fast--typically 80ns from the rising edge of ISET. Going from the latched to flow-through state is much slower--typically 1.5s from the falling edge of ISET. This time is set by the comparator's power-up time. During the power-up time, the output can assume false states. To avoid problems, the output should not be considered valid until 2s to 5s after the falling edge of ISET. Putting the Outputs in Hi-Z State A DISABLE input sets the six outputs to a high impedance state. This allows the LTC1045 to be interfaced to a data bus. When DISABLE = "1" the outputs are high impedance and when DISABLE = "0" they are active. With TTL supplies, V + = 4.5V to 5.5V and V - = GND, the DISABLE input is TTL compatible. Power Supplies There are four power supplies on the LTC1045: V +, V -, VOH and VOL. They can be connected almost arbitrarily, but there are a few restrictions. A minimum differential must exist between V + and V - and VOH and VOL. The V + to V - differential must be at least 4.5V and the VOH to VOL differential must be at least 3V. Another restriction is caused by the internal parasitic diode D1 (see Figure 5).
VOH D1
V+
100k
VOL V+
P1 OUTPUT PIN
DATA
N1
1045 F05
VOL
1045 F04
VOL
Figure 5. Output Driver
LTC1045
APPLICATIONS INFORMATION
Because of this diode, VOH must not be greater than V +. Lastly, the maximum voltage between any two power supply pins must not exceed 15V operating or 18V absolute maximum. For example, if V + = 5V, V - or VOL should be no more negative than - 10V. Note that VOL should not be more negative than - 10V even if the VOH to VOL differential does not exceed the 15V maximum. In this case the V + to VOL differential sets the limit. Input Voltage The LTC1045 has no upper clamp diodes as do conventional CMOS circuits. This allows the inputs to exceed the V + supply. The inputs will break down approximately 30V above the V - supply. If the input current is limited with 100k, the input voltage can be driven to at least 50V with no adverse effects for any combination of allowed
ROH /[ROH AT (VOH - VOL) = 5V AND (V + - VOH) = 0V]
4
3
ROL/[ROL AT (VOH - VOL) = 5V]
VOH - VOL = 3V
2
VOH - VOL = 4V VOH - VOL = 5V
1 SPECIFIED POINT VOH - VOL = 10V 0 0 2 4 8 6 10 V + - VOH (V) 12 14 16
1045 F06
Figure 6. Relative Output Sourcing Resistance (ROH) vs V + - VOH
U
W
U
U
power supply voltages. Output levels will be correct even under these conditions (i.e., if the input voltage is above the trip point, the output will be high and if it is below, the output will be low). Output Drive Output drive characteristics of the LTC1045 will vary with the power supply voltages that are chosen. Output impedance is affected by V +, VOH and VOL. V - has no effect on output impedance. Guaranteed drive characteristics are specified in the table of electrical characteristics for V + = VOH = 5V and V - = VOL = 0V. Figures 6 and 7 show relative output impedance for other supply combinations. In general, output impedance is minimized if V + to VOH is minimized and VOH to VOL is maximized.
2
SPECIFIED POINT 1
0 0 2 4
8 6 10 VOH - VOL (V)
12
14
16
1045 F07
Figure 7. Relative Output Sinking Resistance (ROL) vs VOH - VOL
7
LTC1045
TYPICAL APPLICATIONS
ECL to CMOS/TTL Logic
5V
ECL IN
~ -1.3V 10k -5.2V
TTL/CMOS (VCC = 5V)
CMOS (VCC = 15V) ~2.5V 10k
8
U
V+
V OH THREESTATE BUFFER
IN
+
COMP LATCH
OUT
VTRIP
-
V- ISET VOL DIS
CMOS/TTL (VCC = 5V)
30k
1045 TA02
TTL/CMOS (VCC = 5V) to High Voltage CMOS (VCC = 15V)
15V
V+
V OH THREESTATE BUFFER
IN
+
COMP LATCH
OUT
VTRIP
-
V- ISET ~1.4V 20k VOL DIS
CMOS (VCC = 15V)
1045 TA03
High Voltage CMOS (VCC = 15V) to TTL/CMOS (VCC = 5V)
5V
V+ 10k
V OH THREESTATE BUFFER
IN
+
COMP LATCH
OUT
VTRIP
-
V- ISET VOL DIS
TTL/CMOS (VCC = 5V)
1045 TA04
LTC1045
TYPICAL APPLICATIONS
TTL/CMOS (VCC = 5V) to Low Voltage CMOS (VCC = 3V)
5V V+ 3V V OH THREESTATE BUFFER COMP VTRIP LATCH OUT CMOS (VCC = 3V)
TTL/CMOS (VCC = 5V)
TTL/CMOS (VCC = 5V)
IN
VTRIP
TTL/CMOS (VCC = 5V)
U
+ -
IN
+ -
V- ISET ~1.5V 100k VOL
DIS
1045 TA05
TTL/CMOS Logic Levels to 5V Analog Switch Driver
5V
V+
V OH THREESTATE BUFFER 5V IN OUT
VDD SW 5V OUT
COMP
LATCH
VSS CMOS ANALOG SWITCH (CD4016 FOR EXAMPLE)
1045 TA06
V-
ISET ~1.4V 20k
VOL
DIS
-5V
TTL/CMOS (VCC = 5V) to 10V/- 5V Clock Driver
10V
V+
V OH THREESTATE BUFFER
IN
+
COMP LATCH
OUT
10V TO -5V CLOCK DRIVER
VTRIP
-
V- ISET ~1.4V 20k -5V VOL DIS
1045 TA07
9
LTC1045
TYPICAL APPLICATIONS
Logic Ground Isolation when Two Grounds are within LTC1045 Common Mode Range
SYSTEM A SYSTEM B VCC B = 5V VCC A = 5V V+ V OH THREESTATE BUFFER COMP VTRIP 1k SETS LOGIC THRESHOLD REFERRED TO GND A V- ISET VOL DIS LATCH OUT LOGIC OUT
TTL/CMOS LOGIC IN 2.7k VTRIP = 1.35V
GND A
5V
20 TTL IN XMT IN
+ -
V
V+ 1 VOH VOL DIS 13 11 XMT OUT 30-FT RG 174 COAX CABLE 50 0.2V 20 RCV IN V+ 1 VOH VOL DIS 13 11 RCV OUT 50pF
1.4V
ISET 12 10
-
RCV OUT (5V/DIV) RCV IN (1V/DIV)
XMT OUT (1V/DIV)
XMT IN (5V/DIV)
10
U
+ -
V - = -5V
GND B
1045 TA08
(GND B - V - + VTRIP) GND A (GND B + VCC B - 2V - VTRIP)
Coax Cable Driver/Receiver
5V
+ -
V
TTL OUT
ISET
-
12
1045 TA10
10
200ns/DIV
1045 TA10a
LTC1045
TYPICAL APPLICATIONS
5V 5V 1 V+ 20 1 OUT1 19 13 3 OUT2 18 5 8 OUT3 17 6 10 OUT4 16 12 7 OUT5 15 -5V OUT6 14
1045 TA09
8 VTRIP2
9 VTRIP1
10
V-
-
+
7 IN6
-
+
6 IN5
-
+
5 IN4
-
TTL OR CMOS LOGIC INPUTS
+
4 IN3
-
+
3 IN2
-
+
U
5V Analog Switch Driver
14 CD4016 SW A 2 5V
VOH
LTC1045
2 IN1
SW B
4
5V
SW C
9
5V
SW D
11
5V
DIS
13
ISET VOL
12
~1.5V 100k
11 -5V
11
LTC1045
TYPICAL APPLICATIONS
Logic Systems DC Isolation
SYSTEM A SYSTEM B POWER SUPPLY
SYSTEM A POWER SUPPLY
VTRIP* 1F
8 VTRIP2
9 VTRIP1 1F** 10 100k SYSTEM A GND * SET V TRIP TO HALF WAY BETWEEN V OH AND VOL OF SYSTEM A ** SHUNTS COMMON MODE SIGNAL PROVIDES LEAKAGE PATH FOR TOTALLY ISOLATED SYSTEMS SYSTEM B GND
V-
12
-
+
7 IN6
-
+
6 IN5
-
+
5 IN4
-
TTL OR CMOS
+
4 IN3
-
+
3 IN2
-
+
U
SYSTEM B
1V OH 2 IN1
LTC1045
V+
20
OUT1 19
OUT2 18
OUT3 17 CMOS OR TTL OUT4 16
OUT5 15
OUT6 14
DIS
13
THREE-STATE CONTROL
ISET VOL
12
11
1045 TA11
LTC1045
TYPICAL APPLICATIONS
24V Relay Supply from 12V/15V Supply
V+
10k
10k
8 VTRIP2
9 VTRIP1
10
V-
1000pF
RS232 Receiver
5V
30V -30V
100k 2
9 0.9V
NOTE: INPUTS HAVE NO INTERNAL PULL-DOWN
-
+
V+
10k
7 IN6
-
+
6 IN5
-
+
5 IN4
-
+
4 IN3
-
+
3 IN2
-
+
U
1V OH 2 IN1
LTC1045
V+
20
OUT1 19
OUT2 18
OUT3 17 V+ OUT4 16 1N4148 OUT5 15 1F OUT6 14 1N4148 24V
+
10F
RL 1k
DIS
13
ISET VOL
12
11
100k
10k
1045 TA13
20
+ -
V+ 1 VOH 19
VOL LTC1045 DIS 11 ISET 13 V- 12 10 10k
TTL OUT
1045 TA12
13
LTC1045
TYPICAL APPLICATIONS
LED Driver
V+ 5V TO 15V
8 VTRIP2
9 VTRIP1
10
V- 1.5V
V+ 5V
100 3
+
1 358 2N2222
2
-
1.5V R (ADJUSTS LED CURRENT)
1045 TA14
14
+
5
-
REF LED
-
+
7 IN6
-
+
6 IN5
-
+
5 IN4
-
LOW TURNS LED ON
+
4 IN3
-
+
3 IN2
-
+
U
1V OH 2 IN1
LTC1045
V+
20
OUT1 19
OUT2 18
OUT3 17
OUT4 16
TO LEDs
OUT5 15
OUT6 14
DIS
13
ISET VOL
12
11
100k
6
8 358 4 7 2N2905 (USE HEAT SINK)
REGULATES LED CURRENT
LTC1045
TYPICAL APPLICATIONS
Multiwindow Comparator and Display
V
+
VREF R VH 10k
10k 5 IN4 10k 6 IN5 10k 7 IN6
8 VTRIP2
9 VTRIP1 VIN 10 V-
1 10k
VOH
LTC1045 +
2 IN1 10k 3 IN2 10k 4 IN3 10k 5 IN4 10k 6 IN5 10k 7 IN6 VL
8 VTRIP2
9 VTRIP1
10 V-
V-
-
-
-
-
-
-
-
-
-
-
+
4 IN3
-
+
3 IN2
-
+
+
+
+
+
+
+
+
+
U
5V 1V OH 2 IN1 V+ 20
LTC1045
OUT1 19
VIN > VREF
OUT2 18
OUT3 17
OUT4 16
OUT5 15
OUT6 14
GI MV 57164* BAR GRAPH DISPLAY 5V
DIS
13
ISET VOL
12
11
V+
20
OUT1 19
OUT2 18
OUT3 17
OUT4 16
OUT5 15
OUT6 14
VIN < VL
DIS
13 * FOR LED CURRENT CONTROL SEE LTC1045 LED DRIVER 12 VIN V + - 2 100(VREF - VH) R= (VH - VL) EACH WINDOW BETWEEN VH AND VL EQUALS 1/10(VH - VL) (VH - VL) 0.5V
ISET VOL
11
1045 TA15
15
LTC1045
TYPICAL APPLICATIONS
ECL to CMOS from Single 5V Supply
ECL IN
ECL IN
ECL IN
ECL IN
10k 5V 10k 10k
8 VTRIP2
DIS
13
9 VTRIP1 10
ISET VOL
12
V-
11
22k -3.3V -1.29V 51k
10k 1000pF NEGATIVE SUPPLY GENERATOR
16
+
-
+
7 IN6
-
+
6 IN5
-
+
5 IN4
-
+
4 IN3
-
+
3 IN2
-
+
U
5V
1V OH 2 IN1
LTC1045
V+
20
OUT1 19
CMOS OUT
OUT2 18
CMOS OUT
OUT3 17
CMOS OUT
OUT4 16
CMOS OUT
1F OUT5 15
1N4148
OUT6 14
1N4148
10F
0.01F
33k
1045 TA16
LTC1045
PACKAGE DESCRIPTION U
Dimensions in inches (millimeters) unless otherwise noted.
J Package 20-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
CORNER LEADS OPTION (4 PLCS) 20 0.023 - 0.045 (0.584 - 1.143) HALF LEAD OPTION 0.045 - 0.068 (1.143 - 1.727) FULL LEAD OPTION 0.300 BSC (0.762 BSC) 0.015 - 0.060 (0.381 - 1.524) 19 18 17
1.060 (26.924) MAX 16 15 14 13 12 11
0.220 - 0.310 0.025 (5.588 - 7.874) (0.635) RAD TYP 1 2 0.005 (0.127) MIN 3 4 5 6 7 8 9 10 0.200 (5.080) MAX
0.008 - 0.018 (0.203 - 0.457) 0.385 0.025 (9.779 0.635)
0 - 15 0.125 (3.175) MIN
0.045 - 0.068 (1.143 - 1.727) 0.014 - 0.026 (0.356 - 0.660)
0.100 0.010 (2.540 0.254)
J20 0694
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS.
17
LTC1045
PACKAGE DESCRIPTION U
Dimensions in inches (millimeters) unless otherwise noted.
N Package 20-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
1.040* (26.416) MAX 20 19 18 17 16 15 14 13 12 11
0.255 0.015* (6.477 0.381)
1 0.300 - 0.325 (7.620 - 8.255) 0.130 0.005 (3.302 0.127) 0.015 (0.381) MIN
2
3
4
5
6
7
8
9
10
0.045 - 0.065 (1.143 - 1.651)
0.009 - 0.015 (0.229 - 0.381)
0.065 (1.651) TYP 0.125 (3.175) MIN 0.018 0.003 (0.457 0.076)
N20 0695
0.005 (0.127) MIN 0.100 0.010 (2.540 0.254) *THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
(
+0.025 0.325 -0.015 +0.635 8.255 -0.381
)
18
LTC1045
PACKAGE DESCRIPTION U
Dimensions in inches (millimeters) unless otherwise noted.
SW Package 20-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
0.496 - 0.512* (12.598 - 13.005) 20 19 18 17 16 15 14 13 12 11
NOTE 1
0.394 - 0.419 (10.007 - 10.643)
0.291 - 0.299** (7.391 - 7.595) 0.010 - 0.029 x 45 (0.254 - 0.737)
1 0.093 - 0.104 (2.362 - 2.642)
2
3
4
5
6
7
8
9
10 0.037 - 0.045 (0.940 - 1.143)
0 - 8 TYP
0.009 - 0.013 (0.229 - 0.330)
NOTE 1 0.016 - 0.050 (0.406 - 1.270)
0.050 (1.270) TYP 0.014 - 0.019 (0.356 - 0.482) TYP
0.004 - 0.012 (0.102 - 0.305)
S20 (WIDE) 0396
NOTE: 1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS. THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
19
LTC1045
TYPICAL APPLICATION
Power MOSFET Driver Low Power Consumption Stepper Motor Driver
+VM
1V OH 1 2 IN1
5V 6 IN5 51k 1.4V 20k STEP A CLOCK C 8 VTRIP2 7 IN6
RP 0.1F
9 VTRIP1
10
V- 0.2V
RELATED PARTS
PART NUMBER LT1016 LT1039 LTC1440/LTC1441/LTC1442 DESCRIPTION Ultrafast Precision Comparator Triple RS232 Driver/Receiver with Shutdown Ultralow Power, Single/Dual Comparator with Reference COMMENTS 10ns Propagation Delay 12V Supply, No Supply Current in Shutdown 2.8A Supply Current
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900 FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
-
-
-
+
2
5 IN4
-
+
2
4 IN3
-
TTL STEPPER MOTOR PHASE SIGNALS
+
1
3 IN2
-
+
+
+
U
LTC1045
V+
20
B
BUZ171
RH
**
OUT1 19 4-PHASE BIFILAR STEPPER MOTOR OUT2 18
OUT3 17
OUT4 16 BUZ71A OUT5 15
*
BUZ71A BUZ71A
*
BUZ71A
**
**
**
**
OUT6 14
DIS
13 MOTOR GND
ISET VOL
12 A 11 B 1k tON tHOLD FULL STEP DRIVER (5V VM 15V) t ON 3RPC RpC = L/R L IS WINDING INDUCTANCE R = RWINDING + RDS(ON)P + RDS(ON)N IHOLD VM /RH *VARISTOR GE V24ZA50 **FOR VM 10V ADD 470 IN SERIES WITH LTC1045 OUTPUTS
1045 TA17
1045fb LT/TP 1097 REV B 4K * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1988


▲Up To Search▲   

 
Price & Availability of LTC1045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X