Part Number Hot Search : 
107M0 T8050 V470M V470M A114E EXB844 SP600 DTD543
Product Description
Full Text Search
 

To Download KSC1623GMTF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSC1623
KSC1623
Low Frequency Amplifier & High Frequency OSC.
* Complement to KSA812
2 1
3
SOT-23
1. Base 2. Emitter 3. Collector
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Ratings 60 50 5 100 200 150 -55 ~ 150 Units V V V mA mW C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol ICBO IEBO hFE VCE (sat) VBE (sat) VBE (on) fT Cob Parameter Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Current Gain Bandwidth Product Output Capacitance Test Condition VCB=60V, IE=0 VEB=5V, IC=0 VCE=6V, IC=1mA IC=100mA, IB=10mA IC=100mA, IB=10mA VCE=6V, IC=1mA VCE=6V, IC=10mA VCB=6V, IE=0, f=1MHz 0.55 90 200 0.15 0.86 0.62 250 3 Min. Typ. Max. 0.1 0.1 600 0.3 1.0 0.65 V V V MHz pF Units A A
hFE Classification
Classification hFE O 90 ~ 180 Y 135 ~ 270 G 200 ~ 400 L 300 ~ 600
Marking
C1 O
hFE grade
(c)2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
KSC1623
Typical Characteristics
100 90
100
VCE = 6V
IB = 400A IB = 350A IB = 300A IB = 250A IB = 200A IB = 150A IB = 100A
80 70 60 50 40 30 20 10 0 0 4 8
IC[mA], COLLECTOR CURRENT
IC[mA], COLLECTOR CURRENT
10
1
IB = 50A
12
16
20
0.1 0.0
0.2
0.4
0.6
0.8
1.0
1.2
VCE[V], COLLECTOR-EMITTER VOLTAGE
VBE[V],BASE-EMITTER VOLTAGE
Figure 1. Static Charactersitic
Figure 2. Transfer Characteristic
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
VCE = 6V
IC=10IB
hFE, DC CURRENT GAIN
1000
1000
VBE(sat)
100
VCE(sat)
10 1 10 100 1000
10 1 10 100 1000
IC[mA], COLLECTOR CURRENT
IC[mA], COLLECTOR CURRENT
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
100
1000
IE =0
10
fT[MHz], CURRENT GAIN-BANDWIDTH PRODUCT
f=1MHz
VCE=6V
Cob[pF], CAPACITANCE
100
1
10
0.1 1 10 100 1000
1 0.1
1
10
100
VCB(V), COLLECTOR-BASE VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
(c)2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
KSC1623
Package Dimensions
SOT-23
0.20 MIN 2.40
0.10
0.40 0.03
1.30
0.10
0.45~0.60
0.03~0.10 0.38 REF
0.40 0.03 0.96~1.14 2.90 0.10
0.12 -0.023
+0.05
0.95 0.03 0.95 0.03 1.90 0.03 0.508REF
0.97REF
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A2, September 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of KSC1623GMTF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X