|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
W TE PO WE R SEM IC O ND UC TO R S KBPC15, 25, 35P/W SERIES 15, 25, 35A HIGH CURRENT BRIDGE RECTIFIER Features ! ! ! ! ! ! Diffused Junction Low Reverse Leakage Current Low Power Loss, High Efficiency Electrically Isolated Epoxy Case for Maximum Heat Dissipation Case to Terminal Isolation Voltage 2500V UL Recognized File # E157705 A C G ~ D + ~ C C ~ D ~ + A C G H H E B Metal Heat Sink Mechanical Data ! ! ! ! ! ! Case: Epoxy Case with Heat Sink Internally Mounted in the Bridge Encapsulation Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Symbols Marked on Case Mounting: Through Hole for #10 Screw Weight: KBPC-P 24 grams (approx.) KBPC-PW 21 grams (approx.) Marking: Type Number E B KBPC-PW KBPC-P KBPC-P Dim A B C D E G H KBPC-PW "W" Suffix Designates Wire Leads No Suffix Designates Faston Terminals *All Models are Available on B(Height)=7.9mm Max. Epoxy Case Min Max Min Max 28.40 28.70 28.40 28.70 10.97 11.23 10.97 11.23 15.70 16.70 17.10 19.10 17.50 18.50 10.90 11.90 22.86 25.40 30.50 -- Hole for #10 screw, 5.08O Nominal 6.35 Typical 0.97O 1.07O All Dimension in mm Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Output Current @TC = 60C KBPC15 KBPC25 KBPC35 Symbol VRRM VRWM VR VR(RMS) @TA=25C unless otherwise specified -00P/W -01P/W -02P/W -04P/W -06P/W -08P/W -10P/W Unit 50 35 100 70 200 140 400 280 15 25 35 600 420 800 560 1000 700 V V IO A Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave Superimposed on rated load (JEDEC Method) KBPC15 KBPC25 KBPC35 IFSM 300 300 400 A Forward Voltage Drop (per element) Peark Reverse Current At Rated DC Blocking Voltage KBPC15 @IF = 7.5A KBPC25 @IF = 12.5A KBPC35 @IF = 17.5A @TC = 25C @TC = 125C KBPC15 KBPC25 KBPC35 VFM 1.1 V IRM 10 0.5 373 373 664 A mA I2t Rating for Fusing (t < 8.3ms) (Note 1) I2t A2s KBPC15, 25, 35P/W SERIES 1 of 4 (c) 2002 Won-Top Electronics Maximum Ratings and Electrical Characteristics Typical Junction Capacitance (per element) (Note 2) KBPC15 KBPC25 KBPC35 KBPC15 KBPC25 KBPC35 @TA=25C unless otherwise specified Cj 200 300 400 6.3 3.8 3.8 2500 -65 to +125 pF Typical Thermal Resistance Junction to Case (per element) (Note 3) RMS Isolation Voltage from Case to Lead RJC K/W VISO Tj, TSTG V C Operating and Storage Temperature Range Note: 1. Measured at non-repetitive, for t > 1ms and < 8.3ms. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 3. Thermal resistance junction to case mounted on heatsink. KBPC15, 25, 35P/W SERIES 2 of 4 (c) 2002 Won-Top Electronics KBPC35 IF, AVERAGE FORWARD CURRENT (A) Mounted on a 220 x 220 x 50 mm AL plate heatsink 30 KBPC25 IF, INSTANTANEOUS FORWARD CURRENT (A) 40 100 10 20 KBPC15 1.0 10 0.1 Tj = 25C Resistive or Inductive load Pulse Width = 300s 0 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element) IFSM, PEAK FWD. SURGE CURRENT (A) 400 Single Half-Sine Wave (JEDEC Method) 1000 f = 1 Mhz Tj = 25C KBPC35 300 KBPC35 Cj, CAPACITANCE (pF) KBPC25 200 KBPC15, 25 KBPC15 100 100 Tj = 150C 0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100 Tj = 125C 100 10 0.1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element) 1.0 IR, INSTANTANEOUS REVERSE CURRENT (A) 10 1.0 0.1 Tj = 25C 0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element) KBPC15, 25, 35P/W SERIES 3 of 4 (c) 2002 Won-Top Electronics ORDERING INFORMATION Product No. KBPCxx00P KBPCxx00PW KBPCxx01P KBPCxx01PW KBPCxx02P KBPCxx02PW KBPCxx04P KBPCxx04PW KBPCxx06P KBPCxx06PW KBPCxx08P KBPCxx08PW KBPCxx10P KBPCxx10PW Package Type Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Shipping Quantity 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. (c) 2002 Won-Top Electronics KBPC15, 25, 35P/W SERIES 4 of 4 |
Price & Availability of KBPC3500P |