Part Number Hot Search : 
AM27S45A 40PT08AI ASJ374B 10A05 MMBT3904 HT66F018 ICM7562 2SC50
Product Description
Full Text Search
 

To Download IRLML6402TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93755B
IRLML6402
HEXFET(R) Power MOSFET
l l l l l l
Ultra Low On-Resistance P-Channel MOSFET SOT-23 Footprint Low Profile (<1.1mm) Available in Tape and Reel Fast Switching
D
VDSS = -20V
G S
RDS(on) = 0.065
Description
These P-Channel MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low onresistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in battery and load management. A thermally enhanced large pad leadframe has been incorporated into the standard SOT-23 package to produce a HEXFET Power MOSFET with the industry's smallest footprint. This package, dubbed the Micro3, is ideal for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro3 allows it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards. The thermal resistance and power dissipation are the best available.
Micro3
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C EAS VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-20 -3.7 -2.2 -22 1.3 0.8 0.01 11 12 -55 to + 150
Units
V A W W/C mJ V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Typ.
75
Max.
100
Units
C/W
www.irf.com
1
04/29/03
IRLML6402
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -20 --- --- --- -0.40 6.0 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V VGS = 0V, ID = -250A -0.009 --- V/C Reference to 25C, I D = -1mA 0.050 0.065 VGS = -4.5V, ID = -3.7A 0.080 0.135 VGS = -2.5V, ID = -3.1A -0.55 -0.95 V VDS = VGS, ID = -250A --- --- S VDS = -10V, ID = -3.7A --- -1.0 VDS = -20V, VGS = 0V A --- -25 VDS = -20V, VGS = 0V, TJ = 70C --- -100 VGS = -12V nA --- 100 VGS = 12V 8.0 12 ID = -3.7A 1.2 1.8 nC VDS = -10V 2.8 4.2 VGS = -5.0V 350 --- VDD = -10V 48 --- ID = -3.7A ns 588 --- RG = 89 381 --- RD = 2.7 633 --- VGS = 0V 145 --- pF VDS = -10V 110 --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 29 11 -1.3 A -22 -1.2 43 17 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -1.0A, VGS = 0V TJ = 25C, IF = -1.0A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. Pulse width 400s; duty cycle 2%.
Surface mounted on 1" square single layer 1oz. copper FR4 board,
steady state.
Starting TJ = 25C, L = 1.65mH
RG = 25, IAS = -3.7A.
** For recommended footprint and soldering techniques refer to application note #AN-994.
2
www.irf.com
IRLML6402
100
VGS -7.00V -5.00V -4.50V -3.50V -3.00V -2.70V -2.50V BOTTOM -2.25V TOP
100
-I D , Drain-to-Source Current (A)
-I D , Drain-to-Source Current (A)
VGS -7.00V -5.00V -4.50V -3.50V -3.00V -2.70V -2.50V BOTTOM -2.25V TOP
10
10
-2.25V
-2.25V
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
TJ = 25 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -3.7A
-I D , Drain-to-Source Current (A)
1.5
TJ = 150 C
1.0
0.5
10 2.0
V DS = -15V 20s PULSE WIDTH 3.0 4.0 5.0 6.0 7.0 8.0
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRLML6402
1000 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
10
ID = -3.7A VDS =-10V
800
-VGS , Gate-to-Source Voltage (V)
8
C, Capacitance(pF)
Ciss
600
6
400
4
200
Coss Crss
2
0 1 10 100
0 0 3 6
FOR TEST CIRCUIT SEE FIGURE 13
9 12
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
-ID , Drain Current (A) I
10us 10 100us
10
TJ = 150 C
1ms 1 10ms
1
TJ = 25 C
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2
0.1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLML6402
4.0 25
EAS , Single Pulse Avalanche Energy (mJ)
20
-ID , Drain Current (A)
3.0
ID -1.7A -3.0A BOTTOM -3.7A TOP
15
2.0
10
1.0
5
0.0 25 50 75 100 125 150
0 25 50 75 100 125 150
TC , Case Temperature ( C)
Starting TJ , Junction Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Maximum Avalanche Energy Vs. Drain Current
1000
Thermal Response (Z thJA )
100 D = 0.50 0.20 10 0.10 0.05 0.02 0.01 1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 PDM t1 t2
0.1 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRLML6402
RDS ( on ) , Drain-to-Source On Resistance ( )
0.14
0.20 VGS = -2.5V 0.16
RDS(on) , Drain-to -Source Voltage ( )
0.12
0.10
0.12
0.08
0.06
Id = -3.7A
0.08
VGS = -4.5V
0.04
0.04
0.02 2.0 3.0 4.0 5.0 6.0 7.0
0.00 0 5 10 15 20 25 30 -I D , Drain Current ( A )
-VGS, Gate -to -Source Voltage ( V )
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
6
www.irf.com
IRLML6402
Package Outline
Micro3a Dimensions are shown in millimeters (inches)
D -B3
LEAD ASSIGNMENTS 1 - GATE 2 - SOURCE 3 - DRAIN
H 2 0.20 ( .008 ) M AM
DIM A A1 B C D e e1 E
INCHES MIN .032 .001 .015 .004 .105 MAX .044 .004 .021 .006 .120
MILLIMETERS MIN 0.82 0.02 0.38 0.10 2.67 MAX 1.11 0.10 0.54 0.15 3.05
3
E -A-
3 1
.0750 BASIC .0375 BASIC .047 .083 .005 0 .055 .098 .010 8
1.90 BASIC 0.95 BASIC 1.20 2.10 0.13 0 1.40 2.50 0.25 8
e e1 0.008 (.003) 3X 0.10 (.004) M A1 C AS B S L 3X C 3X
H L A
MINIMUM RECOMMENDED FOOTPRINT -CB 0.80 ( .031 ) 3X 0.90 ( .035 ) 3X 2.00 ( .079 )
NOTES: 1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1982. 2. CONTROLLING DIMENSION : INCH. 3 DIMENSIONS DO NOT INCLUDE MOLD FLASH.
0.95 ( .037 ) 2X
www.irf.com
7
IRLML6402
Micro3a
Part Marking Information
Notes : T his part marking information applies to devices produced before 02/26/2001
EXAMPLE: T HIS IS AN IRLML6302 WW = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR YEAR PART NUMBER 2001 2002 2003 1994 1995 1996 1997 1998 1999 2000 Y 1 2 3 4 5 6 7 8 9 0 WORK WEEK 01 02 03 04 W A B C D
DATE CODE
PART NUMBER CODE REFERENCE: 1A = 1B = 1C = 1D = 1E = 1F = 1G = 1H = IRLML2402 IRLML2803 IRLML6302 IRLML5103 IRLML6402 IRLML6401 IRLML2502 IRLML5203
24 25 26
X Y Z
WW = (27-52) IF PRECEDED BY A LETT ER YEAR 2001 2002 2003 1994 1995 1996 1997 1998 1999 2000 Y A B C D E F G H J K WORK WEEK 27 28 29 30 W A B C D
DAT E CODE EXAMPLES: YWW = 9503 = 5C YWW = 9532 = EF
50 51 52
X Y Z
Notes : T his part marking information applies to devices produced after 02/26/2001
W = (1-26) IF PRECE DED BY LAS T DIGIT OF CALENDAR YEAR Y = YEAR W = WEEK YEAR 2001 2002 2003 1994 1995 1996 1997 1998 1999 2000 Y 1 2 3 4 5 6 7 8 9 0 WORK WEEK 01 02 03 04 W A B C D
PART NUMBER
LOT CODE
PART NUMBER CODE REFERENCE: A= B= C= D= E= F= G= H= IRLML2402 IRLML2803 IRLML6302 IRLML5103 IRLML6402 IRLML6401 IRLML2502 IRLML5203
24 25 26
X Y Z
W = (27-52) IF PRECEDED BY A LETTER YEAR 2001 2002 2003 1994 1995 1996 1997 1998 1999 2000 Y A B C D E F G H J K WORK WEEK 27 28 29 30 W A B C D
50 51 52
X Y Z
8
www.irf.com
IRLML6402
Tape & Reel Information
Micro3a Dimensions are shown in millimeters (inches)
2.05 ( .080 ) 1.95 ( .077 ) 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.32 ( .051 ) 1.12 ( .045 )
1.85 ( .072 ) 1.65 ( .065 )
TR
3.55 ( .139 ) 3.45 ( .136 )
8.3 ( .326 ) 7.9 ( .312 )
FEED DIRECTION
4.1 ( .161 ) 3.9 ( .154 )
1.1 ( .043 ) 0.9 ( .036 )
0.35 ( .013 ) 0.25 ( .010 )
178.00 ( 7.008 ) MAX.
9.90 ( .390 ) 8.40 ( .331 ) NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 04/03
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRLML6402TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X