|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bulletin I27117 rev. C 03/02 SERIES IRK.136, .142, .162 THYRISTOR/DIODE and THYRISTOR/THYRISTOR Features High Voltage Electrically Isolated by DBC Ceramic ( Al 2 O 3 ) 3500 V RMS Isolating Voltage Industrial Standard Package High Surge Capability Glass Passivated Chips Modules uses High Voltage Power thyristor/diodes in three Basic Configurations Simple Mounting UL E78996 approved NEW INT-A-pak Power Modules 135 A 140 A 160 A Applications DC Motor Control and Drives Battery Charges Welders Power Converters Lighting Control Heat and Temperature Control Major Ratings and Characteristics Parameters IT(AV) @ TC IT(RMS) ITSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz I2t VRRM TJ range CASE STYLE NEW INT-A-PAK IRK.136.. IRK.142.. IRK.162.. Units 135 85 300 3200 3360 51.5 47 515.5 140 85 310 4500 4712 102 92.5 1013 400 to 1600 - 40 to 125 160 85 355 4870 5100 119 108 1190 A C A A A KA2s KA2s KA2s V C www.irf.com 1 IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 Electrical Specifications Voltage Ratings Type number Voltage VRRM/VDRM , Maximum repetitive VRSM/VDSM, Maximum non-repetitive Code peak reverse voltage peak reverse voltage V V 04 08 12 14 16 400 800 1200 1400 1600 500 900 1300 1500 1700 IRRM / IDRM @ 125C mA 50 IRK.136 IRK.142 IRK.162 Forward Conduction Parameter IT(AV) Max. average on-state current @ Case temperature IT(RMS) Max. RMS on-state current ITSM Maximum peak, one-cycle on-state, non-repetitive surge current IRK.136 135 85 300 3200 3360 2700 2800 IRK.142 140 85 310 4500 4712 3785 3963 102 92.5 71.6 65.4 1013 0.83 1 1.78 1.43 1.55 IRK.162 160 85 355 4870 5100 4100 4300 119 108 84 76.7 1190 0.8 0.98 1.67 1.38 1.54 Units Conditions A C A A as AC switch t = 10ms No voltage 180 conduction, half sine wave t = 8.3ms reapplied t = 10ms 100% VRRM Sine half wave, Initial TJ = TJ max. No voltage t = 8.3ms reapplied KA2s t = 10ms I2t Maximum I2t for fusing 51.5 47 36.5 33.3 t = 8.3ms reapplied t = 10ms 100% VRRM t = 8.3ms reapplied KA2s t = 0.1 to 10ms, no voltage reapplied V (16.7% x x IT(AV) < I < x IT(AV)), @ TJ max. (I > x IT(AV)), @ TJ max. m (16.7% x x IT(AV) < I < x IT(AV)), @ TJ max. (I > x IT(AV)), @ TJ max. V ITM = x IT(AV), TJ = 25C, 180conduction Anode supply = 6V initial IT = 30A, TJ = 25C Anode supply = 6V resistive load = 1 Gate pulse: 10V, 100s, TJ = 25C I2t Maximum I2t for fusing voltage 515.5 0.86 1.05 2.02 1.65 1.57 VT(TO)1 Low level value of threshold VT(TO)2 High level value of threshold voltage rt1 rt2 VTM IH IL Low level value on-state slope resistance High level value on-state slope resistance Maximum forward voltage drop Maximum holding current Maximum latching current 200 400 mA mA Switching tgd tgr tq Typical delay time Typical rise time Typical turn-off time 1 2 50 - 200 s TJ = 25oC TJ = 25 C o Gate Current=1A dIg/dt=1A/s Vd=0,67% VDRM ITM = 300 A; -dI/dt = 15 A/s; TJ = TJ max Vr = 50 V; dV/dt = 20 V/s; Gate 0 V, 100 2 www.irf.com IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 Blocking IRRM IDRM VINS Maximum peak reverse and off-state leakage current RMS isolation voltage 3500 1000 V V/s 50Hz, circuit to base, all terminals shorted, t = 1s TJ = TJ max., exponential to 67% rated VDRM 50 mA TJ = 125oC dV/dt critical rate of rise of off-state voltage Triggering Parameter PGM IGM -VGT VGT Max. peak gate power IRK.136 IRK.142 12 3 3 10 4 2.5 1.7 270 150 80 0.3 10 300 IRK.162 Units Conditions W W A V V TJ = - 40C TJ = 25C TJ = TJ max. TJ = - 40C mA V mA A/s @ TJ = TJ max., ITM = 400A rated VDRMapplied TJ = 25C Anode supply = 6V, resistive load; Ra = 1 Anode supply = 6V, resistive load; Ra = 1 tp 5ms, TJ = TJ max. f=50Hz, TJ = TJ max. tp 5ms, TJ = TJ max. PG(AV) Max. average gate power Max. peak gate current Max. peak negative gate voltage Max. required DC gate voltage to trigger IGT Max. required DC gate current to trigger VGD IGD di/dt Max. gate voltage that will not trigger Max. gate current that will not trigger Max. rate of rise of turned-on current TJ = TJ max. @ TJ = TJ max., rated VDRM applied Thermal and Mechanical Specifications Parameter TJ Tstg RthJC RthCS T wt Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Mounting IAP to heatsink torque 10% busbar to IAP Approximate weight Case Style 0.18 IRK.136 IRK.142 -40 to 125 -40 to 150 0.18 0.05 4 to 6 4 to 6 200 (7.1) IRK.162 Units Conditions C C 0.16 K/W K/W Nm g(oz) DC operation, per junction Mounting surface smooth, flat and greased Per module A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. Lubricated threads. New Int-A-Pak R Conduction (per Junction) (The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC) Devices IRK.136 IRK.142 IRK.162 Sinusoidal conduction @ TJ max. 180o 0.007 0.0019 0.0030 120o 0.01 0.0019 0.0031 90o 0.013 0.0020 0.0032 60o 0.0155 0.0020 0.0033 30o 0.017 0.0021 0.0034 180o 0.009 0.0018 0.0029 Rectangular conduction @ TJ max. 120o 0.012 0.0022 0.0036 90o 0.014 0.0023 0.0039 60o 0.015 0.0023 0.0041 30o 0.017 0.0020 0.0040 Units K/W www.irf.com 3 IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 Ordering Information Table Device Code IRK 1 1 2 3 4 - T 2 162 3 / 16 4 Module Type Circuit Configuration Current Rating: IT(AV) Voltage Code: Code x 100 = VRRM Outline Table Dimensions are in millimeters and [inches] IRKT 1 IRKH 1 IRKL 1 2 2 2 3 3 5 4 3 7 6 57 46 NOTE: To order the Optional Hardware see Bulletin I27900 4 www.irf.com IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 M a xim um Allo w a ble C ase Tem peratu re ( C ) M axim um Allow a b le C ase Tem perature ( C ) 13 0 12 0 11 0 C o nd uctio n Angle IRK.136.. Series R thJC (D C ) = 0.18 K/W 13 0 12 0 11 0 IRK .1 3 6 .. Se ries R thJC (D C ) = 0 .1 8 K/W C o n d u c tio n P e rio d 10 0 90 80 70 0 20 40 60 80 10 0 12 0 14 0 Averag e Forw ard C urren t (A ) Fig. 1 - Current Ratings Characteristics 10 0 30 90 80 70 0 50 100 15 0 2 00 25 0 Averag e O n-state C urren t (A ) Fig. 2 - Current Ratings Characteristics 30 60 90 120 180 60 90 120 180 DC M a xim um A vera ge O n-state Pow er Loss (W ) 250 200 150 100 50 0 0 180 120 90 60 30 M axim um Averag e O n-state Pow er Loss (W ) 300 350 300 250 200 150 100 50 0 0 50 1 00 C o n d uc tio n P eriod DC 180 120 90 60 30 RM S Lim it RM S Lim it C o nd uctio n Angle IRK .136.. Se ries Per Junction T J = 125 C 30 60 90 12 0 15 0 IRK .136.. Se ries Per Junction TJ = 12 5 C 1 50 2 00 2 50 Averag e O n-state C urrent (A) Fig. 3 - On-State Power Loss Characteristics A vera ge O n -sta te C urrent (A) Fig. 4 - On-State Power Loss Characteristics Pea k H alf Sin e W a ve O n -sta te C urren t (A ) Peak Ha lf Sine W a ve O n -sta te C urrent (A) 30 0 0 28 0 0 26 0 0 24 0 0 22 0 0 20 0 0 18 0 0 16 0 0 14 0 0 12 0 0 1 A t A ny R ate d Lo ad C o nditio n A n d W ith R ated V RRM A pplied Follo w ing Surge . 35 0 0 In itial TJ = 125 C @ 60 Hz 0.00 83 s @ 50 Hz 0.01 00 s 30 0 0 Maxim um No n Repetitive Surge Curre nt V ers us Pulse Train D uratio n. C ontrol O f Co nductio n M ay Not Be M aintained. In itial T J= 125 C No V oltag e Re ap plie d Ra te d V Re ap plie d RRM 25 0 0 20 0 0 15 0 0 IRK.1 36.. Se ries Pe r Ju nction 10 0 0 0 .0 1 0.1 Pulse Tra in D ura tion (s) Fig. 6 - Maximum Non-Repetitive Surge Current IRK.136.. Series Per Junction 10 10 0 1 Num b er O f Eq ua l Am p litud e H a lf C yc le C urre nt P ulses (N) Fig.5 - Maximum Non-Repetitive Surge Current www.irf.com 5 IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 M axim um Tota l O n -sta te Pow e r Loss (W ) 450 0. 12 0. 0. 0. 08 S R th 0 .0 400 350 300 250 200 150 100 50 0 0 50 100 C onductio n Angle K/ K/ 180 120 90 60 30 16 4K W W W K/ W A /W W K/ . 01 =0 25 K/ e lt -D 0 .4 K /W aR 0 .6 K /W IRK.136.. Se rie s Pe r M odule TJ = 12 5 C 1 K/ W 150 200 250 300 0 25 50 75 1 00 125 Tota l R M S Outp ut C urre nt (A) M axim um A llowab le Am bient Tem pera ture ( C ) Fig.7 - On State Power Loss Characteristics 1 0 00 A hS Rt M axim um To ta l P o we r Lo ss (W ) 90 0 80 0 70 0 60 0 50 0 40 0 30 0 20 0 10 0 0 0 55 11 0 165 220 20 5 7 25 0 .3 5 K /W 0. 04 0. K/ . 01 =0 08 W 180 (Sine ) 180 (Re ct) 0. 12 K/ W K/ K/ W W a e lt -D 0 .2 K /W R 2 x IRK.136.. Series 0 . 6 K /W Single P hase Brid ge C onnected T J = 125 C 50 75 100 125 Total O utp ut C urre nt (A) M axim um Allowab le Am bient Te m p era ture ( C ) Fig.8 - On State Power Loss Characteristics 15 0 0 M a xim u m To ta l Po w e r Lo ss (W ) R th 12 0 0 0. 08 SA = 0. 04 K/ W 90 0 120 (Rec t) 0.1 K/ W -D K/ el W ta 0 .1 R 60 0 6K / W 30 0 K /W 3 x IR K.1 3 6.. Serie s Th ree Ph a se B rid g e 0 .4 K / W C o n n ec te d 1 K /W T J = 12 5 C 0 . 25 0 0 10 0 20 0 3 00 40 00 25 50 75 1 00 1 25 To ta l O u tp u t C u rre nt (A ) M axim u m A llo w a b le A m b ien t Tem p e ra tu re ( C ) Fig.9- On State Power Loss Characteristics 6 www.irf.com IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 M a xim um Allo w ab le C ase Tem peratur e ( C) M axim um Allow a ble C ase Tem perature ( C ) 130 120 110 C o nd uctio n Angle 130 120 110 IRK.142.. Series R thJC (D C ) = 0.18 K/W IR K.1 4 2 .. Se rie s R thJC (D C ) = 0 .1 8 K /W C o n d uc tio n P e rio d 100 90 80 70 0 30 60 90 1 20 1 50 A vera ge Forw a rd C urrent (A) Fig. 10 - Current Ratings Characteristics 100 30 90 80 70 0 50 100 15 0 200 25 0 Averag e O n-state C urrent (A) Fig. 11 - Current Ratings Characteristics 30 60 90 120 180 60 90 120 180 DC M axim um Averag e O n -state Pow er Loss (W ) M axim um A ve ra ge O n -sta te Po w er Lo ss (W ) 25 0 180 120 90 60 30 RMS Lim it 10 0 C o nd uc tio n Angle 35 0 30 0 25 0 20 0 15 0 R M S L im it 10 0 50 0 0 50 1 00 1 50 2 00 2 50 Averag e O n-state C urren t (A ) Fig. 13 - On-State Power Loss Characteristics C o nd u c tio n Pe rio d 20 0 15 0 DC 180 120 90 60 30 50 IRK .142.. Series Per Junction TJ = 12 5 C 0 30 60 90 1 20 1 50 IRK .1 4 2 .. Se rie s P er Ju n c tio n TJ = 12 5 C 0 Averag e O n-state C urren t (A ) Fig. 12 - On-State Power Loss Characteristics Peak H a lf Sin e W a ve O n -stat e C urren t (A) A t A ny Rated Lo ad C o nditio n A n d W ith R ated V RRM A pplied Follo w ing Surge . Pea k H alf Sin e W ave O n -sta te C urren t (A) 45 0 0 40 0 0 35 0 0 30 0 0 25 0 0 20 0 0 15 0 0 1 5 00 0 4 50 0 4 00 0 3 50 0 3 00 0 2 50 0 2 00 0 In itial T J= 125 C @ 60 Hz 0.00 83 s @ 50 Hz 0.01 00 s M axim um Non Repetitive Surge Current V e rsus Pulse Train D uratio n. C o ntro l O f Co nductio n Ma y No t Be M aintained . Initia l T J= 125 C N o V oltag e Re a pp lied Ra te d V R R M a pp lie d Re IRK.142.. Series Per Junction 10 10 0 IRK.1 42.. Se rie s Pe r Ju nction 0 .1 Pu lse Tra in D uration (s) 1 1 50 0 0 .0 1 N um b er O f Eq ua l A m p litud e H a lf Cy cle C urrent P ulses (N ) Fig.14 - Maximum Non-Repetitive Surge Current Fig. 15 - Maximum Non-Repetitive Surge Current www.irf.com 7 IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 M axim um Total O n-state Pow e r Lo ss (W ) 400 R /W 4K 0.0 W K/ 08 0. W K/ 12 W K/ 16 0. 0. th SA 300 180 120 90 60 30 .0 1 =0 0. 25 K/ W K /W 0 .4 e lt -D K/ W 200 C o nductio n A n g le aR 0 .6 K/W 100 IRK.142.. Se rie s Per M odule T J = 125 C 1K /W 0 0 50 100 150 200 250 300 25 50 75 10 0 12 5 Tota l R M S O utp ut C urre nt (A) M axim um A llowa ble A m b ient Tem perature ( C ) Fig.16 - On State Power Loss Characteristics 1 00 0 hS Rt 0. M a xim um Tota l P o w er Lo ss (W ) 04 80 0 0. 0 .1 K/ A 08 W .0 =0 K/ W /W 1K 60 0 40 0 180 (Sine ) 180 (Re ct) 2K /W 0.1 6K /W e -D lta R 0 .2 5K /W 20 0 0 0 100 2 x IR K .1 4 2.. Se ries Sin g le P h a se Brid g e C o n n ec te d T J = 12 5 C 2 00 0 3 00 0 .6 K /W 25 50 75 10 0 12 5 To ta l O u tp ut C u rre nt (A ) M axim um A llowa ble A m b ient Tem perature ( C ) Fig.17 - On State Power Loss Characteristics 16 0 0 Ma xim u m Total Power Lo ss (W ) S R th 0. 04 K/ A 12 0 0 120 (Rec t) 8 00 0. 06 K/ = W W 0.0 / 2K W e -D 0.0 8K /W l ta R 4 00 W 3 x IRK.142.. Series Three P hase Brid ge 0 .1 6 K /W C o nnected 0.2 K/W TJ = 125 C 0.1 K/ 0 0 0 5 0 10 0 1 5 0 20 0 25 0 30 0 35 0 4 0 0 45 0 Total O utp ut C urre nt (A) 25 50 75 10 0 12 5 M axim um A llowab le Am bie nt Tem perature ( C ) Fig.18- On State Power Loss Characteristics 8 www.irf.com IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 M a xim um A llow ab le C a se Tem p era ture ( C ) M axim um Allow a b le C ase Tem perature ( C ) 130 120 110 C o nd uc tio n Angle IRK.162.. Series R thJ C (D C ) = 0.16 K/W 1 30 1 20 1 10 1 00 90 80 70 60 0 50 30 IRK .162.. Series R thJC (DC ) = 0.16 K/W C on d uctio n P e rio d 100 90 80 70 0 30 60 90 1 20 150 180 Averag e Fo rw ard C urrent (A) Fig. 19 - Current Ratings Characteristics 30 60 90 120 180 60 90 120 180 100 15 0 20 0 DC 2 50 300 A vera ge O n -sta te C urrent (A) Fig. 20 - Current Ratings Characteristics M axim um Averag e O n-state Pow er Loss (W ) IRK .162.. Se ries 3 50 Per Junction TJ = 125 C 3 00 180 120 2 50 90 60 2 00 30 1 50 1 00 50 M a xim um A vera g e O n -sta te Pow e r Lo ss (W ) 4 00 40 0 35 0 30 0 25 0 20 0 15 0 10 0 50 0 0 30 60 C o n du c tio n Pe rio d DC 180 120 90 60 30 RM S Lim it RM S Lim it C o nd uc tio n Angle IRK.162.. Se ries Per Junctio n T = 125 C J 0 0 20 40 60 8 0 10 0 1 20 1 40 1 6 0 1 8 0 Averag e O n-state C urren t (A) Fig. 21 - On-State Power Loss Characteristics 9 0 1 2 0 15 0 1 80 2 10 2 4 0 2 7 0 Averag e O n -sta te C urren t (A ) Fig. 22 - On-State Power Loss Characteristics Pea k H alf Sin e W a ve O n-state C urren t (A ) A t A ny R ate d Lo ad C on dition A n d W ith Rate d V RRM A pplie d Fo llow ing Surg e . Peak Ha lf Sine W av e O n -sta te C urrent (A) 4 50 0 4 00 0 3 50 0 3 00 0 2 50 0 2 00 0 1 50 0 1 50 0 0 45 0 0 40 0 0 35 0 0 30 0 0 25 0 0 20 0 0 In itial T J = 125 C @ 60 Hz 0.00 83 s @ 50 Hz 0.01 00 s M axim um Non Repetitive Surge Current V e rsus Pulse Train D uratio n. C o ntro l O f Co nductio n Ma y No t Be M aintained . In itia l T J= 125 C No V olta ge Re ap plied Ra te d V R R M ap plie d Re IRK.162.. Series Per Jun ction 10 10 0 IRK .162.. Series Per Junction 0 .1 Pu lse Tra in D uration (s) 15 0 0 0.0 1 1 Num b er O f Eq ua l Am p litud e H a lf C ycle C urrent P ulse s (N) Fig.23 - Maximum Non-Repetitive Surge Current Fig. 24 - Maximum Non-Repetitive Surge Current www.irf.com 9 IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 M a xim um T ota l O n-state Pow e r Loss (W ) 600 S R th 0. 04 0. 500 400 300 C onductio n An gle 180 120 90 60 30 06 08 A 0. K/ W K/ W W K/ = 0. 0 2 K/ 0.1 W K/ W ta el -D 0 .1 6K /W R 200 100 0 0 100 200 300 400 0 IRK.162.. Se rie s Pe r M odule T J = 125 C 0.2 K /W 25 50 75 100 125 Tota l RM S O utp ut C urre nt (A) M axim um A llowab le Am b ie nt Tem p era ture ( C ) Fig.25 - On State Power Loss Characteristics 9 00 M axim um Total P ower Lo ss (W ) 8 00 7 00 6 00 5 00 4 00 3 00 2 00 1 00 0 0 50 100 15 0 20 0 25 0 0 3 00 25 50 75 10 0 12 5 Tota l O utput C urrent (A) M axim um A llo wa ble A m b ient Tem perature ( C ) 180 (Sine ) 180 (Re ct) 0. 0. 08 A hS Rt K/ W = 12 0. K/ 04 W K/ W 0.2 -D K/ W ta el 0.3 0 .4 R K /W K /W 2 x IRK.162.. Series 0 .6 K /W Single Phase Brid ge 1 K /W C onnected T J = 125 C Fig.26 - On State Power Loss Characteristics 1 5 00 M axim u m To tal Po wer Loss (W ) S R th 0. 04 1 2 50 1 0 00 7 50 5 00 2 50 0 0 50 1 0 0 15 0 2 00 25 0 3 0 0 3 5 0 4 00 40 50 Tota l Output C urrent (A) 120 (Rect) 0. 08 K/ W A = 0. 0 2 K/ K/ W W e lt -D 0 .1 0 .2 2K /W K /W a R 3 x IRK.162.. Series 0 .3 K /W Three Phase Brid ge 0. 6 K /W C onnected T J = 12 5 C 25 50 75 100 125 M a xim um A llo w a b le A m b ie n t Te m p era tu re ( C ) Fig.27- On State Power Loss Characteristics 10 www.irf.com IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 10000 Instantaneous On-state Current (A) 10000 Instantaneous On-state Current (A) 1000 T J = 25C T J= 125C 1000 TJ = 25C T = 125C J 100 100 10 IRK.136.. Series Per Junction 10 IRK.142.. Series Per Junction 1 0 1 2 3 4 5 Instantaneous On-state Voltage (V) Fig.28 - On State Voltage Drop Characteristics 1 0 1 2 3 4 5 Instantaneous On-state Voltage (V) Fig.29 - On State Voltage Drop Characteristics 10000 Transient Thermal Impedance Z thJC Instantaneous On-state Current (A) 1 Steady State Value (DC Operation) 1000 TJ = 25C TJ = 125C 0.1 100 0.01 10 IRK.162.. Series Per Junction IRK.136.. Series 1 0 1 2 3 4 5 Instantaneous On-state Voltage (V) 0.001 0.001 0.01 0.1 1 Square Wave Pulse Duration (s) 10 Fig.30 - On State Voltage Drop Characteristics Fig.31 - Thermal Impedance ZthJC Characteristics 1 Transient Thermal Impedance Z thJC Transient Thermal Impedance Z thJC Steady State Value (DC Operation) 1 Steady State Value (DC Operation) 0.1 0.1 IRK.142.. Series IRK.162.. Series 0.01 0.01 0.1 1 Square Wave Pulse Duration (s) 10 0.01 0.01 0.1 1 Square Wave Pulse Duration (s) 10 Fig.32 - Thermal Impedance ZthJC Characteristics Fig.33 - Thermal Impedance ZthJC Characteristics www.irf.com 11 IRK.136, .142, .162 Series Bulletin I27117 rev. C 03/02 1 00 In stan ta neous G a te V olta ge (V ) 10 Rec ta ng ula r g a te p ulse a )Re c o m m end e d lo a d line fo r ra ted d i/d t: 20 V, 20 o hm s tr = 0.5 s, tp >= 6 s b )Re c o m m end e d loa d line fo r <= 30% ra ted d i/d t: 15 V , 40 o hm s tr = 1 s, tp >= 6 s (1) (2) (3) (4) (a) TJ = -40 C PG M PG M PG M PG M = = = = 200 W , tp = 300 s 60 W , tp = 1 m s 30 W , tp = 2 m s 12 W , tp = 5 m s (b ) TJ = 25 C TJ = 12 5 C 1 (4) (3 ) (2) (1) VG D IG D IR K.1 3 6 ..1 4 2 ..1 6 2 .. Se ries 0 .1 1 Frequen cy Lim ited by PG (AV ) 10 100 1 00 0 0 .1 0 .0 0 1 0.0 1 Instan ta n eous G a te C urren t (A ) Fig. 34 - Gate Characteristics Data and specifications subject to change without notice. This product has been designed and qualified for Multiple Level. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/02 12 www.irf.com |
Price & Availability of IRKH142-12 |