Part Number Hot Search : 
1060CT 120N1 UZ5750 SF1220G 1000A BAT54H M050B C2065
Product Description
Full Text Search
 

To Download IDT71V30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
Features
x x
IDT71V30S/L
High-speed access - Commercial: 25/35/55ns (max.) Low-power operation - IDT71V30S -- Active: 375mW (typ.) -- Standby: 5mW (typ.) - IDT71V30L -- Active: 375mW (typ.) -- Standby: 1mW (typ.)
x x x x x x
On-chip port arbitration logic Interrupt flags for port-to-port communication Fully asynchronous operation from either port Battery backup operation, 2V data retention (L Only) TTL-compatible, single 3.3V 0.3V power supply Industrial temperature range (-40OC to +85OC) is available for selected speeds
Functional Block Diagram
OEL CEL OER CER
R/WL
R/WR
I/O0L- I/O7L I/O Control
BUSYL
(1)
I/O0R-I/O7R I/O Control
BUSYR
(1)
A9L A0L
Address Decoder
10
MEMORY ARRAY
10
Address Decoder
A9R A0R
CEL OEL R/WL
ARBITRATION and INTERRUPT LOGIC
CER OER R/WR
INTL
(2)
INTR
3741 drw 01
(2)
NOTES: 1. IDT71V30: BUSY outputs are non-tristatable push-pulls. 2. INT outputs are non-tristable push-pull output structure.
JANUARY 2001
1
(c)2000 Integrated Device Technology, Inc. DSC 3741/7
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
Description
The IDT71V30 is a high-speed 1K x 8 Dual-Port Static RAM. The IDT71V30 is designed to be used as a stand-alone 8-bit Dual-Port SRAM. Both devices provide two independent ports with separate control, address, and I/O pins that permit independent, asynchronous access for reads or writes to any location in memory. An automatic power down feature, controlled by CE, permits the on chip circuitry of each port to enter a very low standby power mode. Fabricated using IDT's CMOS high-performance technology, these devices typically operate on only 375mW of power. Low-power (L) versions offer battery backup data retention capability, with each DualPort typically consuming 200W from a 2V battery. The IDT71V30 devices are packaged in 64-pin STQFPs.
Pin Configurations(1,2,3)
N/C N/C N/C INTL BUSYL R/WL CEL VCC VCC CER R/WR BUSYR INTR N/C N/C N/C
INDEX
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
OEL A0L A1L A2L A3L A4L A5L A6L N/C A7L A8L A9L N/C I/O0L I/O1L I/O2L
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
IDT71V30TF PP64-1(4) 64-Pin STQFP Top View(5)
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
OER
A 0R A 1R A 2R A 3R A 4R A 5R A 6R N/C A 7R A 8R A 9R N/C N/C I/O 7R I/O 6R
3741 drw 03
,
NOTES: 1. All VCC pins must be connected to the power supply. 2. All GND pins must be connected to the ground supply. 3. Package body is approximately 10mm x 10mm x 1.4mm. 4. This package code is used to reference the package diagram. 5. This text does not indicate the orientation of the actual part-marking.
I/O3L N/C I/O4L I/O5L I/O6L I/O7L N/C GND GND I/O0R I/O1R I/O2R I/O3R N/C I/O4R I/O5R
6.42 2
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
Absolute Maximum Ratings(1)
Symbol VTERM TBIAS TSTG IOUT
(2)
Rating Terminal Voltage with Respect to GND Temperature Under Bias Storage Temperature DC Output Current
Com'l & Ind -0.5 to +4.60 -55 to +125 -65 to +150 50
Unit V
o
Recommended DC Operating Conditions
Symbol VCC Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Min. 3.0 0 2.0 -0.3
(1)
Typ. 3.3 0
____
Max. 3.6 0 VCC+0.3V 0.8
Unit V V V V
3741 tbl 02
C C
GND VIH VIL
o
____
mA
3741 tbl 01
NOTE: 1. VIL (min.) = -1.5V for pulse width less than 20ns.
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed Vcc + 0.3V for more than 25% of the cycle time or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc + 0.3V.
Maximum Operating Temperature and Supply Voltage(1,2)
Grade Commercial Industrial Ambient Temperature 0OC to +70OC -40 C to +85 C
O O
GND 0V 0V
Vcc 3.3V + 0.3 3.3V + 0.3
3741 tbl 03
Capacitance(1) (TA = +25OC,
Symbol CIN COUT Parameter Input Capacitance Output Capacitance VIN = 3dV
f=1.0MHz)
Max. 9 10 Unit pF pF
3741 tbl 04
Conditions(2)
NOTES: 1. This is the parameter TA. This is the "instant on" case temperature. 2. Industrial temperature: for specific speeds, packages and powers, contact your sales office.
VOUT = 3dV
NOTES: 1. This parameter is determined by device characterization but is not production tested. 2. 3dv references the interpolated capacitance when the input and output signals switch from 0V to 3V or from 3V to 0V.
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range
Symbol |ILI| |ILO| VOL VOH
NOTE:
(VCC = 3.3V 0.3V)
71V30L Min.
___
71V30S Parameter Input Leakage Current(1) Output Leakage Current Output Low Voltage (I/O0-I/O7) Output High Voltage Test Conditions VCC = 3.6V, VIN = 0V to VCC CE = VIH, VOUT = 0V to VCC IOL = 4mA IOH = -4mA Min.
___
Max. 10 10 0.4
___
Max. 5 5 0.4
___
Unit A A V V
3741 tbl 05
___
___
___
___
2.4
2.4
1. At Vcc < 2.0V input leakages are undefined.
Supply CurrentVIN > VCC -0.2V or < 0.2V
3 6.42
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,6,7) (VCC = 3.3V 0.3V)
71V30X25 Com'l Only Symbol ICC Parameter Dynamic Operating Current (Both Ports Active) Test Condition CEL and CER = VIL, Outputs Disabled f = fMAX(3) Version COM'L IND ISB1 Standby Current (Both Ports - TTL Level Inputs) CEL and CER= VIL, f = fMAX(3) COM'L IND ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(5) Active Port Outputs Disabled, f=fMAX(3) COM'L IND ISB3 Full Standby Current (Both CEL and CER > VCC - 0.2V Ports - CMOS Level Inputs) VIN > VCC - 0.2V or VIN < 0.2V, f = 0(4) COM'L IND ISB4 Full Standby Current (One Port - CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VCC - 0.2V(5) VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled f=fMAX(3) COM'L IND S L S L S L S L S L S L S L S L S L S L Typ.(2) 75 75
___ ___
71V30X35 Com'l Only Typ. (2) 75 75
___ ___
71V30X55 Com'l Only Typ. (2) 75 75
___ ___
Max. 150 120
___ ___
Max. 145 115
___ ___
Max. 135 105
___ ___
Unit mA
20 20
___ ___
50 35
___ ___
20 20
___ ___
50 35
___ ___
20 20
___ ___
50 35
___ ___
mA
30 30
___ ___
105 75
___ ___
30 30
___ ___
100 70
___ ___
30 30
___ ___
90 60
___ ___
mA
1.0 0.2
___ ___
5.0 3.0
___ ___
1.0 0.2
___ ___
5.0 3.0
___ ___
1.0 0.2
___ ___
5.0 3.0
___ ___
mA
30 30
___ ___
90 75
___ ___
30 30
___ ___
85 70
___ ___
30 30
___ ___
75 60
___ ___
mA
3741 tbl 06
NOTES: 1. 'X' in part number indicates power rating (S or L) 2. VCC = 3.3V, TA = +25C, and are not production tested. ICCDC = 70mA (Typ.) 3. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC. 4. f = 0 means no address or control lines change. 5. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 6. Refer to chip enable Truth Table I. 7. Industrial temperature: for specific speeds, packages and powers contact your sales office.
Data Retention Characteristics
Symbol VDR ICCDR Parameter VCC for Data Retention Data Retention Current
(L Version Only)
71V30L Test Condition Min. 2.0 Ind.
____
Typ. (1)
____
Max.
____
Unit V A
____
____
VCC = 2V, CE > VCC -0.2V tCDR tR
(3) (3)
Com'l.
____
100
____
1500
____
Chip Deselect to Data Retention Time Operation Recovery Time
VIN > VCC -0.2V or VIN < 0.2V
0 tRC
(2)
ns ns
3741 tbl 07
____
____
NOTES: 1. VCC = 2V, TA = +25C, and is not production tested. 2. tRC = Read Cycle Time. 3. This parameter is guaranteed by device characterization but not production tested.
6.42 4
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
AC Test Conditions
Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 3ns Max. 1.5V 1.5V Figures 1 and 2
3741 tbl 08
Data Retention Waveform
DATA RETENTION MODE VDR 2.0V
VCC
3.0V tCDR
3.0V tR
CE VIH
VDR VIH
3741 drw 04 ,
3.3V 590 DATA OUT BUSY INT 435 DATA OUT 30pF 435
3.3V 590
5pF
3741 drw 05
Figure 1. AC Output Test Load
Figure 2. Output Test Load (For tHZ, tLZ, tWZ and tOW) * Including scope and jig.
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(3,4)
71V30X25 Com'l Only Symbol READ CYCLE tRC tAA tACE tAOE tOH tLZ tHZ tPU tPD Read Cycle Time Address Access Time Chip Enable Access Time Output Enable Access Time Output Hold from Address Change Output Low-Z Time (1,2) Output High-Z Time (1,2) Chip Enable to Power Up Time
(2) (2)
71V30X35 Com'l Only Min. Max.
71V30X55 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
25
____
____
35
____
____
55
____
____
ns ns ns ns ns ns ns ns ns
3741 tbl 09
25 25 12
____
35 35 20
____
55 55 25
____
____
____
____
____
____
____
3 0
____
3 0
____
3 0
____
____
____
____
12
____
15
____
30
____
0
____
0
____
0
____
Chip Disable to Power Down Time
50
50
50
NOTES: 1. Transition is measured 0mV from Low- or High-impedance voltage with Output Test Load (Figure 2). 2. This parameter is guaranteed by device characterization, but is not production tested. 3. 'X' in part number indicates power rating (S or L). 4. Industrial temperature: for specific speeds, packages and power contact your sales office.
5 6.42
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
Timing Waveform of Read Cycle No. 1, Either Side(1)
tRC ADDRESS tAA tOH DATAOUT BUSYOUT tBDD (2,3)
3741 drw 06
tOH DATA VALID
PREVIOUS DATA VALID
NOTES: 1. R/W = VIH, CE = VIL, and is OE = VIL. Address is valid prior to the coincidental with CE transition LOW. 2. tBDD delay is required only in case where the opposite is port is completing a write operation to same the address location. For simultaneous read operations BUSY has no relationship to valid output data. 3. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD.
Timing Waveform of Read Cycle No. 2, Either Side(3)
tACE CE tAOE OE tLZ DATAOUT tLZ ICC CURRENT ISS tPU 50%
(1) (1) (4)
tHZ
(2)
tHZ VALID DATA tPD
(4)
(2)
50%
3741 drw 07
NOTES: 1. Timing depends on which signal is asserted last, OE or CE. 2. Timing depends on which signal is desserted first, OE or CE. 3. R/W = VIH and the address is valid prior to or coincidental with CE transition LOW. 4. Start of valid data depends on which timing becomes effective last tAOE, tACE, and tBDD.
6.42 6
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage(4,5)
71V30X25 Com'l Only Symbol WRITE CYCLE tWC tEW tAW tAS tWP tWR tDW tHZ tDH tWZ tOW Write Cycle Time Chip Enable to End-of-Write Address Valid to End-of-Write Address Set-up Time Write Pulse Width Write Recovery Time Data Valid to End-of-Write Output High-Z Time (1,2) Data Hold Time
(3) (1,2)
71V30X35 Com'l Only Min. Max.
71V30X55 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
25 20 20 0 20 0 12
____
____
35 30 30 0 30 0 20
____
____
55 40 40 0 40 0 20
____
____
ns ns ns ns ns ns ns ns ns ns ns
3741 tbl 10
____ ____
____ ____
____ ____
____
____
____
____
____
____
____ ____
____ ____
____ ____
12
____
15
____
30
____
0
____
0
____
0
____
Write Enable to Output in High-Z Output Active from End-of-Write
15
____
15
____
30
____
(1,2,3)
0
0
0
NOTES: 1. Transition is measured 0mV from Low- or High-impedance voltage with Output Test Load (Figure 2). 2. This parameter is guaranteed by device characterization, but is not production tested. 3. The specification for tDH must be met by the device supplying write data to the SRAM under all operating conditions. Although tDH and tOW values will vary over voltage and temperature, the actual tDH will always be smaller than the actual tOW. 4. 'X' in part number indicates power rating (S or L). 5. Industrial temperatures: for specific speeds, packages and powers contact your sales office.
7 6.42
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
Timing Waveform of Write Cycle No. 1,(R/W Controlled Timing)(1,5,8)
tWC ADDRESS tHZ (7) OE tAW CE tAS (6) R/W tWZ (7) DATA OUT
(4)
tWP(2)
tWR (3)
tHZ (7)
tOW
(4)
tDW DATA IN
tDH
3741 drw 08
Timing Waveform of Write Cycle No. 2, CE Controlled Timing(1,5)
tWC ADDRESS tAW CE tAS (6) R/W tDW DATA IN
3741 drw 09
tEW
(2)
tWR
(3)
tDH
NOTES: 1. R/W or CE must be HIGH during all address transitions. 2. A write occurs during the overlap (tEW or tWP) of CE = VIL and R/W= VIL. 3. tWR is measured from the earlier of CE or R/W going HIGH to the end of the write cycle. 4. During this period, the l/O pins are in the output state and input signals must not be applied. 5. If the CE LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the High-impedance state. 6. Timing depends on which enable signal (CE or R/W) is asserted last. 7. This parameter is determined be device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test Load (Figure 2). 8. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be placed on the bus for the required tDW. If OE is HIGH during a R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP.
6.42 8
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(6,7)
71V30X25 Com'l Only Symbol BUSY TIMING (M/S=VIH) tBAA tBDA tBAC tBDC tWH tWDD tDDD tAPS tBDD BUSY Access Time from Address Match BUSY Disable Time from Address Not Matched BUSY Access Time from Chip Enable BUSY Disable Time from Chip Enable Write Hold After BUSY(5) Write Pulse to Data Delay(1) Write Data Valid to Read Data Delay Arbitration Priority Set-up Time BUSY Disable to Valid Data(3)
(2) (1)
____
71V30X35 Com'l Only Min. Max.
71V30X55 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
20 20 20 20
____
____
20 20 20 20
____
____
30 30 30 30
____
ns ns ns ns ns ns ns ns ns
3741 tbl 11
____
____
____
____
____
____
____
____
____
20
____
30
____
40
____
50 35
____
60 45
____
80 65
____
____
____
____
5
____
5
____
5
____
30
30
45
NOTES: 1. Port-to-port delay through SRAM cells from writing port to reading port, refer to "Timing Waveform of Write with Port-to-Port Read with BUSY". 2. To ensure that the earlier of the two ports wins. 3. tBDD is a calculated parameter and is the greater of 0, tWDD - tWP (actual) or tDDD - tDW (actual). 4. To ensure that the Write Cycle is inhibited on Port "B" during contention on Port "A". 5. To ensure that the Write Cycle is completed on Port "B" after contention on Port "A". 6. 'X' in part number indicates power rating (S or L). 7. Industrial temperature: for specific speeds, packages and powers contact your sales office.
Timing Waveform of Write with Port-to-Port Read with BUSY(1,2,3,4)
tWC ADDR"A" MATCH tWP R/W"A" tDW DATAIN"A" tAPS ADDR"B"
(1)
tDH
VALID
MATCH tBDA tBDD
BUSY"B" tWDD DATAOUT"B" tDDD
3741 drw 10
VALID
NOTES: 1. To ensure that the earlier of the two ports wins. 2. CEL = CER = VIL 3. OE = VIL for the reading port. 4. All timing is the same for the left and right ports. Port 'A' may be either the left or right port. Port "B" is opposite from port "A".
9 6.42
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
Timing Waveform of Write with BUSY(3)
tWP R/W'A' tWB BUSY'B' tWH R/W'B'
(2) (1) ,
NOTES: 3741 drw 11 1. tWH must be met for BUSY. 2. BUSY is asserted on port 'B' blocking R/W'B', until BUSY'B' goes HIGH. 3. All timing is the same for the left and right ports. Port 'A' may be either the left or right port. Port "B" is opposite from port "A".
Timing Waveform of BUSY Arbitration Controlled by CE Timing(1)
ADDR 'A' AND 'B' CE'B' tAPS (2) CE'A' tBAC BUSY'A'
3741 drw 12
ADDRESSES MATCH
tBDC
NOTES: 1. All timing is the same for left and right ports. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 2. If tAPS is not satisified, the BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted.
Timing Waveform of BUSY Arbitration Controlled Address Match Timing(1)
tRC ADDR'A' tAPS ADDR'B' tBAA BUSY'B'
3741 drw 13 (2)
OR
tWC ADDRESSES DO NOT MATCH
ADDRESSES MATCH
tBDA
NOTES: 1. All timing is the same for left and right ports. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 2. If tAPS is not satisified, the BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted.
6.42 10
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,2)
71V30X25 Com'l Only Symbol INTERRUPT TIMING tAS tWR tINS tINR Address Set-up Time Write Recovery Time Interrupt Set Time Interrupt Reset Time 0 0
____ ____ ____ ____
71V30X35 Com'l Only Min. Max.
71V30X55 Com'l Only Min. Max. Unit
Parameter
Min.
Max.
0 0
____ ____
____ ____
0 0
____ ____
____ ____
ns ns ns ns
3741 tbl 12
25 25
25 25
45 45
NOTES: 1. 'X' in part number indicates power rating (S or L). 2. Industrial temperature: for specific speeds, packages and powers contact your sales office.
Timing Waveform of Interrupt Mode(1) INT Sets
tWC ADDR'A' INTERRUPT ADDRESS (2) tAS (3) R/W'A' tINS (3) INT'B'
3741 drw 14
tWR (4)
INT Clears
tRC ADDR'B' tAS OE'B' tINR (3) INT'A'
3741 drw 15 (3)
INTERRUPT CLEAR ADDRESS
NOTES:. 1. All timing is the same for left and right ports. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 2. See Interrupt Truth Table II. 3. Timing depends on which enable signal (CE or R/W) is asserted last. 4. Timing depends on which enable signal (CE or R/W) is de-asserted first.
11 6.42
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
Truth Tables Table I. Non-Contention Read/Write Control(4)
Left or Right Port R/W X X L H H CE H H L L L OE X X X L H
(1)
D0-7 Z Z DATAIN DATAOUT Z
Function Port Disab led and in Power-Down Mode, ISB2 or ISB4 CER = CEL = VIH, Power-Down Mode, ISB1 or ISB3 Data on Port Written Into Memory(2) Data in Memory Output on Port(3) High Impedance Outputs
3741 tbl 13
NOTES: 1. A0L - A9L A0R - A9R. 2. If BUSY = L, data is not written. 3. If BUSY = L, data may not be valid, see tWDD and tDDD timing. 4. 'H' = VIH, 'L' = VIL, 'X' = DON'T CARE, 'Z' = HIGH IMPEDANCE
Table II. Interrupt Flag(1,4)
Left Port R/WL L X X X CEL L X X L OEL X X X L A9L-A0L 3FF X X 3FE INTL X X L(3) H(2) R/WR X X L X CER X L L X Right Port OER X L X X A9R-A0R X 3FF 3FE X INTR L(2) H(3) X X Function Set Right INTR Flag Reset Right INTR Flag Set Left INTL Flag Reset Left INTL Flag
3741 tbl 14
NOTES: 1. Assumes BUSYL = BUSYR = VIH 2. If BUSYL = VIL, then No Change. 3. If BUSYR = VIL, then No Change. 4. 'H' = HIGH,' L' = LOW,' X' = DON'T CARE
Table III Address BUSY Arbitration
Inputs CEL X H X L CER X X H L AOL-A9L AOR-A9R NO MATCH MATCH MATCH MATCH Outputs BUSYL(1) H H H (2) BUSYR(1) H H H (2) Function Normal Normal Normal Write Inhibit(3)
3741 tbl 15
NOTES: 1. Pins BUSYL and BUSYR are both outputs for IDT71V30. BUSYX outputs on the IDT71V30 are non-tristatable push-pull. 2. 'L' if the inputs to the opposite port were stable prior to the address and enable inputs of this port. 'H' if the inputs to the opposite port became stable after the address and enable inputs of this port. If tAPS is not met, either BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs can not be LOW simultaneously. 3. Writes to the left port are internally ignored when BUSYL outputs are driving LOW regardless of actual logic level on the pin. Writes to the right port are internally ignored when BUSYR outputs are driving LOW regardless of actual logic level on the pin.
6.42 12
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
Functional Description
The IDT71V30 provides two ports with separate control, address and I/O pins that permit independent access for reads or writes to any location in memory. The IDT71V30 has an automatic power down feature controlled by CE. The CE controls on-chip power down circuitry that permits the respective port to go into a standby mode when not selected (CE = VIH). When a port is enabled, access to the entire memory array is permitted. at 3FE or 3FF is user-defined, since it is an addressable SRAM location. If the interrupt function is not used, address locations 3FE and 3FF are not used as mail boxes, and are part of the random access memory. Refer to Table II for the interrupt operation.
Busy Logic
Busy Logic provides a hardware indication that both ports of the SRAM have accessed the same location at the same time. It also allows one of the two accesses to proceed and signals the other side that the SRAM is "Busy". The BUSY pin can then be used to stall the access until the operation on the other side is completed. If a write operation has been attempted from the side that receives a BUSY indication, the write signal is gated internally to prevent the write from proceeding. The use of BUSY logic is not required or desirable for all applications. In some cases it may be useful to logically OR the BUSY outputs together and use any BUSY indication as an interrupt source to flag the event of an illegal or illogical operation.
Interrupts
If the user chooses the interrupt function, a memory location (mail box or message center) is assigned to each port. The left port interrupt flag (INTL) is asserted when the right port writes to memory location 3FE (HEX), where a write is defined as the CE = R/W = VIL per Truth Table II. The left port clears the interrupt by accessing address location 3FE access with CER = OER = VIL, R/W is a "don't care". Likewise, the right port interrupt flag (INTR) is asserted when the left port writes to memory location 3FF (HEX) and to clear the interrupt flag (INTR), the right port must access the memory location 3FF. The message (8 bits)
13 6.42
IDT71V30S/L High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
Ordering Information
IDT XXXX A Device Type Power 999 Speed A Package A Process/ Temperature Range Blank I(1) Commercial (0C to +70C) Industrial (-40C to +85C)
TF
64-pin STQFP (PP64-1)
25 35 55
Commercial Commercial Commercial
Speed in nanoseconds
L S
Low Power Standard Power
71V30
NOTE: 1. Industrial temperature range is available. For specific speeds, packages and powers contact your sales office.
8K (1K X 8-Bit) MASTER Dual-Port RAM
3741 drw 16
Datasheet Document History
12/9/98: Initiated datasheet document history Converted to new format Cosmetic and typographical corrections Added additional notes to pin configurations Changed drawing format Page 2 Fixed typographical error Removed Preliminary Replaced IDT logo Pages 1 and 2 Moved all of "Description" to page 2 and adjusted page layouts Page 3 Increased storage temperature parameters Clarified TA parameter Page 4 DC Electrical parameters-changed wording from "open" to "disabled" Changed 200mV to 0mV in notes
6/15/99: 8/3/99: 9/1/99: 11/12/99: 1/17/01:
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
6.42 14
for Tech Support: 831-754-4613 DualPortHelp@idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


▲Up To Search▲   

 
Price & Availability of IDT71V30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X