Part Number Hot Search : 
HT82V736 D21P544 SMM152 MAJ160 PD403 FQB2P25 FM302 CTS191MS
Product Description
Full Text Search
 

To Download ICL7135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICL7135
TM
Data Sheet
December 2000
File Number
3093.2
4 1/2 Digit, BCD Output, A/D Converter
The Intersil ICL7135 precision A/D converter, with its multiplexed BCD output and digit drivers, combines dualslope conversion reliability with 1 in 20,000 count accuracy and is ideally suited for the visual display DVM/DPM market. The 2.0000V full scale capability, auto-zero, and autopolarity are combined with true ratiometric operation, almost ideal differential linearity and true differential input. All necessary active devices are contained on a single CMOS lC, with the exception of display drivers, reference, and a clock. The ICL7135 brings together an unprecedented combination of high accuracy, versatility, and true economy. It features auto-zero to less than 10V, zero drift of less than 1V/oC, input bias current of 10pA (Max), and rollover error of less than one count. The versatility of multiplexed BCD outputs is increased by the addition of several pins which allow it to operate in more sophisticated systems. These include STROBE, OVERRANGE, UNDERRANGE, RUN/HOLD and BUSY lines, making it possible to interface the circuit to a microprocessor or UART.
Features
* Accuracy Guaranteed to 1 Count Over Entire 20000 Counts (2.0000V Full Scale) * Guaranteed Zero Reading for 0V Input * 1pA Typical Input Leakage Current * True Differential Input * True Polarity at Zero Count for Precise Null Detection * Single Reference Voltage Required * Overrange and Underrange Signals Available for AutoRange Capability * All Outputs TTL Compatible * Blinking Outputs Gives Visual Indication of Overrange * Six Auxiliary Inputs/Outputs are Available for Interfacing to UARTs, Microprocessors, or Other Circuitry * Multiplexed BCD Outputs
Ordering Information
PART NUMBER ICL7135CPI TEMP. RANGE (oC) 0 to 70 PACKAGE 28 Ld PDIP PKG. NO. E28.6
Pinout
ICL7135 (PDIP) TOP VIEW
V- 1 REFERENCE 2 ANALOG COMMON 3 INT OUT 4 AZ IN 5 BUFF OUT 6 REF CAP - 7 REF CAP + 8 IN LO 9 IN HI 10 V+ 11 (MSD) D5 12 (LSB) B1 13 B2 14 28 UNDERRANGE 27 OVERRANGE 26 STROBE 25 R/H 24 DIGITAL GND 23 POL 22 CLOCK IN 21 BUSY 20 (LSD) D1 19 D2 18 D3 17 D4 16 (MSB) B8 15 B4
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Corporation. | Copyright (c) Intersil Corporation 2000
ICL7135 Typical Application Schematic
SET VREF = 1.000V VREF IN 100k ANALOG GND 0.47F 100k 1F 100k 1F SIGNAL INPUT 100K 0.1F +5V 27 -5V 1 2 3 4 5 6 7 8 9 10 11 12 13 14 ICL7135 28 27 26 25 24 23 22 21 20 19 18 17 16 15 SEVEN SEG. DECODE 6 0V ANODE DRIVER TRANSISTORS DISPLAY CLOCK IN 120kHz
2
ICL7135
Absolute Maximum Ratings
Supply Voltage V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -9V Analog Input Voltage (Either Input) (Note 1) . . . . . . . . . . . . V+ to VReference Input Voltage (Either Input). . . . . . . . . . . . . . . . . V+ to VClock Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to V+ Thermal Resistance (Typical, Note 2) . . . . . . . . . . . . . JA (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
Thermal Information
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. Input voltages may exceed the supply voltages provided the input current is limited to +100A. 2. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
ANALOG (Notes 3, 4) Zero Input Reading Ratiometric Error (Note 4)
V+ = +5V, V- = -5V, TA = 25oC, fCLK Set for 3 Readings/s, Unless Otherwise Specified TEST CONDITIONS MIN -00000 -3 TYP +00000 0 0.5 0.01 0.5 15 1 0.5 2 MAX +00000 +3 1 1 10 2 5 UNITS Counts Counts LSB LSB LSB V pA V/oC ppm/oC
PARAMETER
VlN = 0V, VREF = 1.000V VlN = VREF = 1.000V -2V VIN +2V -2V VIN +2V -VlN +VlN 2V VlN = 0V, Full scale = 2.000V VlN = 0V VlN = 0V, 0oC to 70oC VlN = +2V, 0oC to 70oC Ext. Ref. 0ppm/oC
Linearity Over Full Scale (Error of Reading from Best Straight Line) Differential Linearity (Difference Between Worse Case Step of Adjacent Counts and Ideal Step) Rollover Error (Difference in Reading for Equal Positive and Negative Voltage Near Full Scale) Noise (Peak-to-Peak Value Not Exceeded 95% of Time), eN Input Leakage Current, IILK Zero Reading Drift (Note 7) Scale Factor Temperature Coefficient, TC (Notes 5 and 7) DIGITAL INPUTS Clock In, Run/Hold (See Figure 2) VINH VINL IINL IINH DIGITAL OUTPUTS All Outputs, VOL B1, B2, B4, B8, D1, D2, D3, D4, D5, VOH BUSY, STROBE, OVERRANGE, UNDERRANGE, POLARITY, VOH SUPPLY +5V Supply Range, V+ -5V Supply Range, V+5V Supply Current, I+ -5V Supply Current, IPower Dissipation Capacitance, CPD CLOCK Clock Frequency (Note 6)
2.8 VIN = 0V VIN = +5V IOL = 1.6mA IOH = -1mA IOH = -10A 2.4 4.9 +4 -3 fC = 0 fC = 0 vs Clock Frequency DC
2.2 1.6 0.02 0.1 0.25 4.2 4.99 +5 -5 1.1 0.8 40 2000
0.8 0.1 10 0.40 +6 -8 3.0 3.0 1200
V V mA A V V V V V mA mA pF kHz
NOTES: 3. Tested in 41/2 digit (20.000 count) circuit shown in Figure 3. (Clock frequency 120kHz.) 4. Tested with a low dielectric absorption integrating capacitor, the 27 INT OUT resistor shorted, and RlNT = 0. See Component Value Selection Discussion. 5. The temperature range can be extended to 70oC and beyond as long as the auto-zero and reference capacitors are increased to absorb the higher leakage of the ICL7135. 6. This specification relates to the clock frequency range over which the lCL7135 will correctly perform its various functions See "Max Clock Frequency" section for limitations on the clock frequency range in a system. 7. Parameter guaranteed by design or characterization. Not production tested.
3
ICL7135
SET VREF = 1.000V ICL7135 VREF IN 100k ANALOG GND 100k -5V 1 V2 REF UNDERRANGE 28 OVERRANGE 27
3 ANALOG GND STROBE 26 0.47F 1F 100k 1F 4 INT OUT 27 5 A-Z IN 6 BUF OUT RUN/HOLD 25 DIGITAL GND 24 POLARITY 23 0V CLOCK IN 120kHz V+
7 REF CAP 1 CLOCK IN 22 8 REF CAP 2 9 IN LO10 IN HI+ 11 V+ 12 MSD D5 13 LSB B1 14 B2 BUSY 21 LSD DI 20 D2 19 D3 18 D4 17 MSB B8 16 B4 15
SIGNAL INPUT
100K 0.1F +5V
PAD
DIG GND
FIGURE 1. ICL7135 TEST CIRCUIT
FIGURE 2. ICL7135 DIGITAL LOGIC INPUT
CREF CREF+ 8 REF HI 2 CREF 7
RINT BUFFER 6 V+ 11
CAZ
AUTO ZERO 5 INTEGRATOR
CINT INT 4
+ INPUT HIGH + AZ COMPARATOR ZI A/Z AZ 3 ANALOG COMMON 9 INT DE(+) DE(-) INPUT LOW POLARITY F/F
-
-
+
AZ IN HI 10 INT DE(-) DE(+)
ZEROCROSSING DETECTOR
A/Z, DE(), ZI 1 V-
IN LO
FIGURE 3. ANALOG SECTION OF ICL7135
4
ICL7135 Detailed Description
Analog Section Figure 3 shows the Block Diagram of the Analog Section for the ICL7135. Each measurement cycle is divided into four phases. They are (1) auto-zero (AZ), (2) signal-integrate (INT), (3) de-integrate (DE) and (4) zero-integrator (Zl). Auto-Zero Phase During auto-zero, three things happen. First, input high and low are disconnected from the pins and internally shorted to analog COMMON. Second, the reference capacitor is charged to the reference voltage. Third, a feedback loop is closed around the system to charge the auto-zero capacitor CAZ to compensate for offset voltages in the buffer amplifier, integrator, and comparator. Since the comparator is included in the loop, the AZ accuracy is limited only by the noise of the system. In any case, the offset referred to the input is less than 10V. Signal Integrate Phase During signal integrate, the auto-zero loop is opened, the internal short is removed, and the internal input high and low are connected to the external pins. The converter then integrates the differential voltage between IN HI and IN LO for a fixed time. This differential voltage can be within a wide common mode range; within one volt of either supply. If, on the other hand, the input signal has no return with respect to the converter power supply, IN LO can be tied to analog COMMON to establish the correct common-mode voltage. At the end of this phase, the polarity of the integrated signal is latched into the polarity F/F. De-Integrate Phase The third phase is de-integrate or reference integrate. Input low is internally connected to analog COMMON and input high is connected across the previously charged reference capacitor. Circuitry within the chip ensures that the capacitor will be connected with the correct polarity to cause the integrator output to return to zero. The time required for the output to return to zero is proportional to the input signal. Specifically the digital reading displayed is:
V IN OUTPUT COUNT = 10,000 -------------- . V REF
However, since the integrator also swings with the common mode voltage, care must be exercised to assure the integrator output does not saturate. A worst case condition would be a large positive common-mode voltage with a near full scale negative differential input voltage. The negative input signal drives the integrator positive when most of its swing has been used up by the positive common mode voltage. For these critical applications the integrator swing can be reduced to less than the recommended 4V full scale swing with some loss of accuracy. The integrator output can swing within 0.3V of either supply without loss of linearity. Analog COMMON Analog COMMON is used as the input low return during autozero and de-integrate. If IN LO is different from analog COMMON, a common mode voltage exists in the system and is taken care of by the excellent CMRR of the converter. However, in most applications IN LO will be set at a fixed known voltage (power supply common for instance). In this application, analog COMMON should be tied to the same point, thus removing the common mode voltage from the converter. The reference voltage is referenced to analog COMMON. Reference The reference input must be generated as a positive voltage with respect to COMMON, as shown in Figure 4.
V+ REF HI ICL7135 6.8V ZENER
COMMON
IZ
V-
FIGURE 4A.
Zero Integrator Phase The final phase is zero integrator. First, input low is shorted to analog COMMON. Second, a feedback loop is closed around the system to input high to cause the integrator output to return to zero. Under normal condition, this phase lasts from 100 to 200 clock pulses, but after an overrange conversion, it is extended to 6200 clock pulses. Differential Input The input can accept differential voltages anywhere within the common mode range of the input amplifier; or specifically from 0.5V below the positive supply to 1V above the negative supply. In this range the system has a CMRR of 86dB typical.
V+ 20k
V+ 6.8k
REF HI ICL7135
ICL8069 1.2V REFERENCE
COMMON
FIGURE 4B. FIGURE 4. USING AN EXTERNAL REFERENCE
5
ICL7135
Digital Section Figure 5 shows the Digital Section of the ICL7135. The ICL7135 includes several pins which allow it to operate conveniently in more sophisticated systems. These include: Run/HOLD (Pin 25) When high (or open) the A/D will free-run with equally spaced measurement cycles every 40,002 clock pulses. If taken low, the converter will continue the full measurement cycle that it is doing and then hold this reading as long as R/H is held low. A short positive pulse (greater than 300ns) will now initiate a new measurement cycle, beginning with between 1 and 10,001 counts of auto zero. If the pulse occurs before the full measurement cycle (40,002 counts) is completed, it will not be recognized and the converter will simply complete the measurement it is doing. An external indication that a full measurement cycle has been completed is that the first strobe pulse (see below) will occur 101 counts after the end of this cycle. Thus, if Run/HOLD is low and has been low for at least 101 counts, the converter is holding and ready to start a new measurement when pulsed high. STROBE (Pin 26) This is a negative going output pulse that aids in transferring the BCD data to external latches, UARTs, or microprocessors. There are 5 negative going STROBE pulses that occur in the center of each of the digit drive pulses and occur once and only once for each measurement cycle starting 101 clock pulses after the end of the full measurement cycle. Digit 5 (MSD) goes high at the end of the measurement cycle and stays on for 201 counts. In the center of this digit pulse (to avoid race conditions between changing BCD and digit drives) the first STROBE pulse goes negative for 1/2 clock pulse width. Similarly, after digit 5, digit 4 goes high (for 200 clock pulses) and 100 pulses later the STROBE goes negative for the second time. This continues through digit 1 (LSD) when the fifth and last STROBE pulse is sent. The digit drive will continue to scan (unless the
V + POLARITY 11 ANALOG SECTION POLARITY FF ZERO CROSS. DET. 23
previous signal was overrange) but no additional STROBE pulses will be sent until a new measurement is available. BUSY (Pin 21) BUSY goes high at the beginning of signal integrate and stays high until the first clock pulse after zero crossing (or after end of measurement in the case of an overrange). The internal latches are enabled (i.e., loaded) during the first clock pulse after busy and are latched at the end of this clock pulse. The circuit automatically reverts to auto-zero when not BUSY, so it may also be considered a (Zl + AZ) signal. A very simple means for transmitting the data down a single wire pair from a remote location would be to AND BUSY with clock and subtract 10,001 counts from the number of pulses received - as mentioned previously there is one "NO-count" pulse in each reference integrate cycle. OVERRANGE (Pin 27) This pin goes positive when the input signal exceeds the range (20,000) of the converter. The output F/F is set at the end of BUSY and is reset to zero at the beginning of reference integrate in the next measurement cycle. UNDERRANGE (Pin 28) This pin goes positive when the reading is 9% of range or less. The output F/F is set at the end of BUSY (if the new reading is 1800 or less) and is reset at the beginning of signal integrate of the next reading. POLARlTY (Pin 23) This pin is positive for a positive input signal. It is valid even for a zero reading. In other words, +0000 means the signal is positive but less than the least significant bit. The converter can be used as a null detector by forcing equal frequency of (+) and (-) readings. The null at this point should be less than 0.1 LSB. This output becomes valid at the beginning of reference integrate and remains correct until it is revalidated for the next measurement.
D5 12 MSB
D4 17
D3 18
D2 19
D1 20 13 LSB 14 15 16 LATCH B1 B2 B4 B8
MULTIPLEXER
LATCH
LATCH
LATCH
LATCH
COUNTERS
CONTROL LOGIC
24 DIGITAL GND
22 CLOCK IN
25 RUN/ HOLD
27
28
26
21
OVER UNDER STROBE BUSY RANGE RANGE
FIGURE 5. DIGITAL SECTION OF THE ICL7135
6
ICL7135
Digit Drives (Pins 12, 17, 18, 19 and 20) Each digit drive is a positive going signal that lasts for 200 clock pulses. The scan sequence is D5 (MSD), D4, D3, D2, and D1 (LSD). All five digits are scanned and this scan is continuous unless an overrange occurs. Then all digit drives are blanked from the end of the strobe sequence until the beginning of Reference Integrate when D5 will start the scan again. This can give a blinking display as a visual indication of overrange. BCD (Pins 13, 14, 15 and 16) The Binary coded Decimal bits B8, B4, B2, and B1 are positive logic signals that go on simultaneously with the digit driver signal. Auto-Zero and Reference Capacitor The physical size of the auto-zero capacitor has an influence on the noise of the system. A larger capacitor value reduces system noise. A larger physical size increases system noise. The reference capacitor should be large enough such that stray capacitance to ground from its nodes is negligible. The dielectric absorption of the reference cap and auto-zero cap are only important at power-on or when the circuit is recovering from an overload. Thus, smaller or cheaper caps can be used here if accurate readings are not required for the first few seconds of recovery. Reference Voltage The analog input required to generate a full scale output is VlN = 2VREF. The stability of the reference voltage is a major factor in the overall absolute accuracy of the converter. For this reason, it is recommended that a high quality reference be used where high-accuracy absolute measurements are being made. Rollover Resistor and Diode A small rollover error occurs in the ICL7135, but this can be easily corrected by adding a diode and resistor in series between the INTegrator OUTput and analog COMMON or ground. The value shown in the schematics is optimum for the recommended conditions, but if integrator swing or clock frequency is modified, adjustment may be needed. The diode can be any silicon diode such as 1N914. These components can be eliminated if rollover error is not important and may be altered in value to correct other (small) sources of rollover as needed. Max Clock Frequency The maximum conversion rate of most dual-slope A/D converters is limited by the frequency response of the comparator. The comparator in this circuit follows the integrator ramp with a 3s delay, and at a clock frequency of 160kHz (6s period) half of the first reference integrate clock period is lost in delay. This means that the meter reading will change from 0 to 1 with a 50V input, 1 to 2 with a 150V input, 2 to 3 with a 250V input, etc. This transition at midpoint is considered desirable by most users; however, if the clock frequency is increased appreciably above 160kHz, the instrument will flash "1" on noise peaks even when the input is shorted. For many dedicated applications where the input signal is always of one polarity, the delay of the comparator need not be a limitation. Since the non-linearity and noise do not increase substantially with frequency, clock rates of up to ~1MHz may be used. For a fixed clock frequency, the extra count or counts caused by comparator delay will be constant and can be subtracted out digitally. The clock frequency may be extended above 160kHz without this error, however, by using a low value resistor in
Component Value Selection
For optimum performance of the analog section, care must be taken in the selection of values for the integrator capacitor and resistor, auto-zero capacitor, reference voltage, and conversion rate. These values must be chosen to suit the particular application. Integrating Resistor The integrating resistor is determined by the full scale input voltage and the output current of the buffer used to charge the integrator capacitor. Both the buffer amplifier and the integrator have a class A output stage with 100A of quiescent current. They can supply 20A of drive current with negligible non-linearity. Values of 5A to 40A give good results, with a nominal of 20A, and the exact value of integrating resistor may be chosen by:
full scale voltage R INT = ------------------------------------------- . 20A
Integrating Capacitor The product of integrating resistor and capacitor should be selected to give the maximum voltage swing which ensures that the tolerance built-up will not saturate the integrator swing (approx. 0.3V from either supply). For 5V supplies and analog COMMON tied to supply ground, a 3.5V to 4V full scale integrator swing is fine, and 0.47F is nominal. In general, the value of ClNT is given by:
10,000 x clock period x I INT , C INT = --------------------------------------------------------------------------------- integrator output voltage swing (10,000) (clock period) (20A) = -------------------------------------------------------------------------------- . integrator output voltage swing
A very important characteristic of the integrating capacitor is that it has low dielectric absorption to prevent roll-over or ratiometric errors. A good test for dielectric absorption is to use the capacitor with the input tied to the reference. This ratiometric condition should read half scale 0.9999, and any deviation is probably due to dielectric absorption. Polypropylene capacitors give undetectable errors at reasonable cost. Polystyrene and polycarbonate capacitors may also be used in less critical applications. 7
ICL7135
series with the integrating capacitor. The effect of the resistor is to introduce a small pedestal voltage on to the integrator output at the beginning of the reference integrate phase. By careful selection of the ratio between this resistor and the integrating resistor (a few tens of ohms in the recommended circuit), the comparator delay can be compensated and the maximum clock frequency extended by approximately a factor of 3. At higher frequencies, ringing and second order breaks will cause significant nonlinearities in the first few counts of the instrument. See Application Note AN017. The minimum clock frequency is established by leakage on the auto-zero and reference caps. With most devices, measurement cycles as long as 10s give no measurable leakage error. To achieve maximum rejection of 60Hz pickup, the signal integrate cycle should be a multiple of 60Hz. Oscillator frequencies of 300kHz, 200kHz, 150kHz, 120kHz, 100kHz, 40kHz, 331/3kHz, etc. should be selected. For 50Hz rejection, oscillator frequencies of 250kHz, 1662/3kHz, 125kHz, 100kHz, etc. would be suitable. Note that 100kHz (2.5 readings/sec) will reject both 50Hz and 60Hz. The clock used should be free from significant phase or frequency jitter. Several suitable low-cost oscillators are shown in the Typical Applications section. The multiplexed output means that if the display takes significant current from the logic supply, the clock should have good PSRR. Zero-Crossing Flip-Flop The flip-flop interrogates the data once every clock pulse after the transients of the previous clock pulse and half-clock pulse have died down. False zero-crossings caused by clock pulses are not recognized. Of course, the flip-flop delays the true zero-crossing by up to one count in every instance, and if a correction were not made, the display would always be one count too high. Therefore, the counter is disabled for one clock pulse at the beginning of phase 3. This one-count delay compensates for the delay of the zero-crossing flip-flop, and allows the correct number to be latched into the display. Similarly, a one-count delay at the beginning of phase 1 gives an overload display of 0000 instead of 0001. No delay occurs during phase 2, so that true ratiometric readings result.
Evaluating The Error Sources
Errors from the "ideal" cycle are caused by: 1. Capacitor droop due to leakage.
INTEGRATOR OUTPUT
AUTO SIGNAL REFERENCE ZERO INT. INTEGRATE 10,001/ 10,000/ 20,001/ COUNTS COUNTS COUNTS MAX. FULL MEASUREMENT CYCLE 40,002 COUNTS
2. Capacitor voltage change due to charge "suck-out" (the reverse of charge injection) when the switches turn off. 3. Non-linearity of buffer and integrator. 4. High-frequency limitations of buffer, integrator, and comparator. 5. Integrating capacitor non-linearity (dielectric absorption). 6. Charge lost by CREF in charging CSTRAY. 7. Charge lost by CAZ and ClNT to charge CSTRAY.
BUSY OVER-RANGE WHEN APPLICABLE UNDER-RANGE WHEN APPLICABLE DIGIT SCAN FOR OVER-RANGE EXPANDED SCALE BELOW D5 D4 D3 D2 D1 1000/ COUNTS STROBE DIGIT SCAN FOR OVER-RANGE D5 AUTO ZERO SIGNAL INTEGRATE REFERENCE INTEGRATE
Each error is analyzed for its error contribution to the converter in application notes listed on the back page, specifically Application Note AN017 and Application Note AN032.
Noise
The peak-to-peak noise around zero is approximately 15V (peak-to-peak value not exceeded 95% of the time). Near full scale, this value increases to approximately 30V. Much of the noise originates in the auto-zero loop, and is proportional to the ratio of the input signal to the reference.
FIRST D5 OF AZ AND
REF INT ONE COUNT LONGER
D4 D3 D2 D1
Analog And Digital Grounds
Extreme care must be taken to avoid ground loops in the layout of ICL7135 circuits, especially in high-sensitivity circuits. It is most important that return currents from digital loads are not fed into the analog ground line.
FIGURE 6. TIMING DIAGRAM FOR OUTPUTS
8
ICL7135 Power Supplies
The ICL7135 is designed to work from 5V supplies. However, in selected applications no negative supply is required. The conditions to use a single +5V supply are: 1. The input signal can be referenced to the center of the common mode range of the converter. 2. The signal is less than 1.5V. See "differential input" for a discussion of the effects this will have on the integrator swing without loss of linearity. decoder. The 2-gate clock circuit should use CMOS gates to maintain good power supply rejection. A suitable circuit for driving a plasma-type display is shown in Figure 8. The high voltage anode driver buffer is made by Dionics. The 3 AND gates and caps driving "BI" are needed for interdigit blanking of multiple-digit display elements, and can be omitted if not needed. The 2.5k and 3k resistors set the current levels in the display. A similar arrangement can be used with Nixie(R) tubes. The popular LCD displays can be interfaced to the outputs of the ICL7135 with suitable display drivers, such as the ICM7211A as shown in Figure 9. A standard CMOS 4030 QUAD XOR gate is used for displaying the 1/2 digit, the polarity, and an "overrange" flag. A similar circuit can be used with the ICL7212A LED driver and the ICM7235A vacuum fluorescent driver with appropriate arrangements made for the "extra" outputs. Of course, another full driver circuit could be ganged to the one shown if required. This would be useful if additional annunciators were needed. The Figure shows the complete circuit for a 41/2 digit (2.000V) A/D. Figure 10 shows a more complicated circuit for driving LCD displays. Here the data is latched into the ICM7211 by the STROBE signal and "Overrange" is indicated by blanking the 4 full digits.
Typical Applications
The circuits which follow show some of the wide variety of possibilities and serve to illustrate the exceptional versatility of this A/D converter. Figure 7 shows the complete circuit for a 41/2 digit (2.000V) full scale) A/D with LED readout using the ICL8069 as a 1.2V temperature compensated voltage reference. It uses the band-gap principal to achieve excellent stability and low noise at reverse currents down to 50A. The circuit also shows a typical R-C input filter. Depending on the application, the time-constant of this filter can be made faster, slower, or the filter deleted completely. The 1/2 digit LED is driven from the 7 segment decoder, with a zero reading blanked by connecting a D5 signal to RBl input of the
+5V 6.8k ICL8069 1 (NOTE 1) -5V VREF = 1.000V 1 VICL7135 UR 28 OR 27 STROBE 26 R/H 25 DIG. GND 24 POL 23 CLOCK 22 BUSY 21 D1 20 D2 19 D3 18 D4 17 B8 16 B4 15 4.7K 150 150
+5V 5 4 3 2 1 7447 150 A B C D E F G RBI B1 B2 B4 B8
47K
+5V
11 V+ 12 D5 13 B1 14 B2
C
RC NETWORK R
OSC = 0.45/RC
NOTE: 1. For finer resolution on scale factor adjust, use a 10 turn pot or a small pot in series with a fixed resistor.
FIGURE 7. 41/2 DIGIT A/D CONVERTER WITH A MULTIPLEXED COMMON ANODE LED DISPLAY
9
GEORGE SAME OFFER
2 REF 2 10k ANALOG 3 COMMON 27 ANALOG 4 INT OUT GND 0.47F 5 AZIN 100k 1F 6 BUF OUT 100k 7 RC1 1F 100K SIGNAL 8 RC2 INPUT 9 INPUT LO 0.1F 10 INPUT HI
ICL7135
A POL DM 8880 G RB0 PROG RBI BI D A 47K A V+ +5 3K 0V
G +5V HI VOLTAGE BUFFER D1 505 5K
This shift occurs during the reference integrate phase of conversion causing a low display reading just after overrange recovery. Both of the above circuits have considerable current flowing in the digital supply from drivers, etc. A clock source using an LM311 voltage comparator with positive feedback (Figure 11) could minimize any clock frequency shift problem. The ICL7135 is designed to work from 5V supplies. However, if a negative supply is not available, it can be generated with an ICL7660 and two capacitors (Figure 12).
0.02F
2.5K GATES ARE 7409 POL D5
0.02F
0.02F
0.02F
0.02F B8 B1 V+ DGND +5 0V
Interfacing with UARTs and Microprocessors
Figure 13 shows a very simple interface between a free-running ICL7135 and a UART. The five STROBE pulses start the transmission of the five data words. The digit 5 word is 0000XXXX, digit 4 is 1000XXXX, digit 3 is 0100XXXX, etc. Also the polarity is transmitted indirectly by using it to drive the Even Parity Enable Pin (EPE). If EPE of the receiver is held low, a parity flag at the receiver can be decoded as a positive signal, no flag as negative. A complex arrangement is shown in Figure 14. Here the UART can instruct the A/D to begin a measurement sequence by a word on RRl. The BUSY signal resets the Data Ready Reset (DRR). Again STROBE starts the transmit sequence. A quad 2 input multiplexer is used to superimpose polarity, over-range, and under-range onto the D5 word since in this instance it is known that B2 = B4 = B8 = 0. For correct operation it is important that the UART clock be fast enough that each word is transmitted before the next STROBE pulse arrives. Parity is locked into the UART at load time but does not change in this connection during an output stream. Circuits to interface the ICL7135 directly with three popular microprocessors are shown in Figure 15 and Figure 16. The 8080/8048 and the MC6800 groups with 8-bit buses need to have polarity, over-range and under-range multiplexed onto the Digit 5 Sword - as in the UART circuit. In each case the microprocessor can instruct the A/D when to begin a measurement and when to hold this measurement.
D1 ICL7135
FIGURE 8. ICL7135 PLASMA DISPLAY CIRCUIT
+5V 41/2 DIGIT LCD DISPLAY
BP 23 POL 20 D1 19 D2 18 D3 17 D4 16 B8 15 B4 14 B2 13 B1 12 D5 26 STROBE 27 OR ICL7135 +5V
1/ CD4030 4 1/ CD4030 2
CD4081
1/4 CD4030
5 BP 31 D1 32 D2 33 D3 34 D4
CD4071
30 B3 29 B2 28 B1 27 B0 CD4011 ICM7211A
Application Notes
NOTE # AN016 AN017 AN018 AN023 AN028 AN030 AN032 DESCRIPTION "Selecting A/D Converters" "The Integrating A/D Converter" "Do's and Don'ts of Applying A/D Converters" "Low Cost Digital Panel Meter Designs" "Building an Auto-Ranging DMM Using the 8052A/7103A A/D Converter Pair" "The ICL7104 - A Binary Output A/D Converter for Microprocessors" "Understanding the Auto-Zero and Common Mode Performance of the ICL7136/7/9 Family" AnswerFAX DOC. # 9016 9017 9018 9023 9028 9030 9032
FIGURE 9. LCD DISPLAY WITH DIGIT BLANKING ON OVERRANGE
A problem sometimes encountered with both LED and plasmatype display driving is that of clock source supply line variations. Since the supply is shared with the display, any variation in voltage due to the display reading may cause clock supply voltage modulation. When in overrange the display alternates between a blank display and the 0000 overrange indication.
10
ICL7135
REF VOLTAGE -5V
41/2 DIGIT LCD DISPLAY +5V 1 VICL7135 OR 27 2 REF ANALOG 3 COMMON STROBE 26 R/H 25 4 INT OUT 1F 5 AZIN 6 BUF OUT 7 RC1 8 RC2 DIG. GND 24 POL 23 CLOCK 22 BUSY 21 D1 20 D2 19 D3 18 D4 17 B8 16 B4 15 120kC = 3 READINGS/SEC CLOCK IN UR 28
1 161514 12 5 3 4
28 SEGMENTS D1-D4
CD4054A
7 8 1311 10 9 2 6
27 ANALOG GND 100k 0.47F
BACKPLANE
100k 1F 100k INPUT 0.1F +5V
9 INPUT LO 10 INPUT HI 11 V+ 12 D5 13 B1 14 B2
5BP ICM7211A 31 D1 32 D2 33 D3 34 D4 30 B3 29 B2 28 B1 27 B0 35 V0V OSC 36 22-100pF V+ 1 2,3,4 6-26 37-40 OPTIONAL CAPACITOR +5V
300pF
+5V
FIGURE 10. DRIVING LCD DISPLAYS
+5V
16k 56k 8 7 1
1k +5V 1 2 + 30k 10F ICL7660 3 4 390pF 6 5 VOUT = -5V 8 7
0.22F
2 3 16k
+
LM311
-
4
-
10F +
FIGURE 11. LM311 CLOCK SOURCE
FIGURE 12. GENERATING A NEGATIVE SUPPLY FROM +5V
11
ICL7135
SERIAL OUTPUT TO RECEIVING UART EPE TRO UART IM6402/3 TBR 1 2 3 4 5 6 7 8 1 2
TRO TBR 3 4 5
RRI
DRR DR TBRL
IM6402/3
6
7
8
1Y 2Y 3Y 74C157 1A 2A 3A
SELECT
EPE
TBRL
ENABLE 1B 2B 3B
D4 NC D5
D3
D2
D1
B1 B2 B4
B8 D5 ICL7135 +5V UNDER POL OVER D4 D3 D2 D1 B1 B2 B4 B8
STROBE ICL7135 RUN/HOLD
STROBE RUN/HOLD BUSY 100pF +5V 10K
POL
FIGURE 13. ICL7135 TO UART INTERFACE
FIGURE 14. COMPLEX ICL7135 TO UART INTERFACE
EN SELECT 74C157 1B 2B 3B
1Y 2Y 3Y 1A 2A 3A
PA0 PA1 PA2 MC680X OR MCS650X
EN 74C157 1B 2B 3B SELECT
1Y 2Y 3Y 1A 2A 3A
PA0 PA1 PA2 80C48 8080 8085, ETC.
PA3 MC6820 PA4 PA5 PA6 PA7 CA1 CA2
PA3 8255 (MODE1) PA4 PA5 PA6 PA7 STBA PB0
UNDER
POL
OVER
D1 ICL7135 D2 D3 D4
UNDER
POL
OVER
D5 B8 B4 1Y B1 B2
D5 B8 B4 B2 B1 1Y D1 ICL7135 D2 D3 D4
RUN/ HOLD STROBE
RUN/ HOLD STROBE
FIGURE 15. ICL7135 TO MC6800, MCS650X INTERFACED
FIGURE 16. ICL7135 TO MCS-48, -80, -85 INTERFACE
12
ICL7135 Design Information Summary Sheet
* CLOCK INPUT The ICL7135 does not have an internal oscillator. It requires an external clock. fCLOCK (Typ) = 120kHz * CLOCK PERIOD tCLOCK = 1/fCLOCK * INTEGRATION PERIOD tINT = 10,000 x tCLOCK * 60/50Hz REJECTION CRITERION tINT /t60Hz or tINT /t50Hz = Integer * OPTIMUM INTEGRATION CURRENT IINT = 20A * FULL-SCALE ANALOG INPUT VOLTAGE VlNFS (Typ) = 200mV or 2V * INTEGRATE RESISTOR
V INFS R INT = ---------------I INT
* DISPLAY COUNT
V IN COUNT = 10, 000 x ---------------V REF
* CONVERSION CYCLE tCYC = tCL0CK x 40002 when fCLOCK = 120kHz, tCYC = 333ms * COMMON MODE INPUT VOLTAGE (V- + 1V) < VlN < (V+ - 0.5V) * AUTO-ZERO CAPACITOR 0.01F < CAZ < 1F * REFERENCE CAPACITOR 0.1F < CREF < 1F * POWER SUPPLY: DUAL 5V V+ = +5V to GND V- = -5V to GND * OUTPUT TYPE 4 BCD Nibbles with Polarity and Overrange Bits There is no internal reference available on the ICL7135. An external reference is required due to the ICL7135's 41/2 digit resolution.
* INTEGRATE CAPACITOR
( t INT ) ( I INT ) C INT = ------------------------------V INT
* INTEGRATOR OUTPUT VOLTAGE SWING
( t INT ) ( I INT ) V INT = ------------------------------C INT
* VINT MAXIMUM SWING: (V- + 0.5) < VINT < (V+ - 0.5V) VINT Typically = 2.7V Typical Integrator Amplifier Output Waveform (INT Pin)
AUTO ZERO PHASE (COUNTS) 30001 - 10001
INTEGRATE PHASE FIXED 10000 COUNTS
DE-INTEGRATE PHASE 1 - 20001 COUNTS
TOTAL CONVERSION TIME = 40002 x tCLOCK
13
ICL7135 Die Characteristics
DIE DIMENSIONS: (120 mils x 130 mils) x 525m 25m METALLIZATION: Type: Al Thickness: 10kA 1kA PASSIVATION: Type: Nitride/Silox Sandwich Thickness: 8k Nitride over 7k Silox
Metallization Mask Layout
ICL7135
V+ IN HI IN LO REF CAP+ REF CAP+ BUFF OUT AZ IN INT OUT
ANALOG COMMON REFERENCE
(MSD) D5
V-
(LSB) B1 UNDERRANGE B2 OVERRANGE B4 (MSB) B8
D4 D3
STROBE
D2
(LSD)D1 BUSY
CLOCK IN
POL
DIGITAL GND
R/H
14
ICL7135 Dual-In-Line Plastic Packages (PDIP)
N E1 INDEX AREA 12 3 N/2
E28.6 (JEDEC MS-011-AB ISSUE B)
28 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL
-B-
MILLIMETERS MIN 0.39 3.18 0.356 0.77 0.204 35.1 0.13 15.24 12.32 MAX 6.35 4.95 0.558 1.77 0.381 39.7 15.87 14.73 NOTES 4 4 8 5 5 6 5 6 7 4 9 Rev. 1 12/00
MIN 0.015 0.125 0.014 0.030 0.008 1.380 0.005 0.600 0.485
MAX 0.250 0.195 0.022 0.070 0.015 1.565 0.625 0.580
A
E A2 L A C L
-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1
A1 A2
-C-
B B1 C D D1 E E1 e eA eB L N
eA eC
C
e
C A BS
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
0.100 BSC 0.600 BSC 0.115 28 0.700 0.200
2.54 BSC 15.24 BSC 2.93 28 17.78 5.08
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil Ltd. 8F-2, 96, Sec. 1, Chien-kuo North, Taipei, Taiwan 104 Republic of China TEL: 886-2-2515-8508 FAX: 886-2-2515-8369
15


▲Up To Search▲   

 
Price & Availability of ICL7135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X