Part Number Hot Search : 
ATR2805 F52105 44001 20500 AR25D KV1410 1N5388A MC33989
Product Description
Full Text Search
 

To Download HSD1616A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6534 Issued Date : 1998.06.01 Revised Date : 2002.02.18 Page No. : 1/4
HSD1616A
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HSD1616A is designed for audio frequency power amplifier and medium speed switching applications.
Absolute Maximum Ratings
TO-92
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ...................................................................................... 150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ................................................................................ 750 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ....................................................................................... 120 V VCEO Collector to Emitter Voltage ...................................................................................... 60 V VEBO Emitter to Base Voltage .............................................................................................. 6 V IC Collector Current (DC) ...................................................................................................... 1 A IC Collector Current *(Pulse) ................................................................................................. 2 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) VBE(on) *hFE1 *hFE2 fT Cob ton ts tf Min. 120 60 6 600 135 81 100 Typ. 150 0.9 160 0.07 0.95 0.07 Max. 100 100 300 1.2 700 600 19 Unit V V V nA nA mV V mV Test Conditions IC=100uA IC=1mA IE=10uA VCB=60V VEB=6V IC=1A, IB=50mA IC=1A, IB=50mA VCE=2V, IC=50mA VCE=2V, IC=100mA VCE=2V, IC=1A VCE=2V, IC=100mA IE=0, VCB=10V, f=1MHz VCE=10V, IC=100mA IB1=-IB2=10mA VBE(off)=-2~-3V
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz pF uS uS uS
Classification of hFE1
Rank Range Y 135-270 G 200-400 L 300-600
HSD1616A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
Spec. No. : HE6534 Issued Date : 1998.06.01 Revised Date : 2002.02.18 Page No. : 2/4
Saturation Voltage & Collector Current
1000
125 C
o
Saturation Voltage (mV)
100 125 C
o
hFE
100 25 C
o
75 C
o
25 C 10
o
75 C
o
hFE @ VCE=2V
VCE(sat) @ IC=20IB
10 1 10 100 1000 10000
1 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 25 C
o
ON Voltage & Collector Current
1000
25 C
o
Saturation Voltage (mV)
ON Voltage (mV)
75 C 125 C
o
o
75 C 125 C
o
o
VBE(sat) @ IC=20IB
VBE(ON) @ VCE=2V
100 1 10 100 1000 10000
100 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Capacitance & Reverse-Biased Voltage
100 1000
Cutoff Frequency & Collector Current
Cutoff Frequency (MHz).. .
Capacitance (Pf)
Cob
fT @ VCE=2V 100
10 0.1 1 10 100
10 1 10 100 1000
Reverse Biased Voltage (V)
Collector Current (mA)
HSD1616A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6534 Issued Date : 1998.06.01 Revised Date : 2002.02.18 Page No. : 3/4
Safe Operating Area
10000 PT=1ms
Power Derating
800 700
Collector Current (mA)
1000 PT=1s
Power Dissipation-PD (mW)
PT=100ms
600 500 400 300 200 100
100
10
1 1 10 100
0 0 50 100
o
150
200
Forward Voltage (V)
Ambient Temperature-Ta ( C)
HSD1616A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6534 Issued Date : 1998.06.01 Revised Date : 2002.02.18 Page No. : 4/4
2
Marking:
H SD 1616A Rank Control Code
3
C
Style: Pin 1.Emitter 2.Collector 3.Base
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HSD1616A
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HSD1616A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X