Part Number Hot Search : 
B200031 101M35 020122MR K4T1G MRF859S C206M CDB5368 2SD1251
Product Description
Full Text Search
 

To Download HDH-12803CHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Couplers with Connectors (H Type)
HDH Series
sFeatures
1.High Performance
The high frequency characteristics feature extremely low loss, a high degree of matching, and high isolation.
HDH-00803GHD HDH-01503GHD
2.Power Uniform Distribution and 90Phase Difference Type
This is a one input, two output (or two input, one output) power uniform distribution type having a 90phase difference between the two outputs (or two inputs).
HDH-01503GH
HDH-03003GHD
3.Miniature and Lightweight
Corrosion-resistant aluminum is used for the case and the Hirose Electric original pattern design, which uses a stripline triplate method, enables the couplers to be miniature and lightweight.
HDH-06003GHD
HDH-09003GHD
HDH-12803CHD
4.Couplers with SMA Connectors
Use of SMA connectors (Hirose Electric HRM Series) which feature stainless steel for the exterior cladding make these couplers durable.
sProduct Specifications
Ratings Frequency range (Note) Characteristic impedance Maximum Input Power (Note) 0.5 to 14.5 GHz 50 ohms 2 to 50 W Operating temperature range Operating relative humidity -10c to +65c 95% Max.
Note: The frequency range and the maximum input power will differ depending on the products.
Item 1.Contact resistance 4 m ohms max. 2.Insulation resistance 1000 M ohms min. 3.Vibration 4.Shock
Standard 1A 100 V DC
Conditions
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm, No electrical discontinuity of 1 s or more No damage, cracks, or parts dislocation acceleration of 98 m/s2 for 2 hours in each of 3 directions Acceleration of 980 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis Temperature : -55c +5c to +35c +85c +5c to +35c Time : 30 15 max. 30 15 max. (Minutes) 200 cycles
5.Temperature cycle No damage, cracks, or parts dislocation
qThe test method conforms to MIL-STD-202.
sMaterials
Part
Connector Body
Material Stainless steel Beryllium copper PTFE Aluminum Dielectric
Finish Passivated Gold plating
-----------------
Connector female contacts
Connector Insulator
Case Board
Gold plating
16
sOrdering Information
HD H - 008 03 G H D
1 2 3 4 5 6 7 1 Series Name: HD (Directional Couplers) 2 Type of Connector
H: Indicates the HRM (SMA) Series
4 Coupling
03:3dB
5 Frequency Relative Bandwidth
B:From 5% to below 10% C:From 10% to below 15% D:From 15% to below 20% G:From 30% to below 35%
3 Center Frequency
008: 0.75GHz 015: 1.5GHz 017: 1.7GHz 020: 2.0GHz 030: 3.0GHz 040: 4.0GHz 060: 6.0GHz 090: 9.0GHz 128: 12.8GHz
6 Form
H:H Type
7 D:With Termination
sSpecifications
Part Number Frequency Range (GHz)
0.5~1.0
Coupling (dB)
Frequency Sensitivity
0.5
Directivity (dB Min)
20
Primary Line Secondary Line V.S.W.R. V.S.W.R. (Max) (Max)
1.15 1.15
Weight (g)
49
Power (W)
02
HDH-00803GHD
0 3+0.2
HDH-01503GH
1.0~2.0
3+0.2 0
0.5
20
1.20
1.20
34
50
HDH-01503GHD
1.0~2.0
0 3+0.2
0.5
20
1.20
1.20
34
2
HDH-01703CH
1.5~1.9
3+0.2 0
0.3
20
1.20
1.20
34
50
HDH-01703CHD
1.5~1.9
0 3+0.2
0.3
20
1.20
1.20
34
2
HDH-02003DHD
1.7~2.3
0 3+0.2
0.3
18
1.20
1.20
34
2
HDH-03003GHD
2.0~4.0
0 3+0.2
0.5
18
1.20
1.20
25
2
HDH-04003BH
3.7~4.2
3+0.2 0
0.3
20
1.20
1.20
23
50
HDH-06003GHD
4.0~7.8
0 3+0.3
0.5
17
1.25
1.25
23
2
HDH-09003GHD
8.0~11.0
3+0.3 0
0.5
15
1.30
1.30
31
2
HDH-12803CHD
10.5~14.5
0 3+0.6
0.5
12
1.40
1.40
31
2
qDirectivity have had the coupling (nominal value of 3 dB) subtracted. qThere is a phase difference of 90between the output and the coupling.
17
sExternal Dimensions
18
sTypical Data
19
Couplers with Connectors (I Type)
HDH Series
sFeatures
1.High Performance
The high frequency characteristics feature. Extremely high degree of matching, and high isolation.
HDH-00810GID HDH-01510GID
2.Miniature and Lightweight
Corrosion-resistant aluminum is used for the case and the Hirose Electric original pattern design, which uses a stripline triplate method, enables the couplers to be miniature and lightweight.
3.Couplers with SMA Connectors
HDH-02249AI HDH-03020GID
Use of SMA connectors (Hirose Electric HRM Series) which feature stainless steel for the exterior cladding make these couplers durable.
4.Full Coupling Variations
Full variations of coupling over 6 dB are available.
HDH-06020GID HDH-09010GID HDH-12806CID
sProduct Specifications
Ratings Frequency range (Note) Characteristic impedance Maximum Input Power (Note) 0.5 to 14.5 GHz 50 ohms 4 to 50 W Operating temperature range Operating relative humidity -10c to +65c 95% Max.
Note: The frequency range and the maximum input power will differ depending on the products.
Item 1.Contact resistance 4 m ohms max. 2.Insulation resistance 1000 M ohms Max. 3.Vibration 4.Shock
Standard 1A 100 V DC
Conditions
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm, No electrical discontinuity of 1 s or more No damage, cracks, or parts dislocation acceleration of 98 m/s2 for 2 hours in each of 3 directions Acceleration of 980 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis Temperature : -55c +5c to +35c +85c +5c to +35c Time : 30 15 max. 30 15 max. (Minutes) 200 cycles
5.Temperature cycle No damage, cracks, or parts dislocation
qThe test method conforms to MIL-STD-202.
sMaterials
Part
Connector Body
Material Stainless steel Beryllium copper PTFE Aluminum Dielectric
Finish Passivated Gold plating
-----------------
Connector female contacts
Connector Insulator
Case Board
Gold plating
20
sOrdering Information
HD H - 008 10 G I D
1 2 3 4 5 6 7
06 : 6dB 10 : 10dB 20 : 20dB 30 : 30dB 37 : 37dB 49 : 49dB
1 Series Name: HD (Directional Couplers) 2 Type of Connector
H: Indicates the HRM (SMA) Series
4 Coupling
3 Center Frequency
008 : 0.8GHz 009 : 0.9GHz 015 : 1.5GHz 017 : 1.7GHz 022 : 2.2GHz 030 : 3.0GHz 060 : 6.0GHz 090 : 9.0GHz 128 : 12.8GHz
5 Frequency Relative Bandwidth
C: From 10% to below 15% G: From 30% to below 35%
6 Form
I: I Type, H: H Type
7 D: With Termination
Isolation port with termination is designated as D at the end of each part No.
sSpecifications
Part Number Secondary Primary Line Frequency Frequency Insertion Coupling Directivity Line V.S.W.R. Range Sensitivity Loss (dB MIN) (dB) V.S.W.R. (dB) (GHz) (dB MAX) (MAX) (MAX) 0.5~1.0 0.5~1.0 0.8~1.0 1.0~2.0 1.0~2.0 1.4~1.6 1.4~1.6 1.5~1.9 1.5~1.9 1.5~1.9 1.5~1.9 2.11~2.2 2.11~2.2 2.11~2.2 2.0~4.0 2.0~4.0 4.0~7.8 4.0~7.8 8.0~11.0 8.0~11.0 8.0~11.0 10.5~14.5 101.0 201.0 371.0 101.2 201.2
+1.0 30_2.0
Weight (g) 49 50 50 34 34 34 34 34 34 34 34 42 42 42 25 25 23 23 24 24 24 28 28 28
Power (W) 10 50 50 10 50 50 50 05 10 50 50 50 50 50 10 50 10 50 04 10 10 04 10 50
HDH-00810GID HDH-00820GID HDH-00937CI HDH-01510GID HDH-01520GID HDH-01530CI HDH-01537CI HDH-01706CID HDH-01710CID HDH-01720CID HDH-01730CID HDH-02210AI HDH-02220AID HDH-02249AI HDH-03010GID HDH-03020GID HDH-06010GID HDH-06020GID HDH-09006GID HDH-09010GID HDH-09020GID HDH-12806CID HDH-12810CID HDH-12820CID
0.75 0.75 0.5 0.75 0.75 0.25 0.3 0.3 0.3 0.4 0.4 0.25 0.25 0.25 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.5 0.5 0.5
0.3 0.3 0.3 0.4 0.4 0.5 0.5 0.4 0.4 0.4 0.4 0.8 0.3 0.3 0.5 0.5 0.5 0.5 0.5 0.5 0.5 2.1
20 18 20 20 18 20 20 18 20 20 18 18 16 15 18 18 17 17 15 15 13 15 15 15
1.15 1.15 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.25 1.25 1.30 1.30 1.30 1.30 1.30 1.30
1.15 1.15 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.25 1.25 1.30 1.30 1.30 1.35 1.35 1.35
37
+1.0 _1.5
61.0 101.2 201.2 301.5 101.0 201.0 491.0 101.2 201.2 101.2 201.2 61.2 101.2 202.0 61.0
10.5~14.5 101.25 10.5~14.5 201.25
1.1 0.6
qThe coupling loss component is not included in the insertion loss (unless the item is marked with an symbol)
21
sExternal Dimensions
22
sTypical Data
23


▲Up To Search▲   

 
Price & Availability of HDH-12803CHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X